Part Number Hot Search : 
2SC398 FAS216U IRN50 HMBT6427 ITR8403 1600B FFCR55S0 VB326
Product Description
Full Text Search
 

To Download GS1000FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  y eny o ? 1/2 r02,jul-15 GS1000FL ? thru ? gs1010fl 1.0a ? general ? purpose ? rectifier ? 1. b package ?? ? b? method: ? sod \ 123s ? ? b? dimension: ? D? ? 2. a?? ? features ? ? for ? surface ? mounted ? applications ? ? low ? profile ? package ? ? ideal ? for ? automated ? placement ? ? high ? temperature ? soldering ? : ? 260 /10 ? seconds ? at ? terminals ? ? glass ? passivated ? chip ? junction ? ? lead \ free ? & ? halogen \ free ? parts, ? rohs ? compliant ?? 3. C ? mechanical ? data ? ? epoxy: ? ul94v \ 0 ? rated ? flame ? retardant ? ? case: ? molded ? plastic ? ? terminals: ? solder ? plated ? solderable ? per ? mil \ std \ 750 ? method ? 2026 ? ? mounting ? position: ? any ? ? polarity: ? color ? band ? denotes ? cathode ? end ? ? weight: ? approx.. ? 0.0173 ? grams ? ? 4. O?c? maximum ? ratings ? & ? electrical ? characteristic ? rating ? at ? 25 o c ? ambient ? temperature ? unless ? otherwise ? specified. ? single ? phase, ? half ? wave, ? 60hz, ? resistive ? or ? inductive ? load. ? for ? capacitive ? load, ? derate ? current ? by ? 20%. ? parameter ? symbol ? GS1000FL ? gs1001fl ? gs1002fl ? gs1004fl ? gs1006fl ? gs1008fl ? gs1010fl ? units ? marking ? code ?\? 1a ? 1b ? 1d ? 1g ? 1j ? 1k ? 1m ?\? recurrent ? peak ? reverse ? voltage ? v rrm ? 50 ? 100 ? 200 ? 400 ? 600 ? 800 ? 1000 ? volts ? rms ? voltage ? v rms ? 35 ? 70 ? 140 ? 280 ? 420 ? 560 ? 700 ? volts ? dc ? blocking ? voltage ? v dc ? 50 ? 100 ? 200 ? 400 ? 600 ? 800 ? 1000 ? volts ? average ? forward ? current ? (note ? 1) ? i f(av) ? 1.0 ? amps ? peak ? forward ? surge ? current ? 8.3ms ? single ? half ? sine \ wave ? superimposed ? on ? rated ? load(jedec ? method) ? i fsm ? 30.0 ? amps ? max. ? forward ? voltage ? at ? 1.0a ? v f ? 1.0 ? volts ? max. ? dc ? reverse ? current ???? t j = ? 25 ? rated ? dc ? blocking ? voltage ? i r ? 3 ? ua ? typical ? thermal ? resistance ? (note ? 2) ? r ja ? 65 ? o c/w ? operating ? junction ? and ? storage ? temperature ? range ? t j , ? t stg ?\ 50 ? to ? +150 ? o c ? ??? notes: ? (1) pulse ? test: ? 300u ? pulse ? with, ? 1% ? duty ? cycle. ? (2) soldering ? land: ? 6mm ? x ? 6mm. ? ? ? unit: ? millimeters ?
y eny o ? 2/2 r02,jul-15 GS1000FL ? thru ? gs1010fl 1.0a ? general ? purpose ? rectifier ? fig. ? 1 ? forwar d ? current ? derating ? curve fig. ? 2 ? typical ? instantaneous ? forward ? characteristics fig. ? 3 ? typica l ? reverse ? c h aracteristics fig.4 ? max. ? non \ repetitive ? surge ? current ? 5. ? rating ? & ? characteristic ? curves ? ? ? ? ? ? ??? ? ? ? ? ????????????????????? ?? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?


▲Up To Search▲   

 
Price & Availability of GS1000FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X