Part Number Hot Search : 
12005 102MP3 B90547GP 390MC 2N5430 74LS2 29LV128 N2803
Product Description
Full Text Search
 

To Download G2004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 0.1 mar 02, 2010 tel: 886-3-5788833 http://www.gmt.com.tw 1 G2004 global mixed-mode technology inc. constant current type 1-ch h-bridge driver ic features ? low voltage operation (vdd min=2.5v) ? low saturation voltage (sum of upside transistor and bottom side transistor is 0.3v at 200ma) ? low input current. ? low current consumption (sleep mode with zero current drain when en is low.) ? build-in thermal shutdown (tsd, 150 c). ? small package:sot-23-8 or tdfn 2x2-8 applications ? shutter or iris controller for dsc ? shutter or iris controller for mobile phone. general description G2004 is a constant current type 1-ch h-bridge driver ic with small package (sot-23-8 or tdfn 2x2-8). it is one channel constant current (200ma) with h-bridge motor driver ic. it is suitable for camera module application for dsc and mobile phone. ordering information order number marking temp. range package (green) G2004tm1u 2004x -20 c to +85 c sot-23-8 G2004rc1u 2004 -20 c to +85 c tdfn2x2 -8 note: tm: sot-23-8 rc:tdfn2x2-8 1: bonding code u: tape & reel pin configurations ina sot-23-8 1 2 3 4 5 6 7 8 G2004 inb en vdd outb vss outa rnf thermal pad tdfn2x2-8 1 2 3 4 8 7 6 5 en inb vdd outb outa vss ina 1 2 3 4 8 7 6 5 rnf G2004 thermal pad (ep) note: recommend connecting the thermal pad (ep) to the ground for excellent power dissipation. ina sot-23-8 1 2 3 4 5 6 7 8 G2004 inb en vdd outb vss outa rnf thermal pad tdfn2x2-8 1 2 3 4 8 7 6 5 en inb vdd outb outa vss ina 1 2 3 4 8 7 6 5 rnf G2004 thermal pad (ep) note: recommend connecting the thermal pad (ep) to the ground for excellent power dissipation.


▲Up To Search▲   

 
Price & Availability of G2004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X