Part Number Hot Search : 
ATC504L ATMEGA88 XEB332 0203A IN9270 77034052 NTE18 MAX20
Product Description
Full Text Search
 

To Download G2002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 0.6 may 08, 2012 tel: 886-3-5788833 http://www.gmt.com.tw 1 G2002/G2002b global mixed-mode technology 5+1ch serial input motor driver ic for dsc features ? build-in one micro-steps drive mode is possible from 2-2 phase stepper drive to maximum 256 resolution micro-steps. ? built in 2 full-swing/constant voltage drivers switched by serial control with brake function ? built in 1 constant current drivers for shutter or iris ? low on-resistance (1.2 , sum of on-resistance of upside and bottom side) ? output current i out <=0.8a(max.) for each channel ? build-in thermal shutdown (tsd, 150 c) ? all power supply systems (vcc, vm12, vm3, vm45) can be set up with an independent power supply ? power save mode corresponds by serial control setup ? pi (photo interrupter drive) 3 channel built-in. ? small 28tqfn (4 4mm) is adopted ? build-in por (power on reset). applications ? stepping motor driver/ dc motor driver motor driver for dsc general description G2002/G2002b is a 5+1-channel h-bridge motor drivers ic for the digital camera and so on. it has one micro-stepping driver, two full-swing/constant voltage drivers and one full-swing/constant current drivers. G2002 /G2002b can be operated in serial control mode or partial exterior control mode. when operating in partial exterior control mode, the mode of each ch is fixed by initial serial control setting. when operating in serial control mode, the mode of each driver can be setting by serial control. ordering information order number marking temp. range package (green) G2002rv1u 2002 -20 c to +85 c tqfn4x4-28 G2002brv1u 2002b -20 c to +85 c tqfn4x4-28 note: rv: tqfn4x4-28 1: bonding code u: tape & reel pin configurations ch12:micro_stepping ch3 :cv/fs ch4 :cv/fs ch5 :cc only G2002/G2002b tqfn4x4-28 rnf5 out5b vm45 out4a p13 out4b out1a out1b vm12 out2a out2b out3a 1 2 3 4 5 6 16 17 18 19 20 21 in5 oscin in4 gnd ext out5a 27 22 23 24 26 25 sld vm3 vcc 8 9 10 11 12 sclk sdat thermal pad (pgnd12,pgnd3) 7 pi2 13 14 mob/sdo p11 15 in3 28 out3b note: recommend connecting the thermal pad to the ground for excellent power dissipation. G2002/G2002b tqfn4x4-28 rnf5 out5b vm45 out4a p13 out4b out1a out1b vm12 out2a out2b out3a 1 2 3 4 5 6 16 17 18 19 20 21 in5 oscin in4 gnd ext out5a 27 22 23 24 26 25 sld vm3 vcc 8 9 10 11 12 sclk sdat thermal pad (pgnd12,pgnd3) 7 pi2 13 14 mob/sdo p11 15 in3 28 out3b note: recommend connecting the thermal pad to the ground for excellent power dissipation.


▲Up To Search▲   

 
Price & Availability of G2002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X