Part Number Hot Search : 
PS2604 MC33262P AX111 TSOP1140 40106BE XCS30 02410 CC2330
Product Description
Full Text Search
 

To Download ETD34-K-V-14P-3744 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fer yster article no. 3744 version vertical product bobbin tool no. wz 7931/1 st type etd 34/11/1 st catalog page 227 b3 +-0,2 b4 +-0,2 h1 +-0,2 h2 +-0,2 d1 +-0,2 d2 +-0,2 d3 +-0,2 l1 +-0,2 l2 +-0,2 l5 +-0,2 l7 +-0,2 l8 +-0,2 t +-0,2 x1 +-0,2 x2 +-0,2 x3 39,3 35,4 11,5 26,2 11,5 13,3 25,2 21 23,3 42,2 45,4 8,9 4,5 6x5 ,08 22,86 2x7 materials pa 6.6 - ultramid a3x2g5, nc - class b (130c) - ul 94-v0 pet - rynite fr 530l, black - class h (180c) - ul 94-v0 assembly pinned with 2x7 pins 0,9 x 0,9 mm standard: fully pinned, partial pinning possible notes x3 = max. number of slots or terminals etd-34-k-v-14p-3744


▲Up To Search▲   

 
Price & Availability of ETD34-K-V-14P-3744

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X