Part Number Hot Search : 
ASFL108 K2611B WHM102 EL5221C 914BT 50N60 RX5VT41A AO540
Product Description
Full Text Search
 

To Download ER2DAF-AU-B0-00001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 october 19,2012-rev.00 er2daf-au features ? plastic package has underwriters laboratory flammability classification 94v-o ? for surface mounted applications ? glass passivated junction ? easy pick and place ? high temperature metallurgically bonden-no compression contacts as found in other diode-constructed rectifiers ? ultra thin profile package for space constrained utilization ? package suitable for automated handling ? acqire quality system certificate : ts16949 ? aec-q101 qualified ? lead free in comply with eu rohs 2011/65/eu directives. ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: epoxy molded ? terminals: solder plated, solderable per mil-std-750,method 2026 ? approx. weight: 0.0011 ounces, 0.0328 grams ? polarity : color band denotes cathode end surface mount rectifier notes : 1.mounted on an fr4 pcb, single-sided copper, with 100cm 2 copper pad area. 2.mounted on an fr4 pcb, single-sided copper, mini pad. 3.reverse recovery test conditions: i f =0.5a, i r =1.0a, recover to 0.25a. voltage 200 volts 2 amperes current maximum ratings and electrical characteristics (t a =25 o c unless otherwise noted) 1 2 cathode anod e parameter symbol value units recurrent peak reverse voltage v rrm 200 v rms voltage v rms 140 v dc blocking voltage v r 200 v average forward current i f(av) 2a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 50 a forward voltage at 2a v f 0.95 v dc reverse current at rated dc blocking voltage i r 1 ? a reverse recovery time (note 3) t rr 35 ns typical junction capacitance v r =4v,1mh z c j 30 pf typical thermal resistance ,junction to lead (note 1) junction to ambient (note 2) r ? jl r ? ja 25 150 o c / w operating junction temperature and storage temperature range t j ,t stg -55 to +150 o c
page . 2 october 19,2012-rev.00 er2daf-au r ating and characteristic curves 0 0.5 1 1.5 2 2.5 0 25 50 75 100 125 150 t c , case temperature (c) i f , forward current (a) 0.001 0.01 0.1 1 10 20 40 60 80 100 t j = 25c t j = 75c t j = 125c t j = 150c percent of rated peak reverse voltage (%) i r ,reverse current (ua) fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 1 10 100 1 10 100 v r , reverse bias voltage (v) c j , junction capacitance (pf) 0.01 0.1 1 10 0.2 0.4 0.6 0.8 1 v f , forward voltage (v) i f , forward current (a) t j = 125c t j = 150c t j = 25c t j = 75c
page . 3 october 19,2012-rev.00 er2daf-au mounting pad layout order information ? packing information t/r - 10k per 13" plastic reel t/r - 3k per 7" plastic reel 0.232 (5.9) 0.106 (2.7) 0.063 (1.6) 0.075 (1.9)
page . 4 october 19,2012-rev.00 er2daf-au part no_packing code_version er2daf-au_r1_00001 er2daf-au_r2_00001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 5 october 19,2012-rev.00 er2daf-au disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of ER2DAF-AU-B0-00001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X