Part Number Hot Search : 
CDRH12 N40N60 BSP125 ICL8007C BL317BT 3362R103 SD243 SAB9080
Product Description
Full Text Search
 

To Download CS65-B2GA221KAGKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  february 2016 capacitors type: cs [sl, b, z5u characterist ics, eac: x1:440v, y2:300v] disc type capacitors with lead high voltage ceramic capacitors cs series automotive grade, safety standard approved
(2/9) 20160219 / leaddisc_automotive_cs_en.fm capacitors reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.). before soldering, be sure to preheat components. the preheating temperature should be set so that the temperature difference between the solder temperature and product temperat ure does not exceed 150c. soldering corrections after mounting should be within the range of the conditions determined in the specifications. if overheated, a short circuit, performance deterioration, or lifespan shortening may occur. self heating (temperature increase) occurs when the power is turned on, so the tolerance should be sufficient for the set therm al design. do not use for a purpose outside of the contents regulated in the delivery specifications. the products listed on this catalog are intended for use in automotive electronic equipment under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society, person or property. if you intend to use the products in the applications listed below or if you have special requirements exceeding the range or c onditions set forth in the each catalog, please contact us. (1) aerospace/aviation equipment (2) transportation equipment (electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications please refer to the guideline of notabilia for fixed ceramic capacitors issued by jeita(japan electronics and information techn ology association, eiaj rcr-2335). when designing your equipment even for automotive-purpose applications, you are kindly requested to take into consideration sec uring protection circuit/device or providing backup circuits in your equipment. reminders
(3/9) 20160219 / leaddisc_automotive_cs_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors disc type capacitors with lead high voltage ceramic capacitors, automotive grade, safety standard approved features aec-q200 compliant. 1,000 cycles guaranteed under heat shock testing at C55c to +125c. it can be used as a y capacitor for battery chargers used in automobiles (ev, phev). compliant with iec and the safety standards of various countries. rated at a withstand voltage of ac.2600v. these products shall conform to rohs directive due to lead(pb) free of lead wire and internal solder material. compatible with halogen-free external resin coating. application for use in y capacitor for battery chargers or air-conditioners used in automobiles. part number construction  please refer to p-6~8 about the product dimensions. operating temperature range  the maximum operating temperature of 125c includes capacitor self-generated heat of up to 20c.  the storage temperature range applies to after mlcc is mounted on board. overview of cs series cs 80 zu 2ga 222 m a ? ka series name type  temperature characteristics rated voltage nominal capacitance capacitance tolerance grade classification lead type application classification internal code 45 sl +350 to C1000ppm/c 2ga x1:440v y2:300v 100 10pf j 5% a for use in automobiles g long lead k safety standard a halogen-free 65 221 220pf k 10% n short lead 70 b 10% 472 4,700pf m 20% v taping 75 zu (z5u) +22, -56% 80 85 95 11 capacitance temperature characteristics temperature range  operating temperature c  storage temperature  c  sl C25 to +125 C25 to +125 b C25 to +125 C25 to +125 z5u C25 to +125 C25 to +125 product compatible with rohs directive halogen-free rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://produ ct.tdk.com/en/environment/rohs/ halogen-free: indicates that cl content is less than 900ppm, br content is less than 900ppm, and that the total cl and br conte nt is less than 1500ppm.
(4/9) 20160219 / leaddisc_automotive_cs_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors overview of cs series package quantity certified status of various countries * certificate numbers shall be changed owing to the revisions of the related standards. type package quantity taping (pieces / box) bulk (pieces / bag) cs 1000 1000 safety standard standard no. temperature characteristics insulation sub-class and rated voltage approval report no. * taiwan xiamen bsi bs en60384-14 sl, b, z5u x1: ac.440v y2: ac.300v km37103 vde iec 60384-14 40017930 sev iec 60384-14 15.0120 semko en 60384-14 1406932 nemko en 60384-14 p12215336 demko en 60384-14 d-01153 fimko en 60384-14 fi 27399 imq en 60384-14 v3692 saa as 3250 cs6268 csa csa-e60384-14 1785515 ul ul60384-14 e37861 cqc gb/t14472-1998 cqc12001082619 cqc10001052862 ktl k60384-14 sub-class:x1 sz03001-12006 su03047-12006 sub-class:y2 sz03001-12008 su03047-12008
(5/9) 20160219 / leaddisc_automotive_cs_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors overview of cs series recommended flow profile preheating peak natural cooling temp. time temp. time time t1 t1 t2 t2 t3 110c min. 30 to 60s. 260c within 10s. over 60s. natural cooling preheating soldering t2 t1 t: time t1 t2 t3 t: temperature
(6/9) 20160219 / leaddisc_automotive_cs_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors cs45 type capacitance and dimensions temperature characteristics: sl (+350 to C1000ppm/c) rated voltage edc: x1:440v, y2:300v * the part numbers are tdks standard specification products.  the " ? " of the part number contains the lead type, g, n or v. please refer to the details of each shape is shown below. ? please refer to p-9 about the taping dimemsions. list of standard lead shapes dimemsions in mm ? tdks standard product is vertical kink. ? tdks recommendation is short lead type with the symbol n for bulk products. markings  year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, o (october), n (november), or d (december).  the expression has become simplified due to a revision in the standards. capacitance (pf) capacitance tolerance dimensions (mm) part no.  d max. t max. f (applied to bulk) f (applied to taping) d 10 5% 7.0 7.0 7.51.5 7.50.8 0.60.05 cs45sl2ga100ja ? ka  15 5% 7.0 7.0 7.51.5 7.50.8 0.60.05 cs45sl2ga150ja ? ka 22 5% 7.0 7.0 7.51.5 7.50.8 0.60.05 cs45sl2ga220ja ? ka 33 5% 7.0 7.0 7.51.5 7.50.8 0.60.05 cs45sl2ga330ja ? ka 47 5% 8.0 7.0 7.51.5 7.50.8 0.60.05 cs45sl2ga470ja ? ka 68 5% 9.0 7.0 7.51.5 7.50.8 0.60.05 cs45sl2ga680ja ? ka symbol g bulk/long lead symbol n bulk/short lead symbol v taping vertical kink item markings specifications marking examples 1. series 2. nominal capacitance 3. capacitance tolerance 4. rated voltage eac 5. tdks logogram 6. date code 7. applications cs 10 j 440 ? x1 300 ? y2 54 (underscore below date of production) cs series 10pf 5% x1: ac.440v y2: ac.300v production base code 2015.4  for use in automobiles 25min. 4max. d f d t 5 1 4max. d t f d 16 +1.5 C0.5 4max. d t f d cs10j ( marking position is reference. ) 54
(7/9) 20160219 / leaddisc_automotive_cs_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors cs65,70,75,85 type capacitance and dimensions temperature characteristics: b (10%) rated voltage edc: x1:440v, y2:300v * the part numbers are tdks standard specification products.  the " ? " of the part number contains the lead type, g, n or v. please refer to the details of each shape is shown below. ? please refer to p-9 about the taping dimemsions. list of standard lead shapes dimemsions in mm ? tdks standard product is vertical kink. ? tdks recommendation is short lead type with the symbol n for bulk products. markings  year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, o (october), n (november), or d (december).  the expression has become simplified due to a revision in the standards. capacitance (pf) capacitance tolerance dimensions (mm) part no.  d max. t max. f (applied to bulk) f (applied to taping) d 100 10% 7.0 7.0 7.51.5 7.50.8 0.60.05 cs65-b2ga101ka ? ka  150 10% 7.0 7.0 7.51.5 7.50.8 0.60.05 cs65-b2ga151ka ? ka 220 10% 7.0 7.0 7.51.5 7.50.8 0.60.05 cs65-b2ga221ka ? ka 330 10% 7.5 7.0 7.51.5 7.50.8 0.60.05 cs70-b2ga331ka ? ka 470 10% 9.0 7.0 7.51.5 7.50.8 0.60.05 cs75-b2ga471ka ? ka 680 10% 9.5 7.0 7.51.5 7.50.8 0.60.05 cs85-b2ga681ka ? ka symbol g bulk/long lead symbol n bulk/short lead symbol v taping vertical kink item markings specifications marking examples 1. series 2. nominal capacitance 3. capacitance tolerance 4. rated voltage eac 5. tdks logogram 6. date code 7. applications cs 101 k 440 ? x1 300 ? y2 54 (underscore below date of production) cs series 100pf 10% x1: ac.440v y2: ac.300v production base code 2015.4  for use in automobiles 25min. 4max. d f d t 5 1 4max. d t f d 16 +1.5 C0.5 4max. d t f d cs101k ( marking position is reference. ) 54
(8/9) 20160219 / leaddisc_automotive_cs_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors cs65,75,80,95,11 type capacitance and dimensions temperature characteristics: z5u (+22, -56%) rated voltage edc: x1:440v, y2:300v * the part numbers are tdks standard specification products.  the " ? " of the part number contains the lead type, g, n or v. please refer to the details of each shape is shown below. ? please refer to p-9 about the taping dimemsions. list of standard lead shapes dimemsions in mm ? tdks standard product is vertical kink. ? tdks recommendation is short lead type with the symbol n for bulk products. markings  year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, o (october), n (november), or d (december).  the expression has become simplified due to a revision in the standards. capacitance (pf) capacitance tolerance dimensions (mm) part no.  d max. t max. f (applied to bulk) f (applied to taping) d 1,000 20% 7.0 7.0 7.51.5 7.50.8 0.60.05 cs65zu2ga102ma ? ka  1,500 20% 8.0 7.0 7.51.5 7.50.8 0.60.05 cs75zu2ga152ma ? ka 2,200 20% 9.5 7.0 7.51.5 7.50.8 0.60.05 cs80zu2ga222ma ? ka 3,300 20% 12.0 7.0 7.51.5 7.50.8 0.60.05 cs95zu2ga332ma ? ka 4,700 20% 13.5 7.0 7.51.5 7.50.8 0.60.05 cs11zu2ga472ma ? ka symbol g bulk/long lead symbol n bulk/short lead symbol v taping vertical kink item markings specifications marking examples 1. series 2. nominal capacitance 3. capacitance tolerance 4. rated voltage eac 5. tdks logogram 6. date code 7. applications cs 102 m 440 ? x1 300 ? y2 54 (underscore below date of production) cs series 1000pf 20% x1: ac.440v y2: ac.300v production base code 2015.4  for use in automobiles 25min. 4max. d f d t 5 1 4max. d t f d 16 +1.5 C0.5 4max. d t f d cs102m ( marking position is reference. ) 54
(9/9) 20160219 / leaddisc_automotive_cs_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. capacitors cs series taping dimemsions ammo pack inner box size item symbol dimensions (mm) remarks body diameter d depends on the specification of each product. body thickness t depends on the specification of each product. lead-wire diameter ?d 0.60.05 pitch of component p 15.01.0 including the slant of body feed hole pitch p 0 15.00.3 excepting the tape splicing part feed hole center to lead p 1 3.750.7 feed hole center to component center p 2 7.51.3 lead-to lead distance f 7.50.8 measuring point is bottom kink component alignment  h 02.0 including the slanting body due to bending lead-wire tape width w 18.0+1.0, C0.5 adhesive tape width w 0 10.0min. hole position w 1 9.00.5 adhesive tape position w 2 4.0max. adhesive tape do not stick out the tape bottom of kink from tape center h 0 16.0+1.5, C0.5 height of body from tape center h 1 46.0max. lead-wire protrusion 1.0max. feed hole diameter d 0 4.00.2 total tape thickness t 0.60.3 including adhesive tape length of snipped lead l 11.0max. coating on lead c 4.0max. height of kink a 4.0max. measuring point is bottom kink spring action s 2.0max. p p 2 d p 0 d 0 ?d a h 0 w h 1 w 1 t h h s h 0 c l t w 0 w 2 fp 1 340max. 60max. 320max. dimensions in mm ? for more information about products with other capacitance or other data, please contact us.


▲Up To Search▲   

 
Price & Availability of CS65-B2GA221KAGKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X