|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
tec magna magnatec. telephone (01455) 554711. fax (01455) 558843. prelim. 01/97 buz902 BUZ903 v dsx drain C source voltage v gss gate C source voltage i d continuous drain current i d(pk) body drain diode p d total power dissipation @ t case = 25c t stg storage temperature range t j maximum operating junction temperature r q jc thermal resistance junction C case 14v 8a 8a 125w C55 to 150c 150c 1c/w mechanical data dimensions in mm 39.0 1.1 30.2 0.15 16.9 0.15 r 4.0 0.1 r 4.4 0.2 ? 1.0 ? 20 max. 1.50 typ. 11.60 0.3 8.7 max. 10.90 0.1 +0.1 -0.15 25.0 12 nCchannel power mosfet features ? high speed switching ? semefab designed and diffused ? high voltage (220v & 250v) ? high energy rating ? enhancement mode ? integral protection diodes ? complimentary pCchannel buz907 & buz908 pin 1 C gate toC3 pin 2 C drain case C source absolute maximum ratings (t case = 25c unless otherwise stated) power mosfets for audio applications buz902 220v BUZ903 250v
220 250 14 0.15 1.5 12 1.5 10 10 0.7 2 v gs = -10v buz902 i d = 10ma BUZ903 v ds = 0 i g = 100 m a v ds = 10v i d = 100ma v gd = 0 i d = 8a v gs = 10 i d = 8a v ds = 220v buz902 v gs = -10v v ds = 250v BUZ903 v ds = 10v i d = 3a tec ma gna ma gnatec. telephone (01455) 554711. fax (01455) 558843. prelim. 01/97 b uz902 b uz903 characteristic t est conditions min. t yp. max. unit * pulse test: pulse width = 300 m s , duty cycle 2%. characteristic t est conditions min. t yp. max. unit c iss input capacitance c oss output capacitance c rss reverse transfer capacitance t on turnCon time t off turn-off time tba tba tba tba tba v ds = 10v f = 1mhz v ds = 20v i d = 5a pf ns st a tic chara cteristics (t case = 25c unless otherwise stated) d g s v v v v v w ma ma s bv dsx drain C source breakdown voltage bv gss gate C source breakdown voltage v gs(off) gate C source cutCoff voltage v ds(sat) * drain C source saturation voltage r ds(on) * static C source resistance i dsx drain C source cutCoff current yfs* forward transfer admittance d ynamic chara cteristics (t case = 25c unless otherwise stated) |
Price & Availability of BUZ903 |