Part Number Hot Search : 
MBL8243 640431 IRN50 76PSB06S N4007 111X17X OP284FS 6011E
Product Description
Full Text Search
 

To Download BUZ902D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tec magna magnatec. telephone (01455) 554711. fax (01455) 558843 prelim. 01/97 BUZ902D buz903d v dsx drain C source voltage v gss gate C source voltage i d continuous drain current i d(pk) body drain diode p d total power dissipation @ t case = 25c t stg storage temperature range t j maximum operating junction temperature r q jc thermal resistance junction C case 14v 16a 16a 250w C55 to 150c 150c 0.5c/w mechanical data dimensions in mm 39.0 1.1 30.2 0.15 16.9 0.15 r 4.0 0.1 r 4.4 0.2 ? 1.0 ? 20 max. 1.50 typ. 11.60 0.3 8.7 max. 10.90 0.1 +0.1 -0.15 25.0 12 nCchannel power mosfet features ? high speed switching ? semefab designed and diffused ? high voltage (220v & 250v) ? high energy rating ? enhancement mode ? integral protection diodes ? complimentary pCchannel buz907d & buz908d pin 1 C gate toC3 pin 2 C drain case C source absolute maximum ratings (t case = 25c unless otherwise stated) power mosfets for audio applications BUZ902D 220v buz903d 250v
v v v v v w ma ma s 220 250 14 0.10 1.5 12 0.75 10 10 1.4 4 bv dsx drain C source breakdown voltage bv gss gate C source breakdown voltage v gs(off) gate C source cutCoff voltage v ds(sat) * drain C source saturation voltage r ds(on) * static C source resistance i dsx drain C source cutCoff current yfs* forward transfer admittance v gs = -10v BUZ902D i d = 10ma buz903d v ds = 0 i g = 100 m a v ds = 10v i d = 100ma v gd = 0 i d = 16a v gs = 10 i d = 16a v ds = 220v BUZ902D v gs = -10v v ds = 250v buz903d v ds = 10v i d = 3a tec ma gna ma gnatec. telephone (01455) 554711. fax (01455) 558843 prelim. 01/97 b uz902d b uz903d characteristic t est conditions min. t yp. max. unit * pulse test: pulse width = 300 m s , duty cycle 2%. characteristic t est conditions min. t yp. max. unit c iss input capacitance c oss output capacitance c rss reverse transfer capacitance t on turnCon time t off turn-off time tba tba tba tba tba v ds = 10v f = 1mhz v ds = 20v i d = 7a pf ns st a tic chara cteristics (t case = 25c unless otherwise stated) d g s d ynamic chara cteristics (t case = 25c unless otherwise stated)


▲Up To Search▲   

 
Price & Availability of BUZ902D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X