Part Number Hot Search : 
B122J DB05B DT54F SAA8122A LC5876 MC33262 EP8323 SC101
Product Description
Full Text Search
 

To Download BUK7628-100A-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description standard level n-channel enhancement mode field-effect transistor (fet) in a plastic package using trenchmos technology. this product has been designed and qualified to the appropriate aec standard for use in automotive critical applications. 1.2 features and benefits ? aec q101 compliant ? low conduction losses due to low on-state resistance 1.3 applications ? automotive and general purpose power switching 1.4 quick reference data buk7628-100a n-channel trenchmos standard level fet rev. 2 ? 26 april 2011 product data sheet d2pak table 1. quick reference data symbol parameter conditions min typ max unit v ds drain-source voltage t j 25 c; t j 175 c - - 100 v i d drain current t mb =25c --47a p tot total power dissipation - - 166 w static characteristics r dson drain-source on-state resistance v gs =10v; i d =25a; t j =25c - 2028m ? avalanche ruggedness e ds(al)s non-repetitive drain-source avalanche energy i d =30a; v sup 25 v; r gs =50 ? ; v gs =5v; t j(init) = 25 c; unclamped --45mj
buk7628-100a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 26 april 2011 2 of 13 nxp semiconductors buk7628-100a n-channel trenchmos standard level fet 2. pinning information 3. ordering information table 2. pinning information pin symbol description simplified outline graphic symbol 1 g gate sot404 (d2pak) 2 d drain 3ssource mb d mounting base; connected to drain mb 13 2 s d g m bb076 table 3. ordering information type number package name description version buk7628-100a d2pak plastic single-ended surface-mounted package (d2pak); 3 leads (one lead cropped) sot404
buk7628-100a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 26 april 2011 3 of 13 nxp semiconductors buk7628-100a n-channel trenchmos standard level fet 4. limiting values table 4. limiting values in accordance with the absolute maxi mum rating system (iec 60134). symbol parameter conditions min max unit v ds drain-source voltage t j 25 c; t j 175 c - 100 v v dgr drain-gate voltage r gs =20k ? - 100 v v gs gate-source voltage -20 20 v i d drain current t mb =100c - 33 a t mb =25c - 47 a i dm peak drain current t mb = 25 c; pulsed - 187 a p tot total power dissipation t mb = 25 c - 166 w t stg storage temperature -55 175 c t j junction temperature -55 175 c source-drain diode i s source current t mb =25c - 47 a i sm peak source current pulsed; t mb = 25 c - 187 a avalanche ruggedness e ds(al)s non-repetitive drain-source avalanche energy i d =30a; v sup 25 v; r gs =50 ? ; v gs =5v; t j(init) = 25 c; unclamped -45mj v gs 5 v fig 1. normalized total power dissipation as a function of mounting base temperature fig 2. continuous drain current as a function of mounting base temperature 40 60 20 80 100 p der (%) 0 t mb ( c) 0 200 150 50 100 003aaf147 40 60 20 80 100 i d (%) 0 t mb ( c) 0 200 150 50 100 003aaf150
buk7628-100a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 26 april 2011 4 of 13 nxp semiconductors buk7628-100a n-channel trenchmos standard level fet t mb = 25 c; i dm is single pulse i d = 75 a; unclamped inductive load fig 3. safe operating area; continuous and peak drain currents as a function of drain-source voltage fig 4. normalised drain-source non-repetitive avalanche energy rating; avalanche energy as a function of mounting base temperature unclamped inductive load fig 5. single-shot avalanche rating; avalanch e current as a function of avalanche period v ds (v) 110 3 10 2 10 003aaf153 10 2 10 10 3 i dm (a) 1 r ds(on) = v ds / i d d.c. t p = 1 s 100 ms 1 ms 10 ms 10 s 100 s 40 80 120 wdss (%) 0 t (mb) ( c) 20 180 140 60 100 003aaf168 003aaf169 t av (ms) 10 ? 3 10 1 10 ? 2 10 ? 1 10 10 2 i av (a) 1 25 c t j prior to avalanche = 150 c
buk7628-100a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 26 april 2011 5 of 13 nxp semiconductors buk7628-100a n-channel trenchmos standard level fet 5. thermal characteristics table 5. thermal characteristics symbol parameter conditions min typ max unit r th(j-mb) thermal resistance from junction to mounting base --0.9k/w r th(j-a) thermal resistance from junction to ambient minimum footprint; fr4 board - 50 - k/w fig 6. transient thermal impedance from junction to mounting base as a function of pulse duration 003aaf156 10 ? 1 10 ? 2 1 z th(j-mb) (k/w) 10 ? 3 t p (s) 10 ? 7 10 1 10 ? 1 10 ? 6 10 ? 3 10 ? 2 10 ? 4 10 ? 5 0.2 0 = 0.5 t p t p t p t t = 0.02 0.05 0.1
buk7628-100a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 26 april 2011 6 of 13 nxp semiconductors buk7628-100a n-channel trenchmos standard level fet 6. characteristics table 6. characteristics symbol parameter conditions min typ max unit static characteristics v (br)dss drain-source breakdown voltage i d =0.25ma; v gs =0v; t j = 25 c 100 - - v i d =0.25ma; v gs =0v; t j = -55 c 89 - - v v gs(th) gate-source threshold voltage i d =1ma; v ds =v gs ; t j =25c 234v i d =1ma; v ds =v gs ; t j =-55c --4.4v i d =1ma; v ds =v gs ; t j = 175 c 1 - - v i dss drain leakage current v ds =100v; v gs =0v; t j = 175 c - - 500 a v ds =100v; v gs =0v; t j = 25 c - 0.05 10 a i gss gate leakage current v gs =20v; v ds =0v; t j = 25 c - 2 100 na v gs =-20v; v ds =0v; t j = 25 c - 2 100 na r dson drain-source on-state resistance v gs =10v; i d =25a; t j = 175 c - - 76 m ? v gs =10v; i d =25a; t j = 25 c - 20 28 m ? dynamic characteristics c iss input capacitance v gs =0v; v ds =25v; f=1mhz; t j =25c - 2320 3100 pf c oss output capacitance - 315 378 pf c rss reverse transfer capacitance - 187 256 pf t d(on) turn-on delay time v ds =30v; r l =1.2 ? ; v gs =10v; r g(ext) 10 ? ; t j =25c - 1523ns t r rise time v ds =30v; r l =1.2 ? ; v gs =10v; r g(ext) =10 ? ; t j =25c - 70 105 ns t d(off) turn-off delay time - 83 116 ns t f fall time - 4563ns l d internal drain inductance from upper edge of drai n tab to centre of die; t j =25c -2.5-nh from drain lead 6 mm from package to centre of die; t j =25c -4.5-nh l s internal source inductance from source lead to source bond pad; t j =25c -7.5-nh source-drain diode v sd source-drain voltage i s =25a; v gs =0v; t j = 25 c - 0.85 1.2 v i s =47a; v gs =0v; t j =25c - 1.1 - v t rr reverse recovery time i s =47a; di s /dt = -100 a/s; v gs =-10v; v ds =30v; t j =25c -66-ns q r recovered charge - 0.24 - c
buk7628-100a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 26 april 2011 7 of 13 nxp semiconductors buk7628-100a n-channel trenchmos standard level fet t j = 25 c t j = 25 c fig 7. output characteristics: drain current as a function of drain-source voltage; typical values fig 8. drain-source on-state resistance as a function of drain current; typical values t j = 25 c; i d = 25 a v ds > i d x r dson fig 9. drain-source on-state resistance as a function of gate-source voltage; typical values fig 10. transfer characteristics: drain current as a function of gate-source voltage; typical values v ds > i d x r dson fig 11. forward transconductance as a function of drain current; typical values fig 12. normalized drain-source on-state resistance factor as a function of junction temperature 160 80 120 40 200 i d (a) 0 v ds (v) 010 8 46 2 003aaf157 v gs (v) = 20 13.5 10.0 9.0 8.0 7.5 7.0 5.5 6.5 6.0 5.0 4.5 003aaf158 i d (a) 5 125 85 45 35 45 25 55 65 r ds(on) (m ) 15 v gs (v) = 10 6.0 6.5 7.0 7.5 8.0 5.5 15 27 23 19 31 r ds(on) (m ) v gs (v) 515 13 911 7 003aaf159 40 60 20 80 100 i d (a) 0 v gs (v) 08 6 4 2 003aaf160 t j = 25 c t j = 175 c 10 30 50 20 40 g fs (s) 0 i d (a) 0 100 80 40 60 20 003aaf161 1.0 0.5 1.5 2.0 a 0 003aaf162 t j ( c) ? 100 200 0 100
buk7628-100a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 26 april 2011 8 of 13 nxp semiconductors buk7628-100a n-channel trenchmos standard level fet i d = 1 ma; v ds = v gs t j = 25 c; v ds = v gs fig 13. gate-source threshold voltage as a function of junction temperature fig 14. sub-threshold drain current as a function of gate-source voltage v gs = 0 v; f = 1 mhz t j = 25 c; i d = 25 a fig 15. input, output and reverse transfer capacitances as a function of drain-source voltage; typical values fig 16. gate-source voltage as a function of gate charge; typical values v gs = 0 v fig 17. source (diode forward) current as a function of source-drain (diode forward) voltage; typical values 0 4 3 2 1 5 v gs(th) (v) 003aaf163 t j ( c) ? 100 200 100 0 maximum typical minimum 003aaf164 v gs (v) 05 4 23 1 10 ? 4 10 ? 5 10 ? 2 10 ? 3 10 ? 1 i d (a) 10 ? 6 98 % typical 2 % 003aaf165 v ds (v) 10 ? 2 10 2 10 10 ? 1 1 2 3 1 4 5 c (nf) 0 c iss c oss c rss 003aaf166 q g (nc) 0 150 100 50 4 6 2 8 10 v gs (v) 0 v dd = 44 v v dd = 14 v 20 40 80 60 100 i f (a) 0 003aaf167 v sds (v) 0 0.2 1.4 1.0 0.8 1.2 0.6 0.4 t j = 25 c t j = 175 c
buk7628-100a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 26 april 2011 9 of 13 nxp semiconductors buk7628-100a n-channel trenchmos standard level fet 7. package outline fig 18. package outline sot404 (d2pak) unit a references outline version european projection issue date iec jedec jeita mm a 1 d 1 d max. e el p h d q c 2.54 2.60 2.20 15.80 14.80 2.90 2.10 11 1.60 1.20 10.30 9.70 4.50 4.10 1.40 1.27 0.85 0.60 0.64 0.46 b dimensions (mm are the original dimensions) sot404 0 2.5 5 mm scale plastic single-ended surface-mounted package (d2pak); 3 leads (one lead cropped) sot40 4 e e e b d 1 h d d q l p c a 1 a 13 2 mounting base 05-02-11 06-03-16
buk7628-100a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 26 april 2011 10 of 13 nxp semiconductors buk7628-100a n-channel trenchmos standard level fet 8. revision history table 7. revision history document id release date data sheet status change notice supersedes buk7628-100a v.2 20110426 product data sheet - buk7528_7628-100a_1 modifications: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. ? type number buk7628-100a separated from data sheet buk7528_7628-100a_1. buk7528_7628-100a_1 20000301 product specification - -
buk7628-100a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 26 april 2011 11 of 13 nxp semiconductors buk7628-100a n-channel trenchmos standard level fet 9. legal information 9.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term 'short data sheet' is explained in section "definitions". [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple de vices. the latest product status information is available on the internet at url http://www.nxp.com . 9.2 definitions preview ? the document is a preview version only. the document is still subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any re presentations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. draft ? the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 9.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and r eplaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qualified for use in automotive applications. the product is not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be ex pected to result in personal injury, death or severe property or environmental dam age. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comp lete, exhaustive or legally binding. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the document status [1] [2] product status [3] definition objective [short] data sheet development this document contai ns data from the objective spec ification for product developmen t. preliminary [short] data sheet qua lification this document contains data from the preliminary specification. product [short] data sheet production this doc ument contains the pr oduct specification.
buk7628-100a all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 26 april 2011 12 of 13 nxp semiconductors buk7628-100a n-channel trenchmos standard level fet characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms an d conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any licens e under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as th e item(s) described herein may be subject to export control regulati ons. export might require a prior authorization from national authorities. 9.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. adelante , bitport , bitsound , coolflux , coreuse , desfire , ez-hv , fabkey , greenchip , hipersmart , hitag , i2c-bus logo, icode , i-code , itec , labelution , mifare , mifare plus , mifare ultralight , moreuse , qlpak , silicon tuner , siliconmax , smartxa , starplug , topfet , trenchmos , trimedia and ucode ? are trademarks of nxp b.v. hd radio and hd radio logo ? are trademarks of ibiquity digital corporation. 10. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors buk7628-100a n-channel trenchmos standard level fet ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 26 april 2011 document identifier: buk7628-100a please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 11. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 1.1 general description . . . . . . . . . . . . . . . . . . . . . .1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . .1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .1 1.4 quick reference data . . . . . . . . . . . . . . . . . . . . .1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . .2 3 ordering information . . . . . . . . . . . . . . . . . . . . . .2 4 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .3 5 thermal characteristics . . . . . . . . . . . . . . . . . . .5 6 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .6 7 package outline . . . . . . . . . . . . . . . . . . . . . . . . . .9 8 revision history . . . . . . . . . . . . . . . . . . . . . . . . .10 9 legal information. . . . . . . . . . . . . . . . . . . . . . . . 11 9.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 11 9.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 9.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 9.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . .12 10 contact information. . . . . . . . . . . . . . . . . . . . . .12


▲Up To Search▲   

 
Price & Availability of BUK7628-100A-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X