Part Number Hot Search : 
F20C15 MP1011E KTC3400 PESD5V0 4LC21 02SSL20 A3054SU NTE887M
Product Description
Full Text Search
 

To Download AD1580BRT-REEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pin configuration sot-23 package 1 2 nc = no connect v+ nc (or v? v 3 top view quantity temperature drift ?ppm/ c 0 ?0 5 10 15 20 25 30 35 40 45 50 ?0 ?0 ?0 0 10 20 30 40 reverse voltage temperature drift distribution quantity output error ?mv 0 ?0 50 100 150 200 250 300 ? ? ? ? 0 2 4 10 68 reverse voltage error distribution rev. 0 information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of analog devices. a 1.2 v micropower, precision shunt voltage reference ? analog devices, inc., 1995 one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 617/329-4700 fax: 617/326-8703 ad1580 features wide operating range: 50 m aC10 ma initial accuracy: 6 0.1% max temperature drift: 6 50 ppm/ 8 c max output impedance: 0.5 v max wideband noise (10 hzC10 khz): 20 m v rms operating temperature range: C40 8 c to +85 8 c high esd rating 4 kv human body model 400 v machine model compact, surface-mount, sot-23 package general description the ad1580 is a low cost, two-terminal (shunt), precision bandgap reference. it provides an accurate 1.225 v output for input currents between 50 m a and 10 ma. the ad1580s superior accuracy and stability is made possible by the precise matching and thermal tracking of on-chip components. proprietary curvature correction design techniques have been used to minimize the nonlinearities in the voltage output temperature characteristics. the ad1580 is stable with any value of capacitive load. the low minimum operating current makes the ad1580 ideal for use in battery powered 3 v or 5 v systems. however, the wide operating current range means that the ad1580 is extremely versatile and suitable for use in a wide variety of high current applications. the ad1580 is available in two grades, a and b, both of which are provided in an sot-23 package, the smallest surface mount package available on the market. both grades are specified over the industrial temperature range of C40 c to +85 c. target applications 1. portable, battery-powered equipment: cellular phones, notebook computers, pdas, gps and dmm. 2. computer workstations suitable for use with a wide range of video ramdacs. 3. smart industrial transmitters 4. pcmcia cards. 5. automotive. 6. 3 v/5 v 8C12-bit data converters.
rev. 0 C2C ad1580Cspecifications model ad1580a ad1580b min typ max min typ max units reverse voltage output 1.215 1.225 1.235 1.224 1.225 1.226 v reverse voltage temperature drift C40 c to + 85 c 100 50 ppm/ c minimum operating current, t min to t max 50 50 m a reverse voltage change with reverse current 50 m a < i in < 10 ma, t min to t max 2.5 5 2.5 5 mv 50 m a < i in < 1 ma, t min to t max 0.5 0.5 mv dynamic output impedance ( d v r / d i r ) i in = 1 ma 100 m a (f = 120 hz) 0.4 1 0.4 0.5 w output noise rms noise voltage: 10 hz to 10 khz 20 20 m v rms low frequency noise voltage: 0.1 hz to 10 hz 5 5m v p-p turn-on settling time to 0.1% 1 55 m s output voltage hysteresis 2 80 80 m v temperature range specified performance, t min to t max C40 +85 C40 +85 c operating range 3 C55 +125 C55 +125 c notes 1 measured with no load capacitor. 2 output hysteresis is defined as the change in the +25 c output voltage after a temperature excursion to +85 c and then to C40 c. 3 the operating temperature range is defined as the temperature extremes at which the device will continue to function. parts may deviate from their specified performance. specifications subject to change without notice. (@ t a = +25 8 c, i in = 100 m a, unless otherwise noted) caution esd (electrostatic discharge) sensitive device. electrostatic charges as high as 4000 v readily accumulate on the human body and test equipment and can discharge without detection. although the ad1580 features proprietary esd protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. therefore, proper esd precautions are recommended to avoid performance degradation or loss of functionality. warning! esd sensitive device absolute maximum ratings 1 reverse current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 ma forward current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 ma internal power dissipation 2 sot-23 (rt) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3 watts storage temperature range . . . . . . . . . . . . C65 c to +150 c operating temperature range ad1580/rt . . . . . . . . . . . . . . . . . . . . . . . C 55 c to +125 c lead temperature, soldering vapor phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215 c infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220 c esd susceptibility 3 human body model . . . . . . . . . . . . . . . . . . . . . . . . . . 4 kv machine model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400 v notes 1 stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 specification is for device in free air at +25 c: sot-23 package: q ja = 300 c/watt. 3 the human body model is a 100 pf capacitor discharged through 1.5 k w . for the machine model, a 200 pf capacitor is discharged directly into the device. ordering guide initial output temperature package model error coefficient option ad1580art 10 mv 100 ppm/ crt ad1580art-reel 1 10 mv 100 ppm/ crt ad1580art-reel7 2 10 mv 100 ppm/ crt ad1580brt 1 mv 50 ppm/ crt AD1580BRT-REEL 1 1 mv 50 ppm/ crt AD1580BRT-REEL7 2 1 mv 50 ppm/ crt notes 1 provided on a 13-inch reel containing 7,000 pieces. 2 provided on a 7-inch reel containing 2,000 pieces. package branding information four marking fields identify the device generic, grade, and date of processing. the first field is the product identifier. a 0 identifies the generic as the ad1580. the second field indicates the device grade; a or b. in the third field a numeral or letter indicates a calendar year; 5 for 1995, a for 2001. in the fourth field, letters a-z represent a two week window within the calendar year; starting with a for the first two weeks of january.
typical performance characteristicsCad1580 rev. 0 C3C reverse voltage change ?ppm temperature ? c ?000 ?5 ?000 ?00 0 500 1000 ?5 ?5 5 25 65 85 125 105 ?500 45 ~ 20ppm/ c figure 1. output drift for different temperature characteristics 4 3 ? 2 1 0 reverse voltage change ?mv 0.1 10 1 0.01 reverse current ?ma t a = 125 c t a = ?0 c ?+85 c figure 2. output voltage error vs. reverse current frequency ?hz 1.0 10 100 1k 10k 100k 1m 600 200 400 noise voltage ?nv/ ? hz figure 3. noise spectral density reverse voltage ?v reverse current ?? 100 0 0 1.4 0.2 0.4 0.6 0.8 1.0 1.2 40 20 80 60 +85 c +25 c ?0 c figure 4. reverse current vs. reverse voltage forward current ?ma 1.0 0 0.01 100 forward voltage ?v 0.1110 0.4 0.2 0.8 0.6 +25 c +85 c ?0 c figure 5. forward voltage vs. forward current
ad1580 rev. 0 C4C theory of operation the ad1580 uses the bandgap concept to produce a stable, low temperature coefficient voltage reference suitable for high accuracy data acquisition components and systems. the device makes use of the underlying physical nature of a silicon transistor base-emitter voltage in the forward-biased operating region. all such transistors have approximately a C2 mv/ c temperature coefficient, unsuitable for use directly as a low tc reference; however, extrapolation of the temperature characteristic of any one of these devices to absolute zero (with collector current proportional to absolute temperature) reveals that its v be will go to approximately the silicon bandgap voltage. thus, if a voltage could be developed with an opposing temperature coefficient to sum with v be , a zero tc reference would result. the ad1580 circuit in figure 6, provides such a compensating volt age, v1 by driving two transistors at different current densities and amplifying the resultant v be difference ( d v be which has a positive tc). the sum of v be and v1 provide a stable voltage reference. v+ v v1 v be d v be figure 6. schematic diagram applying the ad1580 the ad1580 is simple to use in virtually all applications. to operate the ad1580 as a conventional shunt regulator (figure 7a), an external series resistor is connected between the supply voltage and the ad1580. for a given supply voltage the series resistor, r s , determines the reverse current flowing through the ad1580. the value of r s must be chosen to accommodate the expected variations of the supply voltage, v s , load current, i l , and the ad1580 reverse voltage, v r , while maintaining an acceptable reverse current, i r , through the ad1580. the minimum value for r s should be chosen when v s is at its minimum, and i l and v r are at their maximum while maintaining the minimum acceptable reverse current. the value of r s should be large enough to limit i r to 10 ma when v s is at its maximum, and i l and v r are at their minimum. the equation for selecting r s is as follows: r s = ( v s C v r )/ (i r + i l ) figure 7b shows a typical connection with the ad1580brt operating at a minimum of 100 m a that can provide 1 ma to its load, while accommodating 10% power supply variations. v s +5v(+3v) 10% i r v r i r + i l i l r s v r r s v out (a) (b) v out 2.94k w (1.30k w ) figure 7. typical connection diagram temperature performance the ad1580 is designed for reference applications where stable temperature performance is important. extensive temperature testing and characterization ensures that the devices performance is maintained over the specified temperature range. some confusion exists in the area of defining and specifying reference voltage error over temperature. historically, references have been characterized using a maximum deviation per degree centigrade, i.e., 50 ppm/ c. however, because of nonlinearities in temperature characteristics which originated in standard zener references (such as s type characteristics), most manufacturers now use a maximum limit error band approach to specify devices. this technique involves the measurement of the output at three or more different temperatures to guarantee that the voltage will fall within the given error band. the proprietary curvature correction design techniques used to minimize the ad1580 nonlinearities allow the temperature performance to be guaranteed using the maximum deviation method. this method is of more use to a designer than the one which simply guarantees the maximum error band over the entire temperature change. figure 8 shows a typical output voltage drift for the ad1580 and illustrates the methodology. the maximum slope of the two diagonals drawn from the initial output value at 25 c to the output values at 85 c and C40 c determines the performance grade of the device. for a given grade of the ad1580 the designer can easily determine the maximum total error from the initial tolerance plus temperature variation. for example, the ad1580brt initial tolerance is 1 mv, a 50 ppm/ c temperature coefficient corresponds to an error band of 4mv output voltage ?v temperature ? c 1.2238 ?5 1.2248 1.2250 1.2252 1.2254 1.2256 1.2258 ?5 ?5 5 25 65 85 125 105 1.2244 1.2246 1.2240 1.2242 45 v min v o v max slope = tc = (v max ?v o ) (85 c ?25 c) x 1.225 x 10 ? slope = tc = (?0 c ?25 c) x 1.225 x 10 ? (v min ?v o ) figure 8. output voltage vs. temperature
ad1580 rev. 0 C5C (50 10 C6 1.225 v 65 c) thus, the unit is guaranteed to be 1.225 v 5 mv over the operating temperature range. duplication of these results requires a combination of high accuracy and stable temperature control in a test system. evaluation of the ad1580 will produce a curve similar to that in figures 1 and 8. voltage output nonlinearity versus temperature when using a reference with data converters it is important to understand how temperature drift affects the overall converter performance. the nonlinearity of the reference output drift represents additional error that is not easily calibrated out of the system. this characteristic (figure 9) is generated by normal- izing the measured drift characteristic to the end point average drift. the residual drift error of approximately 500 ppm shows that the ad1580 is compatible with systems that require 10-bit accurate temperature performance. temperature ? c 600 300 0 ?5 125 ?5 residual drift error ?ppm ?5 5 25 45 65 85 105 500 400 200 100 figure 9. residual drift error reverse voltage hysteresis a major requirement for high performance industrial equipment manufacturers is a consistent output voltage at nominal tempera- ture following operation over the operating temperature range. this characteristic is generated by measuring the difference between the output voltage at +25 c after operation at +85 c, and the output, also at +25 c after operation at C40 c. figure 10 displays the hysteresis associated with ad1580. this characteristic exists in all references and has been minimized in the ad1580. quantity hysteresis voltage ?? 0 ?00 15 20 25 30 35 40 ?00 ?00 ?00 0 100 200 400 300 5 10 figure 10. reverse voltage hysteresis distribution output impedance versus frequency understanding the effect of the reverse dynamic output impedance in a practical application may be important to successfully apply the ad1580. a voltage divider is formed by the ad1580s output impedance and the external source impedance. when using an external source resistor of about 30 k w (i r = 100 m a), 1% of the noise from a 100 khz switching power supply is developed at the output of the ad1580. figure 11 shows how a 1 m f load capacitor connected directly across the ad1580 reduces the affect of power supply noise to less than 0.01%. 1k 10 output impedance ? w 0.1 100 100k 10k 1k 10 1 100 frequency ?hz 1m d i r = 0.1i r i r = 100? i r = 1ma c l = 0 c l = 1? figure 11. output impedance vs. frequency noise performance and reduction the noise generated by the ad1580 is typically less than 5 m v p-p over the 0.1 hz to 10 hz band. figure 12 shows the 0.1 hz to 10 hz noise of a typical ad1580. noise in a 10 hzC10 khz bandwidth is approximately 20 m v rms (figure 13a). if further noise reduction is desired, a 1-pole low-pass filter may be added between the output pin and ground. a time constant of 0.2 ms will have a C3 db point at about 800 hz, and will reduce the high frequency noise to about 6.5 m v rms, (figure 13b). a time constant of 960 ms will have a C3 db point at 165 hz, and will reduce the high frequency noise to about 2.9 m v rms (figure 13c). 4.5? p-p 1?/div 1s/div figure 12. 0.1 hzC10 hz voltage noise
ad1580 rev. 0 C6C 10ms/div 10?/div 20?/div 40?/div 21? rms 6.5? rms t = 0.2ms 2.9? rms t = 960ms (a) (b) (c) figure 13. total rms noise turn-on time many low power instrument manufacturers are becoming increasingly concerned with the turn-on characteristics of components being used in their systems. fast turn-on components often enable the end user to keep power off when not needed, and yet respond quickly when the power is turned on for operation. figure 14a displays the turn-on characteristic of the ad1580. upon application of power (cold start), the time required for the output voltage to reach its final value within a specified error is the turn-on settling time. two components normally associated with this are: time for active circuits to settle and time for thermal gradients on the chip to stabilize. this characteristic is generated from cold-start operation and represents the true turn-on waveform after power up. figure 15 shows both the coarse and fine turn-on settling characteristics of the device; the total settling time to within 1.0 mv is about 6 us, and there is no long thermal tail when the horizontal scale is expanded to 2 ms/div. 250mv/div 5?/div 2.4v 0v v in c l = 200pf figure 14a. response time v in v r r s = 11.5k w r l c l v out figure 14b. turn-on, settling, and transient test circuit output turn-on time is modified when an external noise reduction filter is used. when present, the time constant of the filter will dominate overall settling. output error 1mv/div 2 ?/div 2.4v 0v v in output 0.5mv/div 2 ms/div figure 15. turn-on settling transient response many a/d and d/a converters present transient current loads to the reference, and poor reference response can degrade the converters performance. figure 16 displays both the coarse and fine settling characteristics of the device to load transients of 50 m a. i r = 100? + 50? step i r = 100? ?50? step 20mv/div 1mv/div 1?/div 20mv/div 1mv/div (a) (b) figure 16. transient settling figure 16a shows the settling characteristics of the device for an increased reverse current of 50 m a. figure 16b shows the response when the reverse current is decreased by 50 m a. the transients settle to 1 mv in about 3 m s. attempts to drive a large capacitive load (in excess of 1,000 pf) may result in ringing, as shown in the step response photo (figure 17). this is due to the additional poles formed by the load capacitance and the output impedance of the reference. a recommended method of driving capacitive loads of this magnitude is shown in figure 14b. a resistor isolates the capacitive load from the output stage, while the capacitor provides a single pole low- pass filter and lowers the output noise.
ad1580 rev. 0 C7C 10mv/div 50?/div c l = 0.01? v in 2.0v 1.8v figure 17. transient response with capacitive load precision micropower low dropout reference the circuit in figure 18 provides an ideal solution for making a stable voltage reference with low standby power consumption, low input/output dropout capability, and minimum noise output. the amplifier both buffers and optionally scales up the ad1580 output voltage, v r . output voltages as high as 2.1 v can supply 1 ma of load current. a one-pole filter connected between the ad1580 and the op193 input may be used to achieve low output noise. the nominal quiescent power consump- tion is a mere 200 m w. 3v 34.8k w 205 w 4.7? ad1580 op193 r3 r2 v out = +1.225 (1+r2/r3) v out = +1.225v or figure 18. micropower buffered reference using the ad1580 with 3 v data converters the ad1580s low output drift (50 ppm/ c) and compact sub- miniature sot-23 package makes it ideally suited for todays high performance converters in space critical applications. one family of adcs that the ad1580 is well suited for is the ad7714-3 and ad7715-3. the ad7714/ad7715 are charge- balancing (sigma-delta) a/d converters with on-chip digital filtering intended for the measurement of wide dynamic range, low frequency signals such as those representing chemical, physical or biological processes. figure 19 shows the ad1580 connected to the ad7714/ad7715 for 3 v operation. ad7714/15? c ref (3?pf) switching frequency depends on f clkin ad1580 3v 34.8k w refin(+) refin(? r sw 5k w (typ) high impedance >1g w figure 19. reference circuit for the ad7714/ad7715C3 the ad1580 is ideal for creating the reference level to use with 12-bit multiplying dacs such as the ad7943, ad7945, and ad7948. in the single supply bias mode (figure 20), the impedance seen looking into the i out2 terminal changes with dac code. if the ad1580 drives i out2 and agnd directly, less than 0.2 lsbs of additional linearity error will result. the buffer amp eliminates any linearity degradation that could result from variations in the reference level . dac ad7943/45/48 v ref v in v dd rbf i out1 i out2 a1: op295 ad822 op2283 v out agnd dgnd a1 a1 c1 +3.3v 41.2k w +3.3v ad1580 signal ground figure 20. single supply system
ad1580 rev. 0 C8C outline dimensions dimensions shown in inches and (mm). sot-23 0.550 (1.397) 0.0470 (1.194) 0.0413 (1.049) 0.0374 (0.950) 0.0807 (2.050) 0.0701 (1.781) 0.0236 (0.599) 0.0177 (0.450) 0.0040 (0.102) 0.0005 (0.013) 0.0210 (0.533) 0.0146 (0.371) 0.0440 (1.118) 0.0320 (0.813) 0.0100 (0.254) 0.0050 (0.127) 0.0059 (0.150) 0.0034 (0.086) 0.027 (0.686) ref seating plane pin 1 0.1040 (2.642) 0.0827 (2.101) 0.1200 (3.048) 0.1102 (2.799) tape and reel dimensions dimensions shown in millimeters. 1.5 +0.05 ?.00 4.0 0.10 2.0 0.05 direction of unreeling 1.0 min 0.75 min 1.8 0.1 0.30 0.05 2.7 0.1 1.75 0.10 3.5 0.05 3.1 0.1 8.0 0.30 20.2 min 1.5 min 180 (7") or 330 (13") 14.4 max 8.4 +1.5 ?.0 50 (7") min or 100 (13") min 13.0 0.2 c2081C18C10/95 printed in u.s.a.


▲Up To Search▲   

 
Price & Availability of AD1580BRT-REEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X