Part Number Hot Search : 
CDLL750A 1205S EPD1024G 90160 PI74A M54672 1N4750 SFH9240
Product Description
Full Text Search
 

To Download 852-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded contacts b-4 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2011 glenair, inc. printed in u.s.a. cage code 06324 www.glenair.com e-mail: sales@glenair.com b m39029/27 852-001 size 12 coaxial socket size #12 coaxial socket contacts for mil-dtl-38999 series ii connectors type cable accommodation part number military part number color band 1st 2nd 3rd socket rg174, rg316, rg179 852-001-12-210 m39029/27-210 red brown black rg180 852-001-12-402 m39029/27-402 yellow black red microdot 250-4070 852-001-12-403 m39029/27-403 yellow black orange raychem 48-502, 5022e5111 852-001-12-404 m39029/27-404 yellow black yellow raychem 48-950, 9530d5117 852-001-12-405 m39029/27-405 yellow black green raychem 7624d1311, 9527a1318 852-001-12-406 m39029/27-406 yellow black blue gore gwn1159a 852-001-12-407 m39029/27-407 yellow black violet 1s50mu-16, -20, -40, -70 (d24643/28) 852-001-12-408 m39029/27-408 yellow black gray d38999 series ii .020 thru one wall only .013 radial location optional ? m ? j k ? h ? v 47/43 32 ? w spherical radius inner pin contact shield crimp sleeve ? l ? u n p r s t .560 max .289 .279 .033 .029 47/43 ? a max ? c ? b ? d ? e .063 min .166 min depth r .002 min inner pin contact bin color bands (see table) ? z ? g ? f after crimp r .003 max outer contact barrel shield crimp sleeve outer contact mates with ? .095/.093 pin (spring design optional) .248 min x * these #12 contacts accept 50 ohm and 75 ohm coaxial cable. inner contact is rated at 1 amp, the outer contact 12 amps. dwv rating is 1000 vac rms sea level, 250 vac at 50,000 feet. contacts are packaged individually and shipped unassembled with instruction sheet. one contact consists of outer contact , fuorocarbon dielectric, inner contact and shield crimp sleeve. inner and outer contacts are gold-plated copper alloy. approved to sae as39029. 5000 megohm insulation resistance. material and finish contact body: copper alloy/gold plated hood: stainless steel/passivated center contact: copper alloy/gold plated crimp sleeve: copper alloy/gold plated insulator: tefon * indicates point at which a square ended pin of the same basic diameter as the mating contact frst engages the outer contact spring
shielded contacts b-5 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2011 glenair, inc. printed in u.s.a. cage code 06324 www.glenair.com e-mail: sales@glenair.com b m39029/27 852-001 size 12 coaxial socket table i bin code ?a max ?b ?c ?d max ?e ?f ?g max ?h min ?j max k ?l min 210 0.161 (4.1) 0.100 (2.54) 0.097 (2.46) 0.123 (3.1) 0.118 (3.0) 0.090 (2.3) 0.151 (3.84) 0.148 (3.76) 0.182 (4.6) 0.179 (4.5) 0.156 (4.0) 0.127 (3.2) 0.169 (4.3) 0.125 (3.2) 0.115(2.9) 0.225 (5.7) 402 0.161 (4.1) 0.100 (2.54) 0.097 (2.46) 0.123 (3.1) 0.118 (3.0) 0.108 (2.7) 0.151 (3.84) 0.148 (3.76) 0.182 (4.6) 0.179 (4.5) 0.156 (4.0) 0.144 (3.7) 0.169 (4.3) 0.125 (3.2) 0.115(2.9) 0.225 (5.7) 403 0.161 (4.1) 0.100 (2.54) 0.097 (2.46) 0.123 (3.1) 0.118 (3.0) 0.108 (2.7) 0.151 (3.84) 0.148 (3.76) 0.182 (4.6) 0.179 (4.5) 0.156 (4.0) 0.144 (3.7) 0.169 (4.3) 0.125 (3.2) 0.115(2.9) 0.355 (9.0) 404 0.161 (4.1) 0.100 (2.54) 0.097 (2.46) 0.123 (3.1) 0.118 (3.0) 0.090 (2.3) 0.151 (3.84) 0.148 (3.76) 0.182 (4.6) 0.179 (4.5) 0.156 (4.0) 0.127 (3.2) 0.169 (4.3) 0.125 (3.2) 0.115(2.9) 0.355 (9.0) 405 0.161 (4.1) 0.100 (2.54) 0.097 (2.46) 0.123 (3.1) 0.118 (3.0) 0.090 (2.3) 0.151 (3.84) 0.148 (3.76) 0.182 (4.6) 0.179 (4.5) 0.156 (4.0) 0.127 (3.2) 0.169 (4.3) 0.125 (3.2) 0.115(2.9) 0.225 (5.7) 406 0.161 (4.1) 0.100 (2.54) 0.097 (2.46) 0.123 (3.1) 0.118 (3.0) 0.117 (3.0) 0.151 (3.84) 0.148 (3.76) 0.182 (4.6) 0.179 (4.5) 0.156 (4.0) 0.156 (4.0) 0.174 (4.4) 0.125 (3.2) 0.115(2.9) 0.27 (6.9) 407 0.161 (4.1) 0.100 (2.54) 0.097 (2.46) 0.123 (3.1) 0.118 (3.0) 0.090 (2.3) 0.151 (3.84) 0.148 (3.76) 0.182 (4.6) 0.179 (4.5) 0.156 (4.0) 0.144 (3.7) 0.169 (4.3) 0.125 (3.2) 0.115(2.9) 0.225 (5.7) 408 0.161 (4.1) 0.100 (2.54) 0.123 (3.1) 0.118 (3.0) 0.108 (2.7) 0.151 (3.84) 0.148 (3.76) 0.182 (4.6) 0.179 (4.5) 0.156 (4.0) 0.156 (4.0) 0.174 (4.4) 0.125 (3.2) 0.115(2.9) 0.355 (9.0) table i (continued) bin code ?m max n min p r s t u ref ?v ?w x ?z max 210 0.052 (1.3) 0.112 (2.8) 0.103 (2.6) 0.096 (2.4) 0.146 (3.7) 0.140 (3.6) 0.039 (1.0) 0.033 (0.8) 0.222 (5.64) 0.219 (5.56) 0.364 (9.2) 0.0205 (0.52) 0.0195 (0.5) 0.035(0.9) 0.033 (0.8) 0.276 (7.0) 0.266 (6.8) 0.110 (2.8) 402 0.052 (1.3) 0.112 (2.8) 0.103 (2.6) 0.096 (2.4) 0.146 (3.7) 0.140 (3.6) 0.039 (1.0) 0.033 (0.8) 0.222 (5.64) 0.219 (5.56) 0.364 (9.2) 0.0205 (0.52) 0.0195 (0.5) 0.035(0.9) 0.033 (0.8) 0.276 (7.0) 0.266 (6.8) 0.127 (3.2) 403 0.052 (1.3) 0.112 (2.8) 0.103 (2.6) 0.096 (2.4) 0.146 (3.7) 0.140 (3.6) 0.039 (1.0) 0.033 (0.8) 0.222 (5.64) 0.219 (5.56) 0.364 (9.2) 0.0205 (0.52) 0.0195 (0.5) 0.035(0.9) 0.033 (0.8) 0.276 (7.0) 0.266 (6.8) 0.127 (3.2) 404 0.052 (1.3) 0.112 (2.8) 0.103 (2.6) 0.096 (2.4) 0.146 (3.7) 0.140 (3.6) 0.039 (1.0) 0.033 (0.8) 0.222 (5.64) 0.219 (5.56) 0.364 (9.2) 0.0205 (0.52) 0.0195 (0.5) 0.035(0.9) 0.033 (0.8) 0.276 (7.0) 0.266 (6.8) 0.110 (2.8) 405 0.052 (1.3) 0.112 (2.8) 0.103 (2.6) 0.096 (2.4) 0.146 (3.7) 0.140 (3.6) 0.039 (1.0) 0.033 (0.8) 0.222 (5.64) 0.219 (5.56) 0.364 (9.2) 0.0205 (0.52) 0.0195 (0.5) 0.035(0.9) 0.033 (0.8) 0.276 (7.0) 0.266 (6.8) 0.110 (2.8) 406 0.052 (1.3) 0.112 (2.8) 0.103 (2.6) 0.096 (2.4) 0.146 (3.7) 0.140 (3.6) 0.039 (1.0) 0.033 (0.8) 0.222 (5.64) 0.219 (5.56) 0.364 (9.2) 0.0205 (0.52) 0.0195 (0.5) 0.035(0.9) 0.033 (0.8) 0.276 (7.0) 0.266 (6.8) 0.136 407 0.052 (1.3) 0.112 (2.8) 0.103 (2.6) 0.096 (2.4) 0.146 (3.7) 0.140 (3.6) 0.039 (1.0) 0.033 (0.8) 0.222 (5.64) 0.219 (5.56) 0.364 (9.2) 0.0205 (0.52) 0.0195 (0.5) 0.035(0.9) 0.033 (0.8) 0.276 (7.0) 0.266 (6.8) 0.110 (2.8) 408 0.052 (1.3) 0.112 (2.8) 0.103 (2.6) 0.096 (2.4) 0.146 (3.7) 0.140 (3.6) 0.039 (1.0) 0.033 (0.8) 0.222 (5.64) 0.219 (5.56) 0.364 (9.2) 0.0205 (0.52) 0.0195 (0.5) 0.035(0.9) 0.033 (0.8) 0.276 (7.0) 0.266 (6.8) 0.127 (3.2) table iii inner contact outer contact insertion tool extraction tool basic crimping tool positioner basic crimping tool positioner m22520/2-01 m22520/2-34 m22520/31-01 m22520/31-02 m81969/8-09 or m81969/14-04 m81969/8-10 or m81969/14-04


▲Up To Search▲   

 
Price & Availability of 852-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X