Part Number Hot Search : 
KBP06 00BZXC SMK12 PRODUC SP45001 1673C11B 4S640 370BN
Product Description
Full Text Search
 

To Download 5961001101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 5961001101 printed: 2010-11-09 part number: 5961001101 frequency range: low permeability, 61 (ui=125) material description: 61 toroid application: inductive components where used: closed magnetic circuit part type: toroids preferred part: mechanical specifications weight: 2.400 (g) part type information a ring configuration provides the ultimate utilization of the intrinsic ferrite material properties. toroidal cores are used in a wide variety of applications such as power input filters, ground-fault interrupters, common-mode filters and in pulse and broadband transformers. -toroids are listed by initial permeability classes and increasing dimension of the inside diameter. -all toroidal cores are supplied burnished to break sharp edges. -toroids are tested for al values at 10 khz. the square loop 85 material toroids are specified to a squareness ratio and not to an al value. -toroids with an outside diameter of 9.5mm (.375'') or smaller can be supplied parylene c coated. the parylene coating will increase the 'a' and 'c' dimensions and decrease the 'b' dimension a maximum of 0.038mm (.0015''). the ninth digit of a parylene coated toroid part number is a '1'. see the material characteristics of parylene c in our online catalog. -toroids with an outside diameter of 9.5mm (.375'') or larger can be supplied with a uniform coating of thermo-set plastic coating. this coating will increase the 'a' and 'c' dimensions and decrease the 'b' dimension a maximum of 0.5mm (.020''). the 9th digit of the thermo-set plastic coated toroid part number is a '2'. thermo-set plastic coating is rohs compliant. -thermo-set plastic coated parts can withstand a minimum breakdown voltage of 1000 vrms, uniformly applied across the 'c' dimension of the toroid. -the ''c'' dimension may be modified to suit specific applications. -for any toroidal core requirement not listed in the catalog, please contact our customer service department for availability and pricing. -explaination of part numbers: digits 1&2 = product class, 3&4 = material grade, 9th digit 1 = parylene coating, 2 = thermo-set plastic coating.
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 5961001101 printed: 2010-11-09 mechanical specifications dim mm mm nominal inch tol inch misc. a 12.70 0.25 0.500 - b 7.90 0.20 0.312 - c 6.35 0.25 0.250 - d - - - - e - - - - f - - - - g - - - - h - - - - j - - - - k - - - - land patterns v w x y z ref - - - - - - - - - - winding information turns wire 1st wire 2nd wire tested size length length - - - - reel information tape width pitch parts 7 '' parts 13 '' parts 14 '' mm mm reel reel reel - - - - - package size pkg size - (-) electrical specifications typical impedance ( ) connector plate # holes # rows - - electrical properties a l (nh) 75 25% ae(cm 2 ) 0.15000 l/a(cm -1 ) 20.80 l e (cm) 3.12 v e (cm 3 ) 0.47000 legend + test frequency preferred parts, the suggested choice for new designs,have shorter lead times and are more readily available. the column h(oe) gives for each bead the calculated dc bias field in oersted for 1 turn and 1 ampere direct current. the actual dc h field in the application is this value of h times the actual ni (ampere-turn) product. for the effect of the dc bias on the impedance of the bead material, see figures 18-23 in the application note how to choose ferrite components for emi suppression. a ? turn is defined as a single pass through a hole. l/a - core constant l e : effective path length a e : effective cross-sectional area v e : effective core volume a l - inductance factor ( l __ n 2 ) nl - value of dc ampere-turns n/awg - number of turns/wire size for test coil
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 5961001101 printed: 2010-11-09 see next page for further material specifications.
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 5961001101 printed: 2010-11-09


▲Up To Search▲   

 
Price & Availability of 5961001101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X