this document was generated on 09/11/2014 please check www.molex.com for latest part information part number: 34763-0002 status: active overview: spox? wire-to-board connectors description: cmc header 106 circuits, 3-bay (bay-x 0 circuits; bay-y 53 circuits; bay-z 53 circuits) compliant pin, press-fit style documents: 3d model application specification as-34763-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-34763-001 (pdf) general product family pcb headers series 34763 application board-to-board, wire-to-board application tooling part link 62203-0500 overview spox? wire-to-board connectors product name cmc upc 884982161863 physical breakaway no circuits (loaded) 106 circuits (maximum) 106 color - resin black, brown first mate / last break no glow-wire compliant no guide to mating part no keying to mating part yes lock to mating part yes material - plating mating tin material - resin nylon alloy net weight 107.954/g number of rows 4 orientation right angle packaging type tray pitch - mating interface 2.50mm, 3.50mm, 3.70mm, 4.00mm, 4.50mm polarized to mating part yes polarized to pcb yes temperature range - operating -40c to +105c termination interface: style through hole - compliant pin electrical current - maximum per contact 10.5a, 13.5a, 17a, 8a voltage - maximum 250v ac material info reference - drawing numbers application specification as-34763-001 product specification ps-34763-001 sales drawing sd-34763-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 34763 series application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # 154 way cmc header assembly pcb insertion fixture 0622030500 this document was generated on 09/11/2014 please check www.molex.com for latest part information
|