this document was generated on 07/09/2014 please check www.molex.com for latest part information part number: 34763-0001 status: active overview: cmc sealed, hybrid, modular connectors and headers description: cmc header 154 circuits, 3-bay (bay-x 48 circuits; bay-y 53 circuits; bay-z 53 circuits) compliant pin, press-fit style documents: 3d model application specification as-34763-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-34763-001 (pdf) general product family pcb headers series 34763 application board-to-board, wire-to-board application tooling part link 62203-0500 comments coding: black, brown, gray|0.635mm (.025") terminals - max 8.0a (0.75mm2 wire) / 1.50mm (.059") terminals - max. 10.5a (2.00mm2 wire) / 2.80mm (.110") single strap terminals - 13.5a (5.00mm2) / 2.80mm (.110") dual strap terminals - 17.0a (5.00mm2) overview cmc sealed, hybrid, modular connectors and headers product name cmc upc 884982161856 physical breakaway no circuits (loaded) 154 circuits (maximum) 154 color - resin black, brown, gray durability (mating cycles max) 20 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part yes lock to mating part yes material - plating mating tin material - resin nylon alloy net weight 119.264/g number of rows 4 orientation right angle packaging type tray pitch - mating interface 2.50mm, 3.50mm, 3.70mm, 4.00mm, 4.50mm polarized to mating part yes polarized to pcb yes temperature range - operating -40c to +105c termination interface: style through hole - compliant pin electrical current - maximum per contact 10.5a, 13.5a, 17a, 8a voltage - maximum 14v dc material info reference - drawing numbers application specification as-34763-001 product specification ps-34763-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 34763 series mates with 64320-1318 , 64321-2011 , 64321-2019 application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # 154 way cmc header assembly pcb insertion fixture 0622030500
sales drawing sd-34763-001 this document was generated on 07/09/2014 please check www.molex.com for latest part information
|