Part Number Hot Search : 
4HC125 5C100 T131054 5822SM AP4920GM 40N03GP E43CA STD9N10
Product Description
Full Text Search
 

To Download 2SD965 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SD965 npn silicon epitaxial planar transistor for low-frequency power and stroboscope applications. the transistor is subdivided into three groups p, q and r, according to its dc current gain. on special request, thes e transistors can be manufactured in different pin configurations. features ? low collector-emitter saturation voltage ? satisfactory operation performances at high to-92 plastic package efficiency with the low voltage power supply weight approx. 0.19g absolute maximum ratings (ta=25 o c) symbol value unit collector base voltage v cbo 40 v collector emitter voltage v ceo 20 v emitter base voltage v ebo 7 v peak collector current i cp 8 a collector current i c 5 a power dissipation p tot 750 mw junction temperature t j 150 o c storage temperature range t s -55 to +150 o c
2SD965 characteristics at t amb =25 o c symbol min. typ. max. unit dc current gain at v ce =2v, i c =0.5a at v ce =2v, i c =1a p q r h fe h fe h fe h fe 120 230 340 150 - - - - 250 380 600 - - - - - collector cutoff current at v cb =10v i cbo - - 0.1 a collector cutoff current at v ce =10v i ceo - - 1.0 a emitter cutoff current at v eb =7v i ebo - - 0.1 a collector output capacitance at v cb =20v, f=1mhz (common base, input open circuited) cob - 26 50 pf collector to emitter voltage at i c =1ma v ceo 20 - - v emitter to base voltage at i e =10 a v ebo 7 - - v collector to emitter saturation voltage at i c =3a, i b =0.1a v ce(sat) - 0.28 1 v current gain bandwidth product at v cb =6v, i e = -50ma, f=200mhz f t - 150 - mhz
2SD965 2.4 2.0 1.6 1.2 0.8 0 0.4 10 100 0.1 0.01 10 1 0.01 0.1 f t , m h z c o l l e c t o r o u t p u t c a p a c i t a n c e , p f ( c o m m o n b a s e , i n p u t o p e n c i r c u i t e d ) 100 i e, a 0 -0.01 -0.1 -1 -10 f t - i e collector current, a 300 200 400 v cb =6v ta=25 c v c e ( s a t ) , v p c , m w v ce(sat) - i c ta= 75 c 0.1 25 c 0.001 0.01 ic/ib=30 10 1 v b e ( s a t ) , v -25 c ta ( c) 200 0 0 80 40 600 400 120 160 i c , a p c - ta 800 1000 25 c 10 1 0.01 0.110 1 0.1 0.01 0.1 0.1 vcb, v 0 1 20 10 100 0.01 cob - v cb collector current, a 60 40 80 100 1 i c , a 10 i e =0 f=1mhz ta=25 c 100 1 10 vce, v 100 t=10ms single pulse ta=25 c s afe operation area collector current, a i cp i c t=1s 0 v be(sat) - i c ta= -25 c 1 75 c 25 c ic/ib=30 300 200 h f e 100 0 500 600 400 1.6 0.8 0.4 0 1.2 v ce , v 1ma 2.4 2.0 0 1 2ma 3ma 4ma 5ma 6ma 4 2 i c , a 3 h fe - i c ta= 75 c 25 c -25 c v ce =2v ta=25 c 1.6 0.8 0.4 v be , v 1.2 -25 c 2.0 i b =7ma ta=25 c i c - v ce 5 6 ta= 75 c i c - v be v ce =2v


▲Up To Search▲   

 
Price & Availability of 2SD965

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X