Part Number Hot Search : 
G527525 RD18MW LTC3526B J111G MMBT5 ICS571M U12C3 RF1001
Product Description
Full Text Search
 

To Download 2SC5776 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC5776 no.6990-1/4 features ? high speed. ? high breakdown voltage (v cbo =1600v). ? high reliability (adoption of hvp process). ? adoption of mbit process. ? on-chip damper diode. specifications absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit collector-to-base voltage v cbo 1600 v collector-to-emitter voltage v ceo 800 v emitter-to-base voltage v ebo 5v collector current i c 8a collector current (pulse) i cp 16 a collector dissipation p c 3.0 w tc=25 c65w junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25 c ratings parameter symbol conditions min typ max unit collector cutoff current i cbo v cb =800v, i e =0 10 m a i ces v ce =1600v, r be =0 1.0 ma emitter cutoff current i ebo v eb =4v, i c =0 40 200 ma continued on next page. sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan ordering number : enn6990a ultrahigh-definition crt display horizontal deflection output applications 2SC5776 package dimensions unit : mm 2174a [2SC5776] 52003 ts im ta-100443 / 62001 ts im ta-3322 any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein. npn triple diffused planar silicon transistor 1 : base 2 : collector 3 : emitter sanyo : to-3pmlh 21.0 5.0 22.0 0.8 20.4 4.0 16.0 3.4 2.0 2.8 2.1 5.45 5.45 0.7 0.9 3.5 8.0 5.6 3.1 12 3
2SC5776 no.6990-2/4 0 0 1 i c -- v ce it03553 it03555 it03554 it03556 3 2 9 8 7 6 5 4 12 56 34 78910 0 0 i c -- v be 0.2 0.4 0.6 0.8 1.0 1.2 6 5 9 7 8 3 4 2 1 1.0 h fe -- i c 23 57 23 57 0.1 1.0 10 10 2 3 5 2 3 5 7 0.1 v ce (sat) -- i c 23 57 23 57 1.0 10 10 0.1 1.0 2 3 5 7 2 3 5 7 5 7 i b =0 0.1a 0.2a 0.4a 0.6a 1.0a 2.0a 1.8a 1.6a 1.4a 1.2a 0.8a ta=120 c 25 c --40 c v ce =5v ta=120 c 25 c --40 c v ce =5v ta= --40 c 25 c ta= --40 c 120 c 25 c i c / i b =5 120 c collector-to-emitter voltage, v ce -- v collector current, i c -- a base-to-emitter voltage, v be -- v collector current, i c -- a collector current, i c -- a dc current gain, h fe collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v continued from preceding page. ratings parameter symbol conditions min typ max unit dc current gain h fe 1v ce =5v, i c =1a 8 h fe 2v ce =5v, i c =4.5a 4 7 collector-to-emitter saturation voltage v ce (sat) i c =4a, i b =1a 3.0 v base-to-emitter saturation voltage v be (sat) i c =4a, i b =1a 1.5 v storage time t stg i c =3a, i b1 =0.5a, i b2 =--1.5a 3.0 m s fall time t f i c =3a, i b1 =0.5a, i b2 =--1.5a 0.2 m s diode forward voltage v f i ec =6.5a 2.2 v switching time test circuit v r r b v cc =200v v be = --5v + + 50 input output r l =66.7 100 f 470 f pw=20 s i b1 d.c. 1% i b2
2SC5776 no.6990-3/4 0 0 p c -- tc it03562 40 30 20 10 60 50 80 70 65 40 20 100 120 60 80 140 160 0 0 1.0 0.5 1.5 p c -- ta it03561 2.0 2.5 3.0 3.5 4.0 60 40 20 80 160 120 140 100 no heat sink it03557 0.1 sw time -- i c 1.0 23 57 23 57 10 2 3 5 7 10 2 3 5 7 1.0 it03559 it03560 reverse bias a s o 1.0 forward bias a s o 23 57 10 23 57 23 57 100 1000 0.01 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 100 1000 23 57 2 0.1 2 3 2 3 5 10 7 2 3 5 1.0 7 0.1 it03558 sw time -- i b2 1.0 23 57 23 57 2 3 5 7 10 2 3 5 7 1.0 v cc =200v i c =3a i b1 =0.5a r load t stg t f v cc =200v i c / i b1 =6 i b2 / i b1 =3 r load t stg t f i cp =16a i c =8a tc=25 c single pulse 300 s 100 s 1ms 10ms p c =65w dc operation l=500 h i b2 = --2a tc=25 c single pulse collector current, i c -- a switching time, sw time -- s switching time, sw time -- s base current, i b2 -- a collector-to-emitter voltage, v ce -- v collector current, i c -- a collector-to-emitter voltage, v ce -- v collector current, i c -- a ambient temperature, ta -- c collector dissipation, p c -- w collector dissipation, p c -- w case temperature, tc -- c
2SC5776 no.6990-4/4 specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co. , ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of may, 2003. specifications and information herein are subject to change without notice. ps


▲Up To Search▲   

 
Price & Availability of 2SC5776

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X