Part Number Hot Search : 
BY228 NJM2507 KBJ401 FDS8926A 24050 BTA212B 74210 KBJ401
Product Description
Full Text Search
 

To Download ZTX849 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn silicon planar medium power high current transistor issue 2 ? march 94 features * 5 amps continuous current * up to 20 amps peak current * very low saturation voltages applications * lcd backlight converter * flash gun converters * battery powered circuits * motor drivers absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo 80 v collector-emitter voltage v ceo 30 v emitter-base voltage v ebo 6v peak pulse current i cm 20 a continuous collector current i c 5a practical power dissipation* p totp 1.58 w power dissipation at t amb =25c p tot 1.2 w operating and storage temperature range t j :t stg -55 to +200 c *the power which can be dissipated assuming the device is mounted in a typical manner on a p.c.b. with copper equal to 1 inch square minimum electrical characteristics (at t amb = 25c unless otherwise stated) parameter symbol min. typ. max. unit conditions. collector-base breakdown voltage v (br)cbo 80 120 v i c =100 m a collector-emitter breakdown voltag v (br)cer 80 120 v ic=1 m a, rb 1k w collector-emitter breakdown voltage v (br)ceo 30 40 v i c =10ma* emitter-base breakdown voltage v (br)ebo 68 v i e =100 m a collector cut-off current i cbo 50 1 na m a v cb =70v v cb =70v, t amb =100c collector cut-off current i cer r 1k w 50 1 na m a v cb =70v v cb =70v, t amb =100c emitter cut-off current i ebo 10 na v eb =6v collector-emitter saturation voltage v ce(sat) 25 50 110 180 50 100 200 220 mv mv mv mv i c =0.5a, i b =20ma* i c =1a, i b =20ma* i c =2a, i b =20ma* i c =5a, i b =200ma* base-emitter saturation voltage v be(sat) 930 1050 mv i c =5a, i b =200ma* e-line to92 compatible ZTX849 3-291 c b e electrical characteristics (at t amb = 25c) parameter symbol min. typ. max. unit conditions. base-emitter turn-on voltage v be(on) 850 950 mv ic=5a, v ce =1v* static forward current transfer ratio h fe 100 100 100 30 200 200 170 65 300 i c =10ma, v ce =1v i c =1a, v ce =1v* i c =5a, v ce =1v* i c =20a, v ce =1v* transition frequency f t 100 mhz i c =100ma, v ce =10v f=50mhz output capacitance c obo 75 pf v cb =10v, f=1mhz* switching times t on t off 45 630 ns ns i c =1a, i b! =100ma i b2 =100ma, v cc =10v *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% thermal characteristics parameter symbol max. unit thermal resistance: junction to ambient junction to case r th(j-amb) r th(j-case) 150 50 c/w c/w ZTX849 -40 2.0 1.0 0.0001 50 150 100 derating curve t -temperature (c) m a x p ower d iss ipa tion - (w a tt s ) maximum transient thermal impedance pulse width (seconds) thermal resistance (c/w) 10 100 1 0.1 0.01 4.0 3.0 -20 0 20 40 60 80 100 120 200 180 160 140 t 1 t p d=t 1 /t p case te mperatu r e ambien t t empe rat ure d.c. d=0.6 d=0.2 d=0.1 single pulse 0.001 0 d=0.05 3-292
npn silicon planar medium power high current transistor issue 2 ? march 94 features * 5 amps continuous current * up to 20 amps peak current * very low saturation voltages applications * lcd backlight converter * flash gun converters * battery powered circuits * motor drivers absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo 80 v collector-emitter voltage v ceo 30 v emitter-base voltage v ebo 6v peak pulse current i cm 20 a continuous collector current i c 5a practical power dissipation* p totp 1.58 w power dissipation at t amb =25c p tot 1.2 w operating and storage temperature range t j :t stg -55 to +200 c *the power which can be dissipated assuming the device is mounted in a typical manner on a p.c.b. with copper equal to 1 inch square minimum electrical characteristics (at t amb = 25c unless otherwise stated) parameter symbol min. typ. max. unit conditions. collector-base breakdown voltage v (br)cbo 80 120 v i c =100 m a collector-emitter breakdown voltag v (br)cer 80 120 v ic=1 m a, rb 1k w collector-emitter breakdown voltage v (br)ceo 30 40 v i c =10ma* emitter-base breakdown voltage v (br)ebo 68 v i e =100 m a collector cut-off current i cbo 50 1 na m a v cb =70v v cb =70v, t amb =100c collector cut-off current i cer r 1k w 50 1 na m a v cb =70v v cb =70v, t amb =100c emitter cut-off current i ebo 10 na v eb =6v collector-emitter saturation voltage v ce(sat) 25 50 110 180 50 100 200 220 mv mv mv mv i c =0.5a, i b =20ma* i c =1a, i b =20ma* i c =2a, i b =20ma* i c =5a, i b =200ma* base-emitter saturation voltage v be(sat) 930 1050 mv i c =5a, i b =200ma* e-line to92 compatible ZTX849 3-291 c b e electrical characteristics (at t amb = 25c) parameter symbol min. typ. max. unit conditions. base-emitter turn-on voltage v be(on) 850 950 mv ic=5a, v ce =1v* static forward current transfer ratio h fe 100 100 100 30 200 200 170 65 300 i c =10ma, v ce =1v i c =1a, v ce =1v* i c =5a, v ce =1v* i c =20a, v ce =1v* transition frequency f t 100 mhz i c =100ma, v ce =10v f=50mhz output capacitance c obo 75 pf v cb =10v, f=1mhz* switching times t on t off 45 630 ns ns i c =1a, i b! =100ma i b2 =100ma, v cc =10v *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% thermal characteristics parameter symbol max. unit thermal resistance: junction to ambient junction to case r th(j-amb) r th(j-case) 150 50 c/w c/w ZTX849 -40 2.0 1.0 0.0001 50 150 100 derating curve t -temperature (c) m a x p ower d iss ipa tion - (w a tt s ) maximum transient thermal impedance pulse width (seconds) thermal resistance (c/w) 10 100 1 0.1 0.01 4.0 3.0 -20 0 20 40 60 80 100 120 200 180 160 140 t 1 t p d=t 1 /t p case te mperatu r e ambien t t empe rat ure d.c. d=0.6 d=0.2 d=0.1 single pulse 0.001 0 d=0.05 3-292
0.01 0.1 1 10 0.4 0 0.8 typical characteristics v ce(sat) v i c i c - collector current (amps) v ce (sa t ) - (v olts) i c - collector current (amps) v be(sat) v i c i c - co l le c to r cur r e nt ( am ps) v ce - collector voltage (volts) safe operating area 0.1 100 110 0.1 1 10 100 single pulse test at t amb =25c 0.01 0.1 1 10 1.0 0.5 2.0 1.5 i c - collector current (amps) v be(on) v i c v b e - ( v olts) v ce =1v v be ( s at) - (v olts) i c /i b =10 0.6 0.2 0.01 0.1 1 10 0 1.0 0.8 0.6 0.4 0.2 1.6 1.4 1.2 i c - collector current (amps) h fe v i c h f e - norma l ised ga i n 300 200 100 h fe - typical gain d.c. 1s 100ms 10ms 1.0ms 0.1ms v ce =5v 100 v ce =1v 100 0.001 i c /i b =50 0.01 0.1 1 10 1.0 0.5 2.0 1.5 100 0.001 i c /i b =50 i c /i b =10 100 ZTX849 3-293


▲Up To Search▲   

 
Price & Availability of ZTX849

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X