Part Number Hot Search : 
EN7671A NVT2001 60A300PT AN1381 SST32 1N753 NCP1403 ZM2CY96W
Product Description
Full Text Search
 

To Download ZCAT2436 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2013 clamp filters (ferrite core with case) for cable zcat series zcat zcat-a zcat-b zcat-d/-dt emc components
(2/13) 001-01 / 20130723 / e9a15_zcat.fm emc components reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. the storage period is less than 6 months. be sure to follow the storage conditions (temperature: 5 to 40c, humidity: 10 to 75 % rh or less). the case may crack when it is handled below freezing point or when it experiences a fall or other mechanical shock, as it is ma de of plastic; please exercise caution when handling the case. do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.). in a case where the product is attached to a cable larger than the product's internal diameter, the ferrite core may be damaged . please confirm compatibility with the cable before use. dropping or forcible engagement may cause damage to the product. please handle the product with care when engaging. do not detach and reuse a product that has been engaged; this may damage the engaged portion. do not expose the products to magnets or magnetic fields. do not use for a purpose outside of the contents regulated in the delivery specifications. the products listed on this catalog are intended for use in general electronic equipment (av equipment, telecommunications equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment, industrial robots) under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious d amage to society, person or property. if you intend to use the products in the applications listed below or if you have special requirements exceeding the range or c onditions set forth in the each catalog, please contact us. (1) aerospace/aviation equipment (2) transportation equipment (cars, electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securi ng protection circuit/device or providing backup circuits in your equipment. reminders
(3/13) 001-01 / 20130723 / e9a15_zcat.fm ? all specifications are subject to change without notice. emc components clamp filters (ferrite core with case) for cable features using tdk's unique structure where the ferrite core is mounted and integrated in a plastic case, it is possible to attach them to interface cables and power cables with one touch wi thout having to cut the cables. have excellent absorption of hi gh-frequency noise using the high-frequency ab sorption characteristics of the ferrite core. effective for common mode noise, so can be implemented as a noise countermeasure without influencing signal quality. series are according to the outer diameter of the cable in order to be compatible with various cable sizes. application pcs, word processors, monitors, hdds, digital telephones, audio equipment, electronic musical instruments, video games, copiers , and facsimiles part number construction operating temperature range, package quantity, product weight  operating temperature range includes self-temperature rise. overview of the zcat series zcat 24 36 - 13 30 a bk series name outer dimensions length dimensions inner dimensions core material code fixing type code outer color code (mm) (mm) (mm) a fixed cable type (cable is clamped inside the main body) bk black non code gray b chassis fixed type d flat cable type dt flat cable type (double-sided tape fixed type) non code band fixed type ( cable is secured to the main body by a nylon band ) type temperature range package quantity individual weight operating temperature  storage condition after engagement temperature range for engagement work c  c  c   pieces/box g  zcat3035 C40 to +85 C40 to +85 0 to +50 200 64.8 zcat2017-b C40 to +85 C40 to +85 0 to +50 350 11.5 zcat2235 C40 to +85 C40 to +85 0 to +50 400 26.0 ZCAT2436 C40 to +85 C40 to +85 0 to +50 400 29.0 zcat2032 C40 to +85 C40 to +85 0 to +50 420 22.7 zcat2035 C40 to +85 C40 to +85 0 to +50 480 21.2 zcat2132 C40 to +85 C40 to +85 0 to +50 480 21.6 zcat1730 C40 to +85 C40 to +85 0 to +50 840 11.6 zcat2017 C40 to +85 C40 to +85 0 to +50 640 11.0 zcat1325 C40 to +85 C40 to +85 0 to +50 1,344 6.37 zcat1518 C40 to +85 C40 to +85 0 to +50 896 6.1 zcat3618-d C40 to +85 C40 to +85 0 to +50 480 15.6 zcat4625-d C40 to +85 C40 to +85 0 to +50 240 32.5 zcat6819-d C40 to +85 C40 to +85 0 to +50 160 58.4 zcat10d C40 to +85 C40 to +85 0 to +50 770 5.6 zcat13d C40 to +85 C40 to +85 0 to +50 450 14.8 zcat20d C40 to +85 C40 to +85 0 to +50 280 46.3 product compatible with rohs directive halogen-free rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://www.t dk.co.jp/rohs/ halogen-free: indicates that cl content is less than 900ppm, br content is less than 900ppm, and that the total cl and br conte nt is less than 1500ppm.
(4/13) 001-01 / 20130723 / e9a15_zcat.fm ? all specifications are subject to change without notice. emc components zcat series zcat type shape & dimensions dimensions in mm  a fixing band is included when shipped. internal construction structure of the fixing band part no. a b c d e applicable cable outer diameter zcat1518-0730(-bk)  221 181 71 151 C 7max. zcat2017-0930(-bk)  211 171 91 201 C 9max. zcat2032-0930(-bk)  361 321 91 19.51 C 9max. zcat2132-1130(-bk)  361 321 111 20.51 C 11max. zcat3035-1330(-bk)  391 341 131 301 C 13max. b c d a ferrite core plastic case 102 to 106mm 2.4 to 2.6mm material: 66-nylon ( natural color )
(5/13) 001-01 / 20130723 / e9a15_zcat.fm ? all specifications are subject to change without notice. emc components zcat series y zcat type electrical characteristics characteristics specification table ? test conditions: when passing through an impedance meter (unloaded) ?1mm copper cable impedance vs. frequency characteristics zcat1518-0730 zcat2017-0930 zcat2032-0930 zcat2132-1130 zcat3035-1330 impedance(  )min. part no. [10 to 100mhz] [100 to 500mhz] [50 to 500mhz] 25 50 zcat1518-0730(-bk) 20 50 zcat2017-0930(-bk) 50 100 zcat2032-0930(-bk) 40 80 zcat2132-1130(-bk) 80 150 zcat3035-1330(-bk) 1 10 100 1000 1000 100 10 1 impedance ( ) frequency ( mhz ) 1 10 100 1000 1000 100 10 1 impedance ( ) frequency ( mhz ) 1 10 100 1000 1000 100 10 1 impedance ( ) frequency ( mhz ) 1 10 100 1000 1000 100 10 1 impedance ( ) frequency ( mhz ) 1 10 100 1000 1000 100 10 1 impedance ( ) frequency ( mhz )
(6/13) 001-01 / 20130723 / e9a15_zcat.fm ? all specifications are subject to change without notice. emc components zcat series zcat-a type shape & dimensions dimensions in mm internal construction part no. a b c d e applicable cable outer diameter zcat1325-0530a(-bk) 251 201 51 12.81 11.21 3 to 5(usb) zcat1730-0730a(-bk) 301 231 71 16.51 151 4 to 7(usb/ieee1394) zcat2035-0930a(-bk) 351 281 91 19.51 17.41 6 to 9 zcat2235-1030a(-bk) 351 281 101 21.51 201 8 to 10 ZCAT2436-1330a(-bk) 361 291 131 23.51 221 10 to 13 b d a c e ferrite core plastic case
(7/13) 001-01 / 20130723 / e9a15_zcat.fm ? all specifications are subject to change without notice. emc components zcat series y zcat-a type electrical characteristics characteristics specification table ? test conditions: when passing through an impedance meter (unloaded) ?1mm copper cable impedance vs. frequency characteristics zcat1325-0530a zcat1730-0730a zcat2035-0930a zcat2235-1030a ZCAT2436-1330a impedance(  )min. part no. [10 to 100mhz] [100 to 500mhz] [50 to 500mhz] 50 100 zcat1325-0530a(-bk) 40 80 zcat1730-0730a(-bk) 50 100 zcat2035-0930a(-bk) 50 100 zcat2235-1030a(-bk) 30 80 ZCAT2436-1330a(-bk) 1 10 100 1000 1000 100 10 1 impedance ( ) frequency ( mhz ) 1 10 100 1000 1000 100 10 1 impedance ( ) frequency ( mhz ) 1 10 100 1000 1000 100 10 1 impedance ( ) frequency ( mhz ) 1 10 100 1000 1000 100 10 1 impedance ( ) frequency ( mhz ) 1 10 100 1000 1000 100 10 1 impedance ( ) frequency ( mhz )
(8/13) 001-01 / 20130723 / e9a15_zcat.fm ? all specifications are subject to change without notice. emc components zcat series zcat-b type shape & dimensions dimensions in mm ? chassis fixed type attachment hole: ?4.8 to 4.9mm, plate thickness: 0.5 to 2mm internal construction part no. a b c d e applicable cable outer diameter zcat2017-0930b(-bk) 211 171 91 201 (29) 9max. c d b a e ferrite core plastic case
(9/13) 001-01 / 20130723 / e9a15_zcat.fm ? all specifications are subject to change without notice. emc components zcat series y zcat-b type electrical characteristics characteristics specification table ? test conditions: when passing through an impedance meter (unloaded) ?1mm copper cable impedance vs. frequency characteristics zcat2017-0930b impedance(  )min. part no. [10 to 100mhz] [100 to 500mhz] [50 to 500mhz] 20 50 zcat2017-0930b(-bk) 1 10 100 1000 1000 100 10 1 impedance ( ) frequency ( mhz )
(10/13) 001-01 / 20130723 / e9a15_zcat.fm ? all specifications are subject to change without notice. emc components zcat series zcat-d, zcat-dt type shape & dimensions dimensions in mm  double-sided tape fixed type (tape included when shipped). internal construction part no. a b c d e applicable cable outer diameter zcat3618-2630d(-bk) 35.51 17.51 261 11.51 C for 20 wires flat cable zcat3618-2630dt(-bk)  35.51 17.51 261 12.51 C for 20 wires flat cable zcat4625-3430d(-bk) 45.51 24.51 341 121 C for 26 wires flat cable zcat4625-3430dt(-bk)  45.51 24.51 341 131 C for 26 wires flat cable zcat6819-5230d(-bk) 67.51 18.51 521 161 C for 40 wires flat cable zcat6819-5230dt(-bk)  67.51 18.51 521 171 C for 40 wires flat cable c d a b applicable cable thickness: 1.3mm max. ferrite core plastic case
(11/13) 001-01 / 20130723 / e9a15_zcat.fm ? all specifications are subject to change without notice. emc components zcat series y zcat-d, zcat-dt type electrical characteristics characteristics specification table ? test conditions: when passing through an impedance meter (unloaded) ?1mm copper cable impedance vs. frequency characteristics zcat3618-2630d zcat4625-3430d zcat6819-5230d impedance(  )min. part no. [10 to 100mhz] [100 to 500mhz] [50 to 500mhz] 30 zcat3618-2630d(t)(-bk) 35 zcat4625-3430d(t)(-bk) 35 zcat6819-5230d(t)(-bk) 1 10 100 1000 1000 100 10 1 impedance ( ) frequency ( mhz ) 1 10 100 1000 1000 100 10 1 impedance ( ) frequency ( mhz ) 1 10 100 1000 1000 100 10 1 impedance ( ) frequency ( mhz )
(12/13) 001-01 / 20130723 / e9a15_zcat.fm ? all specifications are subject to change without notice. emc components zcat series zcat10d, 13d, 20d type shape & dimensions dimensions in mm internal construction part no. a b c d e applicable cable outer diameter zcat 10d-(bk) 271 14.51 101 41 71 4max. zcat 13d-(bk) 341 201 131 51 8.51 5max. zcat 20d-(bk) 351 301 201 51 151 5max. a b e d c ferrite core plastic case
(13/13) 001-01 / 20130723 / e9a15_zcat.fm ? all specifications are subject to change without notice. emc components zcat series y zcat10d, 13d, 20d type electrical characteristics characteristics specification table ? test conditions: when passing through an impedance meter (unloaded) ?1mm copper cable impedance vs. frequency characteristics zcat10d zcat13d zcat20d impedance(  )min. part no. [10 to 100mhz] [100 to 500mhz] [50 to 500mhz] 25 70 zcat 10d-(bk) 40 100 zcat 13d-(bk) 60 150 zcat 20d-(bk) 1 10 100 1000 1000 100 10 impedance ( ) frequency ( mhz ) 1 1 10 100 1000 1000 100 10 impedance ( ) frequency ( mhz ) 1 1 10 100 1000 1000 100 10 impedance ( ) frequency ( mhz ) 1


▲Up To Search▲   

 
Price & Availability of ZCAT2436

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X