Part Number Hot Search : 
N74AC SMB39CA UFS305 SP74HC04 3222E HER501 CS1101 PDF106
Product Description
Full Text Search
 

To Download TC7SZ00AFS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TC7SZ00AFS 2014-03-01 1 toshiba cmos digital integrat ed ci rcuit silicon monolithic TC7SZ00AFS 2-input nand gate features ? high output current :24 ma (min) at v cc = 3 v ? super high speed operation : t pd = 2.4 ns (typ.) at v cc = 5 v, 50 pf ? operating voltage range : v cc = 1.65 to 5.5 v ? 5.5-v tolerant inputs marking pin assignment (top view) absolute maximum ratings (ta = 25c) note: using continuously under heavy loads (e.g. the application of high temperatur e/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc. ) are within the absolute maximum ratings and the operating ranges. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note1: v out < gnd, v out > v cc s on5-p-0.35 weight : 0.001 g (typ.) characteristics symbol rating unit supply voltage v cc ?0.5 to 6 v dc input voltage v in ?0.5 to 6 v dc output voltage v out ?0.5 to v cc +0.5v v input diode current i ik ?20 ma output diode current i ok 20 (note1) ma dc output current i out 50 ma dc v cc /ground current i cc 50 ma power dissipation p d 50 mw storage temperature t stg ?65 to 150 c product name j 1 (fsv) 5 v cc 4 out y gnd 2 in b 3 in a 1 start of commercial production 2008-02
TC7SZ00AFS 2014-03-01 2 iec logic symbol truth table a b y l l h l h h h l h h h l operating ranges characteristics symbol rating unit 1.65 to 5.5 supply voltage v cc 1.5 to 5.5 (note 2) v input voltage v in 0 to 5.5 v output voltage v out 0 to v cc v operating temperature t opr ?40 to 85 c 0 to 20 (v cc = 1.80 v 0.15 v, 2.5 v 0.2 v) 0 to 10 (v cc = 3.3 v 0.3 v) input rise and fall time dt/dv 0 to 5 (v cc = 5.0 v 0.5 v) ns/v note 2: data retention only out y & in b in a
TC7SZ00AFS 2014-03-01 3 electrical characteristics dc characteristics ta = 25c ta = ? 40 to 85c characteristics symbol test condition v cc (v) min typ. max min max unit 1.65 to 1.95 v cc 0.75 ? ? v cc 0.75 ? high-level input voltage v ih ? 2.3 to 5.5 v cc 0.7 ? ? v cc 0.7 ? v 1.65 to 1.95 ? ? v cc 0.25 ? v cc 0.25 low-level input voltage v il ? 2.3 to 5.5 ? ? v cc 0.3 ? v cc 0.3 v 1.65 1.55 1.65 ? 1.55 ? 2.3 2.2 2.3 ? 2.2 ? 3.0 2.9 3.0 ? 2.9 ? i oh = ?100 a 4.5 4.4 4.5 ? 4.4 ? i oh = ? 4 ma 1.65 1.29 1.52 ? 1.29 ? i oh = ? 8 ma 2.3 1.9 2.15 ? 1.9 ? i oh = ? 16 ma 3.0 2.4 2.8 ? 2.4 ? i oh = ? 24 ma 3.0 2.3 2.68 ? 2.3 ? high-level output voltage v oh v in = v il or v ih i oh = ? 32 ma 4.5 3.8 4.2 ? 3.8 ? v 1.65 ? 0 0.1 ? 0.1 2.3 ? 0 0.1 ? 0.1 3.0 ? 0 0.1 ? 0.1 i ol = 100 a 4.5 ? 0 0.1 ? 0.1 i ol = 4 ma 1.65 ? 0.08 0.24 ? 0.24 i ol = 8 ma 2.3 ? 0.1 0.3 ? 0.3 i ol = 16 ma 3.0 ? 0.15 0.4 ? 0.4 i ol = 24 ma 3.0 ? 0.22 0.55 ? 0.55 low-level output voltage v ol v in = v ih i ol = 32 ma 4.5 ? 0.22 0.55 ? 0.55 v input leakage current i in v in = 5.5 v or gnd 0 to 5.5 ? ? 1 ? 10 a quiescent supply current i cc v in = 5.5v or gnd 1.65 to 5.5 ? ? 1 ? 10 a
TC7SZ00AFS 2014-03-01 4 ac characteristics (unless otherwise specified, input: t r = t f = 3 ns) ta = 25c ta = ? 40 to 85c characteristics symbol test condition v cc (v) min typ. max min max unit 1.80 0.15 2.0 5.3 9.6 2.0 9.8 2.5 0.2 0.8 3.2 5.3 0.8 5.7 3.3 0.3 0.5 2.4 3.7 0.5 4.0 c l = 15 pf, r l = 1 m 5.0 0.5 0.5 1.9 2.9 0.5 3.2 3.3 0.3 1.5 3.0 4.6 1.5 4.9 propagation delay time t plh t phl c l = 50 pf, r l = 500 5.0 0.5 0.8 2.4 3.6 0.8 3.9 ns input capacitance c in ? 0 to 5.5 ? 4 ? ? ? pf 3.3 ? 19 ? ? ? power dissipation capacitance c pd (note 3) 5.5 ? 27 ? ? ? pf note 3: c pd is defined as the value of the internal equivalent capacitance whic h is calculated from the operating current consumption without load. average operating current can be obtained by the equation. i cc (opr.) = c pd ?v cc ?f in + i cc
TC7SZ00AFS 2014-03-01 5 package dimensions son5-p-0.35 unit: mm weight: 0.001 g (typ.)
TC7SZ00AFS 2014-03-01 6 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (colle ctively "toshiba"), reserve the right to make changes to the information in this document, and related hardware, softwa re and systems (collectively "product") without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba's written permission, reproduc tion is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid sit uations in which a malfunction or failure of product could cause loss of human lif e, bodily injury or damage to property, including data loss or corrupt ion. before customers use the product, create designs includ ing the product, or incorporate the product into their own applications, customers must also refer to and comply with (a) the lates t versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precaut ions and conditions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the produc t will be used with or for. customers are solely responsible for all aspects of their own product design or app lications, including but not limited to (a) determining the appropriateness of the us e of this product in such design or applicati ons; (b) evaluating and determining the applicab ility of any information contained in t his document, or in charts, diagrams, programs, algorithms, sample application circuits, or any ot her referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted fo r use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific appl ications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used f or automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, el evators and escalators, devices related to elec tric power, and equipment used in finance-related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as pr ovided in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability wh atsoever, including without limitation, indirect, consequential, special, or incidental damages or loss, including without limitation, loss of pr ofits, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limit ation, the japanese foreign exchange and foreign trade law and the u.s. export administration regulations. export and re-export of product or related software or technology are strictly proh ibited except in compliance with all appl icable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of product. please use product in compliance with all applicable laws and regulations that regulate the inclusion or use of contro lled substances, including without limit ation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncomplianc e with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TC7SZ00AFS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X