Part Number Hot Search : 
FSDM0365 EVAL2 82562G FSDM0365 APM4052D M41ST MUR16 M41ST
Product Description
Full Text Search
 

To Download T543D477M2R5ATS007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 1 benefts ? extremely low esr ? high frequency capacitance retention ? 100% accelerated steady state aging ? 100% surge current tested ? taped and reeled per eia 481 ? volumetrically effcienct ? surge options at 25oc and -55oc/+85oc ? eia standard case sizes ? halogen-free epoxy/rohs compliant overview the kemet organic capacitor (ko-cap) is a solid electrolytic capacitor with a conductive polymer cathode capable of delivering very low esr and improved capacitance retention at high frequencies. ko-cap combines the low esr of multilayer ceramic, the high capacitance of aluminum electrolytic and the volumetric effciency of tantalum into a single surface mount package. unlike liquid electrolyte-based capacitors, ko-cap has a very long operational life and high ripple current capabilities. the t543 cots polymer electrolytic capacitor is an upscreened version of the industrial t520 ko-cap. the t543's upscreeed option includes surge current testing of 10 cycles at +25c and 10 cycles at ?55c/+85c. in addition to 100% tin (sn) terminations a tin-lead (snpb) option is also available. the recommended application derating for these capacitors is 10 C 20%, rendering them suitable for application voltages from 2.25 to 50 vdc. kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc applications typical applications include dc/dc converters, switch mode and point of load power supply, radar pulse capacitor and telecommunications (mobile phone and base station). other general applications include decoupling and fltering in applications requiring low esr or a benign failure mode. when extreme temperatures and humidity are taken into account, polymer tantalum capacitors offer a number of advantages over other types of capacitors. kemet continues to investigate the behavior of polymer tantalum capacitors in extreme conditions. if you have questions about using these capacitors in a specifc environment or application, we suggest you contact your local kemet representative or field application engineer. you may also refer to considerations for polymer capacitors in extreme environments located at www.kemet.com/extremepolymerpaper . environmental compliance rohs compliant (6/6) according to directive 2002/95/ec when ordered with 100% sn solder. one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 2 2 spice for a detailed analysis of specifc part numbers, please visit www.kemet.com for a free download of kemet's spice software. the kemet spice program is freeware intended to aid design engineers in analyzing the performance of these capacitors over frequency, temperature, ripple, and dc bias conditions. ordering information t 543 d 156 k 035 a h e 100 capacitor class series case size capacitance code (pf) capacitance tolerance rated voltage (vdc) failure rate/ design termination finish surge esr packaging (c-spec) t = tantalum polymer tantalum cots a, b, c, d, h, l, m, t, u, v, w, x, y first two digits represent signifcant fgures. third digit specifes number of zeros. k = 10% m = 20% 2r5 = 2.5 003 = 3 004 = 4 006 = 6.3 010 = 10 12r = 12.5 016 = 16 020 = 20 025 = 25 035 = 35 050 = 50 063 =63 a = n/a h = standard solder coated (snpb 5% pb minimum) t = 100% tin (sn) e = none s = 10 cycles 25c w = 10 cycles -55c and 85c esr in m blank = 7" reel 7280 = 13" reel performance characteristics item performance characteristics operating temperature -55c to 105c rated capacitance range 4.7 C 1,500 f at 120 hz/25c capacitance tolerance k tolerance (10%), m tolerance (20%) rated voltage range 2.5 C 63 v df (120 hz) refer to part number electrical specifcation table esr (100 khz) refer to part number electrical specifcation table leakage current 0.1 cv (a) at rated voltage after 5 minutes kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 3 3 qualifcation test condition characteristics endurance 105c at rated voltage, 2,000 hours c/c within -20/+10 of initial value df within initial limits dcl within 1.25 x initial limit esr within 2.0 x initial limit storage life 105c at 0 volts, 2,000 hours c/c c/c within -5%/+35% of initial value df within initial limits dcl within 5.0 x initial limit esr within 2.0 x initial limit temperature stability extreme temperature exposure at a succession of continuous steps at +25oc, -55oc, +25oc, +85oc, +105oc, +25o c +25c -55c +85c +105c c/c i l* +/-20% +/-20% +/-30% df il il 1.2 x il 1.5 x il dcl il n/a 10 x il 10 x il surge voltage 105c, 1.32 x rated voltage, 1,000 cycles c/c within -20/+10 of initial value df within initial limits dcl within initial limits esr within initial limits mechanical shock/vibration milCstdC202, method 213, condition i, 100 g peak milCstdC202, method 204, condition d, 10 hz to 2,000 hz, 20 g peak c/c within 10 of initial value df within initial limits dcl within initial limits *il = initial limit kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 4 4 electrical characteristics esr vs. frequency capacitance vs. frequency 0.001 0.01 0.1 1 10 100 100 1,000 10,000 100,000 1,000,000 10,000,000 impedance, esr (ohms) frequency (hz) t5430b157m006ate035_imp t543c227m006ate025_imp t543v337m006ate015_imp t543d337m006ate009_imp t543b157m006ate035_esr t543c227m006ate025_esr t543v337m006ate015_esr t543d337m006ate009_esr 1 10 100 1,000 100 1,000 10,000 100,000 1,000,000 10,000,000 capacitance ( f) frequency (hz) t543b157m006ate035 t543c227m006ate025 t543v337m006ate015 t543d337m006ate009 kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 5 5 dimensions C millimeters h x t b b g f e a l r p side view anode (+) end view bottom view cathode (-) end view w s s termination cutout at kemet's option, either end glue pad shape/design at kemet's option case size component dimensions weight kemet eia l w h f 0.1 (0.004) s 0.3 (0.012) b 0.15 (ref) 0.006 x (ref) p (ref) r (ref) t (ref) a (min) g (ref) e (ref) (mg) a 3216C18 3.2 0.2 (0.126 0.008) 1.6 0.2 (0.063 0.008) 1.6 0.2 (0.063 0.008) 1.2 (0.047) 0.8 (0.031) 0.4 (0.016) 0.10 0.10 (0.004 0.004) 0.4 (.016) 0.4 (0.016) 0.13 (0.005) 0.8 (.31) 1.1 (0.043) 1.3 (0.051) 53.17 b 3528C21 3.5 0.2 (0.138 0.008) 2.8 0.2 (0.110 0.008) 1.9 0.1 (0.075 0.004) 2.2 (0.087) 0.8 (0.031) 0.4 (0.016) 0.10 0.10 (0.004 0.004) 0.5 (.020) 1.0 (0.039) 0.13 (0.005) 1.1 (0.043) 1.8 (0.071) 2.2 (0.087) 98.30 c 6032C28 6.0 0.3 (0.236 0.012) 3.2 0.3 (0.126 0.012) 2.5 0.3 (0.098 0.012) 2.2 (0.087) 1.3 (0.051) 0.5 (0.020) 0.10 0.10 (0.004 0.004) 0.9 (.035) 1.0 (0.039) 0.13 (0.005) 2.5(.098) 2.8 (0.110) 2.4 (0.094) 193.46 d 7343C31 7.3 0.3 (0.287 0.012) 4.3 0.3 (0.169 0.012) 2.8 0.3 (0.110 0.012) 2.4 (0.094) 1.3 (0.051) 0.5 (0.020) 0.10 0.10 (0.004 0.004) 0.9 (0.035) 1.0 (0.039) 0.13 (0.005) 3.8 (.150) 3.5 (0.138) 3.5 (0.138) 352.36 h 7360C20 7.3 0.3 (0.287 0.012) 6.00.3 (0.236 0.012) 1.9 0.1 (0.075 0.004) 4.1 (0.161) 1.3 (0.051) n/a 0.10 0.10 (0.004 0.004) n/a n/a 0.13 (0.005) 3.3 (.130) 3.5 (0.138) 3.5 (0.138) 366.62 l 6032C19 6.0 0.3 (0.236 0.012) 3.2 0.2 (0.110 0.008) 1.8 0.1 (0.071 0.004) 2.2 (0.087) 1.3 (0.051) n/a 0.05 (0.002) n/a n/a 0.13 (0.005) 2.5(.098) 2.8 (0.110) 2.4 (0.094) no data m 3528C15 3.5 0.2 (0.138 0.008) 2.8 0.2 (0.110 0.008) 1.4 0.1 (0.055 0.004) 2.2 (0.087) 0.8 (0.031) n/a 0.05 (0.002) n/a n/a 0.13 (0.005) 1.1 (.043) 1.8 (0.071) 2.2 (0.087) 97.99 t 3528C12 3.5 0.2 (0.138 0.008) 2.8 0.2 (0.110 0.008) 1.1 0.1 (0.043 0.004) 2.2 (0.087) 0.8 (0.031) n/a 0.05 (0.002) n/a n/a 0.13 (0.005) 1.1 (.043) 1.8 (0.071) 2.2 (0.087) 59.38 u 6032C15 6.0 0.3 (0.236 0.012) 3.2 0.2 (0.110 0.008) 1.4 0.1 (0.055 0.004) 2.2 (0.087) 1.3 (0.051) n/a 0.05 (0.002) n/a n/a 0.13 (0.005) 2.5(.098) 2.8 (0.110) 2.4 (0.094) no data v 7343C20 7.3 0.3 (0.287 0.012) 4.3 0.3 (0.169 0.012) 1.9 0.1 (0.075 0.004) 2.4 (0.094) 1.3 (0.051) n/a 0.05 (0.002) n/a n/a 0.13 (0.005) 3.8 (0.150) 3.5 (0.138) 3.5 (0.138) 262.90 w 7343C15 7.3 0.3 (0.287 0.012) 4.3 0.3 (0.169 0.012) 1.4 0.1 (0.055 0.004) 2.4 (0.094) 1.3 (0.051) n/a 0.05 (0.002) n/a n/a 0.13 (0.005) 3.8 (0.150) 3.5 (0.138) 3.5 (0.138) 222.94 x 7343C43 7.3 0.3 (0.287 0.012) 4.3 0.3 (0.169 0.012) 4.0 0.3 (0.157 0.012) 2.4 (0.094) 1.3 (0.051) 0.5 (0.020) 0.10 0.10 (0.004 0.004) 1.7 (0.067) 1.0 (0.039) 0.13 (0.005) 3.8 (0.150) 3.5 (0.138) 3.5 (0.138) 588.16 y 7343C40 7.3 0.3 (0.287 0.012) 4.3 0.3 (0.169 0.012) 3.8 0.2 (0.150 0.008) 2.4 (0.094) 1.3 (0.051) 0.5 (0.020) 0.10 0.10 (0.004 0.004) 1.7 (0.067) 1.0 (0.039) 0.13 (0.005) 3.8 (0.150) 3.5 (0.138) 3.5 (0.138) 481.55 notes: (ref) C dimensions provided for reference only. for low profle cases, no dimensions are provided for b, p or r because these cases do not have a bevel or a notch. kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 6 6 table 1 C ratings & part number reference (1) to complete kemet part number, insert m for 20%, k for 10%. designates capacitance tolerance. (2) to complete kemet part number, h = solder plated, t = 100% tin (sn). designates termination fnish. (3) to complete kemet part number, insert e = none, s = 10 cycles +25c, w = 10 cycles -55c +85c. designates surge current option. refer to ordering information for additional detail. rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc 2.5 47 a/3216-18 t543a476(1)2r5a(2)(3)090 12 8 90 1116 105 3 2.5 56 t/3528-12 t543t566(1)2r5a(2)(3)040 14 8 40 1620 105 3 2.5 56 t/3528-12 t543t566(1)2r5a(2)(3)070 14 8 70 1225 105 3 2.5 68 a/3216-18 t543a686(1)2r5a(2)(3)070 17 8 70 1265 105 3 2.5 68 a/3216-18 t543a686(1)2r5a(2)(3)080 17 8 80 1183 105 3 2.5 100 t/3528-12 t543t107(1)2r5a(2)(3)040 25 8 40 1620 105 3 2.5 100 t/3528-12 t543t107(1)2r5a(2)(3)070 25 8 70 1225 105 3 2.5 100 t/3528-12 t543t107(1)2r5a(2)(3)080 25 8 80 1146 105 3 2.5 100 b/3528-21 t543b107(1)2r5a(2)(3)025 25 8 25 2254 105 3 2.5 100 b/3528-21 t543b107(1)2r5a(2)(3)035 25 8 35 1905 105 3 2.5 100 b/3528-21 t543b107(1)2r5a(2)(3)040 25 8 40 1782 105 3 2.5 100 b/3528-21 t543b107(1)2r5a(2)(3)070 25 8 70 1347 105 3 2.5 150 u/6032-15 t543u157(1)2r5a(2)(3)055 38 8 55 1567 105 3 2.5 220 b/3528-21 t543b227(1)2r5a(2)(3)025 55 8 25 2254 105 3 2.5 220 b/3528-21 t543b227(1)2r5a(2)(3)030 55 8 30 2058 105 3 2.5 220 b/3528-21 t543b227(1)2r5a(2)(3)035 55 8 35 1905 105 3 2.5 220 b/3528-21 t543b227(1)2r5a(2)(3)055 55 8 55 1520 105 3 2.5 220 b/3528-21 t543b227(1)2r5a(2)(3)070 55 8 70 1347 105 3 2.5 220 u/6032-15 t543u227(1)2r5a(2)(3)055 55 8 55 1567 105 3 2.5 220 c/6032-25 t543c227(1)2r5a(2)(3)025 55 8 25 2569 105 3 2.5 220 c/6032-25 t543c227(1)2r5a(2)(3)045 55 8 45 1915 105 3 2.5 220 w/7343-15 t543w227(1)2r5a(2)(3)025 55 10 25 2683 105 3 2.5 220 v/7343-20 t543v227(1)2r5a(2)(3)015 55 10 15 3531 105 3 2.5 220 v/7343-20 t543v227(1)2r5a(2)(3)025 55 10 25 2735 105 3 2.5 220 v/7343-20 t543v227(1)2r5a(2)(3)045 55 10 45 2039 105 3 2.5 220 d-7343-31 t543d227(1)2r5a(2)(3)040 55 10 40 2372 105 3 2.5 330 b/3528-21 t543b337(1)2r5a(2)(3)035 83 8 35 1905 105 3 2.5 330 b/3528-21 t543b337(1)2r5a(2)(3)045 83 8 45 1680 105 3 2.5 330 b/3528-21 t543b337(1)2r5a(2)(3)070 83 8 70 1347 105 3 2.5 330 l/6032-19 t543l337(1)2r5a(2)(3)012 83 8 12 3536 105 3 2.5 330 l/6032-19 t543l337(1)2r5a(2)(3)025 83 8 25 2449 105 3 2.5 330 c/6032-25 t543c337(1)2r5a(2)(3)015 83 8 15 3317 105 3 2.5 330 c/6032-25 t543c337(1)2r5a(2)(3)018 83 8 18 3028 105 3 2.5 330 c/6032-25 t543c337(1)2r5a(2)(3)025 83 8 25 2569 105 3 2.5 330 c/6032-25 t543c337(1)2r5a(2)(3)045 83 8 45 1915 105 3 2.5 330 w/7343-15 t543w337(1)2r5a(2)(3)015 83 10 15 3464 105 3 2.5 330 w/7343-15 t543w337(1)2r5a(2)(3)025 83 10 25 2683 105 3 2.5 330 w/7343-15 t543w337(1)2r5a(2)(3)040 83 10 40 2121 105 3 2.5 330 v/7343-20 t543v337(1)2r5a(2)(3)015 83 10 15 3531 105 3 2.5 330 v/7343-20 t543v337(1)2r5a(2)(3)018 83 10 18 3223 105 3 2.5 330 v/7343-20 t543v337(1)2r5a(2)(3)025 83 10 25 2735 105 3 2.5 330 v/7343-20 t543v337(1)2r5a(2)(3)040 83 10 40 2162 105 3 2.5 330 d-7343-31 t543d337(1)2r5a(2)(3)006 83 10 6 6124 105 3 2.5 330 d-7343-31 t543d337(1)2r5a(2)(3)007 83 10 7 5669 105 3 2.5 330 d-7343-31 t543d337(1)2r5a(2)(3)025 83 10 25 3000 105 3 2.5 470 c/6032-25 t543c477(1)2r5a(2)(3)025 118 8 25 2569 105 3 2.5 470 c/6032-25 t543c477(1)2r5a(2)(3)045 118 8 45 1915 105 3 2.5 470 v/7343-20 t543v477(1)2r5a(2)(3)018 118 10 18 3223 105 3 2.5 470 d-7343-31 t543d477(1)2r5a(2)(3)005 118 10 5 6708 105 3 2.5 470 d-7343-31 t543d477(1)2r5a(2)(3)006 118 10 6 6124 105 3 vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc rated voltage rated capacitance case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 7 7 table 1 C ratings & part number reference cont'd (1) to complete kemet part number, insert m for 20%, k for 10%. designates capacitance tolerance. (2) to complete kemet part number, h = solder plated, t = 100% tin (sn). designates termination fnish. (3) to complete kemet part number, insert e = none, s = 10 cycles +25c, w = 10 cycles -55c +85c. designates surge current option. refer to ordering information for additional detail. rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc 2.5 470 d-7343-31 t543d477(1)2r5a(2)(3)007 118 10 7 5669 105 3 2.5 470 d-7343-31 t543d477(1)2r5a(2)(3)009 118 10 9 5000 105 3 2.5 470 d-7343-31 t543d477(1)2r5a(2)(3)010 118 10 10 4743 105 3 2.5 470 d-7343-31 t543d477(1)2r5a(2)(3)025 118 10 25 3000 105 3 2.5 560 d-7343-31 t543d567(1)2r5a(2)(3)005 140 10 5 6708 105 3 2.5 680 d-7343-31 t543d687(1)2r5a(2)(3)006 170 10 6 6124 105 3 2.5 680 d-7343-31 t543d687(1)2r5a(2)(3)010 170 10 10 4743 105 3 2.5 680 d-7343-31 t543d687(1)2r5a(2)(3)015 170 10 15 3873 105 3 2.5 680 d-7343-31 t543d687(1)2r5a(2)(3)040 170 10 40 2372 105 3 2.5 680 y/7343-40 t543y687(1)2r5a(2)(3)005 170 10 5 6943 105 3 2.5 680 y/7343-40 t543y687(1)2r5a(2)(3)006 170 10 6 6338 105 3 2.5 680 y/7343-40 t543y687(1)2r5a(2)(3)010 170 10 10 4909 105 3 2.5 680 y/7343-40 t543y687(1)2r5a(2)(3)015 170 10 15 4008 105 3 2.5 680 y/7343-40 t543y687(1)2r5a(2)(3)025 170 10 25 3105 105 3 2.5 680 x/7343-43 t543x687(1)2r5a(2)(3)006 170 10 6 6416 105 3 2.5 1000 y/7343-40 t543y108(1)2r5a(2)(3)005 250 10 5 6943 105 3 2.5 1000 y/7343-40 t543y108(1)2r5a(2)(3)006 250 10 6 6338 105 3 2.5 1000 y/7343-40 t543y108(1)2r5a(2)(3)010 250 10 10 4909 105 3 2.5 1000 y/7343-40 t543y108(1)2r5a(2)(3)015 250 10 15 4008 105 3 2.5 1000 y/7343-40 t543y108(1)2r5a(2)(3)025 250 10 25 3105 105 3 2.5 1000 x/7343-43 t543x108(1)2r5a(2)(3)005 250 10 5 7029 105 3 2.5 1000 x/7343-43 t543x108(1)2r5a(2)(3)006 250 10 6 6416 105 3 2.5 1000 x/7343-43 t543x108(1)2r5a(2)(3)010 250 10 10 4970 105 3 2.5 1500 x/7343-43 t543x158(1)2r5a(2)(3)005 375 10 5 7029 105 3 2.5 1500 x/7343-43 t543x158(1)2r5a(2)(3)010 375 10 10 4970 105 3 3 100 b/3528-21 t543b107(1)003a(2)(3)035 30 8 35 1905 105 3 3 100 b/3528-21 t543b107(1)003a(2)(3)040 30 8 40 1782 105 3 3 100 b/3528-21 t543b107(1)003a(2)(3)070 30 8 70 1347 105 3 3 100 b/3528-21 t543b107(1)003a(2)(3)080 30 8 80 1260 105 3 3 150 b/3528-21 t543b157(1)003a(2)(3)035 45 8 35 1905 105 3 3 150 b/3528-21 t543b157(1)003a(2)(3)040 45 8 40 1782 105 3 3 150 b/3528-21 t543b157(1)003a(2)(3)070 45 8 70 1347 105 3 3 150 b/3528-21 t543b157(1)003a(2)(3)080 45 8 80 1260 105 3 3 330 v/7343-20 t543v337(1)003a(2)(3)015 99 10 15 3531 105 3 3 330 v/7343-20 t543v337(1)003a(2)(3)025 99 10 25 2735 105 3 3 330 d-7343-31 t543d337(1)003a(2)(3)025 99 10 25 3000 105 3 3 470 d-7343-31 t543d477(1)003a(2)(3)010 141 10 10 4743 105 3 3 470 d-7343-31 t543d477(1)003a(2)(3)025 141 10 25 3000 105 3 3 680 d-7343-31 t543d687(1)003a(2)(3)010 204 10 10 4743 105 3 3 680 d-7343-31 t543d687(1)003a(2)(3)015 204 10 15 3873 105 3 3 680 d-7343-31 t543d687(1)003a(2)(3)025 204 10 25 3000 105 3 3 680 d-7343-31 t543d687(1)003a(2)(3)040 204 10 40 2372 105 3 3 1000 x/7343-43 t543x108(1)003a(2)(3)010 300 10 10 4970 105 3 3 1000 x/7343-43 t543x108(1)003a(2)(3)015 300 10 15 4058 105 3 3 1000 x/7343-43 t543x108(1)003a(2)(3)030 300 10 30 2869 105 3 3 1500 x/7343-43 t543x158(1)003a(2)(3)008 450 10 8 5557 105 3 4 15 t/3528-12 t543t156(1)004a(2)(3)100 6 8 100 1025 105 3 4 33 a/3216-18 t543a336(1)004a(2)(3)070 13 8 70 1265 105 3 4 33 a/3216-18 t543a336(1)004a(2)(3)080 13 8 80 1183 105 3 4 47 a/3216-18 t543a476(1)004a(2)(3)070 19 8 70 1265 105 3 vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc rated voltage rated capacitance case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 8 8 rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc 4 47 a/3216-18 t543a476(1)004a(2)(3)080 19 8 80 1183 105 3 4 47 t/3528-12 t543t476(1)004a(2)(3)070 19 8 70 1225 105 3 4 68 t/3528-12 t543t686(1)004a(2)(3)070 27 8 70 1225 105 3 4 68 t/3528-12 t543t686(1)004a(2)(3)080 27 8 80 1146 105 3 4 68 b/3528-21 t543b686(1)004a(2)(3)035 27 8 35 1905 105 3 4 68 b/3528-21 t543b686(1)004a(2)(3)040 27 8 40 1782 105 3 4 68 b/3528-21 t543b686(1)004a(2)(3)070 27 8 70 1347 105 3 4 68 b/3528-21 t543b686(1)004a(2)(3)080 27 8 80 1260 105 3 4 68 u/6032-15 t543u686(1)004a(2)(3)055 27 8 55 1567 105 3 4 100 a/3216-18 t543a107(1)004a(2)(3)150 40 8 150 864 105 3 4 100 a/3216-18 t543a107(1)004a(2)(3)200 40 8 200 748 105 3 4 100 t/3528-12 t543t107(1)004a(2)(3)070 40 8 70 1225 105 3 4 100 t/3528-12 t543t107(1)004a(2)(3)150 40 8 150 837 105 3 4 100 b/3528-21 t543b107(1)004a(2)(3)035 40 8 35 1905 105 3 4 100 b/3528-21 t543b107(1)004a(2)(3)040 40 8 40 1782 105 3 4 100 b/3528-21 t543b107(1)004a(2)(3)070 40 8 70 1347 105 3 4 100 b/3528-21 t543b107(1)004a(2)(3)080 40 8 80 1260 105 3 4 100 u/6032-15 t543u107(1)004a(2)(3)055 40 8 55 1567 105 3 4 150 b/3528-21 t543b157(1)004a(2)(3)035 60 8 35 1905 105 3 4 150 b/3528-21 t543b157(1)004a(2)(3)040 60 8 40 1782 105 3 4 150 b/3528-21 t543b157(1)004a(2)(3)070 60 8 70 1347 105 3 4 150 u/6032-15 t543u157(1)004a(2)(3)055 60 8 55 1567 105 3 4 150 c/6032-25 t543c157(1)004a(2)(3)015 60 8 15 3317 105 3 4 150 c/6032-25 t543c157(1)004a(2)(3)025 60 8 25 2569 105 3 4 150 c/6032-25 t543c157(1)004a(2)(3)045 60 8 45 1915 105 3 4 150 c/6032-25 t543c157(1)004a(2)(3)100 60 8 100 1285 105 3 4 150 v/7343-20 t543v157(1)004a(2)(3)015 60 10 15 3531 105 3 4 150 v/7343-20 t543v157(1)004a(2)(3)025 60 10 25 2735 105 3 4 220 b/3528-21 t543b227(1)004a(2)(3)035 88 8 35 1905 105 3 4 220 b/3528-21 t543b227(1)004a(2)(3)045 88 8 45 1680 105 3 4 220 b/3528-21 t543b227(1)004a(2)(3)070 88 8 70 1347 105 3 4 220 l/6032-19 t543l227(1)004a(2)(3)012 88 8 12 3536 105 3 4 220 l/6032-19 t543l227(1)004a(2)(3)025 88 8 25 2449 105 3 4 220 c/6032-25 t543c227(1)004a(2)(3)015 88 8 15 3317 105 3 4 220 c/6032-25 t543c227(1)004a(2)(3)018 88 8 18 3028 105 3 4 220 c/6032-25 t543c227(1)004a(2)(3)025 88 8 25 2569 105 3 4 220 c/6032-25 t543c227(1)004a(2)(3)045 88 8 45 1915 105 3 4 220 c/6032-25 t543c227(1)004a(2)(3)055 88 8 55 1732 105 3 4 220 w/7343-15 t543w227(1)004a(2)(3)025 88 10 25 2683 105 3 4 220 w/7343-15 t543w227(1)004a(2)(3)040 88 10 40 2121 105 3 4 220 v/7343-20 t543v227(1)004a(2)(3)015 88 10 15 3531 105 3 4 220 v/7343-20 t543v227(1)004a(2)(3)018 88 10 18 3223 105 3 4 220 v/7343-20 t543v227(1)004a(2)(3)025 88 10 25 2735 105 3 4 220 v/7343-20 t543v227(1)004a(2)(3)040 88 10 40 2162 105 3 4 220 v/7343-20 t543v227(1)004a(2)(3)045 88 10 45 2039 105 3 4 220 d-7343-31 t543d227(1)004a(2)(3)025 88 10 25 3000 105 3 4 220 d-7343-31 t543d227(1)004a(2)(3)065 88 10 65 1861 105 3 4 330 c/6032-25 t543c337(1)004a(2)(3)025 132 8 25 2569 105 3 4 330 c/6032-25 t543c337(1)004a(2)(3)045 132 8 45 1915 105 3 4 330 v/7343-20 t543v337(1)004a(2)(3)018 132 10 18 3223 105 3 vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc rated voltage rated capacitance case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl table 1 C ratings & part number reference cont'd (1) to complete kemet part number, insert m for 20%, k for 10%. designates capacitance tolerance. (2) to complete kemet part number, h = solder plated, t = 100% tin (sn). designates termination fnish. (3) to complete kemet part number, insert e = none, s = 10 cycles +25c, w = 10 cycles -55c +85c. designates surge current option. refer to ordering information for additional detail. kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 9 9 rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc 4 330 v/7343-20 t543v337(1)004a(2)(3)025 132 10 25 2735 105 3 4 330 v/7343-20 t543v337(1)004a(2)(3)040 132 10 40 2162 105 3 4 330 d-7343-31 t543d337(1)004a(2)(3)005 132 10 5 6708 105 3 4 330 d-7343-31 t543d337(1)004a(2)(3)006 132 10 6 6124 105 3 4 330 d-7343-31 t543d337(1)004a(2)(3)007 132 10 7 5669 105 3 4 330 d-7343-31 t543d337(1)004a(2)(3)009 132 10 9 5000 105 3 4 330 d-7343-31 t543d337(1)004a(2)(3)010 132 10 10 4743 105 3 4 330 d-7343-31 t543d337(1)004a(2)(3)012 132 10 12 4330 105 3 4 330 d-7343-31 t543d337(1)004a(2)(3)015 132 10 15 3873 105 3 4 330 d-7343-31 t543d337(1)004a(2)(3)025 132 10 25 3000 105 3 4 330 d-7343-31 t543d337(1)004a(2)(3)040 132 10 40 2372 105 3 4 330 d-7343-31 t543d337(1)004a(2)(3)045 132 10 45 2236 105 3 4 470 d-7343-31 t543d477(1)004a(2)(3)006 188 10 6 6124 105 3 4 470 d-7343-31 t543d477(1)004a(2)(3)010 188 10 10 4743 105 3 4 470 d-7343-31 t543d477(1)004a(2)(3)012 188 10 12 4330 105 3 4 470 d-7343-31 t543d477(1)004a(2)(3)015 188 10 15 3873 105 3 4 470 d-7343-31 t543d477(1)004a(2)(3)018 188 10 18 3536 105 3 4 470 d-7343-31 t543d477(1)004a(2)(3)025 188 10 25 3000 105 3 4 470 d-7343-31 t543d477(1)004a(2)(3)040 188 10 40 2372 105 3 4 470 y/7343-40 t543y477(1)004a(2)(3)005 188 10 5 6943 105 3 4 470 y/7343-40 t543y477(1)004a(2)(3)006 188 10 6 6338 105 3 4 470 y/7343-40 t543y477(1)004a(2)(3)010 188 10 10 4909 105 3 4 470 y/7343-40 t543y477(1)004a(2)(3)025 188 10 25 3105 105 3 4 470 y/7343-40 t543y477(1)004a(2)(3)040 188 10 40 2455 105 3 4 680 d-7343-31 t543d687(1)004a(2)(3)025 272 10 25 3000 105 3 4 680 y/7343-40 t543y687(1)004a(2)(3)005 272 10 5 6943 105 3 4 680 y/7343-40 t543y687(1)004a(2)(3)010 272 10 10 4909 105 3 4 680 y/7343-40 t543y687(1)004a(2)(3)015 272 10 15 4008 105 3 4 680 y/7343-40 t543y687(1)004a(2)(3)025 272 10 25 3105 105 3 4 680 x/7343-43 t543x687(1)004a(2)(3)005 272 10 5 7029 105 3 4 680 x/7343-43 t543x687(1)004a(2)(3)006 272 10 6 6416 105 3 4 680 x/7343-43 t543x687(1)004a(2)(3)010 272 10 10 4970 105 3 4 680 x/7343-43 t543x687(1)004a(2)(3)015 272 10 15 4058 105 3 4 680 x/7343-43 t543x687(1)004a(2)(3)035 272 10 35 2657 105 3 4 1000 x/7343-43 t543x108(1)004a(2)(3)006 400 10 6 6416 105 3 4 1000 x/7343-43 t543x108(1)004a(2)(3)010 400 10 10 4970 105 3 6.3 15 t/3528-12 t543t156(1)006a(2)(3)100 9 8 100 1025 105 3 6.3 22 a/3216-18 t543a226(1)006a(2)(3)090 14 8 90 1116 105 3 6.3 22 a/3216-18 t543a226(1)006a(2)(3)100 14 8 100 1058 105 3 6.3 33 a/3216-18 t543a336(1)006a(2)(3)070 21 8 70 1265 105 3 6.3 33 a/3216-18 t543a336(1)006a(2)(3)080 21 8 80 1183 105 3 6.3 33 a/3216-18 t543a336(1)006a(2)(3)120 21 8 120 966 105 3 6.3 33 t/3528-12 t543t336(1)006a(2)(3)070 21 8 70 1225 105 3 6.3 33 b/3528-21 t543b336(1)006a(2)(3)025 21 8 25 2254 105 3 6.3 33 b/3528-21 t543b336(1)006a(2)(3)035 21 8 35 1905 105 3 6.3 33 b/3528-21 t543b336(1)006a(2)(3)040 21 8 40 1782 105 3 6.3 33 b/3528-21 t543b336(1)006a(2)(3)070 21 8 70 1347 105 3 6.3 33 b/3528-21 t543b336(1)006a(2)(3)080 21 8 80 1260 105 3 6.3 33 c/6032-25 t543c336(1)006a(2)(3)100 21 8 100 1285 105 3 6.3 47 a/3216-18 t543a476(1)006a(2)(3)150 30 8 150 864 105 3 vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc rated voltage rated capacitance case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl table 1 C ratings & part number reference cont'd (1) to complete kemet part number, insert m for 20%, k for 10%. designates capacitance tolerance. (2) to complete kemet part number, h = solder plated, t = 100% tin (sn). designates termination fnish. (3) to complete kemet part number, insert e = none, s = 10 cycles +25c, w = 10 cycles -55c +85c. designates surge current option. refer to ordering information for additional detail. kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 10 10 rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc 6.3 47 t/3528-12 t543t476(1)006a(2)(3)070 30 8 70 1225 105 3 6.3 47 t/3528-12 t543t476(1)006a(2)(3)080 30 8 80 1146 105 3 6.3 47 b/3528-21 t543b476(1)006a(2)(3)025 30 8 25 2254 105 3 6.3 47 b/3528-21 t543b476(1)006a(2)(3)035 30 8 35 1905 105 3 6.3 47 b/3528-21 t543b476(1)006a(2)(3)040 30 8 40 1782 105 3 6.3 47 b/3528-21 t543b476(1)006a(2)(3)070 30 8 70 1347 105 3 6.3 47 b/3528-21 t543b476(1)006a(2)(3)080 30 8 80 1260 105 3 6.3 68 a/3216-18 t543a686(1)006a(2)(3)150 43 8 150 864 105 3 6.3 68 t/3528-12 t543t686(1)006a(2)(3)070 43 8 70 1225 105 3 6.3 68 t/3528-12 t543t686(1)006a(2)(3)150 43 8 150 837 105 3 6.3 68 b/3528-21 t543b686(1)006a(2)(3)025 43 8 25 2254 105 3 6.3 68 b/3528-21 t543b686(1)006a(2)(3)035 43 8 35 1905 105 3 6.3 68 b/3528-21 t543b686(1)006a(2)(3)040 43 8 40 1782 105 3 6.3 68 b/3528-21 t543b686(1)006a(2)(3)070 43 8 70 1347 105 3 6.3 68 b/3528-21 t543b686(1)006a(2)(3)080 43 8 80 1260 105 3 6.3 68 u/6032-15 t543u686(1)006a(2)(3)055 43 8 55 1567 105 3 6.3 68 u/6032-15 t543u686(1)006a(2)(3)070 43 8 70 1389 105 3 6.3 68 c/6032-25 t543c686(1)006a(2)(3)100 43 8 100 1285 105 3 6.3 100 t/3528-12 t543t107(1)006a(2)(3)070 63 8 70 1225 105 3 6.3 100 b/3528-21 t543b107(1)006a(2)(3)025 63 8 25 2254 105 3 6.3 100 b/3528-21 t543b107(1)006a(2)(3)035 63 8 35 1905 105 3 6.3 100 b/3528-21 t543b107(1)006a(2)(3)040 63 8 40 1782 105 3 6.3 100 b/3528-21 t543b107(1)006a(2)(3)045 63 8 45 1680 105 3 6.3 100 b/3528-21 t543b107(1)006a(2)(3)070 63 8 70 1347 105 3 6.3 100 u/6032-15 t543u107(1)006a(2)(3)055 63 8 55 1567 105 3 6.3 100 c/6032-25 t543c107(1)006a(2)(3)025 63 8 25 2569 105 3 6.3 100 c/6032-25 t543c107(1)006a(2)(3)045 63 8 45 1915 105 3 6.3 100 w/7343-15 t543w107(1)006a(2)(3)040 63 10 40 2121 105 3 6.3 100 v/7343-20 t543v107(1)006a(2)(3)015 63 10 15 3531 105 3 6.3 100 v/7343-20 t543v107(1)006a(2)(3)045 63 10 45 2039 105 3 6.3 120 b/3528-21 t543b127(1)006a(2)(3)035 76 8 35 1905 105 3 6.3 150 m/3528-15 t543m157(1)006a(2)(3)070 95 8 70 1309 105 3 6.3 150 m/3528-15 t543m157(1)006a(2)(3)150 95 8 150 894 105 3 6.3 150 b/3528-21 t543b157(1)006a(2)(3)025 95 8 25 2254 105 3 6.3 150 b/3528-21 t543b157(1)006a(2)(3)035 95 8 35 1905 105 3 6.3 150 b/3528-21 t543b157(1)006a(2)(3)045 95 8 45 1680 105 3 6.3 150 b/3528-21 t543b157(1)006a(2)(3)070 95 8 70 1347 105 3 6.3 150 u/6032-15 t543u157(1)006a(2)(3)045 95 8 45 1732 105 3 6.3 150 u/6032-15 t543u157(1)006a(2)(3)055 95 8 55 1567 105 3 6.3 150 l/6032-19 t543l157(1)006a(2)(3)012 95 8 12 3536 105 3 6.3 150 l/6032-19 t543l157(1)006a(2)(3)025 95 8 25 2449 105 3 6.3 150 c/6032-25 t543c157(1)006a(2)(3)015 95 8 15 3317 105 3 6.3 150 c/6032-25 t543c157(1)006a(2)(3)025 95 8 25 2569 105 3 6.3 150 c/6032-25 t543c157(1)006a(2)(3)045 95 8 45 1915 105 3 6.3 150 c/6032-25 t543c157(1)006a(2)(3)055 95 8 55 1732 105 3 6.3 150 w/7343-15 t543w157(1)006a(2)(3)025 95 10 25 2683 105 3 6.3 150 w/7343-15 t543w157(1)006a(2)(3)040 95 10 40 2121 105 3 6.3 150 v/7343-20 t543v157(1)006a(2)(3)015 95 10 15 3531 105 3 6.3 150 v/7343-20 t543v157(1)006a(2)(3)018 95 10 18 3223 105 3 6.3 150 v/7343-20 t543v157(1)006a(2)(3)025 95 10 25 2735 105 3 vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc rated voltage rated capacitance case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl table 1 C ratings & part number reference cont'd (1) to complete kemet part number, insert m for 20%, k for 10%. designates capacitance tolerance. (2) to complete kemet part number, h = solder plated, t = 100% tin (sn). designates termination fnish. (3) to complete kemet part number, insert e = none, s = 10 cycles +25c, w = 10 cycles -55c +85c. designates surge current option. refer to ordering information for additional detail. kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 11 11 rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc 6.3 150 v/7343-20 t543v157(1)006a(2)(3)040 95 10 40 2162 105 3 6.3 150 v/7343-20 t543v157(1)006a(2)(3)045 95 10 45 2039 105 3 6.3 150 d-7343-31 t543d157(1)006a(2)(3)015 95 10 15 3873 105 3 6.3 150 d-7343-31 t543d157(1)006a(2)(3)025 95 10 25 3000 105 3 6.3 150 d-7343-31 t543d157(1)006a(2)(3)055 95 10 55 2023 105 3 6.3 220 b/3528-21 t543b227(1)006a(2)(3)035 139 8 35 1905 105 3 6.3 220 b/3528-21 t543b227(1)006a(2)(3)045 139 8 45 1680 105 3 6.3 220 b/3528-21 t543b227(1)006a(2)(3)070 139 8 70 1347 105 3 6.3 220 c/6032-25 t543c227(1)006a(2)(3)015 139 8 15 3317 105 3 6.3 220 c/6032-25 t543c227(1)006a(2)(3)018 139 8 18 3028 105 3 6.3 220 c/6032-25 t543c227(1)006a(2)(3)025 139 8 25 2569 105 3 6.3 220 c/6032-25 t543c227(1)006a(2)(3)045 139 8 45 1915 105 3 6.3 220 v/7343-20 t543v227(1)006a(2)(3)018 139 10 18 3223 105 3 6.3 220 v/7343-20 t543v227(1)006a(2)(3)025 139 10 25 2735 105 3 6.3 220 v/7343-20 t543v227(1)006a(2)(3)040 139 10 40 2162 105 3 6.3 220 d-7343-31 t543d227(1)006a(2)(3)005 139 10 5 6708 105 3 6.3 220 d-7343-31 t543d227(1)006a(2)(3)006 139 10 6 6124 105 3 6.3 220 d-7343-31 t543d227(1)006a(2)(3)007 139 10 7 5669 105 3 6.3 220 d-7343-31 t543d227(1)006a(2)(3)009 139 10 9 5000 105 3 6.3 220 d-7343-31 t543d227(1)006a(2)(3)010 139 10 10 4743 105 3 6.3 220 d-7343-31 t543d227(1)006a(2)(3)015 139 10 15 3873 105 3 6.3 220 d-7343-31 t543d227(1)006a(2)(3)018 139 10 18 3536 105 3 6.3 220 d-7343-31 t543d227(1)006a(2)(3)025 139 10 25 3000 105 3 6.3 220 d-7343-31 t543d227(1)006a(2)(3)040 139 10 40 2372 105 3 6.3 220 d-7343-31 t543d227(1)006a(2)(3)050 139 10 50 2121 105 3 6.3 330 v/7343-20 t543v337(1)006a(2)(3)015 208 10 15 3531 105 3 6.3 330 v/7343-20 t543v337(1)006a(2)(3)018 208 10 18 3223 105 3 6.3 330 v/7343-20 t543v337(1)006a(2)(3)025 208 10 25 2735 105 3 6.3 330 v/7343-20 t543v337(1)006a(2)(3)040 208 10 40 2162 105 3 6.3 330 v/7343-20 t543v337(1)006a(2)(3)045 208 10 45 2039 105 3 6.3 330 d-7343-31 t543d337(1)006a(2)(3)006 208 10 6 6124 105 3 6.3 330 d-7343-31 t543d337(1)006a(2)(3)009 208 10 9 5000 105 3 6.3 330 d-7343-31 t543d337(1)006a(2)(3)010 208 10 10 4743 105 3 6.3 330 d-7343-31 t543d337(1)006a(2)(3)015 208 10 15 3873 105 3 6.3 330 d-7343-31 t543d337(1)006a(2)(3)018 208 10 18 3536 105 3 6.3 330 d-7343-31 t543d337(1)006a(2)(3)025 208 10 25 3000 105 3 6.3 330 d-7343-31 t543d337(1)006a(2)(3)040 208 10 40 2372 105 3 6.3 330 d-7343-31 t543d337(1)006a(2)(3)045 208 10 45 2236 105 3 6.3 330 y/7343-40 t543y337(1)006a(2)(3)005 208 10 5 6943 105 3 6.3 330 y/7343-40 t543y337(1)006a(2)(3)006 208 10 6 6338 105 3 6.3 330 y/7343-40 t543y337(1)006a(2)(3)010 208 10 10 4909 105 3 6.3 330 y/7343-40 t543y337(1)006a(2)(3)015 208 10 15 4008 105 3 6.3 330 y/7343-40 t543y337(1)006a(2)(3)025 208 10 25 3105 105 3 6.3 330 y/7343-40 t543y337(1)006a(2)(3)040 208 10 40 2455 105 3 6.3 470 w/7343-15 t543w477(1)006a(2)(3)055 296 10 55 1809 85 3 6.3 470 w/7343-15 t543w477(1)006a(2)(3)035 296 10 35 2268 85 3 6.3 470 v/7343-20 t543v477(1)006a(2)(3)055 296 10 55 1844 85 3 6.3 470 d-7343-31 t543d477(1)006a(2)(3)015 296 10 15 3873 105 3 6.3 470 d-7343-31 t543d477(1)006a(2)(3)025 296 10 25 3000 105 3 6.3 470 d-7343-31 t543d477(1)006a(2)(3)030 296 10 30 2739 105 3 vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc rated voltage rated capacitance case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl table 1 C ratings & part number reference cont'd (1) to complete kemet part number, insert m for 20%, k for 10%. designates capacitance tolerance. (2) to complete kemet part number, h = solder plated, t = 100% tin (sn). designates termination fnish. (3) to complete kemet part number, insert e = none, s = 10 cycles +25c, w = 10 cycles -55c +85c. designates surge current option. refer to ordering information for additional detail. kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 12 12 rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc 6.3 470 y/7343-40 t543y477(1)006a(2)(3)005 296 10 5 6943 105 3 6.3 470 y/7343-40 t543y477(1)006a(2)(3)010 296 10 10 4909 105 3 6.3 470 y/7343-40 t543y477(1)006a(2)(3)015 296 10 15 4008 105 3 6.3 470 y/7343-40 t543y477(1)006a(2)(3)018 296 10 18 3659 105 3 6.3 470 y/7343-40 t543y477(1)006a(2)(3)025 296 10 25 3105 105 3 6.3 470 y/7343-40 t543y477(1)006a(2)(3)035 296 10 35 2624 105 3 6.3 470 x/7343-43 t543x477(1)006a(2)(3)005 296 10 5 7029 105 3 6.3 470 x/7343-43 t543x477(1)006a(2)(3)006 296 10 6 6416 105 3 6.3 470 x/7343-43 t543x477(1)006a(2)(3)010 296 10 10 4970 105 3 6.3 470 x/7343-43 t543x477(1)006a(2)(3)018 296 10 18 3704 105 3 6.3 470 x/7343-43 t543x477(1)006a(2)(3)035 296 10 35 2657 105 3 6.3 470 x/7343-43 t543x477(1)006a(2)(3)040 296 10 40 2485 105 3 6.3 680 x/7343-43 t543x687(1)006a(2)(3)010 428 10 10 4970 105 3 6.3 680 x/7343-43 t543x687(1)006a(2)(3)018 428 10 18 3704 105 3 6.3 1000 h/7360-20 t543h108(1)006a(2)(3)055 630 20 55 1844 85 4 6.3 1500 h/7360-20 t543h158(1)006a(2)(3)055 945 20 55 1844 85 4 8 33 t/3528-12 t543t336(1)008a(2)(3)070 26 8 70 1225 105 3 8 33 t/3528-12 t543t336(1)008a(2)(3)080 26 8 80 1146 105 3 8 33 b/3528-21 t543b336(1)008a(2)(3)025 26 8 25 2254 105 3 8 33 b/3528-21 t543b336(1)008a(2)(3)035 26 8 35 1905 105 3 8 33 b/3528-21 t543b336(1)008a(2)(3)040 26 8 40 1782 105 3 8 33 b/3528-21 t543b336(1)008a(2)(3)070 26 8 70 1347 105 3 8 33 u/6032-15 t543u336(1)008a(2)(3)070 26 8 70 1389 105 3 8 47 b/3528-21 t543b476(1)008a(2)(3)035 38 8 35 1905 105 3 8 47 b/3528-21 t543b476(1)008a(2)(3)070 38 8 70 1347 105 3 8 150 v/7343-20 t543v157(1)008a(2)(3)040 120 10 40 2162 105 3 8 150 d-7343-31 t543d157(1)008a(2)(3)025 120 10 25 3000 105 3 8 150 d-7343-31 t543d157(1)008a(2)(3)040 120 10 40 2372 105 3 8 150 d-7343-31 t543d157(1)008a(2)(3)055 120 10 55 2023 105 3 10 10 a/3216-18 t543a106(1)010a(2)(3)080 10 8 80 1183 105 3 10 15 a/3216-18 t543a156(1)010a(2)(3)080 15 8 80 1183 105 3 10 22 a/3216-18 t543a226(1)010a(2)(3)080 22 8 80 1183 105 3 10 22 b/3528-21 t543b226(1)010a(2)(3)080 22 8 80 1260 105 3 10 33 t/3528-12 t543t336(1)010a(2)(3)070 33 8 70 1225 105 3 10 33 t/3528-12 t543t336(1)010a(2)(3)080 33 8 80 1146 105 3 10 33 b/3528-21 t543b336(1)010a(2)(3)025 33 8 25 2254 105 3 10 33 b/3528-21 t543b336(1)010a(2)(3)035 33 8 35 1905 105 3 10 33 b/3528-21 t543b336(1)010a(2)(3)040 33 8 40 1782 105 3 10 33 b/3528-21 t543b336(1)010a(2)(3)070 33 8 70 1347 105 3 10 33 b/3528-21 t543b336(1)010a(2)(3)080 33 8 80 1260 105 3 10 33 u/6032-15 t543u336(1)010a(2)(3)070 33 8 70 1389 105 3 10 47 b/3528-21 t543b476(1)010a(2)(3)035 47 8 35 1905 105 3 10 47 b/3528-21 t543b476(1)010a(2)(3)070 47 8 70 1347 105 3 10 47 u/6032-15 t543u476(1)010a(2)(3)055 47 8 55 1567 105 3 10 47 c/6032-25 t543c476(1)010a(2)(3)100 47 8 100 1285 105 3 10 68 u/6032-15 t543u686(1)010a(2)(3)055 68 8 55 1567 105 3 10 68 c/6032-25 t543c686(1)010a(2)(3)045 68 8 45 1915 105 3 10 68 w/7343-15 t543w686(1)010a(2)(3)025 68 10 25 2683 105 3 10 68 w/7343-15 t543w686(1)010a(2)(3)040 68 10 40 2121 105 3 10 68 v/7343-20 t543v686(1)010a(2)(3)025 68 10 25 2735 105 3 vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc rated voltage rated capacitance case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl table 1 C ratings & part number reference cont'd (1) to complete kemet part number, insert m for 20%, k for 10%. designates capacitance tolerance. (2) to complete kemet part number, h = solder plated, t = 100% tin (sn). designates termination fnish. (3) to complete kemet part number, insert e = none, s = 10 cycles +25c, w = 10 cycles -55c +85c. designates surge current option. refer to ordering information for additional detail. kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 13 13 rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc 10 68 v/7343-20 t543v686(1)010a(2)(3)040 68 10 40 2162 105 3 10 68 v/7343-20 t543v686(1)010a(2)(3)045 68 10 45 2039 105 3 10 68 v/7343-20 t543v686(1)010a(2)(3)060 68 10 60 1765 105 3 10 68 v/7343-20 t543v686(1)010a(2)(3)100 68 10 100 1367 105 3 10 68 d-7343-31 t543d686(1)010a(2)(3)100 68 10 100 1500 105 3 10 100 b/3528-21 t543b107(1)010a(2)(3)150 100 10 150 920 105 3 10 100 l/6032-19 t543l107(1)010a(2)(3)025 100 8 25 2449 105 3 10 100 c/6032-25 t543c107(1)010a(2)(3)025 100 8 25 2569 105 3 10 100 c/6032-25 t543c107(1)010a(2)(3)045 100 8 45 1915 105 3 10 100 w/7343-15 t543w107(1)010a(2)(3)040 100 10 40 2121 105 3 10 100 v/7343-20 t543v107(1)010a(2)(3)018 100 10 18 3223 105 3 10 100 v/7343-20 t543v107(1)010a(2)(3)025 100 10 25 2735 105 3 10 100 v/7343-20 t543v107(1)010a(2)(3)045 100 10 45 2039 105 3 10 100 v/7343-20 t543v107(1)010a(2)(3)050 100 10 50 1934 105 3 10 100 d-7343-31 t543d107(1)010a(2)(3)018 100 10 18 3536 105 3 10 100 d-7343-31 t543d107(1)010a(2)(3)025 100 10 25 3000 105 3 10 100 d-7343-31 t543d107(1)010a(2)(3)055 100 10 55 2023 105 3 10 100 d-7343-31 t543d107(1)010a(2)(3)080 100 10 80 1677 105 3 10 150 c/6032-25 t543c157(1)010a(2)(3)055 150 8 55 1732 105 3 10 150 v/7343-20 t543v157(1)010a(2)(3)025 150 10 25 2735 105 3 10 150 v/7343-20 t543v157(1)010a(2)(3)040 150 10 40 2162 105 3 10 150 d-7343-31 t543d157(1)010a(2)(3)005 150 10 5 6708 105 3 10 150 d-7343-31 t543d157(1)010a(2)(3)006 150 10 6 6124 105 3 10 150 d-7343-31 t543d157(1)010a(2)(3)010 150 10 10 4743 105 3 10 150 d-7343-31 t543d157(1)010a(2)(3)015 150 10 15 3873 105 3 10 150 d-7343-31 t543d157(1)010a(2)(3)018 150 10 18 3536 105 3 10 150 d-7343-31 t543d157(1)010a(2)(3)025 150 10 25 3000 105 3 10 150 d-7343-31 t543d157(1)010a(2)(3)040 150 10 40 2372 105 3 10 150 d-7343-31 t543d157(1)010a(2)(3)055 150 10 55 2023 105 3 10 150 y/7343-40 t543y157(1)010a(2)(3)018 150 10 18 3659 105 3 10 150 y/7343-40 t543y157(1)010a(2)(3)025 150 10 25 3105 105 3 10 220 v/7343-20 t543v227(1)010a(2)(3)025 220 10 25 2735 105 3 10 220 v/7343-20 t543v227(1)010a(2)(3)045 220 10 45 2039 105 3 10 220 d-7343-31 t543d227(1)010a(2)(3)006 220 10 6 6124 105 3 10 220 d-7343-31 t543d227(1)010a(2)(3)010 220 10 10 4743 105 3 10 220 d-7343-31 t543d227(1)010a(2)(3)018 220 10 18 3536 105 3 10 220 d-7343-31 t543d227(1)010a(2)(3)025 220 10 25 3000 105 3 10 220 d-7343-31 t543d227(1)010a(2)(3)040 220 10 40 2372 105 3 10 220 y/7343-40 t543y227(1)010a(2)(3)006 220 10 6 6338 105 3 10 220 y/7343-40 t543y227(1)010a(2)(3)010 220 10 10 4909 105 3 10 220 y/7343-40 t543y227(1)010a(2)(3)040 220 10 40 2455 105 3 10 330 y/7343-40 t543y337(1)010a(2)(3)015 330 10 15 4008 105 3 10 330 y/7343-40 t543y337(1)010a(2)(3)035 330 10 35 2624 105 3 10 330 x/7343-43 t543x337(1)010a(2)(3)005 330 10 5 7029 105 3 10 330 x/7343-43 t543x337(1)010a(2)(3)006 330 10 6 6416 105 3 10 330 x/7343-43 t543x337(1)010a(2)(3)010 330 10 10 4970 105 3 10 330 x/7343-43 t543x337(1)010a(2)(3)025 330 10 25 3143 105 3 10 330 x/7343-43 t543x337(1)010a(2)(3)040 330 10 40 2485 105 3 12.5 10 t/3528-12 t543t106(1)12ra(2)(3)150 13 8 150 837 105 3 12.5 15 t/3528-12 t543t156(1)12ra(2)(3)080 19 8 80 1146 105 3 vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc rated voltage rated capacitance case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl table 1 C ratings & part number reference cont'd (1) to complete kemet part number, insert m for 20%, k for 10%. designates capacitance tolerance. (2) to complete kemet part number, h = solder plated, t = 100% tin (sn). designates termination fnish. (3) to complete kemet part number, insert e = none, s = 10 cycles +25c, w = 10 cycles -55c +85c. designates surge current option. refer to ordering information for additional detail. kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 14 14 rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc 12.5 330 x/7343-43 t543x337(1)12ra(2)(3)015 413 10 15 4058 105 3 16 10 b/3528-21 t543b106(1)016a(2)(3)100 16 8 100 1127 105 3 16 22 c/6032-25 t543c226(1)016a(2)(3)080 35 8 80 1436 105 3 16 33 w/7343-15 t543w336(1)016a(2)(3)045 53 10 45 2000 105 3 16 33 v/7343-20 t543v336(1)016a(2)(3)045 53 10 45 2039 105 3 16 33 v/7343-20 t543v336(1)016a(2)(3)060 53 10 60 1765 105 3 16 33 v/7343-20 t543v336(1)016a(2)(3)070 53 10 70 1634 105 3 16 47 w/7343-15 t543w476(1)016a(2)(3)045 75 10 45 2000 105 3 16 47 v/7343-20 t543v476(1)016a(2)(3)045 75 10 45 2039 105 3 16 47 v/7343-20 t543v476(1)016a(2)(3)070 75 10 70 1634 105 3 16 47 v/7343-20 t543v476(1)016a(2)(3)080 75 10 80 1529 105 3 16 47 d-7343-31 t543d476(1)016a(2)(3)035 75 10 35 2535 105 3 16 47 d-7343-31 t543d476(1)016a(2)(3)065 75 10 65 1861 105 3 16 47 d-7343-31 t543d476(1)016a(2)(3)070 75 10 70 1793 105 3 16 68 v/7343-20 t543v686(1)016a(2)(3)050 109 10 50 1934 105 3 16 68 v/7343-20 t543v686(1)016a(2)(3)090 109 10 90 1441 105 3 16 100 v/7343-20 t543v107(1)016a(2)(3)050 160 10 50 1934 105 3 16 100 d-7343-31 t543d107(1)016a(2)(3)035 160 10 35 2535 105 3 16 100 d-7343-31 t543d107(1)016a(2)(3)050 160 10 50 2121 105 3 16 150 x/7343-43 t543x157(1)016a(2)(3)015 240 10 15 4058 105 3 16 150 x/7343-43 t543x157(1)016a(2)(3)025 240 10 25 3143 105 3 16 150 x/7343-43 t543x157(1)016a(2)(3)040 240 10 40 2485 105 3 16 150 x/7343-43 t543x157(1)016a(2)(3)080 240 10 80 1757 105 3 16 220 x/7343-43 t543x227(1)016a(2)(3)035 352 10 35 2657 105 3 16 220 x/7343-43 t543x227(1)016a(2)(3)080 352 10 80 1757 105 3 16 330 x/7343-43 t543x337(1)016a(2)(3)025 528 10 25 3143 105 3 16 330 x/7343-43 t543x337(1)016a(2)(3)050 528 10 50 2223 105 3 20 22 v/7343-20 t543v226(1)020a(2)(3)040 44 10 40 2162 105 3 20 22 v/7343-20 t543v226(1)020a(2)(3)045 44 10 45 2039 105 3 20 22 v/7343-20 t543v226(1)020a(2)(3)090 44 10 90 1441 105 3 20 22 d-7343-31 t543d226(1)020a(2)(3)040 44 10 40 2372 105 3 20 22 d-7343-31 t543d226(1)020a(2)(3)045 44 10 45 2236 105 3 20 22 d-7343-31 t543d226(1)020a(2)(3)090 44 10 90 1581 105 3 20 33 d-7343-31 t543d336(1)020a(2)(3)060 66 10 60 1936 105 3 20 47 v/7343-20 t543v476(1)020a(2)(3)055 94 10 55 1844 105 3 20 47 v/7343-20 t543v476(1)020a(2)(3)090 94 10 90 1441 105 3 20 47 d-7343-31 t543d476(1)020a(2)(3)055 94 10 55 2023 105 3 20 100 x/7343-43 t543x107(1)020a(2)(3)035 200 10 35 2657 105 3 20 100 x/7343-43 t543x107(1)020a(2)(3)050 200 10 50 2223 105 3 25 10 b/3528-21 t543b106(1)025a(2)(3)100 25 10 100 1127 105 3 25 15 v/7343-20 t543v156(1)025a(2)(3)090 38 10 90 1441 105 3 25 15 d-7343-31 t543d156(1)025a(2)(3)060 38 10 60 1936 105 3 25 15 d-7343-31 t543d156(1)025a(2)(3)080 38 10 80 1677 105 3 25 22 d-7343-31 t543d226(1)025a(2)(3)075 55 10 75 1732 105 3 25 22 v/7343-20 t543v226(1)025a(2)(3)060 55 10 60 1765 105 3 25 22 v/7343-20 t543v226(1)025a(2)(3)090 55 10 90 1441 105 3 25 33 v/7343-20 t543v336(1)025a(2)(3)060 83 10 60 1765 105 3 25 33 d-7343-31 t543d336(1)025a(2)(3)060 83 10 60 1936 105 3 25 68 x/7343-43 t543x686(1)025a(2)(3)035 170 10 35 2657 105 3 25 68 x/7343-43 t543x686(1)025a(2)(3)050 170 10 50 2223 105 3 vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc rated voltage rated capacitance case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl table 1 C ratings & part number reference cont'd (1) to complete kemet part number, insert m for 20%, k for 10%. designates capacitance tolerance. (2) to complete kemet part number, h = solder plated, t = 100% tin (sn). designates termination fnish. (3) to complete kemet part number, insert e = none, s = 10 cycles +25c, w = 10 cycles -55c +85c. designates surge current option. refer to ordering information for additional detail. kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 15 15 rated voltage rated cap case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc 25 100 x/7343-43 t543x107(1)025a(2)(3)060 250 10 60 2029 105 3 30 22 d-7343-31 t543d226(1)030a(2)(3)075 66 10 75 1732 105 3 30 47 x/7343-43 t543x476(1)030a(2)(3)050 141 10 50 2223 105 3 30 68 x/7343-43 t543x686(1)030a(2)(3)035 204 10 35 2657 105 3 30 68 x/7343-43 t543x686(1)030a(2)(3)050 204 10 50 2223 105 3 35 15 v/7343-20 t543v156(1)035a(2)(3)100 53 10 100 1367 105 3 35 15 v/7343-20 t543v156(1)035a(2)(3)125 53 10 125 1223 105 3 35 15 d-7343-31 t543d156(1)035a(2)(3)100 53 10 100 1500 105 3 35 15 d-7343-31 t543d156(1)035a(2)(3)125 53 10 125 1342 105 3 35 33 x/7343-43 t543x336(1)035a(2)(3)065 116 10 65 1949 105 3 35 47 x/7343-43 t543x476(1)035a(2)(3)030 165 10 30 2869 105 3 35 47 x/7343-43 t543x476(1)035a(2)(3)060 165 10 60 2029 105 3 50 5.6 d-7343-31 t543d565(1)050a(2)(3)070 28 10 70 1793 105 3 50 5.6 d-7343-31 t543d565(1)050a(2)(3)090 28 10 90 1581 105 3 50 6.8 v/7343-20 t543v685(1)050a(2)(3)065 34 10 65 1934 105 3 50 10 d-7343-31 t543d106(1)050a(2)(3)090 50 10 90 1581 105 3 50 18 x/7343-43 t543x186(1)050a(2)(3)035 90 10 35 2657 105 3 50 18 x/7343-43 t543x186(1)050a(2)(3)070 90 10 70 1878 105 3 50 22 x/7343-43 t543x226(1)050a(2)(3)040 110 10 40 2485 105 3 50 22 x/7343-43 t543x226(1)050a(2)(3)075 110 10 75 1815 105 3 50 33 x/7343-43 t543x336(1)050a(2)(3)040 165 10 40 2485 105 3 50 33 x/7343-43 t543x336(1)050a(2)(3)075 165 10 75 1815 105 3 50 10 d-7343-31 t543d106(1)050a(2)(3)100 50 10 100 1500 105 3 50 10 d-7343-31 t543d106(1)050a(2)(3)120 50 10 120 1369 105 3 63 4.7 d-7343-31 t543d475(1)063a(2)(3)075 30 10 75 1732 105 3 63 4.7 d-7343-31 t543d475(1)063a(2)(3)100 30 10 100 1500 105 3 63 4.7 d-7343-31 t543d475(1)063a(2)(3)120 30 10 120 1369 105 3 63 10 x/7343-43 t543x106(1)063a(2)(3)050 63 10 50 2223 105 3 63 10 x/7343-43 t543x106(1)063a(2)(3)075 63 10 75 1815 105 3 63 10 x/7343-43 t543x106(1)063a(2)(3)100 63 10 100 1572 105 3 63 10 x/7343-43 t543x106(1)063a(2)(3)150 63 10 150 1283 105 3 63 15 x/7343-43 t543x156(1)063a(2)(3)035 95 10 35 2657 105 3 63 15 x/7343-43 t543x156(1)063a(2)(3)050 95 10 50 2223 105 3 vdc at 105c f kemet/eia (see below for part options) a at v r , 25c maximum/ 5 minutes % at 25c 120 hz maximum m at 25c 100 khz maximum ma at 45c 100 khz c refow temp 260oc rated voltage rated capacitance case code/ case size kemet part number dc leakage df esr maximum allowable ripple current maximum operating temp msl table 1 C ratings & part number reference cont'd (1) to complete kemet part number, insert m for 20%, k for 10%. designates capacitance tolerance. (2) to complete kemet part number, h = solder plated, t = 100% tin (sn). designates termination fnish. (3) to complete kemet part number, insert e = none, s = 10 cycles +25c, w = 10 cycles -55c +85c. designates surge current option. refer to ordering information for additional detail. kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 16 16 derating guidelines voltage rating maximum recommended steady state voltage maximum recommended transient voltage (1 ms C 1 s) -55c to 105c 2.5 v v r 10 v 90% of v r v r 12.5 v v r 63 v 80% of v r v r v r r ripple current/ripple voltage permissible ac ripple voltage and current are related to equivalent series resistance (esr) and the power dissipation capabilities of the device. permissible ac ripple voltage which may be applied is limited by two criteria: 1. the positive peak ac voltage plus the dc bias voltage, if any, must not exceed the dc voltage rating of the capacitor. 2. the negative peak ac voltage in combination with bias voltage, if any, must not exceed the allowable limits specifed for reverse voltage. see the reverse voltage section for allowable limits. the maximum power dissipation by case size can be determined using the table at right. the maximum power dissipation rating stated in the table must be reduced with increasing environmental operating temperatures. refer to the table below for temperature compensation requirements. temperature compensation multipliers for maximum ripple current t 45c 45 c < t 85c 85c < t 105c t environmental temperature using the p max of the device, the maximum allowable rms ripple current or voltage may be determined. ,pd 3pd5 (pd = 3pd5 , upvulssohfxuuhqwdpshuhv ( upvulssohyrowdjhyrowv 3pd pdlpxpsrzhuglvvlsdwlrqzdwwv 5 (65dwvshflhgiuhtxhqfrkpv = ,pshgdqfhdwvshflhgiuhtxhqfrkpv case code case code maximum power dissipation (p max) mwatts at 45c with +30c rise a 3216-18 112 b 3528-21 127 c 6032-28 165 d 7343-31 225 h 7360-20 187 l 6032-19 150 m 3528-15 120 t 3528-12 105 u 6032-15 135 v 7343-20 187 w 7343-15 180 x 7343-43 247 y 7343-40 241 7khpdlpxpsrzhuglvvlsdwlrqudwlqjpxvwehuhgxfhgzlwklqfuhdvlqj hqylurqphqwdorshudwlqjwhpshudwxuhv5hihuwrwkh7hpshudwxuh &rpshqvdwlrq0xowlsolhuwdeohirughwdlov 0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9 0.95 1 -55 25 45 85 105 % rated voltage temperature ( c) maximum transient voltage recommended application voltage vr 10v recommended application voltage vr > 10v kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 17 17 reverse voltage polymer electrolytic capacitors are polar devices and may be permanently damaged or destroyed if connected in the wrong polarity. these devices will withstand a small degree of transient voltage reversal for short periods as shown in the below table. temperature permissible transient reverse voltage 25c 15% of rated voltage 55c 10% of rated voltage 85c 5% of rated voltage 105c 3% of rated voltage 125c* 1% of rated voltage *for series rated to 125c table 2 C land dimensions/courtyard kemet metric size code density level a: maximum (most) land protrusion (mm) density level b: median (nominal) land protrusion (mm) density level c: minimum (least) land protrusion (mm) case eia w l s w l s w l s a 3216C18 1.35 2.20 0.62 6.02 2.80 1.23 1.80 0.82 4.92 2.30 1.13 1.42 0.98 4.06 2.04 b 3528C21 2.35 2.21 0.92 6.32 4.00 2.23 1.80 1.12 5.22 3.50 2.13 1.42 1.28 4.36 3.24 c 6032C25 2.35 2.77 2.37 8.92 4.50 2.23 2.37 2.57 7.82 4.00 2.13 1.99 2.73 6.96 3.74 d 7343C31 2.55 2.77 3.67 10.22 5.60 2.43 2.37 3.87 9.12 5.10 2.33 1.99 4.03 8.26 4.84 l 6032-19 2.35 2.77 2.37 8.92 4.50 2.23 2.37 2.57 7.82 4.00 2.13 1.99 2.73 6.96 3.74 m 3528-15 2.35 2.20 0.92 6.32 4.00 2.23 1.80 1.12 5.22 3.50 2.13 1.42 1.28 4.36 3.24 h 7360-20 4.25 2.77 3.67 10.22 7.30 4.13 2.37 3.87 9.12 6.80 4.03 1.99 4.03 8.26 6.54 t 3528C12 2.35 2.20 0.92 6.32 4.00 2.23 1.80 1.12 5.22 3.50 2.13 1.42 1.28 4.36 3.24 u 6032C15 2.35 2.77 2.37 8.92 4.50 2.23 2.37 2.57 7.82 4.00 2.13 1.99 2.73 6.96 3.74 v 7343C20 2.55 2.77 3.67 10.22 5.60 2.43 2.37 3.87 9.12 5.10 2.33 1.99 4.03 8.26 4.84 w 7343C15 2.55 2.77 3.67 10.22 5.60 2.43 2.37 3.87 9.12 5.10 2.33 1.99 4.03 8.26 4.84 x 1 7343C43 2.55 2.77 3.67 10.22 5.60 2.43 2.37 3.87 9.12 5.10 2.33 1.99 4.03 8.26 4.84 y 1 7343C40 2.55 2.77 3.67 10.22 5.60 2.43 2.37 3.87 9.12 5.10 2.33 1.99 4.03 8.26 4.84 density level a: for low-density product applications. recommended for wave solder applications and provides a wider process window for refow solder processes. density level b: for products with a moderate level of component density. provides a robust solder attachment condition for refow solder processes. density level c: for high component desity product applications. before adapting the minimum land pattern variations the user should perform qualifcation testing based on the conditions outlined in ipc standard 7351 (ipcC7351). 1 height of these chips may create problems in wave soldering. 2 land pattern geometry is too small for silkscreen outline. l s w w l v1 v2 grid placement courtyard kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 18 18 t i m e t e m p e r a t u r e t s m i n 2 5oc to peak t l t s 2 5 t p t s m a x t l t p m a x imum r a m p u p r a t e = 3oc/seconds m a x imum r a m p d o w n r a t e = 6oc/seconds soldering process kemets families of surface mount capacitors are compatible with wave (single or dual), convection, ir, or vapor phase refow techniques. preheating of these components is recommended to avoid extreme thermal stress. kemet's recommended profle conditions for convection and ir refow refect the profle conditions of the ipc/jCstdC020d standard for moisture sensitivity testing. the devices can safely withstand a maximum of three refow passes at these conditions. please note that although the x/7343C43 case size can withstand wave soldering, the tall profle (4.3 mm maximum) dictates care in wave process development. hand soldering should be performed with care due to the diffculty in process control. if performed, care should be taken to avoid contact of the soldering iron to the molded case. the iron should be used to heat the solder pad, applying solder between the pad and the termination, until refow occurs. once refow occurs, the iron should be removed immediately. wiping the edges of a chip and heating the top surface is not recommended. during typical refow operations, a slight darkening of the gold- colored epoxy may be observed. this slight darkening is normal and not harmful to the product. marking permanency is not affected by this change. profle feature snpb assembly pb-free assembly preheat/soak temperature minimum (t smin ) 100c 150c temperature maximum (t smax ) 150c 200c time (t s ) from t smin to t smax ) 60 C 120 seconds 60 C 120 seconds ramp-up rate (t l to t p ) 3c/seconds maximum 3c/seconds maximum liquidous temperature (t l ) 183c 217c time above liquidous (t l ) 60 C 150 seconds 60 C 150 seconds peak temperature (t p ) 220c* 235c** 250c* 260c** time within 5c of maximum peak temperature (t p ) 20 seconds maximum 30 seconds maximum ramp-down rate (t p to t l ) 6c/seconds maximum 6c/seconds maximum time 25c to peak temperature 6 minutes maximum 8 minutes maximum 1rwhoowhpshudwxuhvuhihuwrwkhfhqwhuriwkhsdfndjhphdvxuhgrqwkh sdfndjhergvxuidfhwkdwlvidflqjxsgxulqjdvvhpeouhrz &dvh6lh'(3dqg &dvh6lh%&+,.056789:dqg= storage all ko-cap series are shipped in moisture barrier bags with a desiccant and moisture indicator card. these series are classifed as msl3 (moisture sensitivity level 3). product contained within the moisture barrier bags should be stored in normal working environments with temperatures not to exceed 40c and humidity not in excess of 90% rh. kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 19 19 construction leadframe (- cathode) leadframe (+ anode) wire molded epoxy case molded epoxy case polarity bevel (+) weld (to attach wire) silver adhesive polarity stripe (+) detailed cross section wire tantalum ta 2 o 5 dielectric (first layer) carbon (third layer) silver paint (fourth layer) polymer (second layer) capacitor marking kemet multi-anode polymer polarity indicator (+) rated voltage picofarad code kemet id date code* * 230 = 30 th week of 2012 date code * 1 st digit = last number of year 2 = 2012 3 = 2013 4 = 2014 5 = 2015 6 = 2016 7 = 2017 2 nd and 3 rd digit = week of the year 01 = 1 st week of the year to 52 = 52 nd week of the year kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 20 20 tape & reel packaging information kemets molded chip capacitor families are packaged in 8 and 12 mm plastic tape on 7" and 13" reels in accordance with eia standard 481 : embossed carrier taping of surface mount components for automatic handling. this packaging system is compatible with all tape-fed automatic pick-and-place systems. table 3 C packaging quantity case code tape width (mm) 7" reel* 13" reel* kemet eia s 3216-12 8 2,500 10,000 t 3528-12 8 2,500 10,000 m 3528-15 8 2,000 8,000 u 6032-15 12 1,000 5,000 l 6032-19 12 1,000 3,000 w 7343-15 12 1,000 3,000 z 7343-17 12 1,000 3,000 v 7343-20 12 1,000 3,000 a 3216-18 8 2,000 9,000 b 3528-21 8 2,000 8,000 c 6032-28 12 500 3,000 d 7343-31 12 500 2,500 q 7343-12 12 1,000 3,000 y 7343-40 12 500 2,000 x 7343-43 12 500 2,000 e/t428p 7360-38 12 500 2,000 h 7360-20 12 1,000 2,500 * no c-spec required for 7" reel packaging. c-7280 required for 13" reel packaging. top tape thickness 0.10 mm (0.004") maximum thickness 8 mm (0.315") or 12 mm (0.472") 180 mm (7.0") or 330 mm (13.0") kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 21 21 figure 1 C embossed (plastic) carrier tape dimensions p o t f w c en t er li n e s of cav i t y a o b o u s e r d i r e c t i o n o f u n r e elin g c ov er t ap e k o b 1 i s f or t ap e f e ed er r e f e r ence onl y, i ncl u di ng dr a ft con c en t r i c a bou t b o . t 2 ? d 1 ? d o b 1 s 1 t 1 e 1 e 2 p 1 p 2 e m b os s m e nt f or c a v i t y s i z e , s e e n o t e 1 t a b l e 4 [ 1 0 p i t c h e s c um u l at i v e t ol er a n c e o n t a p e 0. 2 m m ] 7deoh2(pervvhg 3odvwlf &duulhu7dsh'lphqvlrqv metric will govern constant dimensions millimeters (inches) tape size d 0 d 1 minimum note 1 e 1 p 0 p 2 r reference note 2 s 1 minimum note 3 t maximum t 1 maximum 8 mm 1.5 +0.10/-0.0 (0.059 +0.004/-0.0) 1.0 (0.039) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 25.0 (0.984) 0.600 (0.024) 0.600 (0.024) 0.100 (0.004) 12 mm 1.5 (0.059) 30 (1.181) 16 mm 2.0 0.1 (0.079 0.059) 1. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 2. the tape, with or without components, shall pass around r without damage (see figure 4). 3. if s 1 < 1.0 mm, there may not be enough area for cover tape to be properly applied (see eia standard 481Cd, paragraph 4.3, section b). 4. b 1 dimension is a reference dimension for tape feeder clearance only. 5. the cavity def ned by a 0 , b 0 and k 0 shall surround the component with suff cient clearance that: (a) the component does not protrude above the top surface of the carrier tape. (b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. (c) rotation of the component is limited to 20 maximum for 8 and 12 mm tapes and 10 maximum for 16 mm tapes (see figure 2). (d) lateral movement of the component is restricted to 0.5 mm maximum for 8 mm and 12 mm wide tape and to 1.0 mm maximum for 16 mm tape (see figure 3). (e) see addendum in eia standard 481Cd for standards relating to more precise taping requirements. variable dimensions millimeters (inches) tape size pitch b 1 maximum note 4 e 2 minimum f p 1 t 2 maximum w maximum a 0 , b 0 & k 0 8 mm single (4 mm) 4.35 (0.171) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 2.0 0.05 or 4.0 0.10 (0.079 0.002 or 0.157 0.004) 2.5 (0.098) 8.3 (0.327) note 5 12 mm single (4 mm) & double (8 mm) 8.2 (0.323) 10.25 (0.404) 5.5 0.05 (0.217 0.002) 2.0 0.05 (0.079 0.002) or 4.0 0.10 (0.157 0.004) or 8.0 0.10 (0.315 0.004) 4.6 (0.181) 12.3 (0.484) 16 mm triple (12 mm) 12.1 (0.476) 14.25 (0.561) 7.50.10 (0.295 0.004) 4.0 0.10 (0.157 0.004) to 12.0 0.10 (0.472 0.004) 8.0 (0.315) 16.3 (0.642) kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 22 22 packaging information performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 to 1.0 newton (10 to 100 gf) 12 and 16 mm 0.1 to 1.3 newton (10 to 130 gf) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia standards 556 and 624 . figure 2 C maximum component rotation a o b o t s maxi m u m c ompone n t r o t a tio n t op v i e w m a x i mum c o mponent r o t a t ion s ide v i e w t a p e m axi m u m width (mm) r otati o n ( t ) 8,12 2 0 16 ? 200 1 0 t a p e m a x i m u m widt h ( mm) r o tati o n ( s ) 8,12 20 16 ? 56 1 0 72 ? 200 5 t y p ic a l p o c k e t cente r line t y p i c a l c o m pon e n t c e n t e r l i n e figure 3 C maximum lateral movement 0 . 5 m m m a x i mum 0 . 5 m m m a x i mum 8 m m & 1 2 m m tape 1 . 0 m m m a x i mum 1 . 0 m m m a x i mum 1 6 m m t a p e figure 4 C bending radius r r b end i n g r a d i u s e mbo ssed c a r r i e r p unc hed c a rrier kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 23 23 figure 5 C reel dimensions a d (see n o te ) full r a d i us, see n o t e b ( s ee note) access h o le at s l o t loc a ti on (? 40 m m mi nimum) i f p r es en t, tape slot i n core for t ape start: 2.5 mm minimum wi dt h x 10.0 mm mi n imum dep th w 3 (incl u des flan g e dis to r tion at out e r e dge) w 2 ( m eas u re d a t hub ) w 1 ( m eas u re d a t hub ) c (arbor hol e di a m e ter ) note: driv e spok es o ptiona l ; if u s ed, d i mensi o ns b an d d shall a pply. n 7deoh25hho'lphqvlrqv metric will govern constant dimensions millimeters (inches) variable dimensions millimeters (inches) kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 24 24 figure 6 C tape leader & trailer dimensions t r a i le r 160 mm min imum c a r r i e r t ape e n d s t a r t r o und s p rocke t h o l e s e l ongated s p r o cke t h o l e s ( 32 mm tape and w i der ) t op c o ver t ape top c over t ape p unched c a r r i e r 8 mm & 12 m m o n l y e mboss ed c a r r i e r c o m p o n e n t s 1 0 0 m m m i n imum leader 4 0 0 mm m i n i m u m figure 7 C maximum camber c a r r i e r t a p e r o u n d s p r o c k e t h ol e s 1 m m max i m u m , e i t h e r d i r e c t i o n s t r ai gh t edge 2 5 0 m m e l o n g a t ed s p r oc k e t h ol e s ( 32 m m & w ide r t a pes ) kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 25 25 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america northeast wilmington, ma tel: 978-658-1663 southeast lake mary, fl tel: 407-855-8886 central novi, mi tel: 248-994-1030 irving, tx tel: 972-915-6041 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe sasso marconi, italy tel: 39-051-939111 skopje, macedonia tel: 389-2-55-14-623 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe wyboston, united kingdom tel: 44-1480-273082 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5877-1075 shanghai, china tel: 86-21-6447-0707 seoul, south korea tel: 82-2-6294-0550 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6701-8033 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com t2061_t543 ? 12/11/2015 26 26 disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. kemet organic capacitor (ko-cap ? ) C high reliability t543 cots polymer electrolytic, 2.5 C 63 vdc


▲Up To Search▲   

 
Price & Availability of T543D477M2R5ATS007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X