Part Number Hot Search : 
MIC61150 KBPC101 KN4A4M MMBZ5235 WT5081 DB104G CX209 BD675
Product Description
Full Text Search
 

To Download SR002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art low power loss, high efficiency. high current capability, low vf. high reliability high surge current capability. epitaxial construction. guard-ring for transient protection. SR002 do-41 3k / ammo box a0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol sr 002 sr 003 sr 004 sr 005 sr 006 sr 009 sr 010 units v rrm 20 30 40 50 60 90 100 v v rms 14 21 28 35 42 63 70 v v dc 20 30 40 50 60 90 100 v i f(av) a ma ma ma cj pf r ja o c/w t j o c t stg o c note2: measured at 1 mhz and applied reverse voltage of 4.0v d.c. version:d12 ordering information (example) part no. package packing inner tape packing code packing code (green) 52mm operating junction temperature range - 65 to + 125 - 65 to + 150 storage temperature range - 65 to + 150 note1: pulse test with pw=300 usec, 1% duty cycle typical junction capacitance (note 2) 110 80 65 typical thermal resistance 50 maximum d.c. reverse current @ t a =25 at rated dc blocking voltage @ t a =100 @t a =125 i r 0.5 0.5 0.1 10 5 - -2 maximum instantaneous forward voltage (note 1) @ 0.5a v f 0.55 0.70 0.85 v maximum average forward rectified current 0.5 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 a weight: 0.33 grams type number maximum recurrent peak reverse voltage maximum rms voltage a0g maximum dc blocking voltage mechanical data cases: do-41 molded plastic epoxy: ul 94v-0 rate flame retardant lead: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed polarity:color band denotes cathode high temperature soldering guaranteed: 260 /10 seconds /.375", (9.5mm) lead lengths at 5 lbs, (2.3kg) tension SR002 - sr010 0.5amp. schottk y barrier rectifiers do-41 features for use in low voltage, high frequency inverter, free wheeling, and polarity protection application green compound with suffix "g" on packing code & prefix "g" on datecode.
version:d12 ratings and characteristic curves (SR002 thru sr010) 0 0.2 0.4 0.6 0.8 0 20 40 60 80 100 120 140 160 average forward current (a) lead temperature ( o c) fig.1- forward current derating curve sr005 - sr010 SR002 - sr004 0 10 20 30 40 50 1 10 100 current (a) number of cycles at 60 hz fig. 2- maximum non-repetitive forward surge current 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current. (ma) percent of rated peak reverse voltage.(%) fig. 4- typical reverse characteristics ta=25 ta=75 ta=125 10 100 1000 0.1 1 10 100 junction capacitance (pf) reverse voltage (v) fig. 5- typical junction capacitance sr005-sr010 SR002-sr004 0.1 1 10 100 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 instantaneous forward current (a) forward voltage (v) fig. 3- typical forward characteristics SR002-sr004 sr005-sr006 sr009-sr010 ta=25 o c pulse width=300 s 1% duty cycld 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance ( /w) pilse duration, (sec) fig. 6- typical transient thermal characteristics
ordering information do-41 52mm a0 do-41 26mm a1 do-41 52mm r0 do-41 52mm r1 do-41 b0 abzte O O symbol a b c d 3k / ammo box a1g suggested mounting hole rule unit(mm) 5.1 0.8 3.0 1.2 note: "xx" is device code from "02" thru "10". axial lead taping specifications outline sr0xx 3k / ammo box a0g 5k / 13" reel r0g 5k / 13" reel r1g 1k / bulk packing b0g part no. package packing inner tape packing code packing code (green)
dimensions min max min max a 2.00 2.70 0.079 0.106 b 0.71 0.86 0.028 0.034 c 25.40 - 1.000 - d 4.20 5.20 0.165 0.205 e 25.40 - 1.000 - p/n = specific device code g = green compound yww = date code dim. unit(mm) unit(inch) marking diagram


▲Up To Search▲   

 
Price & Availability of SR002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X