Part Number Hot Search : 
C2500 DG243CJ A2737 BA63JC5T 2SA1403C A471J IPW60R ICX415AL
Product Description
Full Text Search
 

To Download SPVT230101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  21 21 surface mount type, two-way detection with body thickness of 1.9mm 1.9mm-thick two-way operation type spvt refer to p.71 for soldering conditions. typical specifications items specifications rating max./min. resistive load 50ma 20v dc / 100 b a 3v dc contact resistance initial / after operating life 500m max. / 1 max. operating force 0.4n max. operating life without load 100,000cycles with load 100,000cycles 50ma 20v dc product line poles 1 1 2 3 4 1 2 3 5 6 7 spvt110102 spvt130101 spvt120101 spvt140101 spvt110201 spvt130201 spvt120201 spvt210101 SPVT230101 spvt220102 1 positions for pc b oard reflow terminal type left right operating direction location lug drawing no. with both sides with a right side with a left side without with with side terminal product no. 10,000 2,500 with both sides with a right side with a left side with both sides with a right side with a left side 8 spvt240101 without 5 spvt210201 with both sides 6 spvt230201 with a right side 7 spvt220201 with a left side without without export japan minimumorder unitpcs unit:mm reel size packing specifications taping number of packages pcs. tape width mm export package measurements mm 1 reel 1 case /japan 1 case /export packing 2,500 5,000 10,000 16 417 4 0 9 13 9 circuit diagram water-proof type general- purpose type detector slide push rotary power dual-in-line package type
$foufspgspubujpo 3.2 0.26 (2.94) 3.5 1.2 (0.1) 2.8 (1.51) 1.05 5.2 1.3 7.45 5.6 4.7 2-0.6 6.5 1 2.5 0.5 ?1 1.9 1.2 1.7 on starting position(horizontal direction), operating force measurement position on starting position (vertical direction) on starting position (horizontal direction) total travel center of rotation 2.3 a $foufspgspubujpo 0.26 (2.94) 3.5 1.2 (0.1) 2.8 (1.51) 1.05 5.2 0.6 1.3 3.73 5.6 4.7 6.5 1 2.5 0.5 ?1 1.9 1.2 1.7 on starting position(horizontal direction), operating force measurement position on starting position (horizontal direction) total travel center of rotation 3.2 2.3 a on starting position (vertical direction) $foufspgspubujpo 0.26 3.2 (2.94) 3.5 1.2 (0.1) 2.8 (1.51) 1.05 5.2 1.3 3.73 5.6 4.7 2-0.6 6.5 1 2.5 0.5 ?1 1.9 1.2 1.7 on starting position(horizontal direction), operating force measurement position on starting position (horizontal direction) total travel center of rotation 2.3 a on starting position (vertical direction) $foufspgspubujpo 0.26 3.2 (2.94) 3.5 1.2 (0.1) 2.8 (1.51) 1.05 5.2 1.3 5.6 4.7 6.5 1 2.5 0.5 ?1 1.9 1.2 1.7 on starting position(horizontal direction), operating force measurement position on starting position (horizontal direction) total travel center of rotation 2.3 a on starting position (vertical direction)   spvt nnl5pbqfsbp5qf 4mf 1cpbsenpvhpmfbembeenftpt 7ffespnesfp p 6nn nftpt with boss with boss with boss with boss 8bfsspp 5f ffsbm vspf5f detector slide push rotary power dual-in-line package type
23 23 spvt1.9mm-thick two-way operation type dimensions drawing is for type with location lugs. note unit:mm dimensions pc board mounting hole and land dimensions viewed from direction a style no. 5 6 7 8 $foufspgspubujpo 0.26 3.2 a (2.94) 3.5 1.2 (0.1) 2.8 (1.51) 1.05 5.2 1.3 7.45 5.6 4.7 2-0.6 6.5 1 2.5 0.5 ?1 1.9 1.2 1.7 on starting position (horizontal direction), operating force measurement position on starting position (vertical direction) on starting position (horizontal direction) total travel center of rotation 2.3 with boss $foufspgspubujpo 0.26 3.2 on starting position (horizontal direction), operating force measurement position on starting position (vertical direction) (2.94) 3.5 1.2 (0.1) 2.8 (1.51) 1.05 5.2 1.3 3.73 5.6 4.7 0.6 6.5 1 2.5 0.5 ?1 1.9 1.2 1.7 on starting position (horizontal direction) total travel center of rotation 2.3 a with boss $foufspgspubujpo 0.26 3.2 on starting position (horizontal direction), operating force measurement position on starting position (vertical direction) (2.94) 3.5 1.2 (0.1) 2.8 (1.51) 1.05 5.2 1.3 3.73 5.6 4.7 0.6 6.5 1 2.5 0.5 ?1 1.9 1.2 1.7 on starting position (horizontal direction) total travel center of rotation 2.3 a with boss $foufspgspubujpo 0.26 3.2 (2.94) 3.5 (0.1) 2.8 (1.51) 1.05 5.2 1.3 5.6 4.7 6.5 1 2.5 0.5 ?1 1.9 1.2 1.7 on starting position (horizontal direction) total travel center of rotation 2.3 a on starting position (horizontal direction), operating force measurement position on starting position (vertical direction) with boss water-proof type general- purpose type detector slide push rotary power dual-in-line package type
11 11 general- purpose type series general-purpose type spvs spvn spvt spvm spvr spve photo operation type two -way one-way dimensions mm w 3.5 3.8 5.6 2.8 3.6 3.4 d 3.3 3.6 4.7 3.5 4.2 3 h 1 1. 9 1. 5 1. 2 2.3 operating temperature range ?40 to 85 ?10 to 60 automotive use life cycle (availability) poles / positions 1/1 rating max. resistive load 1m a 5 v d c 50ma 20v dc 1m a 5 v d c 0.1a 30v dc rating min. resistive load 50a 3v d c 10 0a 3 v d c 50a 3v d c 10 0a 3 v d c 50a 3v d c durability operating life without load 50,000cycles 5 max. 100,000cycles 1 m a x . 50,000cycles 5 max. 50,000cycles 1 m a x . operating life with load r a t i n g m a x . resistive load 50,000cycles 5 max. 100,000cycles 1 m a x . 50,000cycles 5 max. 50,000cycles 1 m a x . electrical performance initial contact resistance 2 max. 500m max. 2 max. 3 max. 500m max. insulation resistance 10 0 m m i n . 10 0 v d c voltage proof 10 0 v a c f o r 1 m i n u t e mechanical performance terminal strength 0.5n for 1minute 1n f o r 1m i n u t e 0.5n for 1 minute actuator strength 5n 10 n 5n 2n 5n environmental performance cold ?40 96h ?20 96h dry heat 85 96h damp heat 40, 90 to 95rh 96h operation force 0.35n max. 0.4n max. 0.35n max. 0.3n max. page 16 19 21 24 26 27 detector switches soldering conditions ????????????????????????????????????????????? 71 detector switches cautions ??????????????????????????????????????????????????? 72 note indicates applicability to all products in the series. detector slide push rotary power dual-in-line package type water-proof type list of varieties detector switches
71 71 water-proof type general- purpose type example of reflow soldering condition 1. heating method: double heating method with infrared heater. 2. temperature measurement: thermocouple 0.1 to 0.2 ca k or cc t at soldering portion copper foil surface. a heat resisting tape should be used for fixed measurement. 3. temperature profile 300 200 100 a max. b e d time (s) c pre-heating f max. room temperature temperature (?c ) sppb 260 230 40 35 40 18 0 15 0 12 0 sppw8 spve 250 sscq 250 spvn s pvl s pvm s pvs s pvt s scm s pvr series reflow type a3s max. b cs d e fs spvqc 1. the condition mentioned above is the temperature on the mounting surface of a pc board. there are cases where the pc board's temperature greatly differs from that of the switch, surface dependin g on the pc board's material, size, thickness, etc. the above-stated conditions shall also apply to switch surface temp eratures. 2. soldering conditions differ depending on reflow soldering machines. prior verification of soldering condition is highly recommended. notes detector switches soldering conditions reference for hand soldering spvs, spvn, spvt, spvm, spvr, spve, sppw8,sscq, sscm, spvl, ssct, spvqc spvq1, spvq3, spvq6, spvq7, spvq8, spvq9, sscn, spvqa sppb reflow sscf, sppb for lead, dip soldering temperature 3505 3005 3 0 0 10 3 5 0 10 soldering time 3s max. 5s max. 3 +1 / 0s 3 +1 / 0s series reference for dip soldering (for pc board terminal types) ssct, spvq1, spvq3, spvq6, spvq7, spvq8, spvq9, spvqa sscf sppw8, sppb items preheating temperature soldering temperature preheating time duration of immersion dip soldering 2605 10 010 5 1s 60s max. 2605 ` 5 1s 2555 10 0 max. 5 1s 60s max. series detector slide push rotary power dual-in-line package type


▲Up To Search▲   

 
Price & Availability of SPVT230101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X