Part Number Hot Search : 
M66011FP MAA02024 DW303 001SMB 120N6TR EASSM23 0E686 F1000
Product Description
Full Text Search
 

To Download SP10150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SP10150 voltage 150 v 10.0 amp schottky barrier rectifiers elektronische bauelemente 14-sep-2010 rev. f page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? ? ? ? ? ? rohs compliant product a suffix of ?-c? specifies halogen free features ? low forward voltage drop ? high current capability ? high reliability ? high surge current capability ? epitaxial construction mechanical data ? case: molded plastic ? epoxy: ul94v-0 rate flame retardant ? lead: lead solderable per mil-std-202 method 208 guaranteed ? polarity: as marked ? mounting position: any ? weight: 1.98 grams (approximate) maximum ratings and electrical characteristics rating 25 c ambient temperature unles s otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%. type number symbol SP10150 units maximum recurrent peak reverse voltage v rrm 150 v working peak reverse voltage v rsm 150 v maximum dc blocking voltage v dc 150 v maximum average forward rectified current per leg per device i f 5 10 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 130 a maximum instantaneous forward voltage i f = 5 a, t a = 25 c, per leg i f = 5 a, t a = 125 c, per leg v f 0.86 0.75 v maximum dc reverse current at rated dc blocking voltage (note 3) t a =25 c t a =125 c i r 0.03 8 ma typical junction capacitance (note 1) c j 350 pf typical thermal resistance (note 2) r ? c /w voltage rate of chance (rated v r ) dv / dt 10000 v / ? s operating temperature range t j t j -50 ~ +150 c storage temperature range t stg t stg -65 ~ +175 c notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to case. 3. pulse test pulse width = 300us, duty cycle Q 2.0%. ref. millimete r ref. millimete r min. max. min. max. a 15.00 15.60 h 3.00 3.80 b 9.50 10.50 j 0.90 1.50 c 13.00 min k 0.50 0.90 d 4.30 4.70 l 2.34 2.74 e 2.50 3.10 m 2.50 2.90 f2.40 2.80 n ? ? ? ito-220 dimensions in millimeters a m j k l l g f b n d e c h
SP10150 voltage 150 v 10.0 amp schottky barrier rectifiers elektronische bauelemente 14-sep-2010 rev. f page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves (SP10150)


▲Up To Search▲   

 
Price & Availability of SP10150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X