Part Number Hot Search : 
GCM155R7 LB1976 SF1005 00309 0000MH PM100 4D44ADR SKL320C
Product Description
Full Text Search
 

To Download SP10100S-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features mechanical data units v t y p f o r c a p a c i t i v e l o a d , d e r a t e c u r r e n t b y 2 0 % . e n u m b e r m a x i m u m r e c u r r e n t p e a k r e v e r s e v o l t a g e w o r k i n g p e a k r e v e r s e v o l t a g e m a x i m u m d c b l o c k i n g v o l t a g e m a x i m u m a v e r a g e f o r w a r d r e c t i f i e d c u r r e nt p e a k f o r w a r d s u r g e c u r r e n t , 8 . 3 m s s i n g l e h a l f s i n e - w a v e s u p e r i m p o s e d o n r a t e d l o a d ( j e d e c m e t h o d ) m a x i m u m i n s t a n t a n e o u s f o r w a r d v o l t a g e ( i = 10 1 8 0 10 10 a m p s , t = 2 5 c, per leg) m a x i m u m d c r e v e r s e c u r r e n t t a = 2 5 c a t r a t e d d c b l o c k i n g v o l t a g e t a = 1 2 5 c t y p i c a l j u n c t i o n c a p a c i t a n c e ( n o t e 1 ) 0 . 3 1 0 v v a a v m a p f typical thermal resistance  (note 2) 4.0 -5 0 +150 -65 +175 operating storage temperature range temperature range c c c /w sp1 0100s 1 0 0 1 0 0 1 0 0 f f maximum instantaneous forward voltage (i = amps,t = 125 c, per leg) f f 3 5 0 0 . 72 0 . 85 ~ ~ symb ol o o o rq ja voltage rate of chance (rated v r ) v rrm v rsm v dc i f i fsm v f i r c j dv/dt 10000 t j t stg v/us notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to ambient. maximum ratings and electrical chara cteristics rating 25 c ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive or inductive load. * low forward voltage drop * high current capability * high reliability * high surge current capability * epitaxial construction * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: lead solderable per mil-std-202, method 208 guaranteed * polarity: as marked * mounting position: any * weight: 2.24 grams(approximately) any changing of specification will not be informed individua l s p1 0 1 0 0 s v o l t a g e 1 0 0 v 1 0.0 a m p s c h o t t k y b a r r i e r r e c t i f i e r s http://www.secosgmbh.com elektronische bauelemente 25 -mar-2010 rev. c page 1 of 2 ito-220a dimensions in millimeters 2.8 0.3 4.5 0.2 0.5 0.2 2.6 0.2 5.08 12.5min 0.2 3.7 0.2 0.7 0.2 . 1.3 0.2 2.7 0.2 15 0.3 10 0.5 3.2 0.2 0.1 rohs compliant product a suffix of "-c" specifies halogen & lead-free 1.0 0.15
any changing of specification will not be informed individua l rating and characteristic curves http://www.secosgmbh.com elektronische bauelemente 25 -mar-2010 rev. c page 2 of 2 sp10100s voltage 100v 10.0 amp schottky barrier rectifiers tc, case temperature ( j) a verage forward current (a); pe r typical forward current derating curve 0 5 10 15 20 50 100 150 190 j u n c t i o n c a p a c i t a n c e ( p f ) r e v i s e v o l t a g e ( % ) t y p i c a l j u n c t i o n c a p a c i t a n c e 0 2 0 0 4 0 0 6 0 0 8 0 0 0 . 1 1 1 0 1 0 0 maximum non- repetitive forward surge current number of cycles at 60hz peak forwad surge current (a) 0 40 80 120 160 200 0 10 100 8.3ms single half sine wave jedec method tj=25 j 75j 0.001 0.01 0.1 1 10 90 30 50 70 110 10 reverse voltage(v) typical reverse characteristic reverse curren t(ma) 25j 50j 100j 0.4 0.1 1 10 100 instantaneous forward current (a) forward voltage (v) typical forward characteristic 0.5 0.6 0.7 0.8 0.9 1.0 25j 125j 75j


▲Up To Search▲   

 
Price & Availability of SP10100S-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X