Part Number Hot Search : 
SMAJ10 ARDMI A1108 AN168 3C5P3 KF448B AN168 A1108
Product Description
Full Text Search
 

To Download SMD1200PL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 amp schottky rectifier 5 0 t o 20 0 vo l t s features ? schottky barrier rectifier ? high current capability ? low forward voltage maximum ratings ? operating temperature: -55 c to +125 c ? storage temperature: -55 c to +150 c ? maximum thermal resistance; 28 c/w junction to lead mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage smd15pl d5 50v 35v 50v smd16pl d6 60v 42v 60v smd18pl d8 80v 56v 80v smd110pl d10 100v 70v 100v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t l = 9 0 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage smd1 5 pl - 16pl smd1 8 p l-11 5 0p l v f . 70 v . 8 5v i fm = 1.0a; t j = 25 c (note:2) typical junction capacitance smd12pl -16pl smd18pl-11 5 0pl c j 110pf 30pf measured at 1.0mhz, v r =4.0v note:1.high temperature solder exemption applied, see eu directive annex 7. maximum dc reverse current at rated dc blocking voltage i r 0.5ma 20ma t a = 25 c t a = 100 c sod-123fl ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) 2 . pulse test: pulse width 300 sec, duty cycle 2% 0.036 0.093 0.048 suggested solder pad layout dimensions inches mm dim min m a x min m a x note a .140 .152 3.55 3.85 b .100 .112 2.55 2.85 c .055 .071 1.40 1.80 d .037 .053 0.95 1.35 e .020 .039 0.50 1.00 g .010 ----- 0.25 ----- h ----- .008 ---- .20 a b e c d h g smd1 1 5 0 p l d 15 150v 105v 150v epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 smd1 20 0 p l d 20 20 0v 1 40 v 200v smd1 20 0p l . 9 5v smd 1 5 p l thr u smd 1200 pl 1 a m p scho t t k y r e c t ifi e r
s md 1 5 pl thru s md 1 20 0 pl figure 1 typical forward characteristics 20 10 6 smd15pl-16pl 4 2 sm d1 8pl-1 20 0 p l amps 1 .6 .4 .2 25 c .1 .06 .04 .02 .01 .4 .6 .8 1.0 1.2 1.4 volts instantaneous forward current - amperes versus instantaneous forward voltage - volts 1.2 figure 2 forward derating curve figure 3 peak forward surge current 60 50 1.0 40 .8 30 .6 amps .4 20 10 0 1 2 4 6 8 10 20 40 60 80 100 single phase, half wave 60hz resistive or inductive load cycles 0 0 50 75 100 125 c 150 175 number of cycles at 60hz - cycles average forward rectified current - amperes versus lead temperature - c


▲Up To Search▲   

 
Price & Availability of SMD1200PL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X