Part Number Hot Search : 
100LVE ZM2V7B I2002RU A123J FDN302P 1N3880 C5622 1N3880
Product Description
Full Text Search
 

To Download SMART2200VS-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro 120v 2.2kva 1.6kw line-interactive ups, tower, snmp, webcard, usb, db9 serial, gray model number: smart2200vs description tripp lite's smart 2200vs intelligent, line interactive ups protects server, networking and telecommunications equipment from blackouts, voltage fluctuations and transient surges. small footprint, tower ups system occupies only 106 square inches of floor space with a height of only 14.25 inches. large capacity 2200 va/ 1600 watt rated ups system offers 7 minutes runtime at full load and 19 minutes at half load during power failures. line interactive voltage regulation corrects brownouts as low as 79v and overvoltages as high as 147v to fully regulated 120v nominal output for smooth continuous operation of connected equipment. includes a total of 9 outlets, 3 pairs of which can be individually powered off and back on via software interface to selectively reboot remote equipment or shed less critical loads to extend battery runtime for more critical loads. includes slot for internal snmpwebcard, plus 2 db9 and 2 usb enhanced monitoring ports for unattended shutdown, remote control and monitoring of ups system and power data. ships in attractive gray color scheme. compatible with tripp lite's poweralert and watchdog service software. features 2200va/1600 watt output capacity accommodates a variety of server, networking and telecom devices high power density 2.2kva ups system occupies only 106 square inches of floor space with a height of only 14.25 inches compatible with north american 120v/60 hz power as found in the usa, canada and mexico offers 7 minutes runtime with a full load of 2200va and 19 minutes with a half load of 1100va line interactive voltage regulation corrects severe brownouts and overvoltages from 79 to 147v back to normal 120v levels without using battery power 9 total outlets (7 nema5-15r; 2 nema5-15/20r) includes nema 5-20 straight blade 20 amp input plug connection notification of system status via 5 leds and multi-function audible alarms included poweralert software provides e-mail notification of power problems and the simultaneous automatic unattended shutdown of multiple servers 4 built-in communications ports (2-db9, 2-usb) for remote monitoring and unattended shutdown slot for snmp/web card (part#: snmpwebcard) and environmental sensor (part#: envirosense) for remote communications in large ip environments supports tripp lite's watchdog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked computers by automatically switching ups power off and back on again communication ports support on battery, low battery, power restored, ac line voltage, dc battery voltage, load percentage, battery charge current, battery capacity, internal ups temperature and line frequency status messaging. interface supports timed inverter shutoff after unattended shutdown, highlights 2.2kva / 2200va line interactive tower ups system 120v nominal output during brownouts to 79v and overvoltages to 147v front panel status leds with load and battery capacity level display usb, rs232, epo and optional snmp/web card are available for simultaneous use nema 5-20p input; 2 nema 5-15/20r & 7 5-15r outlets package includes smart 2200vs ups system, poweralert software and cabling, instruction manual 1 / 5
battery capacity, internal ups temperature and line frequency status messaging. interface supports timed inverter shutoff after unattended shutdown, activate self-test and 10 second reboot of connected equipment 3 pairs of customized load management receptacles can be individually powered off and back on again via software interface to reboot remote equipment or shed less critical loads to extend battery runtime for the most critical equipment built-in emergency power off (epo) interface supports emergency shutoff in large facilities hot-swappable/user replaceable batteries allow on-site battery replacement without powering off connected equipment ups battery set ships fully assembled and ready for use, no time consuming, connection of individual internal batteries by user is necessary ul (usa), cul (canada), nom (mexico), class a (emissions) specifications output output volt amp capacity (va) 2200 output kva capacity (kva) 2.2 output watt capacity (watts) 1600 output kw capacity (kw) 1.6 power factor 0.7 nominal output voltage(s) supported 120v frequency compatibility 60 hz output voltage regulation (line mode) -18% / +8% output voltage regulation (battery mode) +/- 5% output receptacles (7) 5-15r; (2) 5-15/20r load management receptacles three switchable two-outlet 5-15r load banks output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 16a nominal input voltage(s) supported 120v ac ups input connection type 5-20p input circuit breakers 20a ups input cord length (ft.) 8 ups input cord length (m) 2.4 recommended electrical service 20a 120v input phase single-phase 2 / 5
battery full load runtime (min.) 7 min. (1600w) half load runtime (min.) 19 min. (800w) dc system voltage (vdc) 48 battery recharge rate (included batteries) less than 4 hours from 10% to 90% (typical, full load discharge) internal ups replacement battery cartridge rbc54 battery access battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 79v to 147v overvoltage correction input voltages between 128 and 147 are reduced by 12% undervoltage correction input voltages between 95 and 104 are boosted by 12% severe undervoltage correction input voltages between 79 and 94 are boosted by 24% user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status audible alarm audible alarm indicates power-failure, overload and low-battery conditions led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes physical primary form factor tower ups power module dimensions (hwd, in.) 14.2 x 9.2 x 12 ups power module dimensions (hwd, cm) 36.2 x 23.5 x 30.5 ups power module weight (lbs.) 52.4 ups power module weight (kg) 23.8 3 / 5
ups shipping dimensions (hwd / in.) 16 x 14.8 x 19.8 ups shipping dimensions (hwd / cm) 40.6 x 37.5 x 50.2 shipping weight (lbs.) 58.8 shipping weight (kg) 26.7 cooling method fan ups housing material polycarbonate environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 347.2 battery mode btu / hr. (full load) 812.9 ac mode efficiency rating (100% load) 94% audible noise audible noise < 47dba at front side 1 meter communications communications interface usb; db9 serial; contact closure network monitoring port description supports detailed monitoring of ups and site power conditions; 2 usb ports, 1 db9 serial and 1 db9 contact closure port (4 total) poweralert software included communications cable 2 usb and 2 db9 cables included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 79 high voltage transfer to battery power (setpoint) 147 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green energy-saving features individually controllable load banks 4 / 5
certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category a (emi) warranty product warranty period (worldwide) 2-year warranty, 3 year with registration. note: registration is required for 3-year warranty. connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of SMART2200VS-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X