Part Number Hot Search : 
FN3919 SMS12 MMBD7 BU2040 203D1 YD8602 203D1 XB1006
Product Description
Full Text Search
 

To Download RB491DGH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features small surface mounting type. ultra low v . (v =0.40v typ. at 1a) i =1.0a guaranteed despite the size. applications low-power rectification for switching power supply f f f !! ! absolute maximum ratings (ta=25 c) parameter symbol v rm limits 25 unit v peak reverse voltage v r 20 v dc reverse voltage i f 1.0 a dc forward current i fsm 3a peak forward surge current ? tj 125 ?c junction temperature tstg ?40+ 125 ?c storage temperature ? 60hz for 1 ! !! ! electrical characteristics (ta=25 c) parameter forward voltage reverse current symbol min. typ. max. unit conditions v f i r ? ? ? ? 0.45 200 v a i f =1.0a v r =20v note) esd sensitive product handling required. we declare that the material of product is halogen free (green epoxy compound). z z we declare that the material of product compliance with rohs requirements. z o w i e t e c h n o l o g y c o r p o r a t i o n schottky barrier diode lead free product halogen-free type 1 2 3 s o t - 2 3 a n o d e c a t h o d e 1 3 z o w i e t e c h n o l o g y c o r p o r a t i o n rev. 0 RB491DGH
0 0.2 0.3 0.4 0.5 0.6 0.1 0.1m 1m 100m 10m 10 1 forward current : i f ( a) forward voltage : v f ( v) c ? 5 2 1 = a t c ? 5 7 c ? 5 2 c ? 5 2 ? fig.1 forward characteristics fig.2 reversecharacteristics 0 203040506070 10 0.1 10 1 100 10 1 1000 100 reverse current : i r ( ma) reverse voltage : v r ( v) ta=125 ?c 75?c 25?c ?25?c fig.3 capacitance between terminals characteristics 010152025303540 5 1 10 1000 100 10000 terminal capacitance : c t (pf ) reverse voltage : v r ( v) f=1mhz ! !! ! electrical characteristic curves (ta=25 c) 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.2 0.1 0.3 0.4 0.5 0.7 0.6 forward power dissipation : p f ( w) average rectified forward current : i o ( a) d=0.05 d=0.1 d=0.2 d=0.3 d=0.8 dc sine d=0.5 tp t d=tp/t tj=tj max. i f i o fig.4 forward power dissipation characteristics zowie technology corporation rev. 0 zowie technology corporation RB491DGH 1.5 1.0 0.5 0 0 25 50 75 100 125 average rectified forward current : i o ( a) ambient temperature : ta ( ?c) d = 0.3 d = 0.2 d=0.1 d=0.05 dc d = 0.5 d=0.8 sine tp t d = tp/t v r = v rm /2 i f i o fig.5 derating curve (i o - ta)


▲Up To Search▲   

 
Price & Availability of RB491DGH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X