Part Number Hot Search : 
BC261 2SC4095 DTC124 ADF4351 A105K 42S1640 AP4569GH SS1020
Product Description
Full Text Search
 

To Download POE75D-1UP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  revision 6/21/2012 www.phihong.com 75w dc input power over ethernet midspan ultra power over ethern et single port injector features ? full 75w ultra power ? dc input ? diagnostic leds ? full protection ocp, ovp ? gigabit compatible ? 1 year warranty ? single source 4 pair power current sharing ? broken wire detection ? limited power source ? 12.5k detection standard applications ? satellite receiver ? security cameras ? wireless network access points ? kiosks ? lcd displays ? computer workstations safety approvals ? ce mechanical characteristics ? length: 166mm (6.53in) ? height: 44mm (1.73in) ? width: 80mm (3.15in) ? weight: 0.5kg (1.1lbs) output specifications note (1): output is over both data an d spare pairs for combined load of 1.34a. phihong is not responsible for any error, and reserves the right to make change s without notice. please visit our website at www.phihong.com for the most up-to-date spec ifications and cont act information. model dc output voltage load (1) regulation POE75D-1UP +56v min. max. line load 15ma 670ma 54-57v dc under all conditions
poe75d characteristics www.phihong.com input: dc input voltage rating 36 to 72v dc dc input current 4.0a, 32v dc at maximum load 2.0a, 72v dc at maximum load output: total output power 75w ripple and regulation 250mv maximum dc offset no data degradation with dc imbalance 18ma per min. efficiency 85% (typical) at maximum load, at 48v dc transient o/p vo ltage protection 60v maximum environmental: temperature operation -20 to +40c non-operation -25 to +65c humidity operation 5 to 90% emi fcc part 15 class b en55022 class b isolation test primary to secondary: 2121vdc for 1 minute 10ma primary to field ground: 2121vdc for 1 minute, 10ma secondary to field ground: 2121vdc for 1 minute, 10ma (4 second ramp up time) immunity esd: en61000-4-2 level 3 rs: en61000-4-3 level 3 eft: en61000-4-4 level 2 surge: en61000-4-5 level 2 insulation resistance primary to secondary: >10m ohm 500vdc primary to field ground: >10m ohm 500vdc over voltage protection conforms to ul 60950-1 paragraph 2.2.3 over current, short circuit protection outputs equipped with short circuit protection and overload protection as per 802.3at specifications except max average current is 1.34a. the output can be shorted permanently without damage mtbf 150k hours minimum at maximum load, 48vdc, and ambient 25c indicators green led 1: dc power ?on? red led: fault detected green led 2: valid load detected and connected input connector -- anytek oq0355510000g mate ? anytek tj0350520000g or tj035152000g anytek is part of giga-way technology corp. output connection 4-pair powering for full power pins 3,6, 4,5(+) pins 1,2, 7,8 (-) warranty 1 year
poe75u design dimensions (mm) www.phihong.com description of led functions for gigabit power injector power-up sequence: upon power-up, all 3 leds will light for 2 seconds, as part of the self-test for the internal microprocessor software. after the 2 seconds period, the "on" led will illuminate green. the dc output voltage is now available for powering a compliant load. detection sequence: once a compliant load is attached to the output rj45 connector, the green "connect" led will illuminate. this led will be solid if connected at 75w. should the load be non-compliant then the leds will blink a code specific to the cause for non-detection. detection failure codes: 1. incorrect resistive signature ? the green ?con nect? and red ?fault? leds will blink 3 times. 2. incorrect capacitive signature ? the green ?on? led will blink 3 times. 3. incorrect voffset ? the green ?connect? and green ?on? leds will blink 3 times. 4. unstable current measurement ? the green ?on? led will blink 3 times 5. low voltage sensed during detection (overload) ? the red ?fault? led will blink 3 times after the leds blink 3 times the power injector will continue to try to detect a valid load. until the correct load is applied, the leds will continue to blink. if there is an open circuit connected to the output rj45 then the leds will not blink but the power injector will continue to try to detect a valid load. fault sequence: should there be a fault such as an overload or short circuit then the red "fault" led will illuminate. the red ?fault? led will illuminate for 2 seconds and then go off as the power supply tries to re-detect a valid load. if there is a problem detecting the load, the led will indicate a possible fault as per the codes in the section above.


▲Up To Search▲   

 
Price & Availability of POE75D-1UP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X