Part Number Hot Search : 
C847B NTE1839 K1930 TC275 3KP70A E2SAA18 MC3317 MC3317
Product Description
Full Text Search
 

To Download PI74ALVTC16241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ps8358a 11/23/98 product description pericom semiconductors pi74alvtc series of logic circuits are produced in the companys advanced 0.35 micron cmos technology, achieving industry leading speed. the PI74ALVTC16241 buffer/driver is designed specifically to improve both the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. the device can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. it provides true outputs and complementary active- low output-enable (oe and oe) inputs. to ensure the high-impedance state during power up or power down, oe should be tied to vdd through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. the family offers both i/o tolerant, which allows it to operate in mixed 1.8/3.6v systems, and ?bus hold,? which retains the data input?s last state whenever the data input goes to high-impedance, preventing ?floating? inputs and eliminating the need for pullup/ down resistors. 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 product features ? pi74alvtc family is designed for low voltage operation, v dd = 1.8v to 3.6v ? supports live insertion ? 3.6v i/o tolerant inputs and outputs ? bus hold ? high drive, -32/64ma @ 3.3v ? uses patented noise reduction circuitry ? power-off high impedance inputs and outputs ? industrial operation at ?40c to +85c ? packages available: ? 48-pin 240 mil wide plastic tssop (a) ? 48-pin 173 mil wide plastic tvsop (k) ? 48-pin 300 mil wide plastic ssop (v) PI74ALVTC16241 16-bit buffer/driver with 3-state outputs logic block diagram
2 ps8358a 11/23/98 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 PI74ALVTC16241 16-bit buffer driver with 3-state outputs s t u p n is t u p t u o e o 4 , 1a 4 , 1 x x y 4 , 1 lh h ll l hx z pin name description noe 3-state output enable inputs (active low) noe 3-state output enable inputs (active high) nax inputs nyx 3-state outputs gnd ground v cc power product pin description truth tables (1) notes: 1. h = high signal level l = low signal level x = dont care or irrelevant z = high impedance product pin configuration 1 oe 1 y 1 1 y 2 gnd 1 y 3 1 y 4 v cc 2 y 1 2 y 2 gnd 2 y 3 2 y 4 3 y 1 3 y 2 gnd 3 y 3 3 y 4 v cc 4 y 1 4 y 2 gnd 4 y 3 4 y 4 4 oe 1 2 3 4 5 6 7 8 9 48 10 47 11 46 12 45 13 44 14 43 15 42 16 41 17 40 18 39 19 38 20 37 21 36 22 35 23 34 24 33 32 31 30 29 28 27 26 25 2 oe 1 a 1 1 a 2 gnd 1 a 3 1 a 4 v cc 2 a 1 2 a 2 gnd 2 a 3 2 a 4 3 a 1 3 a 2 gnd 3 a 3 3 a 4 v cc 4 a 1 4 a 2 gnd 4 a 3 4 a 4 3 oe 48-pin a48 k48 v48 s t u p n is t u p t u o e o 3 , 2a 3 , 2 x x y 3 , 2 lh h ll l hx z
3 ps8358a 11/23/98 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 PI74ALVTC16241 16-bit buffer driver with 3-state outputs stresses greater than those listed under maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indi- cated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. supply voltage range, v dd .......................................... ?0.5v to 4.6v input voltage range, v i ................................................. -0.5v to 4.6v output voltage range, v o (3-stated) ............................ -0.5v to 4.6v output voltage range, v o (1) (active) ................. ?0.5v to v dd +0.5v dc input diode current (i ik ) v i <0v ........................................ -50ma dc output diode current (i ok ) v o <0v ................................................................................... -50ma v o >v dd ................................................................................ 50ma dc output source/sink current (i oh /i ol ) ......................... -64/128ma dc v dd or gnd current per supply pin (i cc or gnd) ....... 100ma storage temperature range, t stg ................................. ?65c to150c recommended operating conditions 2 maximum ratings (above which the useful life may be impaired. for user guidelines, not tested.) notes 1. absolute maximum of i o must be observed. 2. unused control inputs must be held high or low to prevent them from floating. 3 as measured between 0.8v and 2.0v, v dd = 3.0v. . n i m. x a ms t i n u v d d e g a t l o v y l p p u s g n i t a r e p o8 . 16 . 3 v y l n o n o i t n e t e r a t a d2 . 16 . 3 v h i e g a t l o v t u p n i l e v e l - h g i hv d d v 6 . 3 o t v 7 . 2 =0 . 2 v l i e g a t l o v t u p n i l e v e l - w o lv d d v 6 . 3 o t v 7 . 2 =8 . 0 v i e g a t l o v t u p n i3 . 0 -6 . 3 v o e g a t l o v t u p t u o e t a t s e v i t c a0v d d e t a t s f f o06 . 3 i n i t n e r r u c t u p t u o h o i / l o v d d v 6 . 3 o t v 0 . 3 = v d d v 6 . 3 o t v 0 . 3 = v d d v 7 . 2 o t v 3 . 2 = v d d v 8 . 1 = 4 6 / 2 3 - 4 2 8 1 6 a m d / t d v e t a r l l a f r o e s i r n o i t s i s n a r t t u p n i ) 3 ( 00 1v / s n t a e r u t r e p m e t r i a - e e r f g n i t a r e p o - 0 4 5 8c
4 ps8358a 11/23/98 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 PI74ALVTC16241 16-bit buffer driver with 3-state outputs r e t e m a r a ps n o i t i d n o cv d d . n i m. p y t. x a ms t i n u v h i e g a t l o v t u p n i l e v e l h g i h 6 . 3 - 7 . 2 0 . 2 v v l i e g a t l o v t u p n i l e v e l w o l 8 . 0 v h o e g a t l o v t u p t u o l e v e l h g i h i h o = - 0 0 1 m av d d 2 . 0 - i h o = - a m 2 17 . 22 . 2 i h o = - a m 8 1 0 . 3 4 . 2 i h o = - a m 4 22 . 2 i h o = - a m 2 30 . 2 v l o e g a t l o v t u p t u o l e v e l w o l i l o =0 0 1 m a6 . 3 - 7 . 22 . 0 i l o =2 1a m7 . 24 . 0 i l o =8 1a m 0 . 3 4 . 0 i l o =4 2a m5 4 . 0 i l o =2 3a m5 . 0 i l o =4 6a m5 5 . 0 i i t n e r r u c e g a k a e l t u p n iv i v = d d d n g r o ,6 . 30 . 5 m a i z o e g a k a e l t u p t u o e t a t s - 3v o v 6 . 3 =7 . 20 1 i f f o t n e r r u c e g a k a e l f f o - r e w o pv i v r o o v 6 . 30 0 1 i l d o w o l t n e r r u c t u p t u ov in = v ih v r o il ,v 5 . 1 = o v ) 1 ( 6 . 3 0 5 14 3 3 a m i h d o h g i h t n e r r u c t u p t u ov in = v ih v r o il ,v 5 . 1 = o v ) 1 ( 8 5 -4 1 1 - i d l o h t n e r r u c d l o h s u b s t u p t u o b r o a v i v 8 . 0 = 0 . 3 5 7 m a v i v 0 . 2 =5 7 - v i v 6 . 3 o t 0 =6 . 30 0 5 i d d t n e r r u c y l p p u s t n e c s e i u q v i v = d d d n g r o 6 . 3 - 7 . 2 0 5 v d d v ( i v , o ) v 6 . 30 5 d i d d i n i e s a e r c n i d d t u p n i r e p v h i v = d d , v 6 . 0 - v t a s t u p n i r e h t o d d d n g r o 0 0 4 dc characteristics (2.7v v dd 3.6v) electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) notes 1. duration of test must not exceed 1 second with only 1 output tested at a time.
5 ps8358a 11/23/98 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 PI74ALVTC16241 16-bit buffer driver with 3-state outputs dc characteristics (2.3v v dd 2.7v) n o i t p i r s s e ds r e t e m a r a ps n o i t i d n o cv d d . n i m. p y t. x a ms t i n u v h i e g a t l o v t u p n i l e v e l h g i h 7 . 2 - 3 . 2 6 . 1 v v l i e g a t l o v t u p n i l e v e l w o l 7 . 0 v h o e g a t l o v t u p t u o l e v e l h g i h i h o 0 0 1 - = m av d d 2 . 0 - i h o a m 2 1 - = 3 . 2 8 . 1 i h o a m 8 1 - =7 . 1 v l o e g a t l o v t u p t u o l e v e l w o l i l o 0 0 1 = m a7 . 2 - 3 . 22 . 0 i l o a m 2 1 = 3 . 2 4 . 0 i l o a m 8 1 =5 . 0 i l o a m 4 2 = 5 5 . 0 i i t n e r r u c e g a k a e l t u p n iv 1 v = d d d n g r o7 . 20 . 5 m a i z o e g a k a e l t u p t u o e t a t s - 3v o 6 . 3 = v3 . 20 1 i f f o t n e r r u c e g a k a e l f f o - r e w o pv i v r o o 6 . 3 v0 0 1 i l d o w o l t n e r r u c t u p t u ov n i = v h i r ov , l i v o =v 5 . 1 ) 2 ( 7 . 2 0 1 14 6 2 a m i h d o h g i h t n e r r u c t u p t u ov n i = v h i r ov , l i v o =v 5 . 1 ) 2 ( 0 3 -0 6 - i d l o h ) 1 ( t n e r r u c d l o h s u b s t u p t u o b r o a v i v 7 . 0 = 5 . 2 0 9 m a v i v 7 . 1 =0 9 - i d d t n e r r u c y l p p u s t n e c s e i u q v i v = d d d n g r o 7 . 2 - 3 . 2 0 4 v d d v ( i v , o ) v 6 . 30 4 i d d d n i e s a e r c n ii d d t u p n i r e p v h i v = d d , v 6 . 0 - v t a s t u p n i d d d n g r o 0 0 4 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) notes: 1. not guaranteed 2. duration of test must not exceed 1 second with only 1 output tested at a time.
6 ps8358a 11/23/98 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 PI74ALVTC16241 16-bit buffer driver with 3-state outputs n o i t p i r c s e ds r e t e m a r a ps n o i t i d n o cv d d . n i m. p y t. x a ms t i n u v h i e g a t l o v t u p n i l e v e l h g i h 3 . 2 - 8 . 1 x 7 . 0v d d v v l i e g a t l o v t u p n i l e v e l w o l x 2 . 0 v d d v h o e g a t l o v t u p t u o l e v e l h g i h i h o 0 0 1 - = m a 8 . 1 v d d 2 . 0 - i h o a m 6 - =4 . 1 v l o e g a t l o v t u p t u o l e v e l w o l i l o 0 0 1 = m a2 . 0 i l o a m 6 =3 . 0 i i t n e r r u c e g a k a e l t u p n i v 1 v = d d d n g r o 3 . 20 . 5 m a i z o e g a k a e l t u p t u o e t a t s - 3v o 6 . 3 = v8 . 10 1 i f f o t n e r r u c e g a k a e l f f o - r e w o pv i v = o 6 . 3 v0 0 1 i l d o w o l t n e r r u c t u p t u ov n i = v h i r ov , l i v o v 9 . 0 = ) 2 ( 8 . 1 0 57 3 1 a m i h d o h g i h t n e r r u c t u p t u ov n i = v h i r ov , l i v o v 9 . 0 = ) 2 ( 4 1 -4 3 - i d l o h ) 1 ( t n e r r u c d l o h s u b s t u p t u o b r o a v i 4 . 0 = 8 . 1 0 5 m a v i 3 . 1 =0 5 - i d d t n e r r u c y l p p u s t n e c s e i u q v i v = d d d n g r o0 2 v d d v ( i v , o ) v 6 . 30 2 i d d d n i e s a e r c n ii d d t u p n i r e p v i v = d d , v 6 0 - v t a s t u p n i r e h t o d d d n g r o 0 0 4 dc characteristics (1.8v v dd 2.3v) electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) notes: 1. not guaranteed 2. duration of test must not exceed 1 second with only 1 output tested at a time.
7 ps8358a 11/23/98 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 PI74ALVTC16241 16-bit buffer driver with 3-state outputs ac electrical characteristics note: 1. skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. the specification applies to any outputs switching in the same direction, either high or low (t oshl ) or low to high (t oslh ). capacitance l o b m y s r e t e m a r a p t a c , c 5 8 + o t c 0 4 - = l r , f p 0 5 = l 0 0 5 = w w w w w s t i n u v d d v 3 . 0 v 3 . 3 =v d d v 2 . 0 v 5 . 2 =v d d v 8 . 1 = . n i m. x a m. n i m. x a m. n i m. x a m t l h p t , h l p y a l e d p o r p5 . 01 . 25 . 06 . 20 . 15 . 3 s n t l z p t , h z p e m i t e l b a n e t u p t u o5 . 09 . 20 . 11 . 45 . 18 . 4 t z l p t , z h p e m i t e l b a s i d t u p t u o0 . 16 . 45 . 00 . 50 . 10 . 4 t , l h s o t h l s o w e k s t u p t u o o t t u p t u o ) 1 ( 5 . 05 . 05 . 0 l o b m y sr e t e m a r a ps n o i t i d n o c t a c 5 2 + = l a c i p y t s t i n u c n i e c n a t i c a p a c t u p n iv d d v , v 3 . 3 r o v 5 . 2 , 8 . 1 = i v r o v 0 = d d 6 f p c t u o e c n a t i c a p a c t u p t u ov i v r o v 0 = d d v , d d v 3 . 3 r o v 5 . 2 , v 8 . 1 =7 c d p n o i t a p i s s i d r e w o p e c n a t i c a p a c v i v r o v 0 = d d z h m 0 1 = f , v d d v 3 . 3 r o v 5 . 2 , v 8 . 1 = 0 2
8 ps8358a 11/23/98 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 PI74ALVTC16241 16-bit buffer driver with 3-state outputs test circuits and switching waveforms parameter measurement information (v dd = 1.8v - 3.6v) setup, hold, and release timing pulse width switch position propagaton delay enable disable timing data input t h v dd t su 0v timing input v dd 0v v dd/2 v dd/2 low-high-low pulse t w high-low-high pulse v dd 0v v dd 0v v dd/2 v dd/2 input opposite phase input transition t plh t phl t plh t phl v dd 0v v dd v ol v dd 0v output v dd/2 v dd/2 v dd/2 notes: a. c l includes probe and jig capacitance. b. waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. c. all input pulses are supplied by generators having the following characteristics: prr 10 mhz, z o = 50 w , t r 2ns, t f 2ns, measured from 10% to 90%, unless otherwise specified. d. the outputs are measured one at a time with one transi- tion per measurement. pericom semiconductor corporation 2380 bering drive ? san jose, ca 95131 ? 1-800-435-2336 ? fax (408) 435-1100 ? http://www.pericom.com output control (active low) output waveform 2 s1 at gnd (see note b) t pzl t plz v dd 0v v dd v ol 0v output waveform 1 s1 at 2xv dd (see note b) +0.15v -0.15v v oh v dd t phz t pzh v dd/2 v dd/2 v dd /2 c l r 1 500 w 50pf from output under test gnd 2 x v dd open (see note a) r l 500 w t s e t1 s td pn e p o t z l p /t l z p x 2v d d t z h p /t h z p d n g


▲Up To Search▲   

 
Price & Availability of PI74ALVTC16241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X