Part Number Hot Search : 
MAX970 DTA124E BT151X PFR856S 2SC2833A PCJ1084 MB8841H SC802A
Product Description
Full Text Search
 

To Download PDU3MV6L20BTAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  taa-compliant 5.7kw 3-phase metered pdu, 208/120v outlets (21 5-15/20r, 6 l6-20r), l21-20p, 6ft cord, 0u vertical model number: PDU3MV6L20BTAA description tripp lite 3 phase metered pdu / power distribution units offer real-time local reporting of current levels in amps via set of 3 built-in digital meters. enables visual monitoring of pdu current levels to preserve proper loading balance and prevent circuit overloads as additional equipment is added. offers reliable rackmount multi-outlet power distribution from any protected ups, generator or mains input power source. high quality design includes rugged all-metal housing and secure rackmount installation with included mounting accessories. features federal trade agreements act / taa compliant for gsa schedule purchases 5.7kw 3 phase 208/120v metered power distribution unit / pdu set of 3 built-in current meters continuously report input current per phase attached nema l21-20p 20a (3p+n+e) 208v 3 phase input plug with 6 ft. / 1.8m cord 0u, 70 in. / 178cm vertical form factor supports installation in 2 or 4 post equipment racks 27 total outlets arranged in three single phase output load banks 6 nema l6-20r outlets output 208v 21 nema 5-15/20r outlets output 120v included cord retention brackets keep vital network equipment plugged in and continuously powered toolless mounting supported in button-mount compatible racks, plus nut-and-bolt mounting brackets for other mounting applications (set of 2 9mm buttons pre-installed, 2 9mm and 4 6mm spare buttons included) specifications overview style vertical rackmount highlights federal trade agreements act / taa compliant for gsa schedule purchases metered 5.7kw 3 phase 208/120v pdu; 70 in. / 178cm 0u vertical rackmount reports input current per-phase via built in current meters nema l21-20p (3p+n+e) 208v 3 phase input; 6 ft. / 1.8m line cord 27 outlets total; 21 5-15/20r (120v), 6 l6-20r (208v) toolless button-mount installation; cord retention brackets included applications ideal for 3 phase network configurations in datacenters and heavily configured equipment racks package includes taa version of tripp lite pdu3mv6l2120b cord retention brackets spare installation buttons (2 9mm / 4 6mm) rack mounting brackets owner's manual 1 / 3
pdu type metered output output capacity details 5.7kva total; 9.2a per bank input (balanced) frequency compatibility 60 hz output receptacles (21) 5-15/20r; (6) l6-20r output nominal voltage 208v: l6-20r outlets / 120v: nema 5-15/20r outlets outlet type l6-20r, nema 5-15/20r input pdu input voltage 208 maximum input amps 16 pdu plug type nema l21-20p input cord length (ft.) 6 input cord length (m) 1.83 input phase 3-phase physical shipping dimensions (hwd / in.) 75.8 x 6.1 x 4.3 shipping dimensions (hwd / cm) 192.5 x 15.5 x 11 shipping weight (lbs.) 14.5 shipping weight (kg) 6.6 unit dimensions (hwd / in.) 70 x 2.2 x 1.71 unit dimensions (hwd / cm) 177.8 x 5.6 x 4.39 unit weight (lbs.) 12.6 unit weight (kg) 5.7 material of construction steel form factors supported vertical rackmount installation supported with included mounting brackets; supports toolless mounting in button-mount compatible racks pdu form factor vertical (0u) environmental operating temperature range 0 - 50c / 32 - 122f storage temperature range -15c - 60c / 5 - 140f relative humidity 0-95% non-condensing certifications 2 / 3
certifications tested to ul60950-1 (usa, canada), nom (mexico), class a (emissions), rohs, taa compliant warranty product warranty period (worldwide) 2-year limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 3 / 3


▲Up To Search▲   

 
Price & Availability of PDU3MV6L20BTAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X