Part Number Hot Search : 
MIC2290 IL91214 M5817 TD9944TG MIC2290 FM25CL L4950 2804APG
Product Description
Full Text Search
 

To Download NET-READY141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s**** - r01. 2011.07.01 introduction features 1:1 net-ready optical protection switch 1:1 net-ready platform in todays network, protection switching at optical layer is a subject of great importance to the carriers. as a member of oplinks net- ready product family, oplinks net-ready series protection switches offer various protection schemes against fber cuts and network fail - ures. (1:1) protection a (1:1) optical protection system provides two diverse routes for the same link using optical switches at both ends. in case of working fber link failure, both ends switch to protection link. the (1:1) net- ready protection switches in 1x2 or 2x2 switch confgurations pro - vide this type of protection. the same switch fts both point-to-point and shared protection switching ring architectures.multiple control modes multiple control modes net-ready (1:1) protection switch provides both manual and auto - matic switching modes. in manual mode, the system switches only based on commands from user. in automatic mode, system switches based on power level detected and pre-set threshold. automatic mode has two sub-modes: revertive and non-revertive. under re - vertive mode, system switches back to working path automatically after fault condition is cleared. revertive mode needs an external signaling channel to realize. under non-revertive mode, the system stays at protection link and switch back only when current protec - tion link has failure. programmable threshold and hysteresis alarm and switching threshold and hysteresis are programmable re - motely or locally. remote management and alarm net-ready (1:1) protection switch provides remote system confgu - ration and management through snmp. web gui and cli is also provided for user to manage the system locally via ethernet or craft rs-232 interface respectively. ? independent of data rate, format and wavelength ? highly confgurable to ft network applications ? simple, plug-and-play installation ? user-defnable thresholds and hysteresis ? user-selectable revertive and non-revertive modes ? latching optical switch ? remote confguration through snmp management interface ? front panel led and remote alarm
oplink communications, inc 1:1 net-ready platform 1:1 net-ready optical protection switch parameter value unit operation wavelength range (f op) o-, c- or l-band switch 1x2 switch insertion loss @ 23 c, f op < 0.6 db @ 23 c, f op (include 5% tap) < 1.2 2x2 switch insertion loss @ 23 c, f op < 0.8 db @ 23 c, f op (include 5% tap) < 1.4 wavelength dependent (wdl) < 0.2 db temperature dependent loss (tdl, 0~70c) < 0.2 db polarization dependent loss (pdl) < 0.1 db return loss (with connector) > 45 db channel cross talk > 55 db repeatability <0.05 db optical switching time (from electrical trigger to 90% stable optical output) < 10 (typical = 3) ms durability > 10 million cycles optical input power monitoring range - 30~10 typical dbm optical power reading accuracy <1.0 db operating temperature range 0 to 60 c operating relative humidity < 95%rh, non-condensing storage temperature range -20 to 70 c storage relative humidity < 95%rh, non-condensing 1ru 19 and 23 rack mountable chassis 438 x 291 x 43.4 mm weight approx. 3.5 kg one rj-11 rs232 craft interface one rj-45 (100m) ethernet ports 48v dc power supply, dual a/b power for feed redundancy 100-240v ac power supply. fan used for ac. power consumption < 4 w sc/pc adaptor as optical interface or customer defned, single mode fber smf-28 [1] il excludes connectors. [2] all band (1260~1620nm) ultra-fat 1x2 switch or 2x2 are also available. performance specification snmp v1, v2c management interface, compliant to standard mib browser tl1, compliant with gr-831-core task-oriented web gui command-line interface (cli) based management console ftp, telnet/rlogin gr-1221-core, gr-1073-core, ul, fcc designed to meet nebs, etsi optical performance environmental physical interface and power management physical
1:1 net-ready platform product lines: ? mux/demux ? switching/routing ? coupling/splitting ? monitoring/conditioning ? amplifcation ? transmission ? interconnect ? rgb laser modules 1:1 net-ready optical protection switch 46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com s**** - r01. 2011.07.01 application example ordering information oplink can provide a remarkable range of customized optical solutions. for detail, please contact oplinks oem design team or account manager for your requirements and ordering information (510) 933-7200. protection switch card protection switch card protection line (secondary) working line (primary) 2x2 switch 2x2 switch lo w priority tra c protection switch card protection switch card protection line (secondary) working line (primary) p rotection line (secondar y ) 1x2 switch 1x2 switch 1x2 switch 1x2 switch protection switch card protection switch card protection line (secondary) working line (primary) 2x2 switch 2x2 switch 2x2 switch 2x2 switch lo w priority tra c ? bi-directional (1:1) protection using bi-directional 2x2 switch uni-directional tap monitors designed to monitor the only the in-coming power to detect failure such as fber cut designed to work for bi-directional communication using the same wavelength (duplex working) or diferent wave - length (diplex working) (1:1) point-to-point dedicated protection 1x2 optical latching switch is used as the switch to route the optical path photodiodes monitor the signals from both path signaling channel is needed to realize auto-revertive function (1:1) point-to-point dedicated protection or o-blsr ring protection 2x2 optical latching switch is used as the switch to route the optical path protection line is used for low priority trafc. low priority trafc is interrupted during failure photodiodes monitor the signals from both path external signaling channel is needed to trigger transmitter end switching and auto-reveritve function (1:1) protection using 1x2 switches (1:1) protection using 2x2 switches bi-directional (1:1) protection


▲Up To Search▲   

 
Price & Availability of NET-READY141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X