Part Number Hot Search : 
PD5011C GL3EG62 EMH75 HZS24L3 UL1480 LM8596 CEE124 2B2405XD
Product Description
Full Text Search
 

To Download MAX16814AUPV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max16814 high-efficiency, high-brightness led (hb led) driver provides up to four integrated led current- sink channels. an integrated current-mode switching dc-dc controller drives a dc-dc converter that provides the necessary voltage to multiple strings of hb leds. the max16814 accepts a wide 4.75v to 40v input volt - age range and withstands direct automotive load-dump events. the wide input range allows powering hb leds for small to medium-sized lcd displays in automotive and general lighting applications. an internal current-mode switching dc-dc control - ler supports the boost, coupled-inductor boost-buck, or sepic topologies and operates in an adjus table f requency range between 200khz and 2mhz. it can also be used for single-inductor boost-buck topology in conjunction with the max15054 and an additional mosfet. the current-mode control with programma - ble slope compensation provides fast response and simplifies loop compensation. the max16814 also fea - tures an adaptive output-voltage-control scheme that minimizes the power dissipation in the led current-sink paths. the max16814 consists of four identical linear current source channels to drive four strings of hb leds. the channel current is adjus table from 20ma to 150ma with an accuracy of 3% using an external resistor. the external resistor sets all 4-channel currents to the same value. the device allows connecting multiple channels in parallel to achieve higher current per led string. the max16814 also features pulsed dimming control on all four channels through a logic input (dim). in addition, the max16814a_ _ and max16814u_ _ include a unique feature that allows a very short minimum pulse width as low as 1s. the max16814 includes output overvoltage, open- led detection and protection, programmable shorted- led detection and protection, and overtemperature protection. the device operates over the -40 n c to +125 n c automotive temperature range. the max16814 is available in 6.5mm x 4.4mm, 20-pin tssop, 4mm x 4mm, 20-pin tqfn and qfnd packages. applications automotive displays led backlights automotive rcl, drl, front position, and fog lights lcd tv and desktop display led backlights architectural, industrial, and ambient lighting benefts and features cost-effective 4-channel linear led current sinks for wide range of led lighting applications ? drives one to four led strings ? 4.75v to 40v input voltage range ? full-scale led current adjustable from 20ma to 150ma ? 5000:1 pwm dimming at 200hz ? less than 40a shutdown current minimal component count saves cost and space ? internal mosfet for each channel ? internal current-mode switching dc-dc controller supporting boost, coupled-inductor boost-buck, or sepic topologies ? 200khz to 2mhz programmable switching frequency for optimizing size vs. effciency ? external switching-frequency synchronization protection features and wide operating temperature range improves reliability ? open-drain fault-indicator output ? open-led and led-short detection and protection ? overtemperature protection ? available in thermally enhanced 20-pin tqfn, qfnd, and tssop packages ? operation over -40c to +125c temperature range typical operating circuit and pin configurations appear at end of data sheet. 19-4722; rev 10; 2/15 + denotes a lead(pb)-free/rohs-compliant package. * ep = exposed pad. /v denotes an automotive qualified part; (sw) = side wettable. ordering information part temp range pin-package max16814atp+ -40 c to +125 c 20 tqfn-ep* max16814atp/v+ -40 c to +125 c 20 tqfn-ep* max16814agp/vy+ -40 c to +125 c 20 qfnd-ep* (sw) max16814aup+ -40 c to +125 c 20 tssop-ep* max16814aup/v+ -40 c to +125 c 20 tssop-ep* max16814betp+ -40 c to +85 c 20 tqfn-ep* max16814beup+ -40 c to +85 c 20 tssop-ep* max16814butp+ 0 c to +85 c 20 tqfn-ep* max16814buup+ 0 c to +85 c 20 tssop-ep* max16814utp+ 0 c to +85 c 20 tqfn-ep* max16814uup+ 0 c to +85 c 20 tssop-ep* max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller evaluation kit available
stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. in to sgnd ............................................................ -0.3v to +45v en to sgnd ............................................... -0.3v to (v in + 0.3v) pgnd to sgnd .................................................... -0.3v to +0.3v ledgnd to sgnd ............................................... -0.3v to +0.3v out_ to ledgnd ................................................. -0.3v to +45v v cc to sgnd .......... -0.3v to the lower of (v in + 0.3v) and +6v drv, flt , dim, rsdt, ovp to sgnd ..................... -0.3v to +6v cs, rt, comp, seti to sgnd ................. -0.3v to (v cc + 0.3v) ndrv to pgnd ....................................... -0.3v to (v drv + 0.3v) ndrv peak current (< 100ns) ............................................. q 3a ndrv continuous current ............................................ q 100ma out_ continuous current ............................................. q 175ma v cc short-circuit duration ........................................ continuous continuous power dissipation (t a = +70 n c) (note 1) 20-pin tqfn (derate 25.6mw/ n c above +70 n c) ....... 2051mw 20-pin side-wettable qfnd (derate 26.5mw/ n c above +70 n c) ............................ 2050mw 26-pin tssop (derate 26.5mw/ n c above +70 n c) ..... 2122mw operating temperature range max16814a_ _ .............................................. -40 n c to +125 n c max16814be_ _ ............................................. -40 n c to +85 n c max16814u_ _and max16814bu_ _ ................ 0 n c to +85 n c junction temperature ..................................................... +150 n c storage temperature range ............................ -65 n c to +150 n c lead temperature (soldering, 10s) ................................ +300 n c soldering temperature (reflow) ...................................... +260 n c electrical characteristics (v in = v en = 12v, r rt = 12.25k i , r seti = 15k i , c vcc = 1 f f, v cc = v drv , ndrv = comp = out_ = unconnected, v rsdt = v dim = v cc , v ovp = v cs = v ledgnd = v pgnd = v sgnd = 0v, t a = t j = -40 n c to +125 n c for max16814a_ _, t a = -40 n c to +85 n c for max16814be_ _, and t a = t j = 0 n c to +85 n c for max16814u_ _ and max16814bu_ _, unless otherwise noted. typical values are at t a = +25 n c.) (note 2) absolute maximum ratings note 1: package thermal resistances were obtained using the method described in jedec specification jesd51-7, using a four-layer board. for detailed information on package thermal considerations, refer to http://www.maximintegrated.com/thermal-tutorial . package thermal characteristics (note 1) 20 tqfn/qfnd junction-to-ambient thermal resistance ( b ja ) ........ +39 n c/w junction-to-case thermal resistance ( b jc ) ............... +6 n c/w 20 tssop junction-to-ambient thermal resistance ( b ja ) ..... +37.7 n c/w junction-to-case thermal resistance ( b jc ) ............ +2.0 n c/w parameter symbol conditions min typ max units operating voltage range v in 4.75 40 v active supply current i in max16814a_ _ and max16814u_ _ 2.5 5 ma max16814b_ _ _ only 2.75 5.5 standby supply current v en = 0v 15 40 a in undervoltage lockout v in rising 3.975 4.3 4.625 v in uvlo hysteresis 170 mv v cc regulator regulator output voltage v cc 6.5v < v in < 10v, 1ma < i load < 50ma 4.75 5.0 5.25 v 10v < v in < 40v, 1ma < i load < 10ma dropout voltage v in - v cc , v in = 4.75v, i load = 50ma 200 500 mv short-circuit current limit v cc shorted to sgnd 100 ma v cc undervoltage lockout threshold v cc rising 4 v v cc uvlo hysteresis 100 mv rt oscillator switching frequency range f sw 200 2000 khz maxim integrated 2 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
electrical characteristics (continued) (v in = v en = 12v, r rt = 12.25k i , r seti = 15k i , c vcc = 1 f f, v cc = v drv , ndrv = comp = out_ = unconnected, v rsdt = v dim = v cc , v ovp = v cs = v ledgnd = v pgnd = v sgnd = 0v, t a = t j = -40 n c to +125 n c for max16814a_ _, t a = -40 n c to +85 n c for max16814be_ _, and t a = t j = 0 n c to +85 n c for max16814u_ _ and max16814bu_ _, unless otherwise noted. typical values are at t a = +25 n c.) (note 2) parameter symbol conditions min typ max units maximum duty cycle f sw = 200khz to 600khz, max16814a_ _ and max16814u_ _ 85 89 93 % f sw = 600khz to 2000khz, max16814a_ _ and max16814u_ _ 82 86 90 f sw = 200khz to 600khz, max16814b_ _ 90 94 98 f sw = 600khz to 2000khz, max16814b _ _ _ 86 90 94 oscillator frequency accuracy f sw = 200khz to 2mhz, max16814a_ _ and max16814u_ _ -7.5 +7.5 % f sw = 200khz to 2mhz, max16814b_ _ _ -7 +7 sync rising threshold 4 v minimum sync frequency 1.1f sw hz pwm comparator pwm comparator leading-edge blanking time 60 ns pwm to ndrv propagation delay including leading-edge blanking time 90 ns slope compensation peak slope compensation current ramp magnitude current ramp added to the cs input, max16814a_ _ only 44 49 54 a x f sw current ramp added to the cs input, max16814u_ _ and max16814b_ _ _ 45 50 55 cs limit comparator current-limit threshold (note 3) 396 416 437 mv cs limit comparator to ndrv propagation delay 10mv overdrive, excluding leading-edge blanking time 10 ns error amplifier out_ regulation voltage 1 v transconductance g m 340 600 880 s no-load gain (note 4) 75 db comp sink current v out_ = 5v, v comp = 2.5v 160 375 800 a comp source current v out_ = 0v, v comp = 2.5v 160 375 800 a mosfet driver ndrv on-resistance i sink = 100ma (nmos) 0.9 i source = 100ma (pmos) 1.1 peak sink current v ndrv = 5v 2.0 a peak source current v ndrv = 0v 2.0 a rise time c load = 1nf 6 ns fall time c load = 1nf 6 ns led current sources out_ current-sink range v out_ = v ref 20 150 ma channel-to-channel matching i out_ = 100ma 2 % i out_ = 100ma, all channels on 1.5 maxim integrated 3 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
note 2: all max16814a_ _ are 100% tested at t a = +125 n c, while all max16814u_ _ and max16814b _ _ _ are 100% tested at t a = +25c. all limits overtemperature are guaranteed by design, not production tested. note 3: cs threshold includes slope-compensation ramp magnitude. note 4: gain = v comp /v cs , 0.05v < v cs < 0.15v. electrical characteristics (continued) (v in = v en = 12v, r rt = 12.25k i , r seti = 15k i , c vcc = 1 f f, v cc = v drv , ndrv = comp = out_ = unconnected, v rsdt = v dim = v cc , v ovp = v cs = v ledgnd = v pgnd = v sgnd = 0v, t a = t j = -40 n c to +125 n c for max16814a_ _, t a = -40 n c to +85 n c for max16814be_ _, and t a = t j = 0 n c to +85 n c for max16814u_ _ and max16814bu_ _, unless otherwise noted. typical values are at t a = +25 n c.) (note 2) parameter symbol conditions min typ max units output current accuracy i out_ = 100ma t a = +125 c, max16814a_ _ only 3 % t a = -40 c to +125 c, max16814a_ _ only 5 i out_ = 50ma to 150ma t a = +25 c, max16814u_ _ and max16814b_ _ _ 2.75 t a = 0 c to +85 c, max16814u_ _ and max16814bu _ _ 4 t a = -40 c to +85 c for max16814be _ _ 4 out_ leakage current v dim = 0v, v out_ = 40v 1 a logic inputs/outputs en reference voltage v en rising, max16814a_ _ only 1.125 1.23 1.335 v v en rising, max16814u_ _ and max16814b_ _ _ 1.144 1.23 1.316 en hysteresis 50 mv en input current v en = 40v 600 na dim input high voltage 2.1 v dim input low voltage 0.8 v dim hysteresis 250 mv dim input current 2 a dim to led turn-on delay dim rising edge to 10% rise in i out_ 100 ns dim to led turn-off delay dim falling edge to 10% fall in i out _ 100 ns i out_ rise and fall times 200 ns flt output low voltage v in = 4.75v and i sink = 5ma 0.4 v flt output leakage current v flt = 5.5v 1.0 a led short detection threshold gain = 3v 1.75 2.0 2.25 v short detection comparator delay 6.5 s rsdt leakage current 600 na ovp trip threshold output rising 1.19 1.228 1.266 v ovp hysteresis 70 mv ovp leakage current v ovp = 1.25v 200 na thermal-shutdown threshold temperature rising 165 c thermal-shutdown hysteresis 15 c maxim integrated 4 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
typical operating characteristics (v in = v en = 12v, f sw = 300khz, r seti = 15k i , c vcc = 1 f f, v cc = v drv , ndrv = comp = out_ = unconnected, v ovp = v cs = v ledgnd = v dim = v pgnd = v sgnd = 0v, load = 4 strings of 7 white leds, t a = +25 n c, unless otherwise noted.) supply current vs. switching frequency max16814 toc03 f sw (khz) i in (ma) 1600 1400 1200 1000 800 600 400 3.2 3.4 3.6 3.8 4.0 4.2 4.4 3.0 200 1800 2000 c ndrv = 13pf v seti vs. programmed current max16814 toc06 led string current (ma) v seti (v) 124 98 72 46 1.229 1.230 1.231 1.232 1.233 1.234 1.228 20 150 switching waveform at 5khz (50% duty cycle) dimming max16814 toc01 i out1 100ma/div v out 10v/div 0v 0a 0v v lx 10v/div 40fs/div figure 2 switching frequency vs. temperature max16814 toc04 temperature (nc) switching frequency (khz) 100 75 25 50 0 -25 292 294 296 298 300 302 304 306 308 310 290 -50 125 en threshold voltage vs. temperature max16814 toc07 temperature (nc) en threshold voltage (v) 100 75 50 25 0 -25 1.15 1.20 1.25 1.30 1.10 -50 125 v en rising v en falling supply current vs. supply voltage max16814 toc02 v in (v) i in (ma) 40 35 30 25 20 15 10 2.6 2.8 3.0 3.2 3.4 3.6 3.8 2.4 54 5 c ndrv = 13pf t a = +125nc t a = +25nc t a = -40nc v seti vs. temperature max16814 toc05 temperature (nc) v seti (v) 100 75 50 25 0 -25 1.224 1.228 1.232 1.236 1.240 1.220 -50 125 en leakage current vs. temperature max16814 toc08 temperature (nc) en leakage current (na) 100 75 50 25 0 -25 30 60 90 120 150 0 -50 125 v en = 2.5v maxim integrated 5 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
typical operating characteristics (continued) (v in = v en = 12v, f sw = 300khz, r seti = 15k i , c vcc = 1 f f, v cc = v drv , ndrv = comp = out_ = unconnected, v ovp = v cs = v ledgnd = v dim = v pgnd = v sgnd = 0v, load =4 strings of 7 white leds, t a = +25 n c, unless otherwise noted.) v cc line regulation max16814 toc09 v in (v) v cc (v) 35 30 25 20 15 10 5.00 5.02 5.04 5.06 5.08 4.96 4.98 54 0 t a = +125 n c t a = +25 n c t a = -40 n c v cc load regulation max16814 toc10 i vcc (ma) v cc (v) 60 40 20 4.92 4.94 4.96 4.98 5.00 5.02 5.04 5.06 5.08 5.10 4.90 08 0 t a = -40nc t a = +25nc t a = +125nc switching frequency vs. 1/rt max16814 toc11 1/rt (ms) switching frequency (mhz) 0.26 0.22 0.14 0.18 0.10 0.06 0.20 0.40 0.60 0.80 1.00 1.20 1.40 1.60 1.80 2.00 0.02 0.30 startup waveform with dim on pulse width < t sw max16814 toc12 i out_ 100ma/div 0a v in 20v/div 0v v dim 5v/div 0v v led 20v/div 0v 40ms/div startup waveform with dim on pulse width = 10t sw max16814 toc13 i out1 100ma/div v led 10v/div 0v 0a 0v v in 20v/div v dim 5v/div 0v 40ms/div figure 2 startup waveform with dim continuously on max16814 toc14 i out1 100ma/div v led 10v/div 0v 0a 0v 0v v in 20v/div v dim 5v/div 40ms/div figure 2 mosfet driver on-resistance vs. temperature max16814 toc15 temperature (nc) on-resistance (i) 100 75 50 25 0 -25 0.7 0.9 1.1 1.3 1.5 0.5 -50 125 pmos nmos maxim integrated 6 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
typical operating characteristics (continued) (v in = v en = 12v, f sw = 300khz, r seti = 15k i , c vcc = 1 f f, v cc = v drv , ndrv = comp = out_ = unconnected, v ovp = v cs = v ledgnd = v dim = v pgnd = v sgnd = 0v, load = 4 strings of 7 white leds, t a = +25 n c, unless otherwise noted.) led current switching with dim at 5khz and 50% duty cycle max16814 toc16 i out3 100ma/div i out4 100ma/div 0a 0a 0a 0a i out1 100ma/div i out2 100ma/div 100fs/div figure 2 led current rising and falling waveform max16814 toc17 v dim 5v/div 0a 0v i led 50ma/div 4fs/div figure 2 out_ leakage current vs. temperature max16814 toc20 temperature (nc) out_ leakage current (na) 1 10 100 0.1 100 75 50 25 0 -25 -50 125 v dim = 0v v out = 40v out_ current vs. 1/r seti max16814 toc18 1/r seti (ms) i out_ (ma) 0.085 0.070 0.055 0.040 0.025 40 60 80 100 120 140 160 20 0.010 0.100 ovp leakage current vs. temperature max16814 toc21 temperature (nc) ovp leakage current (na) 100 75 25 50 0 -25 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 -50 125 v ovp = 1.25v comp leakage current vs. temperature max16814 toc19 temperature (nc) comp leakage current (na) 100 75 50 25 0 -25 0.2 0.4 0.6 0.8 1.0 0 -50 125 v dim = 0v v comp = 4.5v v comp = 0.5v rsdt leakage current vs. temperature max16814 toc22 temperature (nc) rsdt leakage current (na) 100 75 50 25 0 -25 100 150 200 250 50 -50 125 v rsdt = 0.5v v rsdt = 2.5v maxim integrated 7 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
pin description pin name function tqfn/ qfnd tssop 1 4 in bias supply input. connect a 4.75v to 40v supply to in. bypass in to sgnd with a ceramic capacitor. 2 5 en enable input. connect en to logic-low to shut down the device. connect en to logic-high or in for normal operation. the en logic threshold is internally set to 1.23v. 3 6 comp switching converter compensation input. connect the compensation network from comp to sgnd for current-mode control (see the feedback compensation section). 4 7 rt oscillator timing resistor connection. connect a timing resistor (r t ) from rt to sgnd to program the switching frequency according to the formula r t = 7.350 x 10 9 /f sw (for the max16814a_ _ and the max16814u_ _) or to the formula r t = 7.72 x 10 9 /f sw (for the max16814b_ _ _). apply an ac-coupled external clock at rt to synchronize the switching frequency with an external clock. 5 8 flt open-drain fault output. flt asserts low when an open led, short led, or thermal shutdown is detected. connect a 10k pullup resistor from flt to v cc . 6 9 ovp overvoltage-threshold-adjust input. connect a resistor-divider from the switching converter output to ovp and sgnd. the ovp comparator reference is internally set to 1.23v. 7 10 seti led current-adjust input. connect a resistor (r seti ) from seti to sgnd to set the current through each led string (i led ) according to the formula i led = 1500/r seti . 8 11 rsdt led short detection threshold adjust input. connect a resistive divider from v cc to rsdt and sgnd to program the led short detection threshold. connect rsdt directly to v cc to disable led short detection. the led short detection comparator is internally referenced to 2v. 9 12 sgnd signal ground. sgnd is the current return path connection for the low-noise analog signals. connect sgnd, ledgnd, and pgnd at a single point. 10 13 dim digital pwm dimming input. apply a pwm signal to dim for led dimming control. connect dim to v cc if dimming control is not used. 11 14 out1 led string cathode connection 1. out1 is the open-drain output of the linear current sink that controls the current through the led string connected to out1. out1 sinks up to 150ma. if unused, connect out1 to ledgnd. maxim integrated 8 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
pin description (continued) pin name function tqfn/ qfnd tssop 12 15 out2 led string cathode connection 2. out2 is the open-drain output of the linear current sink that controls the current through the led string connected to out2. out2 sinks up to 150ma. if unused, connect out2 to ledgnd. 13 16 ledgnd led ground. ledgnd is the return path connection for the linear current sinks. connect sgnd, ledgnd, and pgnd at a single point. 14 17 out3 led string cathode connection 3. out3 is the open-drain output of the linear current sink that controls the current through the led string connected to out3. out3 sinks up to 150ma. if unused, connect out3 to ledgnd. 15 18 out4 led string cathode connection 4. out4 is the open-drain output of the linear current sink that controls the current through the led string connected to out4. out4 sinks up to 150ma. if unused, connect out4 to ledgnd. 16 19 cs current-sense input. cs is the current-sense input for the switching regulator. a sense resistor connected from the source of the external power mosfet to pgnd sets the switching current limit. a resistor connected between the source of the power mosfet and cs sets the slope compensation ramp rate (see the slope compensation section). 17 20 pgnd power ground. pgnd is the switching current return path connection. connect sgnd, ledgnd, and pgnd at a single point. 18 1 ndrv switching n-mosfet gate-driver output. connect ndrv to the gate of the external switching power mosfet. 19 2 drv mosfet gate-driver supply input. connect a resistor between v cc and drv to power the mosfet driver with the internal 5v regulator. bypass drv to pgnd with a minimum of 0.1f ceramic capacitor. 20 3 v cc 5v regulator output. bypass v cc to sgnd with a minimum of 1f ceramic capacitor as close as possible to the device. ep exposed pad. connect ep to a large-area contiguous copper ground plane for effective power dissipation. do not use as the main ic ground connection. ep must be connected to sgnd. maxim integrated 9 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
figure 1. simplified functional diagram fault flag logic tshdn ( = 50fa x f sw ) 0.425v ovp comp ilim max16814 cs blanking tshdn tshdn pwm logic drv clk 2.5v ndrv pgnd rt cs thermal shutdown soft-start 100ms bandgap v ref ss_ref ss_done uvlo uvlo 5v ldo regulator slope compensation ramp/rt osc logic (ref/fb selector) short led detector rsdt flt pokd v ref ledgnd out_ dim open-led detector logic min string voltage unused string detector shdn shdn shdn tshdn comp in v cc en fb pokd pok v bg = 1.235v v bg v bg sgnd seti ovp shdn ref g m r p sgnd di dt 1.23v maxim integrated 10 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
figure 2. circuit used for typical operating characteristics out2 out1 in ndrv cs ovp pgnd ledgnd out3 out4 vdrv v cc seti flt rsdt r t l1 l2 v in c5 c1 c3 c6 sgnd max16814 m1 d1 d2 7 hbleds per string c8 c2 c7 r1 r2 r7 r seti r cs r scomp r t r6 r3 r4 v cc r5 c4 r comp c comp dim comp en maxim integrated 11 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
detailed description the max16814 high-efficiency hb led driver integrates all the necessary features to implement a high-performance backlight driver to power leds in small to medium-sized displays for automotive as well as general applications. the device provides load-dump voltage protection up to 40v in automotive applications. the max16814 incorporates two major blocks: a dc-dc controller with peak current-mode control to implement a boost, coupled-inductor boost-buck, or a sepic-type switched-mode power supply and a 4-channel led driver with 20ma to 150ma constant current-sink capa - bility per channel. figure 1 is the simplified functional diagram and figure 2 shows the circuit used for typical operating characteristics. the max16814 features a constant-frequency peak current-mode control with programmable slope compensation to control the duty cycle of the pwm controller. the high-current fet driver can provide up to 2a of current to the external n-channel mosfet. the dc-dc converter implemented using the controller generates the required supply voltage for the led strings from a wide input supply range. connect led strings from the dc-dc converter output to the 4-channel constant current-sink drivers that control the current through the led strings. a single resistor connected from the seti input to ground adjusts the forward current through all four led strings. the max16814 features adaptive voltage control that adjusts the converter output voltage depending on the forward voltage of the led strings. this feature mini - mizes the voltage drop across the constant current-sink drivers and reduces power dissipation in the device. a logic input (en) shuts down the device when pulled low. the device includes an internal 5v ldo capable of powering additional external circuitry. all the versions of the max16814 include pwm dimming. the max16814a_ and the max16814u_ versions, in par - ticular, provide very wide (5000:1) pwm dimming range where a dimming pulse as narrow as 1s is possible at a 200hz dimming frequency. this is made possible by a unique feature that detects short pwm dimming input pulses and adjusts the converter feedback accordingly. advanced features include detection and string- disconnect for open-led strings, partial or fully shorted strings, and unused strings. overvoltage protection clamps the converter output voltage to the programmed ovp threshold in the event of an open-led condi - tion. shorted led string detection and overvoltage protection thresholds are programmable using rsdt and ovp inputs, respectively. an open-drain flt signal asserts to indicate open-led, shorted-led, and over - temperature conditions. disable individual current-sink channels by connecting the corresponding out_ to ledgnd. in this case, flt does not assert indicating an open-led condition for the disabled channel. the device also features an overtemperature protection that shuts down the controller if the die temperature exceeds +165 n c. current-mode dc-dc controller the peak current-mode controller allows boost, coupled- inductor buck-boost, or sepic-type converters to gener - ate the required bias voltage for the led strings. the switching frequency can be programmed over the 200khz to 2mhz range using a resistor connected from rt to sgnd. programmable slope compensation is available to compensate for subharmonic oscillations that occur at above 50% duty cycles in continuous-conduction mode. the external mosfet is turned on at the beginning of every switching cycle. the inductor current ramps up linearly until it is turned off at the peak current level set by the feedback loop. the peak inductor current is sensed from the voltage across the current-sense resistor (r cs ) connected from the source of the external mosfet to pgnd. the max16814 features leading-edge blanking to suppress the external mosfet switching noise. a pwm comparator compares the current-sense voltage plus the slope-compensation signal with the output of the transcon - ductance error amplifier. the controller turns off the exter - nal mosfet when the voltage at cs exceeds the error amplifiers output voltage. this process repeats every switching cycle to achieve peak current-mode control. error amplifer the internal error amplifier compares an internal feed - back (fb) with an internal reference (ref) and regulates its output to adjust the inductor current. an internal mini - mum string detector measures the minimum current-sink voltage with respect to sgnd out of the four constant- current-sink channels. during normal operation, this minimum out_ voltage is regulated to 1v through feedback. the error amplifier takes 1v as the ref and the minimum out_ voltage as the fb input. the amplified error at the comp output controls the inductor peak current to regulate the minimum out_ voltage at maxim integrated 12 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
1v. the resulting dc-dc converter output voltage is the highest led string voltage plus 1v. the converter stops switching when the led strings are turned off during pwm dimming. the error amplifier is disconnected from the comp output to retain the com - pensation capacitor charge . this allows the converter to settle to steady-state level almost immediately when the led strings are turned on again. this unique feature provides fast dimming response, without having to use large output capacitors. for the max16814a_ _ and the max16814u_ _, if the pwm dimming on-pulse is less than or equal to five switching cycles, the feedback controls the voltage on ovp so that the converter output voltage is regulated at 95% of the ovp threshold. this mode ensures that narrow pwm dimming pulses are not affected by the response time of the converter. during this mode, the error amplifier remains connected to the comp output continuously and the dc-dc converter continues switching. undervoltage lockout (uvlo) the max16814 features two undervoltage lockouts that monitor the input voltage at in and the output of the inter - nal ldo regulator at v cc . the device turns on after both v in and v cc exceed their respective uvlo thresholds. the uvlo threshold at in is 4.3v when v in is rising and 4.15v when v in is falling. the uvlo threshold at v cc is 4v when v cc is rising and 3.9v when v cc is falling. enable en is a logic input that completely shuts down the device when connected to logic-low, reducing the current consumption of the device to less than 40 f a. the logic threshold at en is 1.23v (typ). the voltage at en must exceed 1.23v before any operation can commence. there is a 50mv hysteresis on en. the en input also allows programming the supply input uvlo threshold using an external voltage-divider to sense the input voltage as shown below. use the following equation to calculate the value of r1 and r2 in figure 3: uvlo v r1 - 1 r2 1.23v ?? = ?? ?? where v uvlo is the desired undervoltage lockout level and 1.23v is the en input reference. connect en to in if not used. soft-start the max16814 provides soft-start with internally set timing. at power-up, the max16814 enters soft-start once unused led strings are detected and disconnected (see the open-led management and overvoltage protection section). during soft-start, the dc-dc converter output ramps towards 95% of the ovp voltage and uses feedback from the ovp input. soft-start terminates when the minimum current-sink voltage reaches 1v or when the converter output reaches 95% ovp. the typical soft-start period is 100ms. the 1v minimum out_ voltage is detected only when the led strings are enabled by pwm dimming. connect ovp to the boost converter output through a resistive divider network (see the typical operating circuit ). when there is an open-led condition, the converter output hits the ovp threshold. after the ovp is triggered, open- led strings are disconnected and, at the beginning of the dimming pwm pulse, control is transferred to the adaptive voltage control. the converter output discharges to a level where the new minimum out_ voltage is 1v. oscillator frequency/external synchronization the internal oscillator frequency is programmable between 200khz and 2mhz using a resistor (r t ) con - nected from the rt input to sgnd. use the equation below to calculate the value of r t for the desired switch - ing frequency, f sw . 9 t sw 7.35 10 hz r f = (for the max16814a_ _ and the max16814u_ _). 9 t sw 7.72 10 r f = (for the max16814b_ _ _). synchronize the oscillator with an external clock by ac-coupling the external clock to the rt input. the capacitor used for the ac-coupling should satisfy the following relation: ( ) -3 sync t 9.862 c -0.144 10 f r ?? ?? ?? figure 3. setting the max16814 undervoltage lockout threshold 1.23v en r1 v in r2 max16814 maxim integrated 13 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
where r t is in . the pulse width for the synchronization pulse should satisfy the following relations: ( ) pw s clk pw ss clk clk pw ci clk ci t v 0.5 t t 0.8 v v 3.4 t t t t 1.05 t t < ?? ? +> ?? ?? < ? where t pw is the synchronization source pulse width, t clk is the synchronization clock time period, t ci is the programmed clock period, and v s is the synchronization pulse voltage level. 5v ldo regulator (v cc ) the internal ldo regulator converts the input voltage at in to a 5v output voltage at v cc . the ldo regulator supplies up to 50ma current to provide power to internal control circuitry and the gate driver. connect a resistor between v cc and drv to power the gate-drive circuitry; the recommended value is 4.7 i . bypass drv with a capacitor to pgnd. the external resistor and bypass capacitor provide noise filtering. bypass v cc to sgnd with a minimum of 1 f f ceramic capacitor as close to the device as possible. pwm mosfet driver the ndrv output is a push-pull output with the on-resis - tance of the pmos typically 1.1 i and the on-resistance of the nmos typically 0.9 i . ndrv swings from pgnd to drv to drive an external n-channel mosfet. the driver typically sources 2.0a and sinks 2.0a allowing for fast turn-on and turn-off of high gate-charge mosfets. the power dissipation in the max16814 is mainly a function of the average current sourced to drive the external mosfet (i drv ) if there are no additional loads on v cc . i drv depends on the total gate charge (q g ) and operating frequency of the converter. connect drv to v cc with a 4.7 i resistor to power the gate driver with the internal 5v regulator. led current control the max16814 features four identical constant-current sources used to drive multiple hb led strings. the current through each one of the four channels is adjus t - able between 20ma and 150ma using an external resistor (r seti ) connected between seti and sgnd. select r seti using the following formula: seti out_ r 1500 i = where i out_ is the desired output current for each of the four channels. if more than 150ma is required in an led string, use two or more of the current source outputs (out_) connected together to drive the string as shown in figure 4. led dimming control the max16814 features led brightness control using an external pwm signal applied at dim. a logic-high signal on the dim input enables all four led current sources and a logic-low signal disables them. for the max16814a_ _ and the max16814u_ _, the duty cycle of the pwm signal applied to dim also controls the dc-dc converters output voltage. if the turn-on duration of the pwm signal is less than or equal to 5 oscillator clock cycles (dim pulse width decreasing) then the boost converter regulates its output based on feedback from the ovp input. during this mode, the converter output voltage is regulated to 95% of the ovp threshold voltage. if the turn-on duration of the pwm signal is greater than or equal to 6 oscillator clock cycles (dim pulse width increasing), then the converter regulates its output so that the minimum voltage at out_ is 1v. fault protections fault protections in the max16814 include cycle- by-cycle current limiting using the pwm controller, dc-dc converter output overvoltage protection, open- led detection, short led detection and protection, and figure 4. configuration for higher led string current out1 40ma to 300ma per string boost converter output max16814 out2 out3 out4 maxim integrated 14 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
overtemperature shutdown. an open-drain led fault flag output ( flt ) goes low when an open-led string is detected, a shorted led string is detected, and during thermal shutdown. flt is cleared when the fault condition is removed during thermal shutdown and shorted leds. flt is latched low for an open-led condition and can be reset by cycling power or toggling the en pin. the thermal shutdown threshold is +165 n c and has 15 n c hysteresis. open-led management and overvoltage protection on power-up, the max16814 detects and discon - nects any unused current-sink channels before entering soft-start. disable the unused current-sink channels by connecting the corresponding out_ to ledgnd. this avoids asserting the flt output for the unused channels. after soft-start, the max16814 detects open led and disconnects any strings with an open led from the internal minimum out_ voltage detector. this keeps the dc-dc converter output voltage within safe limits and maintains high efficiency. during normal operation, the dc-dc converter output regulation loop uses the minimum out_ voltage as the feedback input. if any led string is open, the voltage at the opened out_ goes to v ledgnd . the dc-dc converter output voltage then increases to the overvoltage protection threshold set by the voltage-divider network connected between the converter output, ovp input, sgnd. the overvolt - age protection threshold at the dc-dc converter output (v ovp ) is determined using the following formula: (see the typical operating circuit) ovp r1 v 1.23 1 r2 ?? = + ?? ?? where 1.23v (typ) is the ovp threshold. select r1 and r2 such that the voltage at out_ does not exceed the absolute maximum rating. as soon as the dc-dc converter output reaches the overvoltage protection threshold, the pwm controller is switched off set - ting ndrv low. any current-sink output with v out_ < 300mv (typ) is disconnected from the minimum voltage detector. connect the out_ of all channels without led connections to ledgnd before power-up to avoid ovp triggering at startup. when an open-led overvoltage condition occurs, flt is latched low. short-led detection the max16814 checks for shorted leds at each rising edge of dim. an led short is detected at out_ if the following condition is met: v out_ > v minstr + 3 x v rsdt where v out_ is the voltage at out_, v minstr is the minimum current-sink voltage, and v rsdt is the programmable led short detection threshold set at the rsdt input. adjust v rsdt using a voltage-divider resistive network connected at the v cc output, rsdt input, and sgnd. once a short is detected on any of the strings, the led strings with the short are disconnected and the flt output flag asserts until the device detects that the shorts are removed on any of the following rising edges of dim. connect rsdt directly to v cc to always disable led short detection. applications information dc-dc converter three different converter topologies are possible with the dc-dc controller in the max16814, which has the ground-referenced outputs necessary to use the con - stant current-sink drivers. if the led string forward volt - age is always more than the input supply voltage range, use the boost converter topology. if the led string forward voltage falls within the supply voltage range, use the boost-buck converter topology. boost-buck topology is implemented using either a conventional sepic con - figuration or a coupled-inductor boost-buck configura - tion. the latter is basically a flyback converter with 1:1 turns ratio. 1:1 coupled inductors are available with tight coupling sui table for this application. figure 6 shows the coupled-inductor boost-buck configuration. it is also possible to implement a single inductor boost-buck con - verter using the max15054 high-side fet driver. the boost converter topology provides the highest efficiency among the above mentioned topologies. the coupled-inductor boost-buck topology has the advan - tage of not using a coupling capacitor over the sepic configuration. also, the feedback loop compensation for sepic becomes complex if the coupling capacitor is not large enough. a coupled-inductor boost-buck is not sui t - able for cases where the coupled-inductor windings are not tightly coupled. considerable leakage inductance requires additional snubber components and degrades the efficiency. maxim integrated 15 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
power-circuit design first select a converter topology based on the previous factors. determine the required input-supply voltage range, the maximum voltage needed to drive the led strings including the minimum 1v across the constant led current sink (v led ), and the total output current needed to drive the led strings (i led ) as follows: led string string ii n = where i string is the led current per string in amperes and n string is the number of strings used. calculate the maximum duty cycle (d max ) using the following equations: for boost configuration: led d1 in_min max led d1 ds (v v v ) d (v v v 0.3v) +? = +? ? for sepic and coupled-inductor boost-buck configura - tions: led d1 max in_min ds led d1 (v v ) d (v v 0.3v v v ) + = ?? + + where v d1 is the forward drop of the rectifier diode in volts (approximately 0.6v), v in_min is the minimum input supply voltage in volts, and v ds is the drain-to-source voltage of the external mosfet in volts when it is on, and 0.3v is the peak current-sense voltage. initially, use an approximate value of 0.2v for v ds to calculate d max . calculate a more accurate value of d max after the power mosfet is selected based on the maximum inductor current. select the switching frequency (f sw ) depending on the space, noise, and efficiency constraints. inductor selection boost and coupled-inductor boost-buck confgurations in all the three converter configurations, the average inductor current varies with the line voltage and the maximum average current occurs at the lowest line voltage. for the boost converter, the average inductor current is equal to the input current. select the maxi - mum peak-to-peak ripple on the inductor current ( d il). the recommended peak-to-peak ripple is 60% of the average inductor current. use the following equations to calculate the maximum average inductor current (il avg ) and peak inductor current (il p ) in amperes: led avg max i il 1d = ? allowing the peak-to-peak inductor ripple d il to be + 30% of the average inductor current: avg il il 0.3 2 ?= and: p avg il il il 2 ? = + calculate the minimum inductance value, l min , in henries with the inductor current ripple set to the maxi - mum value: min ds max min sw (vin v 0.3v) d l f il ?? = ? where 0.3v is the peak current-sense voltage. choose an inductor that has a minimum inductance greater than the calculated l min and current rating greater than il p . the recommended saturation current limit of the selected inductor is 10% higher than the inductor peak current for boost configuration. for the coupled-inductor boost-buck, the saturation limit of the inductor with only one winding conducting should be 10% higher than il p . sepic confguration power circuit design for the sepic configuration is very similar to a conventional boost-buck design with the output voltage referenced to the input supply voltage. for sepic, the output is referenced to ground and the inductor is split into two parts (see figure 5 for the sepic configuration). one of the inductors (l2) takes led current as the average current and the other (l1) takes input current as the average current. use the following equations to calculate the average inductor currents (il1 avg , il2 avg ) and peak inductor currents (il1 p, il2 p ) in amperes: led max avg max i d 1.1 il1 1d = ? maxim integrated 16 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
the factor 1.1 provides a 10% margin to account for the converter losses: avg led il2 i = assuming the peak-to-peak inductor ripple d il is q 30% of the average inductor current: avg il1 il1 0.3 2 ?= and: p avg il1 il1 il1 2 ? = + avg il2 il2 0.3 2 ?= and: p avg il2 il2 il2 2 ? = + calculate the minimum inductance values l1 min and l2 min in henries with the inductor current ripples set to the maximum value as follows: min ds max min sw min ds max min sw (vin v 0.3v) d l1 f il1 (vin v 0.3v) d l2 f il2 ?? = ? ?? = ? where 0.3v is the peak current-sense voltage. choose inductors that have a minimum inductance greater than the calculated l1 min and l2 min and current rating greater than il1 p and il2 p , respectively. the recom - mended saturation current limit of the selected inductor is 10% higher than the inductor peak current: for simplifying further calculations, consider l1 and l2 as a single inductor with l1 and l2 connected in parallel. the combined inductance value and current is calculated as follows: min min min min min l1 l2 l l1 l2 = + and: avg avg avg il il1 il2 = + where il avg represents the total average current through both the inductors together for sepic configuration. use these values in the calculations for sepic configuration in the following sections. select coupling capacitor c s so that the peak-to- peak ripple on it is less than 2% of the minimum input supply voltage. this ensures that the second-order effects created by the series resonant circuit comprising l1, c s , and l2 does not affect the normal operation of the converter. use the following equation to calculate the minimum value of c s : led max s in_min sw id c v 0.02 f where c s is the minimum value of the coupling capacitor in farads, i led is the led current in amperes, and the factor 0.02 accounts for 2% ripple. slope compensation the max16814 generates a current ramp for slope compensation. this ramp current is in sync with the switching frequency and starts from zero at the beginning of every clock cycle and rises linearly to reach 50 f a at the end of the clock cycle. the slope- compensating resistor, r scomp , is connected between the cs input and the source of the external mosfet. this adds a programmable ramp voltage to the cs input voltage to provide slope compensation. maxim integrated 17 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
use the following equation to calculate the value of slope compensation resistance (r scomp ). for boost configuration: ( ) led in_min cs scomp min sw v 2v r 3 r l 50 a f 4 ? = f for sepic and coupled-inductor boost-buck: ( ) led in_min cs scomp min sw v v r3 r l 50 a f 4 ? = f where v led and v in_min are in volts, r scomp and r cs are in ohms, l min is in henries and f sw is in hertz. the value of the switch current-sense resistor, r cs , can be calculated as follows: for boost: ( ) ( ) cs max led in_min cs lp mn sw d v 2v r 3 0.396 0.9 i r 4l f ? = + for sepic and boost-buck: ( ) ( ) cs max led in_min cs lp mn sw d v v r3 0.396 0.9 i r 4l f ? = + where 0.396 is the minimum value of the peak cur - rent-sense threshold. the current-sense threshold also includes the slope compensation component. the mini - mum current-sense threshold of 0.396 is multiplied by 0.9 to take tolerances into account. output capacitor selection for all the three converter topologies, the output capaci - tor supplies the load current when the main switch is on. the function of the output capacitor is to reduce the converter output ripple to accep table levels. the entire output-voltage ripple appears across constant current- sink outputs because the led string voltages are s table due to the constant current. for the max16814, limit the peak-to-peak output voltage ripple to 200mv to get s table output current. the esr, esl, and the bulk capacitance of the output capacitor contribute to the output ripple. in most of the applications, using low-esr ceramic capacitors can dramatically reduce the output esr and esl effects. to reduce the esl and esr effects, connect multiple ceramic capacitors in parallel to achieve the required bulk capacitance. to minimize audible noise during pwm dimming, the amount of ceramic capacitors on the output are usually minimized. in this case, an additional electrolytic or tantalum capacitor provides most of the bulk capacitance. external mosfet selection the external mosfet should have a voltage rating sufficient to withstand the maximum output voltage together with the rectifier diode drop and any possible overshoot due to ringing caused by parasitic inductances and capacitances. the recommended mosfet v ds voltage rating is 30% higher than the sum of the maximum output voltage and the rectifier diode drop. the recommended continuous drain current rating of the mosfet (id), when the case temperature is at +70 n c, is greater than that calculated below: 2 rms avg max id il d 1.3 ?? = ?? ?? the mosfet dissipates power due to both switching losses and conduction losses. use the following equa - tion to calculate the conduction losses in the mosfet: 2 cond avg max ds (on) p il d r = where r ds(on) is the on-state drain-to-source resistance of the mosfet. use the following equation to calculate the switching losses in the mosfet: 2 avg led gd sw sw gon goff il v c f 11 p 2 ii ?? = + ?? ?? where i gon and i goff are the gate currents of the mosfet in amperes, when it is turned on and turned off, respectively. c gd is the gate-to-drain mosfet capacitance in farads. rectifer diode selection using a schottky rectifier diode produces less forward drop and puts the least burden on the mosfet during reverse recovery. a diode with considerable reverse- recovery time increases the mosfet switching loss. select a schottky diode with a voltage rating 20% higher than the maximum boost-converter output voltage and current rating greater than that calculated in the follow - ing equation: ? = d avg max i il (1 d ) x 1.2 maxim integrated 18 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
feedback compensation during normal operation, the feedback control loop reg - ulates the minimum out_ voltage to 1v when led string currents are enabled during pwm dimming. when led currents are off during pwm dimming, the control loop turns off the converter and stores the steady-state condi - tion in the form of capacitor voltages, mainly the output filter capacitor voltage and compensation capacitor voltage. for the max16814a_ _ and the max16814u_ _, when the pwm dimming pulses are less than or equal to 5 switching clock cycles, the feedback loop regulates the converter output voltage to 95% of ovp threshold. the worst-case condition for the feedback loop is when the led driver is in normal mode regulating the minimum out_ voltage to 1v. the switching converter small-signal transfer function has a right-half plane (rhp) zero for boost configuration if the inductor current is in continuous conduction mode. the rhp zero adds a 20db/decade gain together with a 90 n -phase lag, which is difficult to compensate. the worst-case rhp zero frequency (f zrhp ) is calculated as follows: for boost configuration: 2 led max zrhp led v (1 d ) f 2 li ? = for sepic and coupled-inductor boost-buck configurations: 2 led max zrhp led max v (1 d ) f 2 li d ? = where f zrhp is in hertz, v led is in volts, l is the induc - tance value of l1 in henries, and i led is in amperes. a simple way to avoid this zero is to roll off the loop gain to 0db at a frequency less than one fifth of the rhp zero frequency with a -20db/decade slope. the switching converter small-signal transfer function also has an output pole. the effective output impedance together with the output filter capacitance determines the output pole frequency f p1 that is calculated as follows: for boost configuration: led p1 led out i f 2v c = for sepic and coupled-inductor boost-buck configurations: led max p1 led out id f 2v c = where f p1 is in hertz, v led is in volts, i led is in amperes, and c out is in farads. compensation components (r comp and c comp ) perform two functions. c comp introduces a low- frequency pole that presents a -20db/decade slope to the loop gain. r comp flattens the gain of the error amplifier for frequencies above the zero formed by r comp and c comp . for compensation, this zero is placed at the output pole frequency f p1 so that it pro - vides a -20db/decade slope for frequencies above f p1 to the combined modulator and compensator response. the value of r comp needed to fix the total loop gain at f p1 so that the total loop gain crosses 0db with -20db/decade slope at 1/5 the rhp zero frequency is calculated as follows: for boost configuration: zrhp cs led comp p1 comp led max f ri r 5 f g m v (1 d ) = ? for sepic and coupled-inductor boost-buck configurations: zrhp cs led max comp p1 comp led max f ri d r 5 f g m v (1 d ) = ? where r comp is the compensation resistor in ohms, f zrhp and f p2 are in hertz, r cs is the switch current-sense resistor in ohms, and gm comp is the transconductance of the error amplifier (600 f s). the value of c comp is calculated as follows: comp comp z1 1 c 2r f = where f z1 is the compensation zero placed at 1/5 of the crossover frequency that is, in turn, set at 1/5 of the f zrhp . if the output capacitors do not have low esr, the esr zero frequency may fall within the 0db crossover fre - quency. an additional pole may be required to cancel out this pole placed at the same frequency. this is usu - ally implemented by connecting a capacitor in parallel maxim integrated 19 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
with c comp and r comp . figure 5 shows the sepic configuration and figure 6 shows the coupled-inductor boost-buck configuration. analog dimming using external control voltage connect a resistor r seti2 to the seti input as shown in figure 7 for controlling the led string current using an external control voltage. the max16814 applies a fixed 1.23v bandgap reference voltage at seti and measures the current through seti. this measured current multiplied by a factor of 1220 is the current through each one of the four constant current-sink channels. adjust the current through seti to get analog dimming functionality by connecting the external control voltage to seti through the resistor r seti2 . the resulting change in the led current with the control voltage is linear and inversely proportional. the led current control range remains between 20ma to 150ma. use the following equation to calculate the led current set by the control voltage applied: ( ) c out seti seti2 1.23 v 1500 i 1220 rr ? =+ figure 5. sepic configuration out1 ovp cs ndrv in en drv v cc c s d1 c2 up to 40v r cs r scomp max16814 out2 out3 out4 seti flt v cc r3 r seti r4 r t rsdt rt pgnd ledgnd sgnd l1 v in 4.75v to 40v c1 n r1 l2 r2 c3 r5 c4 dim comp r comp c comp maxim integrated 20 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
pcb layout considerations led driver circuits based on the max16814 device use a high-frequency switching converter to generate the voltage for led strings. take proper care while laying out the circuit to ensure proper operation. the switching- converter part of the circuit has nodes with very fast voltage changes that could lead to undesirable effects on the sensitive parts of the circuit. follow the guidelines below to reduce noise as much as possible: 1) connect the bypass capacitor on v cc and drv as close to the device as possible and connect the capacitor ground to the analog ground plane using vias close to the capacitor terminal. connect sgnd of the device to the analog ground plane using a via close to sgnd. lay the analog ground plane on the inner layer, preferably next to the top layer. use the analog ground plane to cover the entire area under critical signal components for the power converter. 2) have a power ground plane for the switching- converter power circuit under the power components (input filter capacitor, output filter capacitor, inductor, mosfet, rectifier diode, and current-sense resis - tor). connect pgnd to the power ground plane as close to pgnd as possible. connect all other ground connections to the power ground plane using vias close to the terminals. 3) there are two loops in the power circuit that carry high-frequency switching currents. one loop is when the mosfet is on (from the input filter capacitor positive terminal, through the inductor, the internal mosfet, and the current-sense resistor, to the input capacitor negative terminal). the other loop is when the mosfet is off (from the input capacitor positive terminal, through the inductor, the rectifier diode, output filter capacitor, to the input capacitor nega - tive terminal). analyze these two loops and make the loop areas as small as possible. wherever possible, have a return path on the power ground plane for the switching currents on the top layer copper traces, or through power components. this reduces the loop area considerably and provides a low-inductance path for the switching currents. reducing the loop area also reduces radiation during switching. 4) connect the power ground plane for the constant- current led driver part of the circuit to ledgnd as close to the device as possible. connect sgnd to pgnd at the same point. maxim integrated 21 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
figure 7. analog dimming with external control voltage figure 6. coupled-inductor boost-buck configuration out1 ovp cs ndrv in en drv v cc d1 t1 (1:1) c2 up to 40v r cs r scomp max16814 out2 out3 out4 seti flt v cc r3 r seti r4 r t rsdt rt pgnd ledgnd sgnd v in 4.75v to 40v c1 n r1 r2 c3 r5 c4 dim comp r comp c comp seti 1.23v max16814 r seti2 r seti v c maxim integrated 22 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
pin confgurations out1 ovp cs ndrv in en drv v cc d1 c2 up to 40v r cs r scomp max16814 out2 out3 out4 seti flt v cc r3 r seti r4 r t rsdt rt pgnd ledgnd sgnd l v in 4.75v to 40v c1 n r1 r2 c3 r5 c4 dim comp r comp c comp 20 19 18 17 16 15 14 1 2 3 4 5 6 7 pgnd cs out4 out3 in v cc drv ndrv top view max16814 ledgnd out2 out1 rt comp 13 8 dim flt 12 9 sgnd ovp 11 10 rsdt seti en ep* *exposed pad. tssop + 19 20 18 17 7 6 8 en flt 9 in out3 out2 out1 out4 1 2 ndrv 4 5 15 14 12 11 drv v cc sgnd rsdt seti ovp max16814 comp ledgnd 3 13 pgnd 16 ep* 10 dim cs tqfn/qfnd top view rt maxim integrated 23 typical operating circuit www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
chip information process: bicmos dmos package information for the latest package outline information and land patterns, go to www.maximintegrated.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. package type package code outline no. land pattern no. 20 tssop-ep u20e+1 21-0108 90-0114 20 tqfn-ep t2044+3 21-0139 90-0037 20 qfnd-ep (side wettable) g2044y+1 21-0576 90-0360 maxim integrated 24 www.maximintegrated.com max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller
revision history revision number revision date description pages changed 0 7/09 initial release 1 9/09 correction to slope compensation description and block diagram 10, 18 2 11/09 correction to synchronization description frequency and minor edits 1C4, 8, 12C20, 22, 25 3 2/10 correction to csync formula 13 4 6/10 added max16814be _ _ parts; corrected specification 1C4, 8, 13, 25 5 3/11 correction to output current accuracy specification and absolute maximum ratings 1, 2, 4 6 10/11 correction to the last formula and description 19 7 1/13 added side-wettable package option and updated en leakage in electrical characteristics 1, 2, 4, 8, 9, 23, 24 8 4/13 minor corrections to figures 1, 2, and the led diming control , rectifier diode selection , and feedback compensation sections 10, 11, 14, 18, 19 9 11/13 corrected v comp offset voltage in figure 1 10 10 2/15 updated the benefits and features section 1 ? 2015 maxim integrated products, inc. 25 maxim integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim integrated product. no circuit patent licenses are implied. maxim integrated reserves the right to change the circuitry and specifcations without notice at any time. the parametric values (min and max limits) shown in the electrical characteristics table are guaranteed. other parametric values quoted in this data sheet are provided for guidance. maxim integrated and the maxim integrated logo are trademarks of maxim integrated products, inc. max16814 integrated, 4-channel, high-brightness led driver with high-voltage dc-dc controller for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim integrateds website at www.maximintegrated.com.


▲Up To Search▲   

 
Price & Availability of MAX16814AUPV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X