Part Number Hot Search : 
S3P72H8 CPDK24V MH16S HZS7A1 24006 74LS02 20060 HD61602R
Product Description
Full Text Search
 

To Download MAAL-010705-001SMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low noise amplifier 0.5 - 1.6 ghz rev. v2 maal - 010705 1 1 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 1 features ? low noise figure ? excellent input return loss ? single voltage bias 3 v ? integrated active bias circuit ? current adjustable 20 - 80 ma with an external resistor ? high linearity, oip3 > 32 dbm ? small package: 2 mm pdfn - 8ld ? rohs* compliant and 260c reflow compatible description the maal - 010705 is a high dynamic range single stage mmic lna with excellent linearity and low noise figure designed for operation from 0.5 to 1.6 ghz. the lna is packaged in an rohs compliant leadless 2 mm 8 - lead pdfn package. this mmic has an integrated active bias circuit allowing direct connection to +3 v voltage supply and minimizing variation over temperature and process. the bias current and gain can be set with external resistors to allow the user to customize the current and gain value to fit the application. the maal - 010705 offers less than 0.7 db noise figure, more than 32 dbm oip3 and 20 db input return loss. the excellent input match, low noise figure and high oip3 along with the flexibility of setting current and gain make this lna ideal for 3g and 4g cellular infrastructure applications. for optimum performance above 1.6 ghz the maal - 010706 is recommended. the maal - 010705 and maal - 010706 share the package type and footprint. * restrictions on hazardous substances, european union directive 2002/95/ec. functional block diagram pin configuration pin no. pin name description 1 n/c no connection 2 rf in rf input 3 rf gnd rf ground 4 v bias bias voltage 5 fb feedback 6 n/c no connection 7 rf out rf output 8 n/c no connection part number package maal - 010705 - tr3000 tape and reel maal - 010705 - 001smb evaluation board ordering information 1,2 1. reference application note m513 for reel size information. 2. all sample boards include 5 loose parts. r f g n d n / c v b i a s r f i n n / c f b r f o u t 1 n / c b i a s 8
low noise amplifier 0.5 - 1.6 ghz rev. v2 maal - 010705 2 2 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 2 electrical specifications 3 : freq = 0.9 ghz, vd = 4 v, 25oc, z 0 = 50 ? parameter units min. typ. max. test conditions gain db 18 21 - - output ip3 dbm - 32 - pout=5 dbm, tone spacing=1 mhz output p1db dbm 17.5 18.5 - - input return loss db - 19 - - output return loss db - 18 - - noise figure db - 0.50 - - total current ma - 60 70 idq=id+ibias 3. vd and vbias are connected together to +4 v, r3 = 150 ohms and r4 = 240 ohms, reference recommended schematic on page 8. parameter absolute max. supply voltage +5.5 v current 100 ma power dissipation 600 mw rf input power 20 dbm storage temperature - 55 to +150 oc operating temperature - 40 to +85 oc junction temperature 6 +150 oc absolute maximum ratings 4,5 4. exceeding any one or combination of these limits may cause permanent damage to this device. 5. m/a - com technology solutions does not recommend sustained operation near these survivability limits. 6. typical thermal resistance ( ? jc) = 45 c/w. handling procedures please observe the following precautions to avoid damage: static sensitivity gallium arsenide integrated circuits are sensitive to electrostatic discharge (esd) and can be damaged by static electricity. proper esd control techniques should be used when handling these class 1a devices.
low noise amplifier 0.5 - 1.6 ghz rev. v2 maal - 010705 3 3 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 3 typical performance curves: 4 v (over current) output return loss input return loss noise figure gain p1db oip3 - 5 0 5 i d ( m a ) = 2 0 i d ( m a ) = 4 0 i d ( m a ) = 6 0 i d ( m a ) = 8 0 - 2 5 - 2 0 - 1 5 - 1 0 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 1 . 1 1 . 2 1 . 3 1 . 4 1 . 5 1 . 6 1 . 7 1 . 8 1 . 9 2 - 1 0 - 5 0 i d ( m a ) = 2 0 i d ( m a ) = 4 0 i d ( m a ) = 6 0 i d ( m a ) = 8 0 - 2 5 - 2 0 - 1 5 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 1 . 1 1 . 2 1 . 3 1 . 4 1 . 5 1 . 6 1 . 7 1 . 8 1 . 9 2 1 7 1 8 1 9 2 0 2 1 2 2 1 0 1 1 1 2 1 3 1 4 1 5 1 6 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 1 . 1 1 . 2 1 . 3 1 . 4 1 . 5 1 . 6 1 . 7 1 . 8 1 . 9 2 i d ( m a ) = 2 0 i d ( m a ) = 4 0 i d ( m a ) = 6 0 i d ( m a ) = 8 0 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 0 0 . 1 0 . 2 0 . 3 0 . 4 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 1 . 1 1 . 2 1 . 3 1 . 4 1 . 5 1 . 6 1 . 7 1 . 8 1 . 9 2 i d ( m a ) = 2 0 i d ( m a ) = 4 0 i d ( m a ) = 6 0 i d ( m a ) = 8 0 3 0 3 2 3 4 3 6 3 8 4 0 1 4 1 6 1 8 2 0 2 2 2 4 2 6 2 8 0 . 8 0 . 8 5 0 . 9 i d ( m a ) = 2 0 i d ( m a ) = 4 0 i d ( m a ) = 6 0 i d ( m a ) = 8 0 0 . 8 0 . 8 5 0 . 9 1 8 . 5 1 9 1 9 . 5 2 0 1 6 1 6 . 5 1 7 1 7 . 5 1 8 9 . 0 5 8 . 0 8 . 0 i d = 6 0 m a i d = 2 0 m a i d = 4 0 m a i d = 8 0 m a
low noise amplifier 0.5 - 1.6 ghz rev. v2 maal - 010705 4 4 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 4 typical performance curves: 4 v (over r3) noise figure & fmin gain p1db oip3 0 . 7 0 . 8 0 . 9 1 n f ( d b ) f m i n ( d b ) 0 0 . 1 0 . 2 0 . 3 0 . 4 0 . 5 0 . 6 0 1 0 0 2 0 0 3 0 0 4 0 0 5 0 0 6 0 0 3 1 3 2 3 3 3 4 3 5 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 r 3 ( ) = 5 1 r 3 ( ) = 9 1 r 3 ( ) = 1 5 0 r 3 ( ) = 3 0 0 r 3 ( ) = 5 6 0 2 0 2 0 . 5 2 1 2 1 . 5 2 2 1 6 1 6 . 5 1 7 1 7 . 5 1 8 1 8 . 5 1 9 1 9 . 5 0 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 r 3 ( ) = 5 1 r 3 ( ) = 9 1 r 3 ( ) = 1 5 0 r 3 ( ) = 3 0 0 r 3 ( ) = 5 6 0 0 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 8 1 8 . 5 1 9 1 9 . 5 1 5 1 5 . 5 1 6 1 6 . 5 1 7 1 7 . 5 5 0 1 0 0 1 5 0 2 0 0 2 5 0 3 0 0 3 5 0 4 0 0 4 5 0 5 0 0 5 5 0 6 0 0 5 0 1 0 0 1 5 0 2 0 0 2 5 0 3 0 0 3 5 0 4 0 0 4 5 0 5 0 0 5 5 0 6 0 0
low noise amplifier 0.5 - 1.6 ghz rev. v2 maal - 010705 5 5 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 5 typical performance curves: 4 v (over temperature) output return loss input return loss noise figure gain p1db oip3 - 5 0 8 5 c - 2 5 - 2 0 - 1 5 - 1 0 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 1 . 1 1 . 2 1 . 3 1 . 4 1 . 5 1 . 6 1 . 7 1 . 8 1 . 9 2 2 5 c - 4 0 c 0 . 7 0 . 8 0 . 9 1 1 . 1 1 . 2 + 8 5 c + 2 5 c - 4 0 c 0 0 . 1 0 . 2 0 . 3 0 . 4 0 . 5 0 . 6 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 1 . 1 1 . 2 1 . 3 1 . 4 1 . 5 1 . 6 1 . 7 1 . 8 1 . 9 2 1 9 2 0 2 1 2 2 1 4 1 5 1 6 1 7 1 8 - 4 5 - 3 5 - 2 5 - 1 5 - 5 5 1 5 2 5 3 5 4 5 5 5 6 5 7 5 8 5 9 5 3 2 3 3 3 4 3 5 3 6 3 7 3 8 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 9 . 0 5 8 . 0 8 . 0 - 4 0 c + 2 5 c + 8 5 c 1 6 1 7 1 8 1 9 2 0 2 1 2 2 1 0 1 1 1 2 1 3 1 4 1 5 1 6 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 1 . 1 1 . 2 1 . 3 1 . 4 1 . 5 1 . 6 1 . 7 1 . 8 1 . 9 2 8 5 c 2 5 c - 4 0 c - 5 0 5 8 5 c 2 5 c 4 0 c - 2 5 - 2 0 - 1 5 - 1 0 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 1 . 1 1 . 2 1 . 3 1 . 4 1 . 5 1 . 6 1 . 7 1 . 8 1 . 9 2 - 4 0 c
low noise amplifier 0.5 - 1.6 ghz rev. v2 maal - 010705 6 6 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 6 typical performance curves: 3 v output return loss input return loss noise figure gain p1db oip3 2 6 2 8 3 0 3 2 3 4 3 6 3 8 1 2 1 4 1 6 1 8 2 0 2 2 2 4 2 6 9 . 0 5 8 . 0 8 . 0 i d ( m a ) = 2 0 i d ( m a ) = 4 0 i d ( m a ) = 6 0 i d ( m a ) = 8 0 1 6 . 5 1 7 1 7 . 5 1 8 1 4 1 4 . 5 1 5 1 5 . 5 1 6 9 . 0 5 8 . 0 8 . 0 - 5 0 5 i d ( m a ) = 2 0 i d ( m a ) = 4 0 i d ( m a ) = 6 0 i d ( m a ) = 8 0 - 2 5 - 2 0 - 1 5 - 1 0 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 1 . 1 1 . 2 1 . 3 1 . 4 1 . 5 1 . 6 1 . 7 1 . 8 1 . 9 2 - 1 0 - 5 0 i d ( m a ) = 2 0 i d ( m a ) = 4 0 i d ( m a ) = 6 0 i d ( m a ) = 8 0 - 2 5 - 2 0 - 1 5 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 1 . 1 1 . 2 1 . 3 1 . 4 1 . 5 1 . 6 1 . 7 1 . 8 1 . 9 2 1 7 1 8 1 9 2 0 2 1 2 2 1 0 1 1 1 2 1 3 1 4 1 5 1 6 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 1 . 1 1 . 2 1 . 3 1 . 4 1 . 5 1 . 6 1 . 7 1 . 8 1 . 9 2 i d ( m a ) = 2 0 i d ( m a ) = 4 0 i d ( m a ) = 6 0 i d ( m a ) = 8 0 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 0 0 . 1 0 . 2 0 . 3 0 . 4 0 . 7 0 . 8 0 . 9 1 1 . 1 1 . 2 1 . 3 1 . 4 1 . 5 1 . 6 1 . 7 1 . 8 1 . 9 2 i d ( m a ) = 2 0 i d ( m a ) = 4 0 i d ( m a ) = 6 0 i d ( m a ) = 8 0
low noise amplifier 0.5 - 1.6 ghz rev. v2 maal - 010705 7 7 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 7 7. s - parameters files are available for download at macomtech.com. gain reverse isolation input return loss output return loss s - parameters 7 : 4 v 2 6 - 2 4 - 2 2 - 2 0 - 1 8 - 1 6 - 1 4 - 1 2 - 1 0 0 0 . 2 5 0 . 5 0 . 7 5 1 1 . 2 5 1 . 5 1 . 7 5 2 2 . 2 5 2 . 5 2 . 7 5 3 3 . 2 5 3 . 5 3 . 7 5 4 - 5 0 - 4 8 - 4 6 - 4 4 - 4 2 - 4 0 - 3 8 - 3 6 - 3 4 - 3 2 - 3 0 - 2 8 - 2 6 2 0 2 2 2 4 2 6 2 8 3 0 3 2 0 . 3 0 . 5 0 . 7 0 . 9 1 . 1 1 . 3 1 . 5 1 . 7 1 . 9 0 2 4 6 8 1 0 1 2 1 4 1 6 1 8 2 0 p 2 p 1 d b ( | s ( 2 , 1 ) | ) [ x , 3 , 2 ] d b ( g m a x ( ) ) [ x , 3 , 2 ] 1 . 0 . 6 0 . 8 s 2 2 s w p m a x 2 g h z 0 1 . 0 1 0 . 0 1 0 . 0 5 . 0 5 . 0 2 . 0 2 . 0 3 . 0 3 . 0 4 . 0 4 . 0 0 . 2 0 . 2 0 . 4 0 . 4 0 . 6 0 0 . 8 0 4 g h z 1 . 0 - 1 0 . 0 - 5 . 0 - 2 . 0 - 3 . 0 - 4 . 0 - 0 . 2 - 0 . 4 - 0 . 6 - 0 . 8 s w p m i n 1 . 6 g h z 0 . 9 g h z 0 . 4 g h z - 1 - 0 . 3 g h z 1 . 0 0 . 8 s 1 1 s w p m a x 0 1 . 0 1 0 . 0 1 0 . 0 5 . 0 5 . 0 2 . 0 2 . 0 3 . 0 3 . 0 4 . 0 4 . 0 0 . 2 0 . 2 0 . 4 0 . 4 0 . 6 0 . 6 0 . 8 1 . 0 - 1 0 . 0 - 5 . 0 - 2 . 0 - 3 . 0 - 4 . 0 - 0 . 2 - 0 . 4 - 0 . 6 - 0 . 8 s w p m i n 1 . 6 g h z 0 . 9 g h z 0 . 4 g h z - 2 g h z 0 . 3 g h z
low noise amplifier 0.5 - 1.6 ghz rev. v2 maal - 010705 8 8 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 8 evaluation board schematic v bias and v d are separate connections on the evaluation board to give the option of varying id without changing r4. they can be connected together to a single voltage supply during the measurement and in the final layout implementation of the pcb. if two different voltage supplies are used then apply v d first and then v bias to turn on the lna. to turn off the lna disconnect v bias first and then v d . r3 is varied to obtain differ- ent levels of gain. r4 is varied to change the drain current id. off - chip component values component value package c1 3.3 pf 0402 c7, c8, c10 1000 pf 0402 c12, c13 100 pf 0402 c14 100 f tantalum, size d l1 9 nh 0402 l2 15 nh 0402 r3 150 ? 0402 r4 240 ? 0402 optional schematic illustrates alternate grounding choice for c13 through pin 5. pin 5 is grounded internally in the package. electrical performance of both layout methods is identical. optional schematic the above thru line can be provided to de - embed the losses of the evaluation board. t h e a b o v e t h r u l i n e c a n b e p r o v i d e d t o d e - e m b e d t h e l o s s e s o f t h e e v a l u a t i o n b o a r d b o a r d r f i n r f o u t g n d v d r f i n r f o u t v b i a s 1 0 m i l r o g e r s 4 3 5 0 c 1 4 c 7 l 2 c 1 2 c 1 l 1 c 8 r 3 c 1 3 r 4 c 1 0 t h e a b o v e t h r u l i n e c a n b e p r o v i d e d t o d e - e m b e d t h e l o s s e s o f t h e e v a l u a t i o n b o a r d b o a r d r f i n r f o u t g n d v d r f i n r f o u t v b i a s 1 0 m i l r o g e r s 4 3 5 0 c 1 4 c 7 l 2 c 1 2 c 1 l 1 c 8 r 3 c 1 3 r 4 c 1 0 b i a s 1 2 3 4 7 6 5 8 r f i n r f o u t v b i a s v d v s c 1 c 8 c 1 3 r 3 l 2 c 1 2 c 1 4 c 7 r 4 c 1 0 l 1 b i a s 1 2 3 4 7 6 5 8 r f i n r f o u t v b i a s v d v s c 1 c 8 c 1 3 r 3 l 2 c 1 2 c 1 4 c 7 r 4 c 1 0 l 1
low noise amplifier 0.5 - 1.6 ghz rev. v2 maal - 010705 9 9 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 9 lead - free 2 mm 8 - lead pdfn ? ? reference application note s2083 for lead - free solder reflow recommendations. meets jedec moisture sensitivity level 1 requirements.
low noise amplifier 0.5 - 1.6 ghz rev. v2 maal - 010705 10 10 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 10 m/a - com technology solutions inc. all rights reserved. information in this document is provided in connection with m/a - com technology solutions inc ("macom") products. these materials are provided by macom as a service to its customers and may be used for informational purposes only. except as provided in macom's terms and conditions of sale for such products or in any separate agreement related to this document, macom assumes no liability whatsoever. macom assumes no responsibility for errors or omissions in these materials. macom may make changes to specifications and product descriptions at any time, without notice. macom makes no commitment to update the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to its specifications and product descriptions. no license, express or implied, by estoppels or otherwise, to any intellectual property rights is granted by this document. these materials are provided "as is" without warranty of any kind, either express or implied, relating to sale and/or use of macom products including liability or warranties relating to fitness for a particular purpose, consequential or incidental damages, merchantability, or infringement of any patent, copyright or other intellectual property right. macom further does not warrant the accuracy or completeness of the information, text, graphics or other items contained within these materials. macom shall not be liable for any special, indirect, incidental, or consequential damages, including without limitation, lost revenues or lost profits, which may result from the use of these materials. macom products are not intended for use in medical, lifesaving or life sustaining applications. macom customers using or selling macom products for use in such applications do so at their own risk and agree to fully indemnify macom for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of MAAL-010705-001SMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X