|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 m372f320(8)0dj4-c edo mode 32m x 72 dram dimm with ecc using 16mx4, 4k & 8k refresh, 3.3v the samsung m372f320(8)0dj4-c is a 32mx72bits dynamic ram high density memory module. the samsung m372f320(8)0dj4-c consists of thirty-six cmos 16mx4bits drams in soj 400mil packages and two 16 bits driver ic in tssop package mounted on a 168-pin glass-epoxy sub- strate. a 0.1 or 0.22uf decoupling capacitor is mounted on the printed circuit board for each dram. the m372f320(8)0dj4-c is a dual in-line memory module and is intended for mounting into 168 pin edge connector sockets. general description pd note :pd & id terminals must each be pulled up through a register to v cc at the next higher level assembly. pds will be either open (nc) or driven to v ss via on-board buffer circuits. id note : ids will be either open (nc) or connected directly to v ss without a buffer. ? part identification ? extended data out mode operation ? cas -before- ras refresh capability ? ras -only and hidden refresh capability ? lvttl compatible inputs and outputs ? single 3.3v 0.3v power supply ? jedec standard pinout & buffered pdpin ? buffered input except ras and dq ? pcb : height(2000mil), double sided component part number pkg ref. cbr ref. ror ref. m372f3200dj4-c soj 4k 4k/64ms m372f3280dj4-c soj 8k 4k/64ms 8k/64ms pin names pins marked * are not used in this module. pin names function a0, b0, a1 - a11 address input(4k ref) a0, b0, a1 - a12 address input(8k ref) dq0 - dq71 data in/out w0 , w2 read/write enable oe0 , oe2 output enable ras0 - ras3 row address strobe cas0, 1,4,5 column address strobe v cc power(+3.3v) v ss ground nc no connection pde presence detect enable pd1 - 8 presence detect id0 - 1 id bit rsvd reserved use rfu reserved for future use pd & id table pd : 0 for vol of drive ic & 1 for n.c id : 0 for vss & 1 for n.c pin 50ns 60ns pd1 pd2 pd3 pd4 pd5 pd6 pd7 pd8 1 0 0 0 1 0 0 0 1 0 0 0 1 1 1 0 id0 id1 0 0 0 0 pin configurations note : a12 is used for only m372f3280dj4-c (8k ref.) pin front pin front pin front pin back pin back pin back 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 v ss dq0 dq1 dq2 dq3 v cc dq4 dq5 dq6 dq7 dq8 v ss dq9 dq10 dq11 dq12 dq13 v cc dq14 dq15 dq16 dq17 v ss rsvd rsvd v cc w0 cas0 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 * cas2 ras0 oe0 v ss a0 a2 a4 a6 a8 a10 a12 v cc rfu rfu v ss oe2 ras2 cas4 * cas6 w2 v cc rsvd rsvd dq18 dq19 v ss dq20 dq21 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 dq22 dq23 v cc dq24 rfu rfu rfu rfu dq25 dq26 dq27 v ss dq28 dq29 dq30 dq31 v cc dq32 dq33 dq34 dq35 v ss pd1 pd3 pd5 pd7 id0 v cc 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 v ss dq36 dq37 dq38 dq39 v cc dq40 dq41 dq42 dq43 dq44 v ss dq45 dq46 dq47 dq48 dq49 v cc dq50 dq51 dq52 dq53 v ss rsvd rsvd v cc rfu cas1 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 * cas3 ras1 rfu v ss a1 a3 a5 a7 a9 a11 *a13 v cc rfu b0 v ss rfu ras3 cas5 * cas7 pde v cc rsvd rsvd dq54 dq55 v ss dq56 dq57 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 dq58 dq59 v cc dq60 rfu rfu rfu rfu dq61 dq62 dq63 v ss dq64 dq65 dq66 dq67 v cc dq68 dq69 dq70 dq71 v ss pd2 pd4 pd6 pd8 id1 v cc features performance range speed t rac t cac t rc t hpc -c50 50ns 18ns 84ns 20ns -c60 60ns 20ns 104ns 25ns
dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 functional block diagram vcc vss 0.1 or 0.22uf capacitor under each dram to all drams ras0 w0 oe0 a0 dq0 dq1 dq2 dq3 u0 cas0 a1-a11(a12) dq0 dq1 dq2 dq3 u1 dq0 dq1 dq2 dq3 u2 dq0 dq1 dq2 dq3 u3 dq0 dq1 dq2 dq3 dq0 dq1 dq2 dq3 u5 note : a12 is used for only m372f3280dj4(8k ref.) a0 b0 a1-a11(a12) w0 , oe0 w2 , oe2 u0-u8, u18-u26 u9-u17, u27-u35 u0-u35 dq0 dq1 dq2 dq3 u6 dq0 dq1 dq2 dq3 u7 u0-u8, u18-u26 u9-u17, u27-u35 dq0 dq1 dq2 dq3 u8 dq0 dq1 dq2 dq3 u18 dq0 dq1 dq2 dq3 u19 dq0 dq1 dq2 dq3 u20 dq0 dq1 dq2 dq3 u21 dq0 dq1 dq2 dq3 dq0 dq1 dq2 dq3 u23 dq0 dq1 dq2 dq3 u24 dq0 dq1 dq2 dq3 u25 dq0 dq1 dq2 dq3 u26 ras1 cas1 ras3 w2 oe2 b0 dq0 dq1 dq2 dq3 u27 cas5 dq0 dq1 dq2 dq3 u28 dq0 dq1 dq2 dq3 u29 dq0 dq1 dq2 dq3 u30 dq0 dq1 dq2 dq3 dq0 dq1 dq2 dq3 u32 dq0 dq1 dq2 dq3 u33 dq0 dq1 dq2 dq3 u34 dq0 dq1 dq2 dq3 u35 dq0 dq1 dq2 dq3 u9 dq0 dq1 dq2 dq3 u10 dq0 dq1 dq2 dq3 u11 dq0 dq1 dq2 dq3 u12 dq0 dq1 dq2 dq3 dq0 dq1 dq2 dq3 u14 dq0 dq1 dq2 dq3 u15 dq0 dq1 dq2 dq3 u16 dq0 dq1 dq2 dq3 u17 ras2 cas4 a1-a11(a12) u4 u13 u22 u31 dq0-35 dq36 - 71 dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 i cc1 , i cc3 , i cc4 and i cc6 are dependent on output loading and cycle rates. specified values are obtained with the output open. i cc is specified as an average current. in i cc1 and i cc3 , address can be changed maximum once while ras =v il . in i cc4 , address can be changed maximum once within one edo mode cycle time, t hpc . * note : dc and operating characteristics (recommended operating conditions unless otherwise noted) i cc1 * i cc2 i cc3 * i cc4 * i cc5 i cc6 * i( il) i( ol) v oh v ol symbol speed m372f3200dj4 m372f3280dj4 unit min max min max i cc1 -50 -60 - - 1998 1818 - - 1458 1278 ma ma i cc2 don t care - 100 - 100 ma i cc3 -50 -60 - - 1998 1818 - - 1458 1278 ma ma i cc4 -50 -60 - - 1638 1458 - - 1638 1458 ma ma i cc5 don t care - 30 - 30 ma i cc6 -50 -60 - - 1998 1818 - - 1998 1818 ma ma i i(l) i o(l) don t care -10 -10 10 10 -10 -10 10 10 ua ua v oh v ol don t care 2.4 - - 0.4 2.4 - - 0.4 v v : operating current * ( ras , cas , address cycling @ t rc =min) : standby current ( ras = cas = w =v ih ) : ras only refresh current * ( cas =v ih , ras cycling @ t rc =min) : extended data out mode current * ( ras =v il , cas cycling : t hpc =min) : standby current ( ras = cas = w =vcc-0.2v) : cas -before- ras refresh current * ( ras and cas cycling @ t rc =min) : input leakage current (any input 0 v in vcc+0.3v, all other pins not under test=0 v) : output leakage current(data out is disabled, 0v v out vcc) : output high voltage level (i oh = -2ma) : output low voltage level (i ol = 2ma) recommended operating conditions (voltage referenced to v ss , t a = 0 to 70 c) *1 : v cc +1.3v at pulse width 15ns, which is measured at v cc . *2 : -1.3v at pulse width 15ns, which is measured at v ss . item symbol min typ max unit supply voltage ground input high voltage input low voltage v cc v ss v ih v il 3.0 0 2.0 -0.3 *2 3.3 0 - - 3.6 0 v cc +0.3 *1 0.8 v v v v absolute maximum ratings * * permanent device damage may occur if absolute maximum ratings are exceeded. functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. exposure to absolute maximum rating conditions for in tended periods may affect device reliability. item symbol rating unit voltage on any pin relative v ss voltage on v cc supply relative to v ss storage temperature power dissipation short circuit output current v in , v out v cc t stg p d i os -0.5 to +4.6 -0.5 to +4.6 -55 to +125 36 50 v v c w ma dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 capacitance (t a = 25 c, f = 1mhz) item symbol min max unit input capacitance[a0, b0, a1 - a12] input capacitance[ w0 , w2 , oe0 , oe2 ] input capacitance[ ras0 - ras3 ] input capacitance[ cas0, 1,4,5] input/output capacitance[dq0 - 71] c in1 c in2 c in3 c in4 c dq - - - - - 20 20 73 20 24 pf pf pf pf pf test condition : v ih /v il =2.2/0.7v, v oh /v ol =2.0/0.8v, output loading cl=100pf parameter symbol -50 -60 unit note min max min max random read or write cycle time t rc 84 104 ns read-modify-write cycle time t rwc 128 153 ns access time from ras t rac 50 60 ns 3,4,10 access time from cas t cac 18 20 ns 3,4,5,13 access time from column address t aa 30 35 ns 3,10,13 cas to output in low-z t clz 8 8 ns 3,13 oe to output in low-z t olz 8 8 ns 3,13 output buffer turn-off delay from cas t cez 8 18 8 18 ns 6,11,13 transition time(rise and fall) t t 1 50 1 50 ns 2 ras precharge time t rp 30 40 ns ras pulse width t ras 50 10k 60 10k ns ras hold time t rsh 13 15 ns 13 cas hold time t csh 36 38 ns 13 cas pulse width t cas 8 10k 10 10k ns ras to cas delay time t rcd 15 32 18 40 ns 4,13 ras to column address delay time t rad 10 20 13 25 ns 10,13 cas to ras precharge time t crp 10 10 ns 13 row address set-up time t asr 5 5 ns 13 row address hold time t rah 5 8 ns 13 column address set-up time t asc 0 0 ns column address hold time t cah 7 10 ns column address to ras lead time t ral 30 35 ns 13 read command set-up time t rcs 0 0 ns read command hold referenced to cas t rch 0 0 ns 8 read command hold referenced to ras t rrh -2 -2 ns 8,13 write command set-up time t wcs 0 0 ns 7 write command hold time t wch 7 10 ns write command pulse width t wp 7 10 ns write command to ras lead time t rwl 13 15 ns 13 write command to cas lead time t cwl 7 10 ns data set-up time t ds -2 -2 ns 9,13 data hold time t dh 13 15 ns 9,13 refresh period(4k & 8k) t ref 64 64 ms cas to w dealy time t cwd 33 38 ns 7 ras to w dealy time t rwd 68 82 ns 7,13 ac characteristics (0 c t a 70 c, v cc =3.3v 0.3v. see notes 1,2.) dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 ac characteristics (0 c t a 70 c , v cc =3.3v 0.3v. see notes 1,2.) parameter symbol -50 -60 unit note min max min max column address to w delay time t awd 45 53 ns 7 cas precharge time to w delay time t cpwd 47 58 ns cas setup time( cas -before- ras refresh) t csr 10 10 ns 13 cas hold time( cas -before- ras refresh) t chr 8 8 ns 13 ras to cas precharge time t rpc 3 3 ns 13 access time from cas precharge t cpa 33 40 ns 3,13 hyper page cycle time t hpc 20 25 ns 12 hyper page read-modify-write cycle time t hprwc 70 77 ns 12 cas precharge time(hyper page cycle) t cp 7 10 ns ras pulse width (hyper page cycle) t rasp 50 200k 60 200k ns ras hold time from cas precharge t rhcp 35 40 ns 13 w to ras precharge time(c-b-r refresh) t wrp 15 15 ns 13 w to ras hold time(c-b-r refresh) t wrh 8 8 ns 13 oe access time t oea 18 20 ns 13 oe to data delay t oed 15 18 ns 13 output buffer turn off delay time from oe t oez 8 18 8 18 ns 13 oe command hold time t oeh 5 5 ns output data hold time( c -b- r refresh) t doh 10 10 ns 13 output buffer turn off delay time from ras t rez 3 13 3 13 ns 6,11 output buffer turn off delay time from w t wez 8 18 8 18 ns 6,13 w to data delay t wed 20 20 ns 13 oe to cas hold time t och 5 5 ns cas hold time to oe t cho 5 5 ns oe precharge time t oep 5 5 ns w pulse width (hyper page cycle) t wpe 5 5 ns pde to valid pd bit t pd 10 10 ns pde to pd bit inactive t pdoff 2 7 2 7 ns present detect read cycle dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 notes an initial pause of 200us is required after power-up followed by any 8 ras -only or cas -before- ras refresh cycles before proper device operation is achieved. input voltage levels are v ih /v il . v ih (min) and v il (max) are ref- erence levels for measuring timing of input signals. transi- tion times are measured between v ih (min) and v il (max) and are assumed to be 5ns for all inputs. measured with a load equivalent to 1 ttl loads and 100pf. operation within the t rcd (max) limit insures that t rac (max) can be met. t rcd (max) is specified as a reference point only. if t rcd is greater than the specified t rcd (max) limit, then access time is controlled exclusively by t cac . assumes tha t rcd 3 t rcd (max). this parameter defines the time at which the output achieves the open circuit condition and is not referenced to v oh or v ol . t wcs , t rwd , t cwd , t awd and t cpwd are not restrictive operat- ing parameter. they are included in the data sheet as electri- cal characteristics only. if t wcs 3 t wcs (min) the cycle is an early write cycle and the data out pin will remain high imped- ance for the duration of the cycle. if t rwd 3 t rwd (min), t cwd 3 t cwd (min), t awd 3 t awd (min) and t cpwd 3 t cpwd (min). the cycle is a read-modify-write cycle and the data out will contain data read from the selected cell. if neither of the above sets of conditions is satisfied, the condition of data out(at access time) is indeterminate. either t rch or t rrh must be satisfied for a read cycle. these parameters are referenced to the cas leading edge in early write cycles. operation within the t rad (max) limit insures that t rac (max) can be met. t rad (max) is specified as reference point only. if t rad is greater than the specified t rad (max) limit, then access time is controlled by t aa . if ras goes high before cas high going, the open circuit condition of the output is achieved by cas high going. if cas goes high before ras high going , the open circuit condition of the output is achieved by ras going. t asc 3 6ns. the timing skew from the dram to the dimm resulted from the addition of buffers. 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 12. 13. 11. dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v oh - v ol - column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t asr t rah t asc t cah t crp t aa t oea t clz t rac open t rch don t care undefined t rad t rrh data-out t rez t rcs read cycle t oez t cez t wez dq t olz t cac dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 t wcs note : d out = open write cycle ( early write ) ras v ih - v il - v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v ih - v il - column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp don t care undefined t wch t wp cas t rwl t cwl t ds t dh data-in dq dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 note : d out = open write cycle ( oe controlled write ) ras v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v ih - v il - dq column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp t wp don t care undefined cas v ih - v il - t rwl t cwl t dh t oeh t oed data-in t ds dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 read - modify - write cycle ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v i/oh - v i/ol - dq row addr t ras t rwc t rp t rsh t rcd t cas t csh t rad t asr t rah t asc t cah t crp valid t wp don t care t rwl t cwl t oez t oea t oed t awd t cwd t rwd data-out undefined valid data-in t rac t aa t cac t clz t ds t dh column address t olz dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 t doh hyper page read cycle ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp t rcd t asr t crp don t care undefined v oh - v ol - dq t oep column address t cas t cas t cas t cas t cp t cp t cp t hpc t hpc t hpc t rhcp t csh t rad t rah t asc t cah t cah t cah t asc t cah t rcs t aa t rch t asc column address column addr valid data-out t oez t oea t oep t aa t cac t oea t aa t cpa t cac t cpa valid data-out valid data-out t oez t clz t rac t oea t olz t cac t rrh t cho t rez t oez t cac t och t cpa t cac valid data-out ? t asc t aa dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr. t rasp t rp t rcd t asr t crp don t care hyper page write cycle ( early write ) undefined v ih - v il - dq t rhcp t rad t rah t cah t cah t asc t cah t asc valid data-in t ds ? column address column address t cas t cp t cas t cp t cas t rsh ? t csh t asc ? ? t wp t wcs t wch t wp t wcs t wch t wp t wcs t wch ? ? ? valid data-in valid data-in ? ? t dh t ds t dh t ds t dh t cwl t cwl t cwl t rwl note : d out = open t hpc t hpc dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 don t care hyper page read-modify-write cycle undefined ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v i/oh - v i/ol - row addr t csh t rasp t rp t asr t rah t rcd t cp t rad t cah t wp t dh col. addr col. addr t cas t cas t crp t asc t cah t ral t rcs t cwl t cwd t awd t rwd t wp t cwd t awd t cwl t rac t oea t clz t oez t cpwd t oed t asc t clz t oea t cac t aa t dh t oed t rwl t crp t ds t oez valid data-out valid data-in valid data-out valid data-in t ds dq t rsh t olz t olz t hprwc t cac t aa dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 hyper page read and write mixed cycle ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp don t care undefined v i/oh - v i/ol - dq t wez t cp t cp t hpc t hpc t hpc t rad t rah t asc t cah t cah t cah t asc t cah t rch t rcs t rcs t rch t asc column address col. addr valid data-out t rez t aa t wcs valid data-out valid data-out valid data-in t rac col. addr t cas t asr t cas t cas t cas t asc t cp t rch t wch t wpe t clz t cpa t wed t aa t wez t ds t dh t cac t oea read( t cac ) read( t cpa ) write read( t aa ) dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 don t care ras - only refresh cycle* note : w , oe , d in = don t care undefined d out = open ras v ih - v il - cas v ih - v il - a v ih - v il - row addr t rc t rp t asr t crp t ras t rah t rpc t crp open cas - before - ras refresh cycle note : oe , a = don t care ras v ih - v il - cas v ih - v il - t rc t rp t ras t rpc t cp t rpc t csr t chr t cez v oh - v ol - dq t wrp t wrh w v ih - v il - t rp * in ras -only refresh cycle of 64mb a-dile & b-die, when cas signal transits from low to high, the valid data may be cut off. dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 hidden refresh cycle ( read ) t oez data-out t rp ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - row address t ras t rc t chr t rcd t rsh t rad t asr t rah t asc t crp don t care undefined v oh - v ol - dq t wrh t rrh column address t oea t ras t rc t cah t rcs t aa t rac t clz t cac t cez open t rp t wez t rez t olz t wrp dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 t crp t wcs t rp ras v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - row address t ras t rc t rad t asr t rah t asc don t care hidden refresh cycle ( write ) undefined cas v ih - v il - v ih - v il - dq t rsh t rcd t wrh column address t ras t rc t chr t cah t wrp t ds note : d out = open t wp t wch data-in t dh t rp dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 cas -before- ras refresh counter test cycle ras v ih - v il - cas v ih - v il - a v ih - v il - column address t ras t rsh t chr t ral t csr t cpt t rp t cas t asc t cah read cycle v oh - v ol - data-out dq t rez t clz write cycle v ih - v il - data-in dq t dh t ds w v ih - v il - t wp t cwd t cwl t rwl read-modify-write t awd v ih - v il - oe t oea t aa t cac t ds t dh valid data-out v i/oh - v i/ol - dq don t care undefined v ih - v il - oe t oea t oez oe v ih - v il - t rcs t clz t oez t oed t wrp t wrh t rrh t rch t rcs t cac t aa v ih - v il - w t wrp t wrh t wcs t wch t cwl v ih - v il - w t wp t rwl t wrp t wrh valid data-in note : this timing diagram is applied to all devices besides 64m dram based modules. t cez t wez dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 open cas - before - ras self refresh cycle note : oe , a = don t care ras v ih - v il - cas v ih - v il - t rps t rass t rpc t cp t rpc t csr t cez v oh - v ol - dq t rp don t care undefined t chs t wrp t wrh w v ih - v il - open test mode in cycle note : oe , a = don t care ras v ih - v il - cas v ih - v il - t rp t rc t rpc t cp t rpc t csr t cez v oh - v ol - dq t wts t wth w v ih - v il - t chr t rp t ras dram module m372f320(8)0dj4-c rev. 0.1 oct. 2000 package dimensions units : inches (millimeters) 0.050 0.039 .002 (1.000 . 050) (1.270 ) 0 . 1 0 0 m i n ( 2 . 5 4 0 m i n ) detail c 0.250 (6.350 ) detail a 0.1230 .0050 (3.125 .125) detail b 0.079 .0040 (2.000 .100) tolerances : .005(.13) unless otherwise specified the used device is 16mx4 dram with edo mode, soj. dram part no. : m372f3200dj4 - k4e640412d-j. m372f3280dj4 - k4e660412d-j. 0.250 (6.350 ) 0.1230 .0050 (3.125 .125) 0.079 .0040 (2.000 .100) 5.250 5.014 0.050 0.0039 (1.270 0.10) r 0.079 (r 2.000) 0.250 (6.350) 1.450 (36.830) 2.150 (54.61) 0.350 0 . 1 0 0 m i n ( 2 . 5 4 0 m i n ) 0 . 7 0 0 ( 1 7 . 7 8 0 ) .118dia .004 (3.000dia .100) (8.890) a b c 0.250 (6.350) .450 (11.430) 4.550 (115.57) 0.157 0.004 (4.000 0.100 ) 0.054 (1.372) (127.350) (133.350) 2 . 0 0 0 ( 5 0 . 8 0 ) 0.118 (3.000) 0.350max (8.89max ) 0 . 1 1 8 ( 3 . 0 0 0 ) 0 . 1 6 5 m i n ( 4 . 1 9 m i n ) ( back view ) ( front view ) 0.008 .0.006 (0.200 .0.150 ) |
Price & Availability of M372F32080DJ4-CEDOMODE |