Part Number Hot Search : 
2N3908 2005G 810SE 2A222 STV223 VSM51221 2A222 RAL2505
Product Description
Full Text Search
 

To Download G5017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 0.1 apr 15, 2013 tel: 886-3-5788833 http://www.gmt.com.tw 1 G5017 global mixed-mode technology ultra small, low input voltage, low r on , load sw itch features ? low input voltage 1.0v to 3.6v ? ultra low r on - r on =26m at vin=3.6v - r on =30m at vin=2.5v - r on =35m at vin=1.8v - r on =56m at vin=1.2v ? 1a maximum continu ous operating current. ? ultra low quiescent current <1 a ? ultra low sundown current <2.5 a ? low control input thresholds enable use of low-voltage logic. ? controlled slew rate to avoid inrush currents ? quick output discharge. ? 1.0 mmx1.0 mm 4-pin, pin pitch 0.5mm ultra small csp package ? with input pin pull low resistance 250k . applications ? cellular phones. ? personal digital assistants (pdas) ? gps devices ? mp3 players ? digital cameras ? rf modules ? peripheral ports ? portable instrumentation general description the G5017 is ultra-small, low on resistance (ron) load switches with controlled turn on. the devices contain a p-channel mosfet that operates over an input voltage range 1.0v to 3.6v. the switch is controlled by an on/off input (en), which is capable of in interfacing directly with low-voltage control signals. in G5017 a 80 on-chip load resistor is added for output quick discharge when the switch is turned off. G5017 is available in a space-saving 4-terminal wlcsp with 0.5mm pitch. the devices are characterized for operation over the free-air temperature range for -40 c to 80 c. ordering information order number marking ron at 3.6v slew rate discharge max output current enable spec package (green) G5017b11u 50 7x 26m 134s yes 1a active high soft start=134s wlcsp2x2-4 note: b1: wlcsp2x2-4 1: bonding code u: tape & reel pin configuration a1 4 bump wlcsp gnd vout bottom view wlcsp2x2-4 vin en b1 b2 a2 a1 4 bump wlcsp gnd vout bottom view wlcsp2x2-4 vin en b1 b2 a2


▲Up To Search▲   

 
Price & Availability of G5017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X