Part Number Hot Search : 
1N5692 M2001 S3FB018 10330 FDD6630 1N4762 855748 2000W
Product Description
Full Text Search
 

To Download ELM7S86B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 cmos logic ic ELM7S86B 2-input exclusive or gate elm7s 8 6 b - el a b c general description ELM7S86B is cmos 2-input exor gate ic. it realizes high speed operation similar to ls-ttl with lower power consumption by cmos features. the inner circuit structure of 3-stage logic gate obtains wider noise immunity and constant output. features application selection guide ELM7S86B-el symbol a function 86: 2-input exclusive or gate b product version b c taping direction el: refer to pkg file maximum absolute ratings parameter symbol limit unit power supply voltage vdd -0.5 to +7.0 v input voltage vin -0.5 to vdd+0.5 v output voltage vout -0.5 to vdd+0.5 v input protection diode current iik 20 ma output parasitic diode current iok 20 ma output current iout 25 ma vdd/gnd current idd, ignd 25 ma power dissipation pd 200 mw storage temperature tstg -65 to +150 c ? cell phones ? digital cameras ? portable electrical appliances like pda, etc. ? computers and peripherals ? digital electrical appliances like lcd tv sets, dvd recorders/players, stb, etc. ? modi?cation inside print board, adjustment of timing, solution to noise ? same electrical characteristic as 74hc series (output current is around 1/2 of 74hc series) ? low consumption current : idd=1.0a(max.)(top=25 c) ? wide power voltage range : 2.0v to 6.0v ? high speed : tpd=5ns(typ.)(vdd=5.0v) ? symmetrical output impedance : | ioh |=iol=2ma(min.)(vdd=4.5v) ? small package : sot-25 3 -
2 pin con?guration sot-25(top view) ac electrical characteristics cl=15pf, tr=tf=6ns, vdd=5v cl=50pf, tr=tf=6ns * cpd is ic's inner equivalent capacity which is calculated from non-loaded operating current consumption referred to test circuit. averaged operating current consumption at non load is calculated as following formula: idd(opr)=cpd ? vdd ? fin+idd suggested operating condition parameter symbol limit unit power voltage vdd 2.0 to 6.0 v input voltage vin 0 to vdd v output voltage vout 0 to vdd v operating temperature top -40 to +85 c high-input down-time tr, tf vdd=2.0v 0 to 1000 ns vdd=4.5v 0 to 500 vdd=6.0v 0 to 400 pin no. pin name 1 inb 2 ina 3 gnd 4 outx 5 vdd input output ina inb outx low low low low high high high low high high high low cmos logic ic ELM7S86B 2-input exclusive or gate 1 2 3 5 4 parameter sym. top=25c unit condition min. typ. max. output transition time ttlh 7 10 ns refer to test circuit tthl 7 10 propagation delay-time tplh 9 20 ns refer to test circuit tphl 9 20 parameter sym. vdd top=25c top=-40 to +85c unit condition min. typ. max. min. max. output transition time ttlh 2.0 50 125 155 ns refer to test circuit 4.5 14 25 31 6.0 12 21 26 tthl 2.0 50 125 155 ns 4.5 14 25 31 6.0 12 21 26 propagation delay-time tplh 2.0 60 135 170 ns refer to test circuit 4.5 16 27 34 6.0 10 22 28 tphl 2.0 60 135 170 ns 4.5 16 27 34 6.0 10 22 28 input capacity cin 5 10 10 pf equivalent inner capacity cpd 10 pf 3 -
3 cmos logic ic ELM7S86B 2-input exclusive or gate dc electrical characteristics test circuit measured wave pattern marking a b c * output should be opened when measuring current consumption. sot-25 sym. mark content a e elm7s series b 8 ELM7S86B c a to z (except i, o, x) lot no. parameter sym. vdd top=25c top=-40 to +85c unit condition min. typ. max. min. max. input voltage vih 2.0 1.50 1.50 v 4.5 3.15 3.15 6.0 4.20 4.20 vil 2.0 0.50 0.50 v 4.5 1.35 1.35 6.0 1.80 1.80 output voltage voh 2.0 1.90 2.00 1.90 v vin= vih or vil ioh=-20a 4.5 4.40 4.50 4.40 6.0 5.90 6.00 5.90 4.5 4.18 4.31 4.13 ioh=-2ma 6.0 5.68 5.80 5.63 ioh=-2.6ma vol 2.0 0.00 0.10 0.10 v vin=vih iol=20a 4.5 0.00 0.10 0.10 6.0 0.00 0.10 0.10 4.5 0.17 0.26 0.33 iol=2ma 6.0 0.18 0.26 0.33 iol=2.6ma input current iin 6.0 -0.1 0.1 -1.0 1.0 a vin=vdd or gnd static current idd 6.0 1.0 10.0 a vin=vdd or gnd p u l s e o s c i l l a t o r v d d i n p u t o u t p u t c l 5 0 ? 5 0 % 5 0 % 1 0 % g n d v o h v o l o u t p u t t p h l t p l h 1 0 % v d d i n p u t 5 0 % 5 0 % 9 0 % 9 0 % 6 n s 6 n s 1 0 % 1 0 % 9 0 % 9 0 % t t l h t t h l 3 -


▲Up To Search▲   

 
Price & Availability of ELM7S86B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X