Part Number Hot Search : 
K3564 3002E TDA7427 ADA3R3 26EUA M5S33 70257 LB111
Product Description
Full Text Search
 

To Download DCMOP06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wall industries, inc. rev a DCMOP06 series 6 watt medical dc/dc power converters 06/21/2013 wall industries, inc. ? 5 watson brook road, exeter , nh 03833 ? tel: 603-778-2300 ? toll free: 888-597 -9255 ? fax 603-778-9797 website: www.wallindustries.com ? e-mail: sales@wal lindustries.com page 1 of 5 features 2a patient leakage current single & dual outputs under voltage protection high efficiency up to 89% 2:1 wide input voltage ranges built-in emi class a filter low stand-by power consumption 6 watts output power reinforced insulation for 300vac working voltage clearance and creepage distance: 6.6mm/2moop 3000vac input to output 2moop isolation short circuit, over voltage, and over load protecti on ce mark meets 2006/95/ec, 2011/95/ec, and 2004/108/ ec compliant to rohs eu directive 2011/65/eu ansi/aami es60601-1, en60601-1, & iec60601-1 safety approvals optional remote on/off control and trim pin description size: 1.25 x 0.80 x 0.40 inches (31.8 x 20.3 x 10.2 mm) applications: medical equipment telecom/datacom industry control systems semiconductor equipment pv power systems igbt gate drivers the DCMOP06 series of medical dc/dc power converter s provides 6 watts of output power in a 1.25 x 0.80 x 0.40 dip package. this series consists of single a nd dual output models with 2:1 wide input voltage r anges of 4.5-9vdc, 9-18vdc, 18-36vdc, and 36-75vdc. some fea tures include high efficiency up to 89%, 3000vdc i/ o (2 moop) isolation, and low stand-by power consumpt ion. these converters are also protected against un der voltage, short circuit, over voltage, and over load conditions. all models are rohs compliant and have ansi/aami es60601-1, en60601-1, and iec60601-1 safe ty approvals. remote on/off and trim functions are also available for this series. model selection table single output models model number (1) input voltage range output voltage output current output ripple & noise no load input current output power efficiency maximum capacitive load DCMOP06-5s33x 3.3 vdc 1800ma 30mvp-p 10ma 6w 82.5% 2100f DCMOP06-5s05x 5 vdc 1200ma 30mvp-p 10ma 6w 86% 1500 f DCMOP06-5s12x 12 vdc 500ma 40mvp-p 15ma 6w 86% 260 f DCMOP06-5s15x 15 vdc 400ma 40mvp-p 15ma 6w 86% 210 f DCMOP06-5s24x 5 vdc (4.5 - 9 vdc) 24 vdc 250ma 50mvp-p 20ma 6w 86.5% 75f DCMOP06-12s33x 3.3 vdc 1800ma 30mvp-p 10ma 6w 83% 2100f DCMOP06-12s05x 5 vdc 1200ma 30mvp-p 10ma 6w 85.5% 1500f DCMOP06-12s12x 12 vdc 500ma 40mvp-p 10ma 6w 88% 260f DCMOP06-12s15x 15 vdc 400ma 40mvp-p 10ma 6w 89% 210f DCMOP06-12s24x 12 vdc (9 - 18 vdc) 24 vdc 250ma 50mvp-p 10ma 6w 89% 75f DCMOP06-24s33x 3.3 vdc 1800ma 30mvp-p 6ma 6w 83% 21 00f DCMOP06-24s05x 5 vdc 1200ma 30mvp-p 6ma 6w 86.5% 15 00f DCMOP06-24s12x 12 vdc 500ma 40mvp-p 6ma 6w 89% 260 f DCMOP06-24s15x 15 vdc 400ma 40mvp-p 6ma 6w 89% 210 f DCMOP06-24s24x 24 vdc (18 - 36 vdc) 24 vdc 250ma 50mvp-p 6ma 6w 88.5% 75f DCMOP06-48s33x 3.3 vdc 1800ma 30mvp-p 4ma 6w 82.5% 2100f DCMOP06-48s05x 5 vdc 1200ma 30mvp-p 4ma 6w 86.5% 1500f DCMOP06-48s12x 12 vdc 500ma 40mvp-p 4ma 6w 88% 260f DCMOP06-48s15x 15 vdc 400ma 40mvp-p 4ma 6w 89% 210f DCMOP06-48s24x 48 vdc (36 - 75 vdc) 24 vdc 250ma 50mvp-p 4ma 6w 88% 75f dual output models model number (1) input voltage range output voltage output current output ripple & noise no load input current output power efficiency maximum capacitive load DCMOP06-5d05x 5 vdc 600ma 30mvp-p 25ma 6w 84% 86 0f DCMOP06-5d12x 12 vdc 250ma 40mvp-p 25ma 6w 86.5% 150f DCMOP06-5d15x 5 vdc (4.5 - 9 vdc) 15 vdc 200ma 40mvp-p 25ma 6w 87.5% 110f DCMOP06-12d05x 5 vdc 600ma 30mvp-p 10ma 6w 84% 860f DCMOP06-12d12x 12 vdc 250ma 40mvp-p 10ma 6w 89% 150f DCMOP06-12d15x 12 vdc (9 - 18 vdc) 15 vdc 200ma 40mvp-p 10ma 6w 88% 110f DCMOP06-24d05x 5 vdc 600ma 30mvp-p 6ma 6w 85% 86 0f DCMOP06-24d12x 12 vdc 250ma 40mvp-p 6ma 6w 88.5% 150f DCMOP06-24d15x 24 vdc (18 - 36 vdc) 15 vdc 200ma 40mvp-p 6ma 6w 88% 110f DCMOP06-48d05x 5 vdc 600ma 30mvp-p 4ma 6w 85% 860f DCMOP06-48d12x 12 vdc 250ma 40mvp-p 4ma 6w 88% 150f DCMOP06-48d15x 48 vdc (36 - 75 vdc) 15 vdc 200ma 40mvp-p 4ma 6w 88% 110f
wall industries, inc. rev a DCMOP06 series 6 watt medical dc/dc power converters 06/21/2013 wall industries, inc. ? 5 watson brook road, exeter , nh 03833 ? tel: 603-778-2300 ? toll free: 888-597 -9255 ? fax 603-778-9797 website: www.wallindustries.com ? e-mail: sales@wal lindustries.com page 2 of 5 specifications: DCMOP06 series all specifications are based on 25c, nominal input voltage, and maximum output current unless otherwi se noted. we reserve the right to change specifications based on technological advances. specification test conditions min typ max unit input specifications 5vdc nominal input models 4.5 5 9 12vdc nominal input models 9 12 18 24vdc nominal input models 18 24 36 input voltage range 48vdc nominal input models 36 48 75 vdc 5vdc nominal input models 4.5 12vdc nominal input models 9 24vdc nominal input models 18 start-up voltage 48vdc nominal input models 36 vdc 5vdc nominal input models 4 12vdc nominal input models 8 24vdc nominal input models 16 shutdown voltage 48vdc nominal input models 33 vdc 5vdc nominal input models 16 12vdc nominal input models 25 24vdc nominal input models 50 input surge voltage (3sec, max.) 48vdc nominal input models 100 vdc input current no load see table input filter pi type dc/dc on open or 0 ~ 1.2vdc remote on/off control (only for b type pin connection models) referenced to Cinput pin dc/dc off 2.2 ~ 12 vdc input current of ctrl pin nominal vin -0.5 1 ma remote off input current nominal vin 2.5 ma output specifications output voltage see table voltage accuracy -1.0 +1.0 % single output models -0.2 +0.2 line regulation low line to high line at full load dual output models -0.5 +0.5 % single output models -0.2 +0.2 load regulation no load to full load dual output models -1.0 +1.0 % cross regulation asymmetrical load 25%/100% fl dual output models -5.0 +5.0 % 3.3v, 5v, 12v output models -10 +10 single output models 15v, 24v output models -10 +20 % voltage adjustability (only for b type pin connection models) dual output models 5v, 12v, 15v output models -10 +10 % output power see table output current see table maximum capacitive load minimum input and constant resistive load see table measured with a 10f/25v x7r mlcc 3.3v, 5v output models 30 measured with a 10f/25v x7r mlcc 12v, 15v output models 40 ripple & noise (20mhz bw) measured with a 4.7f/50v x7r mlcc 24v output models 50 mvp-p transient response recovery time 25% load step chan ge 250 s power up 30 start-up time constant resistive load remote on/off 30 ms temperature coefficient -0.02 +0.02 %/c protection short circuit protection continuous, automatic recovery over load protection % of rated iout; hiccup mode 150 % 3.3v output models 3.7 5.4 5v output models 5.6 7.0 12v output models 13.5 19.6 15v outputs models 18.3 22.0 over voltage protection continuous clamp 24v output models 29.1 32.5 vdc
wall industries, inc. rev a DCMOP06 series 6 watt medical dc/dc power converters 06/21/2013 wall industries, inc. ? 5 watson brook road, exeter , nh 03833 ? tel: 603-778-2300 ? toll free: 888-597 -9255 ? fax 603-778-9797 website: www.wallindustries.com ? e-mail: sales@wal lindustries.com page 3 of 5 specifications: DCMOP06 series all specifications are based on 25c, nominal input voltage, and maximum output current unless otherwi se noted. we reserve the right to change specifications based on technological advances. specification test conditions min typ max unit general specifications efficiency nominal input voltage and full load see table switching frequency 225 250 275 khz isolation voltage 1 minute input to output 3000 v ac isolation capacitance 12 17 pf leakage current 240vac, 60hz 2 a clearance/creepage 6.6 mm environmental specifications without derating -40 +88 operating ambient temperature with derating +88 +105 c storage temperature range -55 +125 c thermal impedance natural convection (20lfm) 18 c/w relative humidity 5 95 % rh thermal shock mil-std-810f vibration mil-std-810f mtbf mil-hdbk-217f ta=25c, full load (g/b, control led environment) 1,115,000 hours physical specifications weight 0.48oz (14g) dimensions (l x w x h) 1.25x0.80x0.40 inches (31.8x20.3x10.2mm) case material non-conductive black plastic base material non-conductive black plastic potting material silicon (ul94-v0) safety & emc characteristics safety approvals (pending) ansi/aami es60601-1, iec60601-1, en60601-1 emi (see note 2) en55011, en55022, and fcc part 18 class a esd en61000-4-2 air 8kv contact 6kv perf. criteria a radiated immunity en61000-4-3 10 v/m perf. criteria a fast transient (see note 3) en61000-4-4 2kv perf. criteria a surge (see note 3) en61000-4-5 2kv perf. criteria a conducted immunity en61000-4-6 10 vrms perf. criteria a notes 1. the x in the model number represents the pin connection type. it can be a for pin connection type a or b for pin connection type b. see mechanical drawings on page 4 for more information. 2. the DCMOP06 series meets emi class a without an external filter added. this series can only meet em i class b with external components added. please contact factory for more information. 3. an external input filter capacitor is required i f the module has to meet en61000-4-4, en61000-4-5. ? for 5vdc nominal input models we recommend connecti ng an aluminum electrolytic capacitor (nippon chemi -con ky series, 1000f/25v) and a reverse diode (vishay v10p45) in parallel. ? for 12vdc & 24vdc nominal input models we recommend connecting an aluminum electrolytic capacitor (nip pon chemi-con ky series, 470f/50v) in parallel. ? for 48vdc nominal input models we recommend connect ing an aluminum electrolytic capacitor (nippon chem i-con ky series, 330f/100v) in parallel. 4. remote on/off control is optional and is only av ailable for b type pin connection models. to orde r the converter with remote on/off add the suffix -p to the model number (ex: DCMOP06-48s12b-p). 5. trim function is optional and is only available for b type pin connection models. to order the co nverter with trim pin add the suffix -t to the mo del number (ex: DCMOP06-48s12b-t). caution: this power module is not internally fused. an inpu t line fuse must always be used.
wall industries, inc. rev a DCMOP06 series 6 watt medical dc/dc power converters 06/21/2013 wall industries, inc. ? 5 watson brook road, exeter , nh 03833 ? tel: 603-778-2300 ? toll free: 888-597 -9255 ? fax 603-778-9797 website: www.wallindustries.com ? e-mail: sales@wal lindustries.com page 4 of 5 characteristic curves DCMOP06-48s05a derating curve DCMOP06-48s05a effic iency vs input voltage DCMOP06-48s05a efficiency v s output load 0 20 40 60 80 100 120 -40 -20 0 20 40 60 80 100 120 output power (%) ambient temperature (c) natural convection 88 55 60 65 70 75 80 36 40 44 48 52 56 60 64 68 72 75 efficiency (%) input voltage (vdc) 85 90 95 10 20 30 40 50 60 70 80 90 100 % of full load 50 55 60 65 70 75 efficiency (%) vin=36v vin=48v vin=75v 80 85 90 mechanical drawings a type pin connection (suffix a) 0.600 (15.24) 0.80 (20.3) 1 11 12 24 23 15 13 bottom view side view 0.40 (10.2) 0.15 (3.8) 1.25 (31.8) unit: inches (mm) 0.100 (2.54) 0.900 (22.86) 0.08 (2.0) pin size is 0.023 (0.60) dia 1. tolerance: x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 2. pin pitch tolerance: 0.01 (0.25) 3. pin dimension tolerance: 0.004 (0.1) pin connections pin single dual 1 +input +input 11 no pin common 12 output no pin 13 +output output 15 no pin +output 23 input input 24 input input b type pin connection (suffix b) 0.600 (15.24) 0.80 (20.3) 12 10 11 23 22 16 14 bottom view side view 0.40 (10.2) 0.15 (3.8) 1.25 (31.8) unit: inches (mm) 0.100 (2.54) 0.800 (20.32) 0.08 (2.0) pin size is 0.023 (0.60) dia pin connections pin single dual 1 ctrl (optional) ctrl (optional) 2 input input 10 trim (optional) trim (optional) 11 **no pin / nc output 14 +output +output 16 output common 22 +input +input 23 +input +input **: for single output models pin 11 is no pin with the trim pin option (sux Ct) and nc without the trim pin option. 1. tolerance: x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 2. pin pitch tolerance: 0.01 (0.25) 3. pin dimension tolerance: 0.004 (0.1)
wall industries, inc. rev a DCMOP06 series 6 watt medical dc/dc power converters 06/21/2013 wall industries, inc. ? 5 watson brook road, exeter , nh 03833 ? tel: 603-778-2300 ? toll free: 888-597 -9255 ? fax 603-778-9797 website: www.wallindustries.com ? e-mail: sales@wal lindustries.com page 5 of 5 model number setup dcmop 06 - 48 s 05 b - p (1) t (1) series name output power input voltage output quantity output voltage pin connection remote on/off option trim option 06: 6 watts 5: 5 vdc s: single output 33: 3.3 vdc a: a type none: no remote on/off none: no trim 12: 12 vdc 05: 5 vdc b: b type p: remote on/off t: trim 24: 24 vdc 12: 12 vdc 48: 48 vdc 15: 15 vdc 24: 24 vdc d: dual output 05: 5 vdc 12: 12 vdc 15: 15 vdc (1) remote on/off control and trim options are only available for b type pin connection models. company information wall industries, inc. has created custom and modifi ed units for over 50 years. our in-house research a nd development engineers will provide a solution that exceeds your performance re quirements on-time and on budget. our iso9001-2008 certification is just one example of our commitment to producing a high quali ty, well-documented product for our customers. our past projects demonstrate our commitment to you , our customer. wall industries, inc. has a reputat ion for working closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. we will contin ue to provide ongoing support for your project above and beyond the desig n and production phases. give us a call today to d iscuss your future projects. contact wall industries for further information: phone:  (603)778-2300 toll free:  (888)597-9255 fax:  (603)778-9797 e-mail: sales@wallindustries.com web: www.wallindustries.com address: 5 watson brook rd. exeter, nh 03833


▲Up To Search▲   

 
Price & Availability of DCMOP06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X