79 CEM300 new features intel? pentium? & celeron? n3000 series processors com express type 10 mini module intel? pentium?/celeron? n3000 series quad/dual core processors (braswell) max. up to 8 gb ddr3l on-board memory max. up to 4 lanes of pci express 2 sata-600 2 usb 3.0 and 8 usb 2.0 i/o packing list system quick installation guide display cpu intel? pentium? & celeron? n3000 series (braswell) processors, n3700 1.6 ghz quad core, n3150 1.6 ghz quad core and n3050 1.6 ghz dual core onboard system memory on-board ddr3l chips up to 8 gb chipset soc integrated bios ami uefi ssd n/a watchdog timer 255 levels, 1~255 sec. or min. expansion interface 4 x pcie lanes (3 lanes while internal lan is connected) battery lithium n/a power input atx: 4.75v~20v, +5vsb at: 4.75v~20v size 84 x 55 mm board thickness 2.0 mm temperature -20oc ~ +70oc (-4f ~ 158f), operation operation humidity 10% ~ 95% relative humidity, non-condensing mio 1 x lpc interface 1 x spi interface 2 x serial tx/rx sata 2 x sata-600 hardware monitoring yes ethernet 1 port as 10/100/1000mbps supports wake-on-lan, pxe boot rom with intel? i211at audio hd link interface to baseboard for codec usb 2 x usb 3.0 and 8 x usb 2.0 tpm n/a smbus yes digital i/o 4 channels in & 4 channels out smart battery yes chipset intel? gen 8 graphics engine supports gfx - dx11.1, ocl1.2, ogl 4.2 display interface 1 x ddi (dp, hdmi, dvi) 1 x lvds; 18/24-bit single channel (edp option) rear view onboard ddr3l chip onboard ddr3l chip com express interface connector intel? n3xxx processor low power usb 3.0 usb usb dualview full solid cap design aird ddr3l ddr3l ddr3l ordering information standard CEM300pg-n3700-4g com express type 10 mini module with intel? pentium? n3700, 4 gb, dp/lvds, usb 3.0 and 10/100/1000mbps ethernet CEM300pg-n3150-4g com express type 10 mini module with intel? celeron? n3150, 4 gb, dp/lvds, usb 3.0 and 10/100/1000mbps ethernet CEM300pg-n3050-4g com express type 10 mini module with intel? celeron? n3050, 4 gb, dp/lvds, usb 3.0 and 10/100/1000mbps ethernet * all specifications and photos are subject to change without notice.
|