bys11-90 www.vishay.com vishay general semiconductor revision: 23-dec-14 1 document number: 86014 for technical questions within your region: diodessamericas@vishay.com , diodessasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount schottky barrier rectifier features ? low profile package ? ideal for automated placement ? guardring for overvoltage protection ? low power losses, high efficiency ? very low switching losses ? high surge capability ? meets msl level 1, per j-st d-020, lf maximum peak of 260 c ? aec-q101 qualified available ? - automotive ordering code: base p/nhe3 ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 typical applications for use in high frequency inverters, switching power supplies, freewheeling diodes, oring diode, dc/dc converters, and reverse battery protection. mechanical data case: do-214ac (sma) ? molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs-co mpliant, commercial grade base p/nhe3 - rohs-compliant and aec-q101 qualified ? base p/nhe3_x - rohs-complia nt and aec-q101 qualified ? (_x denotes revision code e.g. a, b, .....) terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 ? e3 suffix meets jesd 201 cla ss 2 whisker test, he3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes cathode end primary characteristics i f(av) 1.5 a v rrm 90 v i fsm 40 a v f 0.75 v t j max. 150 c package do-214ac (sma) diode variations single do-214ac ( s ma) maximum ratings (t a = 25 c unless otherwise noted) parameter symbol bys11-90 unit device marking code bys109 maximum repetitive peak reverse voltage v rrm 90 v maximum average forward rectified current i f(av) 1.5 a peak forward surge current single half sine-wave superimposed on rated load 8.3 ms i fsm 40 a 10 ms 30 voltage rate of change (rated v r ) dv/dt 10 000 v/s junction and storage temperature range t j , t stg -55 to +150 c
bys11-90 www.vishay.com vishay general semiconductor revision: 23-dec-14 2 document number: 86014 for technical questions within your region: diodessamericas@vishay.com , diodessasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) pulse test: 300 s pulse width, 1 % duty cycle notes (1) mounted on epoxy-glass hard tissue (2) mounted on epoxy-glass hard tissue, 50 mm 2 35 m cu (3) mounted on al-oxide-ceramic (al 2 o 3 ), 50 mm 2 35 m cu note (1) aec-q101 qualified ratings and characteristics curves (t a = 25 ? c unless otherwise noted) fig. 1 - forward current vs. forward voltage fig. 2 - max. average forward current vs. ambient temperature electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol bys11-90 unit maximum instantaneous forward voltage (1) 1.0 a v f 750 mv maximum dc reverse current (1) v rrm t j = 25 c i r 100 a t j = 100 c 1 ma thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol bys11-90 unit maximum thermal resistan ce, junction to lead r ? jl 25 c/w maximum thermal resistance , junction to ambient r ? ja (1) 150 c/w r ? ja (2) 125 r ? ja (3) 100 ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode bys11-90-e3/tr 0.064 tr 1800 7" diam eter plastic tape and reel bys11-90-e3/tr3 0.064 tr3 7500 13" di ameter plastic tape and reel bys11-90he3/tr (1) 0.064 tr 1800 7" diameter plastic tape and reel bys11-90he3/tr3 (1) 0.064 tr3 7500 13" diameter plastic tape and reel bys11-90he3_a/h (1) 0.064 h 1800 7" diameter plastic tape and reel bys11-90he3_a/i (1) 0.064 i 7500 13" diameter plastic tape and reel 10 1 0.1 0.01 0.001 t j = 150 c t j = 25 c 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 forward voltage (v) forward current (a) 0 40 80 120 160 200 2.0 1.6 1.2 0.8 0.4 0 v r = v rrm , half sine-wave, r thja = 25 k/w ambient temperature (c) average forward cu rrent (a)
bys11-90 www.vishay.com vishay general semiconductor revision: 23-dec-14 3 document number: 86014 for technical questions within your region: diodessamericas@vishay.com , diodessasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - max. average forward current vs. ambient temperature fig. 4 - reverse current vs. junction temperature fig. 5 - max. reverse power diss ipation vs. junction temperature fig. 6 - diode capacitance vs. reverse voltage package outline dimensions in inches (millimeters) v r = 0 v, half sine-wave r thja = 25 k/w 100 k/w 125 k/w 150 k/w 0 40 80 120 160 200 2.0 1.6 1.2 0.8 0.4 0 ambient temperature (c) average forward cu rrent (a) v r = v rrm 0 40 80 120 160 200 1000 100 10 1 0.1 junction temperatu re (c) reverse current (ma) r thja = 25 k/w 100 k/w v r = v rrm 0 40 80 120 100 200 2.0 1.6 1.2 0.8 0.4 0 max. reverse power dissipation (w) junction temperature (c) f = 1 mhz 0.1 1 10 100 reverse voltage (v) 180 160 140 120 100 80 60 40 20 0 diode capacitance (pf) 0.008 (0.203) 0.194 (4.93) 0.208 (5.28) 0.157 (3.99) 0.177 (4.50) 0.100 (2.54) 0.110 (2.79) 0.078 (1.98) 0.090 (2.29) 0.006 (0.152) 0.012 (0.305) 0.049 (1.25) 0.065 (1.65) cathode band 0 (0) do-214ac ( s ma) mountin g pad layout 0.074 (1.88) max. 0.208 (5.28) ref. 0.066 (1.68) min. 0.060 (1.52) min. 0.030 (0.76) 0.060 (1.52)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
|