vectron interna onal ? 267 lowell road, suite 102, hudson, nh 03051 ? tel: 1-888-328-7661 ? h p://www.vectron.com page 1 of 5 ar- 133 rubidium frequency standard ruggedized low pro le ? long-term-stability: 5e-11/month ? 2e-12 frequency accuracy & 100nsec 1pps accuracy rela ve to 1pps input when disciplined ? short term stability: 5e-12 @100s ? phase noise: -150dbc/hz @10khz ? outputs: 10 mhz and 1pps ? supply voltage: 15 vdc / 12 vdc (op on) ? steady state power < 8.25w ? power-saving mode < 1.8w steady state (op on) ? size: 77 x 77 x 25.4 mm (3? x 3? x 1?) ? secure communica on ? telecommunica on ? so ware radio ? test equipment ? cellular base sta ons ? tv sta ons, hdtv ? scien c equipment ? calibra on features applications description the AR-133 is a new genera on mul func onal rubidium frequency standard. it is one of the smallest atomic standards available today, where the accuracy and stability are derived from a quantum transi on that occurs in a free rubidium atom. the unit u lizes a unique advanced technology, which allows reducing the unit?s size without sacri cing performance. the AR-133 is comprised of a unique dfll (digital frequency lock loop) where a high performance crystal oscillator is locked to the rubidium atomic line using an embedded microprocessor and a special patented algorithm. the algorithm op mizes the performance vs. external disturbances, improves temperature stability, and enables very ne digital frequency control. AR-133 special modes of opera ? on: disciplined to an external 1pps: this improves the long-term-stability, the accuracy, and synchronizes the phase of the 1pps ou tput to the 1pps input. power-saving modes (op ons): for applica ons where power is limited, the ar133a o ? ers several power saving modes to be selected by the user. ? mixed mode (op on) - in this mode the physics package, which is the main power consumer, is turned on and o ? periodically, allowing lower average power consump on. in this mode the internal ocxo supplies accurate frequency calibrated to the atomic clock frequency. although performance is slightly reduced, power consump on is signi cantly lower in this mode. ? ocxo disciplined mode (op on) ? this mode implements an ocxo disciplining to external 1pps (with physics package shut-down) and consumes even lower power of about 1.8 w AR-133 rev 1.2 mar 2016
vectron interna onal ? 267 lowell road, suite 102, hudson, nh 03051 ? tel: 1-888-328-7661 ? h p://www.vectron.com page 2 of 5 performance (rubidium mode) parameter and condi ons standard op on frequency short term stability < 3e-11 @ 1s < 5e-12 @ 100s phase noise <-102 dbc/hz @ 10hz <-135 dbc/hz @ 100hz <-145 dbc/hz @ 1khz <-150 dbc/hz @ 10khz <-118 dbc/hz @ 10hz <-135 dbc/hz @ 100hz <-155 dbc/hz @ 1khz <-159 dbc/hz @ 10khz (typical) harmonics < -44 dbc (up to 70mhz) < -50 dbc (up to 70mhz) spurious < -80 dbc in the range 10hz to 100khz from carrier < -110 dbc in the range 10hz to 100khz from carrier warm-up < 5e-8 (lock) within 4 minutes @ 25c 5e-10 within 5 minutes @ 25c retrace < 5e-11 with on-o ? -on cycle: 24 hours, 48 hours, 12 hours accuracy @ shipment < 5e-11 magne ? c field sensi ? vity < 8e-11 / gauss up to 3 gauss dc (worst direc on) long term stability <1e-9 / year (a er 3 month opera on) <5e-10 / year (at shipment) disciplined to external 1pps - <2e-12 (24 hrs average) temperature stability and range 3e-10 over -20c to +65c -40c to +70c time accuracy (1pps) long term accuracy 1 s / 24 hours (a er disciplining/calibra on) disciplined to external 1pps - 100ns (50ns typical.) rms @ 25c power consump ? on (standard rubidium mode) @ steady-state < 8.25w @ 25c @ warm-up < 18w@ 25c < 16w @ 15vdc, room temp. (time to lock < 8 min) (**) performance speci ca ? ons input & outputs standard op ? on outputs - 10mhz sine wave +122 dbm into 50 - (*) in ar133a-01 output level is +72 dbm - 5mhz - 1mhz, square wave - 2.048mhz, square wave - other frequencies (contact factory) 1pps, 3v ttl into 50 rise me < 30nsec pulse width <20usec input 1pps ttl 50 rs-232 cmos level monitor & control control and monitor interface provide: id, status, frequency adjustment. protocol: 9600, 1, 8, 1, no parity digital frequency adjustment: 7.6e-13 steps over > 5e-7 range all speci ca ons are at room temperature, quiescent condi ons, sea level ambient unless otherwise speci ed for more informa on about the communica on channel contact factory 1pps in communica ? on power supply frequency out (10mhz / 5mhz) 1pps out lock (bit) aux output (op ? on) AR-133 (*) unless speci ed, all parameters relate to 10mhz main output. (**) low power at warm up (op on) - the internal ovens are ac vated in sequence thereby reducing the warm-up consump on. rev 1.2 mar 2016
vectron interna onal ? 267 lowell road, suite 102, hudson, nh 03051 ? tel: 1-888-328-7661 ? h p://www.vectron.com page 3 of 5 power supply, dimensions & weight dc 150.3 vdc / 120.3 vdc size 77 mm x 77mm x 25.4 mm (3? x 3? x 1?) weight 295 g performance speci ca ? ons (con nued) bit and remote control built in test (bit): the built in test detects > 95% of all failures. receive by hardware (pin number 3 in the d type connector), open collector (10ma max). high impedance = bit fail; short to ground = bit pass & lock. bit result receives also by serial communica on. mode of opera on modes of opera ? on standard rubidium free-run standard rubidium disciplining to ext. 1pps - op on excellent performance in holdover ocxo disciplining to ext. 1pps - op on (*) medium performance in holdover mixed mode - op on (*) low average power consump on, good performance environmental opera ? ng temperature -20c to +65 c (for wider temperature range contact factory) storage temperature -40c to +80c humidity up to 95% at 35c, non-condensed mechanical & electrical icd d-type subminiature 9 pins (male) pin 1 supply pin2 gnd pin 3 lock (bit) pin 4 1pps in pin 5 aux out - op on pin 6 txd pin 7 factory use pin 8 1pps out pin 9 rxd sma: rf out rev 1.2 mar 2016
vectron interna onal ? 267 lowell road, suite 102, hudson, nh 03051 ? tel: 1-888-328-7661 ? h p://www.vectron.com page 4 of 5 how to order op ? ons descrip ? ons vectron p/n output frequency wave form 1pps input & output opera ? ng voltage special features AR-133 10mhz sine 15v standard AR-133-02 10mhz sine 12v 10mhz sine 12vdc AR-133-04-02 10mhz sine 15v wide opera ng temperature rage (-40c to +74c base plate) AR-133-05 1mhz sqr 15v 1mhz sqr AR-133-06 2.048mhz sqr 15v 2.048mhz output AR-133-07 10mhz sine - 12v improved emi protec on AR-133-09 5mhz sine 15v 5mhz output AR-133-10 10mhz sqr 15v 10mhz sqr AR-133-11 10mhz sqr 12v 10mhz sqr 12vdc AR-133-13 10mhz sine 15v improved phase noise AR-133-14 10mhz sine 15v high stability, low phase noise AR-133-21 10mhz sine with digital sqr 15v digital square wave output on db9 AR-133-22 10mhz sine 15v 100% start me screening for other customized con gura ? on - please contact the factory rev 1.2 mar 2016
vectron interna onal ? 267 lowell road, suite 102, hudson, nh 03051 ? tel: 1-888-328-7661 ? h p://www.vectron.com page 5 of 5 revision history revision change summary date 1.0 product release october 2014 1.1 added new part number AR-133-21 op on in the how to order table march 2016 1.2 added new part number AR-133-22 op on in the how to order table march 2016 disclaimer vectron interna onal reserves the right to make changes to the product(s) and or informa on contained herein without no ce. no liability is assumed as a result of their use or applica- on. no rights under any patent accompany the sale of any such product(s) or informa on. for additional information, please contact usa: vectron interna onal 267 lowell road, suite 102 hudson, nh 03051 tel: 1.888.328.7661 fax: 1.888.329.8328 europe: vectron interna onal landstrasse, d-74924 neckarbischofsheim, germany tel: +49 (0) 7268.801.100 fax: +49 (0) 7268.801.282 asia: 68 yin cheng road(c), 22nd floor one lu jia zui pudong, shanghai 200120, china tel: +86 21 6194 6886 fax: +86 21 6194 6699 rev 1.2 mar 2016
|