Part Number Hot Search : 
LT44301 MBT3904 000001 000001 12N10 LT44301 D1FJ10 2N4245
Product Description
Full Text Search
 

To Download ACZRA4729-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd zener diode v oltage: 3.3 to 100 v olts power: 1.0 w atts rohs device page 1 rev :a features -built-in strain relief. mechanical data -epoxy: ul94v -0 rated flame retardant. -polarity: indicated by cathode band. -mounting position: any . -w eight: 0.05 gram(approx.). aczra4728-hf thru. aczra4764-hf maximum ratings (t a =25c, unless otherwise noted) d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a c / s m a aqw -jz002 -batch process design, excellent power dissipation of fers better reverse leakage current and thermal resistance. -low profile package. halogen free -case: do-214ac/sma molded plastic, jedec 0.106(2.7) 0.091(2.3) 0.012(0.3) t yp. 0.180(4.5) 0.196(4.9) 0.068(1.7) 0.060(1.5) 0.032(0.8)t yp. 0.032(0.8)t yp. condition forward voltage power dissipation thermal resistance min. typ . max. units parameter if = 200 ma 30 50 -55 1.20 1000 v mw c/w c symbol v f p d r jc r ja t j junction to case (note 1) junction to ambient (note 1) operating temperature -65 c t stg storge temperature +175 +150 c/w comchip t echnology co., l td. company reserves the right to improve product design , functions and reliability without notice. -standard zener voltage tolerance 5%. -low inductance. -t erminals: solder plated,solderable per mil-std-750,method 2026. -comply with aec-q101. @tl = 75c note: 1.mounted on 0.2x0.2(5x5mm)fr-4 pcb.
smd zener diode electrical characteristics ( at t a = 25c unless otherwise noted) z zt @ i zt ( )max z zk @ i zk ( )max i zk ma i r (ua)max v r v olts aczra4728-hf z3v3 3.3 76 10 400 1.0 100 1.0 1380 ACZRA4729-HF z3v6 3.6 69 10 400 1.0 100 1.0 1260 aczra4730-hf z3v9 3.9 64 9 400 1.0 50 1.0 1 190 aczra4731-hf z4v3 4.3 58 9 400 1.0 10 1.0 1070 aczra4732-hf z4v7 4.7 53 8 500 1.0 10 1.0 970 aczra4733-hf z5v1 5.1 49 7 550 1.0 10 1.0 890 aczra4734-hf z5v6 5.6 45 5 600 1.0 10 2.0 810 aczra4735-hf z6v2 6.2 41 2 700 1.0 10 3.0 730 aczra4736-hf z6v8 6.8 37 3.5 700 1.0 10 4.0 660 aczra4737-hf z7v5 7.5 34 4 700 0.5 10 5.0 605 aczra4738-hf z8v2 8.2 31 4.5 700 0.5 10 6.0 550 aczra4739-hf z9v1 9.1 28 5 700 0.5 10 7.0 500 aczra4740-hf z10 10 25 7 700 0.25 10 7.6 454 aczra4741-hf z1 1 1 1 23 8 700 0.25 5 8.4 414 aczra4742-hf z12 12 21 9 700 0.25 5 9.1 380 aczra4743-hf z13 13 19 10 700 0.25 5 9.9 344 aczra4744-hf z15 15 17 14 700 0.25 5 1 1.4 304 aczra4745-hf z16 16 15.5 16 700 0.25 5 12.2 285 aczra4746-hf z18 18 14 20 750 0.25 5 13.7 250 aczra4747-hf z20 20 12.5 22 750 0.25 5 15.2 225 aczra4748-hf z22 22 1 1.5 23 750 0.25 5 16.7 205 aczra4749-hf z24 24 10.5 25 750 0.25 5 18.2 190 aczra4750-hf z27 27 9.5 35 750 0.25 5 20.6 170 aczra4751-hf z30 30 8.5 40 1000 0.25 5 22.8 150 aczra4752-hf z33 33 7.5 45 1000 0.25 5 25.1 135 aczra4753-hf z36 36 7.0 50 1000 0.25 5 27.4 125 zener impedance leakage current surge current ma part number marking code zener v oltage v olts t est current ma i zt v z @i zt i surge aczra4754-hf z39 39 6.5 60 1000 0.25 5 29.7 1 15 aczra4755-hf z43 43 6.0 70 1500 0.25 5 32.7 1 10 page 2 rev :a aqw -jz002 comchip t echnology co., l td. company reserves the right to improve product design , functions and reliability without notice. note: 5% tolerance of zener voltage.
smd zener diode electrical characteristics ( at t a = 25c unless otherwise noted) z zt @ i zt ( )max z zk @ i zk ( )max i zk ma i r (ua)max v r v olts aczra4756-hf z47 47 5.5 80 1500 0.25 5 35.8 95 aczra4757-hf z51 51 5.0 95 1500 0.25 5 38.8 90 aczra4758-hf z56 56 4.5 1 10 2000 0.25 5 42.6 80 aczra4759-hf z62 62 4.0 125 2000 0.25 5 47.1 70 aczra4760-hf z68 68 3.7 150 2000 0.25 5 51.7 65 aczra4761-hf z75 75 3.3 175 2000 0.25 5 56.0 60 aczra4762-hf z82 82 3.0 200 3000 0.25 5 62.2 55 aczra4763-hf z91 91 2.8 250 3000 0.25 5 69.2 50 aczra4764-hf z100 100 2.5 350 3000 0.25 5 76.0 45 zener impedance leakage current surge current ma part number marking code zener v oltage v olts t est current ma i zt v z @i zt i surge page 3 rev :a aqw -jz002 comchip t echnology co., l td. company reserves the right to improve product design , functions and reliability without notice. ra ting and characteristic cur ves (a czra4728-hf thru. aczra4764-hf) p e a k s u r g e p o w e r , ( w ) fig.2 - maximum surge power pulse width, (ms) note: 5% tolerance of zener voltage. lead t emperature, t l (c) 150 125 100 75 50 25 fig.1 - max. continuous power derating 0 0.25 0.5 0.75 1.0 m a x i m u m p o w e r d i s s i p a t i o n , ( w ) o r i n d u c t i v e l o a d 6 0 h z r e s i s t i v e 0 0.1 0.01 1 10 100 1000 rectangular waveform tj-25c prior to initial pulse 10 100 1.0 20% duty cycle 10% duty cycle 5% duty cycle 1 1v -91v non-repetitive
smd zener diode ra ting and characteristic cur ves (aczra4728-hf thru. aczra4764-hf) j u n c t i o n t o l e a d t h e r m a l , ( m v / c / w ) 175 150 125 100 75 50 25 0 lead length to heat sink, (inches) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 -4 -2 0 2 4 6 3 4 5 6 7 8 zener v oltage, (v) t e m p e r a t u r e c o e f f i c i e n t , ( m v / c ) note: below 3v and above 8v changes in zener v oltage do not affect temperature v z @i zt o t a =25 c 20ma 1ma 0.01ma zener current, (ma) 1 d y n a m i c i m p e d a n c e , ( o h m s ) 4 1 1 0 nominal vz, (v) f ef fect of zener current ig.6 - c a p a c i t a n c e , ( p f ) range v z @i zt 10 50 100 1 10 100 t e m p e r a t u r e c o e f f i c i e n t , ( m v / c ) f range for units 12 to 100 v olts ig.3b - zener v oltage, (v) f t emperature coef ficients (-55c to +150c temperature change ; 90% of the units are in the ranges indicated.) ig.4 - 1 10 100 1000 i z = 1 m a i z = 5 m a i z = 2 0 m a t j =25 c i z (ms)=0.1i z (do) f=60h z 10 100 0 v b i a s 1 v b i a s 1 0 1 0 0 4 0 0 1 0 0 5 0 % o f b r e a k d o w n b i a s page 4 rev :a aqw -jz002 comchip t echnology co., l td. company reserves the right to improve product design , functions and reliability without notice. t e m p e r a t u r e c o e f f i c i e n t , ( m v / c ) fig.3a - range for units to 12 v olts 12 10 8 6 4 2 0 -2 -4 2 3 4 5 6 7 8 9 10 zener v oltage, (v) range v z @i zt 1 1 12 f t ypical thermal resistance ig.5 - v ersus lead
smd zener diodes 0 . 1 1 0 0 . 0 0 4 page 5 rev :a aqw -jz002 comchip t echnology co., l td. company reserves the right to improve product design , functions and reliability without notice. b c d d d 2 d 1 s y m b o l ( m m ) ( i n c h ) 2 . 4 4 1 m i n . 2 . 8 0 0 . 1 0 5 . 0 0 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 6 2 . 0 m i n . 1 3 . 0 0 0 . 5 0 1 . 9 0 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 2 . 0 0 0 . 3 0 1 8 . 0 0 1 . 0 0 1 7 8 . 0 2 . 0 0 0 . 2 0 0 0 . 0 0 4 0 . 0 7 5 0 . 0 0 4 0 . 0 5 9 0 . 0 0 4 7 . 0 0 8 0 . 0 7 9 0 . 5 1 2 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 4 7 2 0 . 0 1 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 7 0 9 0 . 0 3 9 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 5 . 5 0 0 . 1 0 0 . 2 1 6 0 . 0 0 4 o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed reel t aping specification i n d e x h o l e d e f b w p p 0 p 1 a d o - 2 1 4 a c ( s m a ) d o - 2 1 4 a c ( s m a ) a
suggested p ad layout a b c e d size (inch) 0.150 (mm) 3.80 1.60 2.80 0.063 0.1 10 5.40 0.213 e 2.20 0.087 b c d a smd zener diode part number aczra4728-hf ~ aczra4764-hf marking code xxxx product type marking code (see page.2~3) xxxx standard packaging c a s e t y p e 2 , 0 0 0 r e e l ( p c s ) reel size (inch) 7 r e e l p a c k d o - 2 1 4 a c ( s m a ) do-214ac (sma) marking code pinning information pin simplified outline symbol 1 2 pin 1 cathode pin 2 anode 2 1 page 6 rev :a aqw -jz002 comchip t echnology co., l td. company reserves the right to improve product design , functions and reliability without notice.


▲Up To Search▲   

 
Price & Availability of ACZRA4729-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X