Part Number Hot Search : 
2N20C 1N4742A ENN6553 SM5841A 1N5371 L780S10 DB102 PT22151
Product Description
Full Text Search
 

To Download ACA2402E-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aca2402e 750/870 mhz catv push-pull line amplifer data sheet - rev 2.3 figure 1: hybrid application diagram features ? 22 db gain ? very low distortion ? excellent 75 ? input and output match ? stable with high vswr load conditions ? monolithic design for consistent performance part-to-part ? low dc power consumption ? surface mount package compatible with automatic assembly ? low cost alternative to hybrids ? meets cenelec standards ? materials set consistent with rohs directives. applications ? catv line amplifers, system amplifers, distribution nodes s7 package 16 pin wide body soic with heat slug product description the aca2402e is a highly linear, monolithic gaas rf amplifer that has been developed as an alternative to standard catv hybrid amplifers. offered in a convenient surface mount package, the mmic consists of two pairs of parallel amplifers that are optimized for exceptionally low distortion and noise fgure. a hybrid equivalent that provides fat gain response and excellent input and output return loss over the 40 to 870 mhz catv downstream band is formed when one aca2402e is cascaded between two appropriate transmission line baluns. rf input rf output 2a 2b 1b 1a aca2402e 04/2012
2 figure 2: pin out table 1: pin description 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 gnd gnd i set 2a in gnd 2b in 1b in 1a in gnd gnd 1b ou t 2b ou t 2a ou t 1a ou t bias 1a bias 1b pin name description pin name description 1 gnd ground 16 gnd ground 2 2a in amplifier 2a input 15 1a out amplifier 1a output 3 gnd ground 14 bias 1a bias for 1a amplifier 4 1a in amplifier 1a input 13 2a out amplifier 2a output and supply 5 1b in amplifier 1b input 12 2b out amplifier 2b output and supply 6 i set current adjust 11 bias 1b bias for 1b amplifier 7 2b in amplifier 2b input 10 1b out amplifier 1b output 8 gnd ground 9 gnd ground data sheet - rev 2.3 04/2012 aca2402e
3 table 2: absolute mimimum and maximum ratings electrical characteristics stresses in excess of the absolute ratings may cause permanent damage. functional operation is not implied under these conditions. exposure to absolute ratings for extended periods of time may adversely affect reliability. table 3: operating ranges notes: 1. pins 2, 4, 5 and 7 should be ac-coupled. no external dc bias should be applied. 2. pin 6 should be ac-grounded and/or pulled to ground through a resistor for current control. no external dc bias should be applied. 3. pins 11 and 14 are bias feeds for input amplifers 1a and 1b. no external dc bias should be applied. 4. pins 10 and 15 receive dc bias directly from pins 11 and 14. no other external bias should be applied. the device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifcations. parameter min max unit 6xssoslqv 0 +28 vdc 53rhdsxvslv - +75 9 6rdh7hshdxh -65 +150 c 6rhl7hshdxh - +260 c 6rhl7lh - 5.0 6h parameter min typ max unit 6xsso9 d d slv - +24 - vdc 5htxh 40 - 870 mhz dvh7hshdxh -40 - +110 c data sheet - rev 2.3 04/2012 aca2402e
4 table 4: ac and dc electrical specifcations (t a = +25 c, v dd = +24 vdc) notes: (1) measured with baluns on the input and output of the device. (2) flat output, +42 dbmv per channel. (3) flat output, +40 dbmv per channel. 4. all specifcations as measured on evaluation board (see figures 7 & 8). parameter min typ max unit comments dlq 21.0 21.8 22.5 dhtxldh6rsh - 0 - dldhvv r0+ - ? 0.2 - 1rlvhlxh - 3.5 4.0 7 77 channels 110 channels 128 channels - - - - -66 -63 -68 - - 62 77 channels 110 channels 128 channels - - - - -62 -59 -62 - - 02 77 channels 110 channels 128 channels - - - - -60 -57 -60 - - 5hx/rvvsx2xsx 18 22 - 75 ? 230 250 265 ma 7hd5hvlvdh - - 3.8 r data sheet - rev 2.3 04/2012 aca2402e
5 performance data figure 3: noise figure vs. frequency 2 2. 5 3 3. 5 4 4. 5 5 0 100 200 300 400 500 600 700 800 900 1000 frequenc y( mh z) nois ef igur e( db ) figure 4: gain (s21) vs. frequency 19 19.5 20 20.5 21 21.5 22 22.5 23 23.5 24 0 100 200 300 400 500 600 700 80 09 00 100 0 frequenc y( mh z) gain (db) data sheet - rev 2.3 04/2012 aca2402e
6 figure 5: input and output return loss (s1 1 and s22) vs. frequency -4 0 -3 5 -3 0 -2 5 -2 0 -1 5 -1 0 -5 0 5 01 00 200 300 400 500 60 07 00 800 900 1000 frequenc y( mh z) return los s( db ) s1 1 s2 2 100 figure 6: isolation (s12) vs. frequency -5 0 -4 5 -4 0 -3 5 -3 0 -2 5 -2 0 -1 5 -1 0 -5 0 0 100 200 30 04 00 500 600 70 08 00 90 01 00 0 frequenc y( mh z) isolatio n( db ) data sheet - rev 2.3 04/2012 aca2402e
7 application information figure 7: evaluation board layout figure 8: evaluation board schematic r2 c3 aca2402e 21 5 1 10 12 13 11 9 16 14 8 7 6 5 4 3 gnd i set 1a in 1a out 2a in 2a out gnd gnd gnd bias 1b gnd 1b in 2b in 1b out 2b out bias 1a c4 l1 v t c6 +2 4v l3 c10 tvs c15 + 24 v l4 c8 c14 c9 c13 c12 l2 c7 c5 c1 c2 c1 1 rf in r3 r1 i dd ad ju st t1 t2 rf out notes: 1. via holes should be 35 mils (0.89 mm) in diameter, and plated to 1 mil (0.025 mm) thickness. they need not be solder- flled. 2. warning: due to the power dissipation of this device, the printed circuit board should be mounted/attached to a heat sink. 3. more assembly details, such as via hole diameters, via spacing, solder paste application, and soldering recommendations are provided in the application note entitled, thermal management of anadigics surface mounted amplifers. data sheet - rev 2.3 04/2012 aca2402e
8 table 5: evaluation board parts list notes: (1) n connector center pin should be approximately 80 mils in length. (2) t1, t2 balun: 6.5 turns thru, as shown in figure 9. (3) 200 ma minimum current rating. figure 9: balun drawing ref description qty vendor vendor part no. c1, c2, c3, c6, c7, c10, c14 0.01 f chip cap 7 murata grm39x7r103k50v c4, c5, c8, c9 470 pf chip cap 4 murata grm39x7r471k50v c11 0.5 pf chip cap 1 murata grm36cog0r5c50 c15 47 f elect. cap 1 digi-key corp p5275-nd c12, c13, r1, r2 not used r3 18 k n resistor 1 digi-key corp p18kgct-nd tvs tvs 24 volt 600 watt 1 digi-key corp smbj24accct-nd l1, l2, l3, l4 (4) 680 nh inductor 4 coilcraft 1008cs-681xkbc connector (1) 75 1 n male panel mount 2 pasternack enterprises pe4504 t1, t2 (2) (balun) ferrite core 2 fa ir-rite 2843002702 wire mws wire ind. t-2361429-20 printed circuit board (3) 1 standard printed circ. inc 24vx1ac50 ind ium 300 x 160 mils 1 indium corp of america 14996y keep leads twisted wr ap-around metal at corners -o r- vias metalized traces on p .c.b. pin# 1 data sheet - rev 2.3 04/2012 aca2402e
9 figure 10: s7 package outline - 16 pin wide body soic with heat slug package outline data sheet - rev 2.3 04/2012 aca2402e
10 ordering information order number temperature range package description component packaging aca2402ers7p2 -40 c to 110 c rohs compliant 16 pin wide body soic with heat slug tape and reel, 1500 pieces per reel warning anadigics products are not intended for use in life support appliances, devices or systems. use of an anadigics product in any such application without written consent is prohibited. import ant notice anadigics, inc. 141 mount bethel road warren, new jersey 07059, u.s.a. tel: +1 (908) 668-5000 fax: +1 (908) 668-5132 url: http://www.anadigics.com e-mail: mktg@anadigics.com anadigics, inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. the product specifcations contained in advanced product information sheets and preliminary data sheets are subject to change prior to a products formal introduction. information in data sheets have been carefully checked and are assumed to be reliable; however, anadigics assumes no responsibilities for inaccuracies. anadigics strongly urges customers to verify that the information they are using is current before placing orders. data sheet - rev 2.3 04/2012 aca2402e


▲Up To Search▲   

 
Price & Availability of ACA2402E-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X