Part Number Hot Search : 
P8N50E C3029 LBN19204 1660C 74911 LMC710 T28LV TPSMB39A
Product Description
Full Text Search
 

To Download 980-002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b-90 980-002 non-environmental rear accessory thread adapter for mil-dtl-38999/23 and /43 basic number shell size table i 980-002 z1 17 connector material and finish z1 - cres, passivated zl - cres, nickel plated .320 (8.13) .280 (7.11) thread lengt h .205 (5.21) .165 (4.19) .078 (1.98) #2-56 unc-2b 4 pl 90 apart "c" accessor y thread "d " "b " "a " "nn" number of teet h dimensions in inches (millimeters) are subject to change without notice. www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2013 glenair, inc. u.s. cage code 06324 printed in u.s.a. mil-dtl-38999 hermetic connectors b
b-91 application notes 1. assembly identifed with manufacturers name and pn, space permitting. 2. material/finish: adapter300 series cres/passivate or 300 series cres/nickel plate set screws18-8 cres/none 3. glenair 980-002 is designed to adapt mil-dtl-38999/23 or /43 jam-nut hermetic receptacles to use threaded rear backshells per specifcation. table i: connector dimensions shell size a dia b dia c 1.0-6g 0.100r d dia max nn teeth 9 0.860 (21.84) .662 (18.81) .656 (16.66) m12 .346 (8.86) 12 11 0.985 (25.02) .788 (20.02) .782 (19.86) m15 .475 (12.07) 16 13 1.115 (28.32) .917 (23.29) .911 (23.14) m18 .589 (14.96) 20 15 1.240 (31.50) 1.042 (26.47) 1.037 (26.34) m22 .714 (18.14) 24 17 1.360 (34.54) 1.165 (29.59) 1.159 (29.44) m25 .839 (21.31) 28 19 1.488 (37.80) 1.291 (32.79) 1.285 (32.64) m28 .945 (24.00) 32 21 1.615 (41.02) 1.418 (36.02) 1.412 (35.86) m31 1.070 (27.18) 36 23 1.740 (44.20) 1.543 (39.19) 1.537 (39.04) m34 1.194 (30.33) 40 25 1.862 (47.29) 1.665 (42.29) 1.659 (42.14) m37 1.320 (33.53) 44 980-002 non-environmental rear accessory thread adapter for mil-dtl-38999/23 and /43 dimensions in inches (millimeters) are subject to change without notice. www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2013 glenair, inc. u.s. cage code 06324 printed in u.s.a. mil-dtl-38999 hermetic connectors b


▲Up To Search▲   

 
Price & Availability of 980-002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X