this document was generated on 12/19/2014 please check www.molex.com for latest part information part number: 39950-0109 status: active overview: eurostyle? terminal blocks description: 8.00mm pitch beau? eurostyle? fixed mount, high voltage pcb terminal block, vertical, 9 circuits documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification ul e48521 general product family terminal blocks series 39950 application n/a comments high power component type one piece overview eurostyle? terminal blocks product name eurostyle?fixed mount type euro block upc 800756373874 physical circuits (loaded) 9 entry angle horizontal flammability 94v-0 lock to mating part none material - metal brass material - plating mating tin material - plating termination tin number of rows 1 orientation vertical pc tail length 4.06mm pcb retention none pcb thickness - recommended 2.60mm panel mount no pitch - mating interface 8.00mm pitch - termination interface 8.00mm plating min - mating 3.810m plating min - termination 3.810m polarized to mating part n/a stackable no temperature range - operating 130c wire size awg 12, 14, 16, 18, 20, 22 wire size mm2 0.50 - 4.00 electrical current - maximum per contact 20a voltage - maximum 600v solder process data lead-free process capability wave capable (th only) material info old part number 950509 series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc not reviewed low-halogen status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39950 series mates with n/a
reference - drawing numbers sales drawing sd-39950-001 this document was generated on 12/19/2014 please check www.molex.com for latest part information
|