Part Number Hot Search : 
N1212 BU4348 P6KE47C P504A Z6051UA HV2321 T940004 CSOB4518
Product Description
Full Text Search
 

To Download 74HC7541DB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74hc7541; 74hct7541 is a high-speed si-g ate cmos device and is pin compatible with low-power schottky ttl (lsttl). it is s pecified in compliance with jedec standard no. 7a. the 74hc7541; 74hct7541 provides eight non- inverting buffer/line drivers with 3-state outputs and schmitt-trigger action. the 3-state outputs are controlled by the output enable inputs oe 1 and oe 2. a high on oe n causes the outputs to assume a high-impedance off-state. schmitt trigger action on the da ta inputs transforms slowly changing input signals into sharply defined, jitter-free output signals. the 74hc7541; 74hct7541 is identical to the 74hc541; 74hct541 but has hysteresis on the data inputs. 2. features and benefits ? non-inverting outputs ? low-power dissipation ? esd protection: ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v ? multiple package options ? specified from ? 40 ? c to +85 ? c and from ? 40 ? c to +125 ? c 3. ordering information 74hc7541; 74hct7541 octal schmitt trigger buffer/line driver; 3-state rev. 3 ? 25 july 2011 product data sheet table 1. ordering information type number package temperature range name description version 74hc7541n ? 40 ? cto+125 ? c dip20 plastic dual in-line pa ckage; 20 leads (300 mil) sot146-1 74hct7541n 74hc7541d ? 40 ? c to +125 ? c so20 plastic small outline package; 20 leads; body width 7.5 mm sot163-1 74hct7541d 74HC7541DB ? 40 ? c to +125 ? c ssop20 plastic shrink sma ll outline package; 20 leads; body width 5.3 mm sot339-1 74hc7541pw ? 40 ? cto+125 ? c tssop20 plastic thin shrink small outline package; 20 leads; body width 4.4 mm sot360-1 74hct7541pw
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 2 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state 4. functional diagram 5. pinning information 5.1 pinning fig 1. logic symbol fig 2. iec logic symbol aaa-000084 21 8 y0 y1 y2 y3 y4 y5 y6 y7 17 16 15 14 13 12 11 a0 a1 a2 a3 a4 a5 a6 a7 3 4 5 6 7 8 1 oe1 oe2 19 9 aaa-000085 9 11 12 13 14 15 16 2 3 4 5 6 7 8 18 17 19 1 & en fig 3. pin configuration dip20, so20 fi g 4. pin configuration ssop20, tssop20 74hc7541 74hct7541 oe1 v cc a0 oe2 a1 y0 a2 y1 a3 y2 a4 y3 a5 y4 a6 y5 a7 y6 gnd y7 aaa-000086 1 2 3 4 5 6 7 8 9 10 12 11 14 13 16 15 18 17 20 19 74hc7541 74hct7541 oe1 v cc ao oe2 a1 y0 a2 y1 a3 y2 a4 y3 a5 y4 a6 y5 a7 y6 gnd y7 aaa-000087 1 2 3 4 5 6 7 8 9 10 12 11 14 13 16 15 18 17 20 19
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 3 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state 5.2 pin description 6. functional description [1] h = high voltage level; l = low voltage level; x = don?t care; z = high-impedance off-state. 7. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] for dip20 packages: above 70 ? c the value of p tot derates linearly with 12 mw/k. for so20 packages: above 70 ? c the value of p tot derates linearly with 8 mw/k. for ssop20 and tssop20 packages: above 60 ? c the value of p tot derates linearly with 5.5 mw/k. table 2. pin description symbol pin description oe 1 1 output enable input (active low) a0 to a7 2, 3, 4, 5, 6, 7, 8, 9 data input gnd 10 ground (0 v) y0 to y7 18, 17, 16, 15, 14, 13, 12, 11 data output oe 2 19 output enable input (active low) v cc 20 supply voltage table 3. functional table [1] control input output oe 1 oe 2 an yn ll l l ll h h xh x z hx x z table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +7 v i ik input clamping current v i < ? 0.5 v or v i >v cc +0.5 v [1] - ? 20 ma i ok output clamping current v o < ? 0.5 v or v o >v cc +0.5v [1] - ? 20 ma i o output current ? 0.5 v < v o < v cc +0.5v - ? 25 ma i cc supply current - 50 ma i gnd ground current ? 50 - ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation [2] dip20 - 750 mw so20, ssop20, tssop20 - 500 mw
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 4 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state 8. recommended operating conditions 9. static characteristics table 5. recommended operating conditions voltages are referenced to gnd (ground = 0 v) symbol parameter conditions 74hc7541 74hct7541 unit min typ max min typ max v cc supply voltage 2.0 5.0 6.0 4.5 5.0 5.5 v v i input voltage 0 - v cc 0- v cc v v o output voltage 0 - v cc 0- v cc v t amb ambient temperature ? 40 +25 +125 ? 40 +25 +125 ?c table 6. static characteristics at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v). symbol parameter conditions t amb = 25 ?c t amb = ? 40 ?c to +85 ?c t amb = ? 40 ?c to +125 ?c unit min typ max min max min max 74hc7541 v oh high-level output voltage v i = v t+ or v t ? i o = ? 20 ? a; v cc = 2.0 v 1.9 2.0 - 1.9 - 1.9 - v i o = ? 20 ? a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = ? 20 ? a; v cc = 6.0 v 5.9 6.0 - 5.9 - 5.9 - v i o = ? 6.0 ma; v cc = 4.5 v 3.98 4.32 - 3.84 - 3.7 - v i o = ? 7.8 ma; v cc = 6.0 v 5.48 5.81 - 5.34 - 5.2 - v v ol low-level output voltage v i = v t+ or v t ? i o = 20 ? a; v cc = 2.0 v - 0 0.1 - 0.1 - 0.1 v i o = 20 ? a; v cc = 4.5 v - 0 0.1 - 0.1 - 0.1 v i o = 20 ? a; v cc = 6.0 v - 0 0.1 - 0.1 - 0.1 v i o = 6.0 ma; v cc = 4.5 v - 0.15 0.26 - 0.33 - 0.4 v i o = 7.8 ma; v cc = 6.0 v - 0.16 0.26 - 0.33 - 0.4 v i i input leakage current v i = v cc or gnd; v cc =6.0v - - ? 0.1 - ? 1.0 - ? 1.0 ? a i cc supply current v i = v cc or gnd; i o =0a; v cc =6.0v - - 8.0 - 80 - 160 ? a c i input capacitance -3.5- - - - - pf 74hct7541 v oh high-level output voltage v i = v t+ or v t ? ; v cc = 4.5 v i o = ? 20 ? a 4.4 4.5 - 4.4 - 4.4 - v i o = ? 6.0 ma 3.98 4.32 - 3.84 - 3.7 - v v ol low-level output voltage v i = v t+ or v t ? ; v cc = 4.5 v i o = 20 ? a; - 0 0.1 - 0.1 - 0.1 v i o = 6.0 ma; - 0.15 0.26 - 0.33 - 0.4 v
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 5 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state 10. dynamic characteristics i i input leakage current v i = v cc or gnd; v cc =5.5v - - ? 0.1 - ? 1.0 - ? 1.0 ? a i cc supply current v i =v cc or gnd; i o = 0 a; v cc =5.5v - - 8.0 - 80 - 160 ? a ? i cc additional supply current per input pin; i o =0a; v i =v cc ? 2.1 v; other inputs at v cc or gnd; v cc = 4.5 v to 5.5 v an input - 20 72 - 90 - 98 ? a oen input - 130 468 - 585 - 637 ? a c i input capacitance -3.5- - - - - pf table 6. static characteristics ?continued at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v). symbol parameter conditions t amb = 25 ?c t amb = ? 40 ?c to +85 ?c t amb = ? 40 ?c to +125 ?c unit min typ max min max min max table 7. dynamic characteristics gnd = 0 v; c l = 50 pf; for test circuit see figure 7 . symbol parameter conditions t amb = 25 ? c t amb = ? 40 ? c to +125 ? c unit min typ max max (85 ?c) max (125 ?c) 74hc7541 t pd propagation delay an to yn; see figure 5 [1] v cc = 2.0 v - 39 120 150 180 ns v cc = 4.5 v - 14 24 30 36 ns v cc = 5.0 v; c l =15pf - 10 - - - ns v cc = 6.0 v - 11 20 26 32 ns t en enable time oe n to yn; see figure 6 [1] v cc = 2.0 v - 44 160 200 240 ns v cc = 4.5 v - 16 32 40 48 ns v cc = 6.0 v - 13 27 34 41 ns t dis disable time oe n to yn; see figure 6 [1] v cc = 2.0 v - 58 160 200 240 ns v cc = 4.5 v - 21 32 40 48 ns v cc = 6.0 v - 17 27 34 41 ns t t transition time see figure 5 [2] v cc = 2.0 v - 14 60 75 90 ns v cc = 4.5 v - 5 12 15 18 ns v cc = 6.0 v - 4 10 13 15 ns c pd power dissipation capacitance per package; v i =gndtov cc [3] -30- - - pf
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 6 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state [1] t pd is the same as t plh and t phl . t en is the same as t pzl and t pzh . t dis is the same as t plz and t phz . [2] t t is the same as t thl and t tlh . [3] c pd is used to determine the dynamic power dissipation (p d in ? w): p d =c pd ? v cc 2 ? f i ? n+ ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l ? v cc 2 ? f o ) = sum of outputs. 11. waveforms 74hct7541 t pd propagation delay an to yn; see figure 5 [1] v cc = 4.5 v - 19 32 40 48 ns v cc = 5.0 v; c l =15pf - 16 - - - ns t en enable time oe n to yn; see figure 6 [1] v cc = 4.5 v - 18 32 40 48 ns t dis disable time oe n to yn; see figure 6 [1] v cc = 4.5 v - 20 32 40 48 ns t t transition time v cc = 4.5 v; see figure 5 [2] - 5 12 15 18 ns c pd power dissipation capacitance per package; v i =gndtov cc ? 1.5 v [3] -32- - - pf table 7. dynamic characteristics gnd = 0 v; c l = 50 pf; for test circuit see figure 7 . symbol parameter conditions t amb = 25 ? c t amb = ? 40 ? c to +125 ? c unit min typ max max (85 ?c) max (125 ?c) measurement points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 5. input to output propagation delays aaa-000088 v m v m 90 % 10 % yn output an input v l gnd v oh v ol t thl t tlh t plh v m v m t phl
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 7 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state measurement points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 6. 3-state enable and disable times aaa-000089 t phz yn output high-to-off off-to-high v i v ol v oh v cc gnd gnd outputs enabled v m v m outputs enabled outputs disabled t pzh t pzl v y v x v m t plz oen input yn output low-to-off off-to-low table 8. measurement points type input output v m v m v x v y 74hc7541 0.5v cc 0.5v cc 0.1v cc 0.9v cc 7 4 h c t 7 5 4 11 . 3 v1 . 3 v0 . 1 v cc 0.9v cc
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 8 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state test data is given in table 9 . definitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator c l = load capacitance including jig and probe capacitance r l = load resistance s1 = test selection switch fig 7. test circuit for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aad983 dut v cc v cc v i v o r t r l s1 c l open g table 9. test data type input load s1 position v i t r , t f c l r l t phl , t plh t pzh , t phz t pzl , t plz 74hc7541 v cc 6ns 15pf, 50 pf 1k ? open gnd v cc 74hct7541 3 v 6 ns 15 pf, 50 pf 1 k ? open gnd v cc
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 9 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state 12. transfer characteristics 13. transfer character istics waveforms table 10. transfer characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); see figure 8 and figure 9 . symbol parameter conditions t amb = 25 ?c t amb = ? 40 ?c to +85 ?c t amb = ? 40 ?c to +125 ?c unit min typ max min max min max 74hc7541 v t+ positive-going threshold voltage v cc = 2.0 v - - 1.5 - 1.5 - 1.5 v v cc = 4.5 v - - 3.15 - 3.15 - 3.15 v v cc = 6.0 v - - 4.2 - 4.2 - 4.2 v v t ? negative-going threshold voltage v cc = 2.0 v 0.3 - - 0.3 - 0.3 - v v cc = 4.5 v 1.35 - - 1.35 - 1.35 - v v cc = 6.0 v 1.8 - - 1.8 - 1.8 - v v h hysteresis voltage v cc = 2.0 v 0.1 0.20 - 0.1 - 0.1 - v v cc = 4.5 v 0.25 0.40 - 0.25 - 0.25 - v v cc = 6.0 v 0.3 0.5 - 0.3 - 0.3 - v 74hct7541 v t+ positive-going threshold voltage v cc = 4.5 v - - 2.0 - 2.0 - 2.0 v v cc = 5.5 v - - 2.1 - 2.1 - 2.1 v v t ? negative-going threshold voltage v cc = 4.5 v 0.7 - - 0.64 - 0.6 - v v cc = 5.5 v 0.8 - - 0.74 - 0.7 - v v h hysteresis voltage v cc = 4.5 v 0.17 0.23 - - - - - v v cc = 5.5 v 0.17 0.23 - - - - - v fig 8. transfer characteristics fig 9. transfer characteristics definitions mnb154 v o v h v i v t+ v t? mnb155 v o v i v h v t+ v t?
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 10 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state 14. package outline fig 10. package outline sot146-1 (dip20) unit a max. 1 2 b 1 cd e e m h l references outline version european projection issue date iec jedec jeita mm inches dimensions (inch dimensions are derived from the original mm dimensions) sot146-1 99-12-27 03-02-13 a min. a max. b z max. w m e e 1 1.73 1.30 0.53 0.38 0.36 0.23 26.92 26.54 6.40 6.22 3.60 3.05 0.254 2.54 7.62 8.25 7.80 10.0 8.3 2 4.2 0.51 3.2 0.068 0.051 0.021 0.015 0.014 0.009 1.060 1.045 0.25 0.24 0.14 0.12 0.01 0.1 0.3 0.32 0.31 0.39 0.33 0.078 0.17 0.02 0.13 sc-603 ms-001 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 20 1 11 10 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. (1) (1) (1) dip20: plastic dual in-line package; 20 leads (300 mil) sot146-1
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 11 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state fig 11. package outline sot163-1 (so20) unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p q z ywv references outline version european projection issue date iec jedec jeita mm inches 2.65 0.3 0.1 2.45 2.25 0.49 0.36 0.32 0.23 13.0 12.6 7.6 7.4 1.27 10.65 10.00 1.1 1.0 0.9 0.4 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.1 0.4 sot163-1 10 20 w m b p detail x z e 11 1 d y 0.25 075e04 ms-013 pin 1 index 0.1 0.012 0.004 0.096 0.089 0.019 0.014 0.013 0.009 0.51 0.49 0.30 0.29 0.05 1.4 0.055 0.419 0.394 0.043 0.039 0.035 0.016 0.01 0.25 0.01 0.004 0.043 0.016 0.01 0 5 10 mm scale x a a 1 a 2 h e l p q e c l v m a (a ) 3 a so20: plastic small outline package; 20 leads; body width 7.5 mm sot163-1 99-12-27 03-02-19
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 12 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state fig 12. package outline sot339-1 (ssop20) unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p q (1) zywv references outline version european projection issue date iec jedec jeita mm 0.21 0.05 1.80 1.65 0.38 0.25 0.20 0.09 7.4 7.0 5.4 5.2 0.65 7.9 7.6 0.9 0.7 0.9 0.5 8 0 o o 0.13 1.25 0.2 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.2 mm maximum per side are not included. 1.03 0.63 sot339-1 mo-150 99-12-27 03-02-19 x w m a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 11 0 20 11 y 0.25 pin 1 index 0 2.5 5 mm scale ssop20: plastic shrink small outline package; 20 leads; body width 5.3 mm sot339-1 a max. 2
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 13 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state fig 13. package outline sot360-1 (tssop20) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 6.6 6.4 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.5 0.2 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot360-1 mo-153 99-12-27 03-02-19 w m b p d z e 0.25 11 0 20 11 pin 1 index a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm sot360-1 a max. 1.1
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 14 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state 15. abbreviations 16. revision history table 11. abbreviations acronym description cmos complementary metal-oxide semiconductor dut device under test esd electrostatic discharge hbm human body model lsttl low-power schottky transistor-transistor logic mm machine model table 12. revision history document id release date data sheet status change notice supersedes 74hc_hct7541 v.3 20110725 product data sheet - 74hc_hct7541_cnv v.2 modifications: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. ? added type numbers 74hc7541pw and 74hct7541pw (tssop20 package). 74hc_hct7541_cnv v.2 19970917 product specification - -
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 15 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state 17. legal information 17.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 17.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 17.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qua lified for use in automotive applications. the product is not desi gned, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be ex pected to result in personal injury, death or severe property or environmental dam age. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74hc_hct7541 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 3 ? 25 july 2011 16 of 17 nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from national authorities. 17.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 18. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74hc7541; 74hct7541 octal schmitt trigger buffe r/line driver; 3-state ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 25 july 2011 document identifier: 74hc_hct7541 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 19. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 1 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 functional description . . . . . . . . . . . . . . . . . . . 3 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 8 recommended operating conditions. . . . . . . . 4 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 5 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 12 transfer characteristics . . . . . . . . . . . . . . . . . . 9 13 transfer characteristics wa veforms. . . . . . . . . 9 14 package outline . . . . . . . . . . . . . . . . . . . . . . . . 10 15 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 14 16 revision history . . . . . . . . . . . . . . . . . . . . . . . . 14 17 legal information. . . . . . . . . . . . . . . . . . . . . . . 15 17.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 15 17.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 17.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 17.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 16 18 contact information. . . . . . . . . . . . . . . . . . . . . 16 19 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17


▲Up To Search▲   

 
Price & Availability of 74HC7541DB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X