Part Number Hot Search : 
DK30S16 STBS068 STBS06H 18F66 L7818 STF701TG MSZ52 PS11422
Product Description
Full Text Search
 

To Download 74HC4050-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74hc4050 is a hex buffer with over-voltage tolerant inputs. inputs are overvoltage tolerant to 15 v which enables the device to be used in high-to-low level shifting applications. 2. features and benefits ? low-power dissipation ? complies with jedec standard no. 7a ? esd protection: ? hbm jesd22-a114f exceeds 2 000 v ? mm jesd22-a115-a exceeds 200 v ? multiple package options ? specified from ? 40 ? cto+85 ? c and from ? 40 ? cto+125 ? c 3. ordering information 74hc4050 hex non-inverting high -to-low level shifter rev. 3 ? 31 january 2013 product data sheet table 1. ordering information type number package temperature range name description version 74hc4050n ? 40 ? c to +125 ? c dip16 plastic dual in-line package; 16 leads (300 mil) sot38-4 74hc4050d ? 40 ? c to +125 ? c so16 plastic small outline package; 16 leads; body width 3.9 mm sot109-1 74hc4050db ? 40 ? c to +125 ? c ssop16 plastic shrink small outline package; 16 leads; body width 5.3 mm sot338-1 74hc4050pw ? 40 ? c to +125 ? c tssop16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1
74hc4050 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 2 of 15 nxp semiconductors 74hc4050 hex non-inverting high-to-low level shifter 4. functional diagram 5. pinning information 5.1 pinning fig 1. logic symbol fig 2. iec logic symbol fig 3. logic diagram (one level shifter) 001aae605 1y 32 1a 2y 54 2a 3y 76 3a 4y 91 0 4a 5y 11 12 5a 6y 14 15 6a          
         fig 4. pin configuration dip16 and so16 fig 5. pin configuration ssop16 and tssop16                       
                               
        
74hc4050 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 3 of 15 nxp semiconductors 74hc4050 hex non-inverting high-to-low level shifter 5.2 pin description 6. functional description [1] h = high voltage level; l = low voltage level; x = don?t care; z = high-impedance off-state. 7. limiting values [1] for dip16 package: p tot derates linearly with 12 mw/k above 70 ? c. [2] for so16 packages: p tot derates linearly with 8 mw/k above 70 ? c. for ssop16 and tssop16 packages: p tot derates linearly with 5.5 mw/k above 60 ? c. table 2. pin description symbol pin description v cc 1 supply voltage 1y to 6y 2, 4, 6, 10, 12, 15 output 1a to 6a 3, 5, 7, 9, 11, 14 input gnd 8 ground (0 v) n.c. 13, 16 not connected table 3. function table [1] input output na ny ll hh table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +7 v v ik input clamping voltage ? 0.5 +16 v i ik input clamping current v i < ? 0.5 v ? 20 - ma i ok output clamping current v o < ? 0.5 v or v o >v cc +0.5v - ? 20 ma i o output current v o = ? 0.5 v to (v cc +0.5v) - ? 25 ma i cc supply current - +50 ma i gnd ground current - ? 50 ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation dip16 package [1] - 750 mw so16, ssop16 and tssop16 packages [2] - 500 mw
74hc4050 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 4 of 15 nxp semiconductors 74hc4050 hex non-inverting high-to-low level shifter 8. recommended operating conditions 9. static characteristics fig 6. input protection for the 74hc4050 001aan375 100 d1 polysilicon resistor to logic circuit input gnd table 5. recommended operating conditions voltages are referenced to gnd (ground = 0 v) symbol parameter conditions min typ max unit v cc supply voltage 2.0 5.0 6.0 v v i input voltage 0 - 15 v v o output voltage 0 - v cc v t amb ambient temperature ? 40 +25 +125 ?c ? t/ ? v input transition rise and fall rate v cc = 2.0 v; v i = 2.0 v - - 625 ns/v v cc = 4.5 v; v i = 4.5 v - 1.67 139 ns/v v cc = 6.0 v; v i = 6.0 v - - 83 ns/v v cc = 6.0 v; v i = 10.0 v - - 81 ns/v v cc = 6.0 v; v i = 15.0 v - - 83 ns/v table 6. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions t amb = 25 ?c t amb = ? 40 ?c to +85 ?c t amb = ? 40 ?c to +125 ?c unit min typ max min max min max v ih high-level input voltage v cc = 2.0 v 1.5 1.3 - 1.5 - 1.5 - v v cc = 4.5 v 3.15 2.4 - 3.15 - 3.15 - v v cc = 6.0 v 4.2 3.1 - 4.2 - 4.2 - v v il low-level input voltage v cc = 2.0 v - 0.7 0.5 - 0.5 - 0.5 v v cc = 4.5 v - 1.8 1.35 - 1.35 - 1.35 v v cc = 6.0 v - 2.3 1.8 - 1.8 - 1.8 v v oh high-level output voltage v i =v ih or v il i o = ? 20 ? a; v cc = 2.0 v 1.9 2.0 - 1.9 - 1.9 - v i o = ? 20 ? a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = ? 20 ? a; v cc = 6.0 v 5.9 6.0 - 5.9 - 5.9 - v i o = ? 4.0 ma; v cc = 4.5 v 3.98 - - 3.84 - 3.7 - v i o = ? 5.2 ma; v cc = 6.0 v 5.48 - - 5.34 - 5.2 - v
74hc4050 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 5 of 15 nxp semiconductors 74hc4050 hex non-inverting high-to-low level shifter 10. dynamic characteristics v ol low-level output voltage v i =v ih or v il i o =20 ? a; v cc = 2.0 v - - 0.1 - 0.1 - 0.1 v i o =20 ? a; v cc = 4.5 v - - 0.1 - 0.1 - 0.1 v i o =20 ? a; v cc = 6.0 v - - 0.1 - 0.1 - 0.1 v i o = 4.0 ma; v cc = 4.5 v - - 0.26 - 0.33 - 0.4 v i o = 5.2 ma; v cc = 6.0 v - - 0.26 - 0.33 - 0.4 v i i input leakage current v i =v cc or gnd; v cc =6.0v -- ? 0.1 - ? 1.0 - ? 1.0 ? a v i = 15 v; v cc = 2.0 v to 6.0 v -- ? 0.5 - ? 5.0 - ? 5.0 ? a i cc supply current v i = 15 v or gnd; i o =0a; v cc =6.0v --2.0- 20 - 40 ? a c i input capacitance -3.5- - - - -pf table 6. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions t amb = 25 ?c t amb = ? 40 ?c to +85 ?c t amb = ? 40 ?c to +125 ?c unit min typ max min max min max table 7. dynamic characteristics voltages are referenced to gnd (ground = 0 v); c l = 50 pf unless otherwise specified; for test circuit see figure 8 . symbol parameter conditions t amb = 25 ?c t amb = ? 40 ?c to +85 ? c t amb = ? 40 ?c to +125 ?c unit min typ max min max min max t pd propagation delay na to ny; see figure 7 [1] v cc = 2.0 v - 25 85 - 105 - 130 ns v cc = 4.5 v - 9 17 - 21 - 26 ns v cc =5v; c l =15pf - 7 - - - - - ns v cc = 6.0 v - 7 14 - 18 - 22 ns t t transition time yn; see figure 7 [2] v cc = 2.0 v - 19 75 - 95 - 110 ns v cc = 4.5 v - 7 15 - 19 - 22 ns v cc = 6.0 v - 6 13 - 16 - 19 ns
74hc4050 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 6 of 15 nxp semiconductors 74hc4050 hex non-inverting high-to-low level shifter [1] t pd is the same as t plh and t phl . [2] t t is the same as t thl and t tlh . [3] c pd is used to determine the dynamic power dissipation (p d in ? w). p d =c pd ? v cc 2 ? f i ? n+ ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l ? v cc 2 ? f o ) = sum of outputs. 11. waveforms c pd power dissipation capacitance c l =50pf;f=1 mhz; v i =gndtov cc [3] -14- - - - -pf table 7. dynamic characteristics ?continued voltages are referenced to gnd (ground = 0 v); c l = 50 pf unless otherwise specified; for test circuit see figure 8 . symbol parameter conditions t amb = 25 ?c t amb = ? 40 ?c to +85 ? c t amb = ? 40 ?c to +125 ?c unit min typ max min max min max measurement points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 7. the input (na) to output (ny) propagation delays                      !   "   #  #  $  $ table 8. measurement points type input output v m v m 74hc4050 0.5v cc 0.5v cc
74hc4050 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 7 of 15 nxp semiconductors 74hc4050 hex non-inverting high-to-low level shifter test data is given in table 9 . definitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. r l = load resistance. s1 = test selection switch. fig 8. test circuit for measuring switching times 001aah768 t w t w t r t r t f v m v i negative pulse gnd v i positive pulse gnd 10 % 90 % 90 % 10 % v m v m v m t f v cc dut r t v i v o c l g table 9. test data type input load test v i t r , t f c l 74hc4050 v cc 6.0 ns 15 pf, 50 pf t plh , t phl
74hc4050 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 8 of 15 nxp semiconductors 74hc4050 hex non-inverting high-to-low level shifter 12. package outline fig 9. package outline sot38-4 (dip16) references outline version european projection issue date iec jedec jeita sot38-4 95-01-14 03-02-13 m h c (e ) 1 m e a l seating plane a 1 w m b 1 b 2 e d a 2 z 16 1 9 8 e pin 1 index b 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. unit a max. 12 b 1 (1) (1) (1) b 2 cd e e m z h l mm dimensions (inch dimensions are derived from the original mm dimensions) a min. a max. b max. w m e e 1 1.73 1.30 0.53 0.38 0.36 0.23 19.50 18.55 6.48 6.20 3.60 3.05 0.254 2.54 7.62 8.25 7.80 10.0 8.3 0.76 4.2 0.51 3.2 inches 0.068 0.051 0.021 0.015 0.014 0.009 1.25 0.85 0.049 0.033 0.77 0.73 0.26 0.24 0.14 0.12 0.01 0.1 0.3 0.32 0.31 0.39 0.33 0.03 0.17 0.02 0.13 dip16: plastic dual in-line package; 16 leads (300 mil) sot38-4
74hc4050 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 9 of 15 nxp semiconductors 74hc4050 hex non-inverting high-to-low level shifter fig 10. package outline sot109-1 (so16) x w m a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 8 9 1 16 y pin 1 index unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 10.0 9.8 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot109-1 99-12-27 03-02-19 076e07 ms-012 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.39 0.38 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.020 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 0 2.5 5 mm scale so16: plastic small outline package; 16 leads; body width 3.9 mm sot109-1
74hc4050 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 10 of 15 nxp semiconductors 74hc4050 hex non-inverting high-to-low level shifter fig 11. package outline sot338-1 (ssop16) unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm 0.21 0.05 1.80 1.65 0.25 0.38 0.25 0.20 0.09 6.4 6.0 5.4 5.2 0.65 1.25 7.9 7.6 1.03 0.63 0.9 0.7 1.00 0.55 8 0 o o 0.13 0.2 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. sot338-1 99-12-27 03-02-19 (1) w m b p d h e e z e c v m a x a y 1 8 16 9 a a 1 a 2 l p q detail x l (a ) 3 mo-150 pin 1 index 0 2.5 5 mm scale ssop16: plastic shrink small outline package; 16 leads; body width 5.3 mm sot338-1 a max. 2
74hc4050 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 11 of 15 nxp semiconductors 74hc4050 hex non-inverting high-to-low level shifter fig 12. package outline sot403-1 (tssop16) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.40 0.06 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot403-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 18 16 9 a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 a max. 1.1 pin 1 index
74hc4050 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 12 of 15 nxp semiconductors 74hc4050 hex non-inverting high-to-low level shifter 13. abbreviations 14. revision history table 10. abbreviations acronym description cmos complementary metal oxide semiconductor dut device under test esd electrostatic discharge hbm human body model mm machine model table 11. revision history document id release date data sheet status change notice supersedes 74hc4050 v.3 20130131 product data sheet - 74hc4050_cnv v.2 modifications: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. 74hc4050_cnv v.2 19970826 product specification - -
74hc4050 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 13 of 15 nxp semiconductors 74hc4050 hex non-inverting high-to-low level shifter 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74hc4050 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 3 ? 31 january 2013 14 of 15 nxp semiconductors 74hc4050 hex non-inverting high-to-low level shifter export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74hc4050 hex non-inverting high-to-low level shifter ? nxp b.v. 2013. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 31 january 2013 document identifier: 74hc4050 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 1 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 functional description . . . . . . . . . . . . . . . . . . . 3 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 8 recommended operating conditions. . . . . . . . 4 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 5 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 8 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 12 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 12 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 13 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 13 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 14 16 contact information. . . . . . . . . . . . . . . . . . . . . 14 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


▲Up To Search▲   

 
Price & Availability of 74HC4050-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X