Part Number Hot Search : 
3FF10 TC124E 162244 683ML 367109 E1300 MKV5100 GP102
Product Description
Full Text Search
 

To Download 3188GF124U040DPA1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type 3188 85 c best value, screw terminal, aluminum 85 c long life screw terminal type type 3188 has twice the life of the 3186 and twice the ripple-current capability.? while the standard encasement is by compression with the capacitor element captured on an aluminum peg in the can bottom and a phenolic peg in the top, rilled construction is available.? with rilled construction the element is secured by rills, spoon shaped dimples in the side of the can.? rilled construction ofers the industrys highest vibration and shock withstanding and excellent heat transfer.? besides increasing ripple-current handling, the rilled construction facilitates use in military and transportation applications. specifcations temperature range C40 oc to +85 oc rated voltage range 16 vdc to 450 vdc capacitance range 270 f to 1.0 f capacitance tolerance C10% +75% 100 vdc C10% +50% 200 vdc leakage current 6cv a (6 ma max.) at 5 minutes ripple current multipliers low temperature characteristics impedance ratio: z C20?c M z +25?c 8 (16C50 vdc) 4 (63C100 vdc) 3 (150C450 vdc) endurance life test 4,000 h @ full load at 85 c ?capacitance 10% esr 200% of limit dcl 100% of limit shelf life test 500 h @ 85 c ?capacitance 10% esr 175% of limit dcl 100% of limit vibration 10 to 55 hz, 0.06" & 10 g max for compression, 15 g max for rilled, 1.5 h ea. of 2 axes rohs compliant 45 c 55 c 65 c 75 c 85 c 2.24 2.00 1.73 1.41 1.00 frequency 60 hz 120 hz 300 hz 1000 hz 10 khz 16 C 100 v 0.90 1.00 1.15 1.25 1.30 200 C 450 v 0.90 1.00 1.25 1.40 1.50 ambient temperature highlights - rilled cans withstand high shock and vibration. - 2 times the ripple-current capability - high capacitance per can click here to see hardware and mounting options
d l h optional stud p + a 0.63 (16) cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 outline drawing terminal dimensions for case post diameter h max min full thread torque terminal style diameters code in mm in mm thread in mm in?lb n?m low post 1 3/8 to 3 b 0.314 8.0 0.094 2.4 10C32 0.218 5.5 25 2.82 high post 1 3/8 to 3 a 0.314 8.0 0.281 7.1 10C32 0.375 9.5 25 2.82 high current, low 2 1/2 & 3 d 0.684 17.4 0.125 3.2 ?C28 0.344 8.7 50 5.65 high current, high 2 1/2 & 3 k 0.684 17.4 0.281 7.1 ?C28 0.469 11.9 60 6.78 m5 high post 1 3/8 to 2 m 0.314 8.0 0.281 7.1 m5 0.375 9.5 25 2.82 m5 post 2 1/2 & 3 f 0.512 13.0 0.230 5.8 m5 0.344 8.7 25 2.82 m6 low post 2 1/2 & 3 j 0.684 17.4 0.125 3.2 m6 0.344 8.7 50 5.65 can dimensions insulation adders diameter (d) length (l) standing height (h) (in) (mm ) (in) (mm ) (in) (mm ) 0.008" pvc 0.02 0.51 0.032 0.81 0.024 0.61 type 3188 85 c best value, screw terminal, aluminum 85 c long life screw terminal type part numbering system m terminal a=high post b=low post d=high current low post k=high current high post m=m5 high post ? j=m6 low post p insulation p=0.008 pvc with mounting clamp/bracket r=0.008 pvc a1 construction * a1=compression r1=rilled s1=stud & compression t1=stud & rilled t tolerance m= 20% s= C10 +30% t= C10 +50% u= C10 +75% 400 voltage 016=16 vdc 450=450 vdc 562 capacitance 562=5600 f 223=22000 f 821=820 f gh case code 3188 type * construction code is also a sequence number, e.g., a1, a2,---,a9, b1,b2,---, for customer specifcations. sequence number 1 in a1, r1, s1 and t1 denotes the standard catalog capacitor with no special requirements. case stud p 0.039 diam. thread (1.0 mm) 1.375 m8 0.470 (12.0) 1.750 m8 0.470 (12.0) 2.000 m12 0.630 (16.0) 2.500 m12 0.630 (16.0) 3.000 m12 0.630 (16.0) stud dimensions
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 case dimensions, uninsulated bare can type 3188 85 c best value, screw terminal, aluminum 85 c long life screw terminal type case code diameter (d) length (l) pitch (p) plug (a) typical optional bracket part no. 0.031 (inches) 0.79 (mm) 0.062 (inches) 1.157 (mm) 0.014 (inches) 0.356 (mm) a (inches) a (mm) weight (oz) weight (g) ba 1.375 34.9 2.125 54.0 0.500 12.7 0.390 9.9 2.53 72 115058-06 bb 1.375 34.9 2.625 66.7 0.500 12.7 0.390 9.9 3.17 90 115058-06 bc 1.375 34.9 3.125 79.4 0.500 12.7 0.390 9.9 3.70 105 115058-06 bd 1.375 34.9 3.625 92.1 0.500 12.7 0.390 9.9 4.22 120 115058-06 be 1.375 34.9 4.125 104.8 0.500 12.7 0.390 9.9 4.75 135 115058-06 bf 1.375 34.9 4.625 117.5 0.500 12.7 0.390 9.9 5.98 170 115058-06 bg 1.375 34.9 5.125 130.2 0.500 12.7 0.390 9.9 7.74 220 115058-06 bh 1.375 34.9 5.625 142.9 0.500 12.7 0.390 9.9 9.50 270 115058-06 da 1.75 44.5 2.125 54.0 0.750 19.1 0.453 11.5 5.63 160 115058-15 db 1.75 44.5 2.625 66.7 0.750 19.1 0.453 11.5 6.16 175 115058-15 dc 1.75 44.5 3.125 79.4 0.750 19.1 0.453 11.5 6.34 180 115058-15 dd 1.75 44.5 3.625 92.1 0.750 19.1 0.453 11.5 7.22 205 115058-15 de 1.75 44.5 4.125 104.8 0.750 19.1 0.453 11.5 7.74 220 115058-15 df 1.75 44.5 4.625 117.5 0.750 19.1 0.453 11.5 8.27 235 115058-15 dg 1.75 44.5 5.125 130.2 0.750 19.1 0.453 11.5 8.80 250 115058-15 dh 1.75 44.5 5.625 142.9 0.750 19.1 0.453 11.5 9.50 270 115058-15 ea 2 50.8 2.125 54.0 0.875 22.2 0.500 12.7 5.98 170 115058-09 eb 2 50.8 2.625 66.7 0.875 22.2 0.500 12.7 6.34 180 115058-09 ec 2 50.8 3.125 79.4 0.875 22.2 0.500 12.7 6.69 190 115058-09 ed 2 50.8 3.625 92.1 0.875 22.2 0.500 12.7 7.74 220 115058-09 ee 2 50.8 4.125 104.8 0.875 22.2 0.500 12.7 8.98 255 115058-09 ef 2 50.8 4.625 117.5 0.875 22.2 0.500 12.7 10.21 290 115058-09 eg 2 50.8 5.125 130.2 0.875 22.2 0.500 12.7 11.26 320 115058-09 eh 2 50.8 5.625 142.9 0.875 22.2 0.500 12.7 8.80 250 115058-09 fb 2.5 63.5 2.625 66.7 1.125 28.6 0.625 15.9 10.56 300 115058-14 fc 2.5 63.5 3.125 79.4 1.125 28.6 0.625 15.9 13.02 370 115058-14 fd 2.5 63.5 3.625 92.1 1.125 28.6 0.625 15.9 14.08 400 115058-14 fe 2.5 63.5 4.125 104.8 1.125 28.6 0.625 15.9 15.66 445 115058-14 ff 2.5 63.5 4.625 117.5 1.125 28.6 0.625 15.9 21.12 600 115058-14 fg 2.5 63.5 5.125 130.2 1.125 28.6 0.625 15.9 22.88 650 115058-14 fh 2.5 63.5 5.625 142.9 1.125 28.6 0.625 15.9 21.12 600 115058-14 gc 3 76.2 3.125 79.4 1.250 31.8 0.750 19.1 18.30 520 115058-11 gd 3 76.2 3.625 92.1 1.250 31.8 0.750 19.1 20.06 570 115058-11 ge 3 76.2 4.125 104.8 1.250 31.8 0.750 19.1 21.12 600 115058-11 gf 3 76.2 4.625 117.5 1.250 31.8 0.750 19.1 25.34 720 115058-11 gg 3 76.2 5.125 130.2 1.250 31.8 0.750 19.1 29.92 850 115058-11 gh 3 76.2 5.625 142.9 1.250 31.8 0.750 19.1 34.14 970 115058-11 gj 3 76.2 5.875 149.2 1.250 31.8 0.750 19.1 36.96 1050 115058-11 gn 3 76.2 8.625 219.1 1.250 31.8 0.750 19.1 51.39 1460 115058-11
ratings cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type 3188 85 c best value, screw terminal, aluminum 85 c long life screw terminal type esr max 120 hz, 25c (m) ripple max 120 hz, 85 c compress (a)rilled(a) case size dxl (in) esr max 120 hz, 25c (m) ripple max 120 hz, 85 c compress (a) rilled(a) case size dxl (in) capacitance (f) catalog part number capacitance (f) catalog part number 16 volts (20 volts surge) 50 volts (63 volts surge) 22000 3188ba223u016apa1 10.0 10.5 12.00 1.375 x 2.125 6800 3188ba682u050apa1 42.0 5.2 5.90 1.375 x 2.125 39000 3188bc393u016apa1 7.0 15.2 17.00 1.375 x 3.125 10000 3188bc103u050apa1 28.0 7.5 8.40 1.375 x 3.125 56000 3188be563u016apa1 6.0 18.9 21.00 1.375 x 4.125 15000 3188be153u050apa1 21.0 9.9 11.00 1.375 x 4.125 82000 3188ec823u016apa1 6.0 21.4 24.00 2.00 x 3.125 27000 3188ec273u050apa1 15.0 12.5 14.00 2.00 x 3.125 120000 3188ee124u016apa1 6.0 26.5 30.00 2.00 x 4.125 39000 3188ee393u050apa1 11.0 16.8 19.00 2.00 x 4.125 150000 3188eg154u016apa1 4.0 27.0 30.00 2.00 x 5.125 47000 3188eg473u050apa1 10.0 18.9 21.00 2.00 x 5.125 150000 3188eh154u016apa1 4.0 27.3 30.00 2.00 x 5.625 56000 3188eh563u050apa1 9.0 21.8 24.00 2.00 x 5.625 220000 3188fe224u016dpa1 3.0 38.9 44.00 2.50 x 4.125 56000 3188fe563u050apa1 8.0 23.0 26.00 2.50 x 4.125 270000 3188ff274u016dpa1 3.0 42.5 48.00 2.50 x 4.625 68000 3188ff683u050apa1 7.0 25.7 29.00 2.50 x 4.625 330000 3188fh334u016dpa1 3.0 45.0 50.00 2.50 x 5.625 82000 3188fh823u050dpa1 6.0 30.6 34.00 2.50 x 5.625 330000 3188ge334u016dpa1 3.0 43.9 50.00 3.00 x 4.125 82000 3188ge823u050dpa1 6.0 28.1 32.00 3.00 x 4.125 390000 3188gf394u016dpa1 3.0 44.2 50.00 3.00 x 4.625 100000 3188gf104u050dpa1 6.0 31.9 36.00 3.00 x 4.625 470000 3188gh474u016dpa1 2.0 44.6 50.00 3.00 x 5.625 120000 3188gh124u050dpa1 5.0 34.8 39.00 3.00 x 5.625 820000 3188gn824u016dpa1 2.0 46.3 50.00 3.00 x 8.625 220000 3188gn224u050dpa1 4.0 46.3 50.00 3.00 x 8.625 1000000 3188gn105u016dpa1 2.0 46.3 50.00 3.00 x 8.625 63 volts (75 volts surge) 25 volts (30 volts surge) 4700 3188ba472u063apa1 42.0 5.2 5.90 1.375 x 2.125 12000 3188ba123u025apa1 32.0 6.0 6.80 1.375 x 2.125 6800 3188bc682u063apa1 29.0 7.5 8.40 1.375 x 3.125 22000 3188bc223u025apa1 22.0 8.6 9.60 1.375 x 3.125 10000 3188be103u063apa1 21.0 9.9 11.00 1.375 x 4.125 33000 3188be333u025apa1 17.0 10.8 12.00 1.375 x 4.125 18000 3188ec183u063apa1 15.0 12.5 14.00 2.00 x 3.125 56000 3188ec563u025apa1 7.0 18.8 21.00 2.00 x 3.125 27000 3188ee273u063apa1 11.0 16.8 19.00 2.00 x 4.125 82000 3188ee823u025apa1 5.0 24.8 28.00 2.00 x 4.125 33000 3188eg333u063apa1 9.0 20.7 23.00 2.00 x 5.125 100000 3188eg104u025apa1 5.0 27.0 30.00 2.00 x 5.125 39000 3188eh393u063apa1 9.0 22.7 25.00 2.00 x 5.625 120000 3188eh124u025apa1 4.0 27.3 30.00 2.00 x 5.625 39000 3188fe393u063apa1 8.0 23.0 26.00 2.50 x 4.125 120000 3188fe124u025dpa1 5.0 31.0 35.00 2.50 x 4.125 47000 3188ff473u063apa1 7.0 24.8 28.00 2.50 x 4.625 150000 3188ff154u025dpa1 4.0 33.6 38.00 2.50 x 4.625 56000 3188fh563u063dpa1 7.0 27.9 31.00 2.50 x 5.625 180000 3188fh184u025dpa1 4.0 36.9 41.00 2.50 x 5.625 56000 3188ge563u063dpa1 7.0 28.1 32.00 3.00 x 4.125 180000 3188ge184u025dpa1 4.0 36.8 42.00 3.00 x 4.125 68000 3188gf683u063dpa1 6.0 31.9 36.00 3.00 x 4.625 220000 3188gf224u025dpa1 4.0 40.7 46.00 3.00 x 4.625 82000 3188gh823u063dpa1 5.0 34.8 39.00 3.00 x 5.625 270000 3188gh274u025dpa1 4.0 43.8 49.00 3.00 x 5.625 150000 3188gn154u063dpa1 4.0 46.3 50.00 3.00 x 8.625 470000 3188gn474u025dpa1 3.0 46.3 50.00 3.00 x 8.625 75 volts (95 volts surge) 40 volts (50 volts surge) 2700 3188ba272u075apa1 46.0 5.0 5.70 1.375 x 2.125 8200 3188ba822u040apa1 39.0 5.4 6.10 1.375 x 2.125 4700 3188bc472u075apa1 30.0 7.3 8.20 1.375 x 3.125 12000 3188bc123u040apa1 27.0 7.8 8.70 1.375 x 3.125 6800 3188be682u075apa1 22.0 9.0 10.00 1.375 x 4.125 18000 3188be183u040apa1 20.0 9.9 11.00 1.375 x 4.125 12000 3188ec123u075apa1 16.0 12.5 14.00 2.00 x 3.125 27000 3188ec273u040apa1 9.0 17.0 19.00 2.00 x 3.125 18000 3188ee183u075apa1 12.0 15.9 18.00 2.00 x 4.125 47000 3188ee473u040apa1 6.0 22.1 25.00 2.00 x 4.125 22000 3188eg223u075apa1 10.0 19.8 22.00 2.00 x 5.125 56000 3188eg563u040apa1 5.0 27.0 30.00 2.00 x 5.125 27000 3188eh273u075apa1 9.0 21.8 24.00 2.00 x 5.625 68000 3188eh683u040apa1 5.0 27.3 30.00 2.00 x 5.625 27000 3188fe273u075apa1 8.0 22.1 25.00 2.50 x 4.125 68000 3188fe683u040dpa1 5.0 28.3 32.00 2.50 x 4.125 33000 3188ff333u075apa1 7.0 24.8 28.00 2.50 x 4.625 82000 3188ff823u040dpa1 5.0 31.0 35.00 2.50 x 4.625 39000 3188fh393u075dpa1 6.0 29.7 33.00 2.50 x 5.625 100000 3188fh104u040dpa1 5.0 34.2 38.00 2.50 x 5.625 39000 3188ge393u075dpa1 6.0 28.9 33.00 3.00 x 4.125 100000 3188ge104u040dpa1 5.0 33.3 38.00 3.00 x 4.125 47000 3188gf473u075dpa1 6.0 31.0 35.00 3.00 x 4.625 120000 3188GF124U040DPA1 4.0 37.2 42.00 3.00 x 4.625 56000 3188gh563u075dpa1 5.0 36.6 41.00 3.00 x 5.625 150000 3188gh154u040dpa1 4.0 41.1 46.00 3.00 x 5.625 100000 3188gn104u075dpa1 4.0 46.3 50.00 3.00 x 8.625 270000 3188gn274u040dpa1 3.0 46.3 50.00 3.00 x 8.625
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type 3188 85 c best value, screw terminal, aluminum 85 c long life screw terminal type esr max 120 hz, 25c (m) ripple max 120 hz, 85 c compress(a) rilled (a) case size dxl (in) esr max 120 hz, 25c (m) ripple max 120 hz, 85 c compress (a) rilled (a) case size dxl (in) capacitance (f) catalog part number capacitance (f) catalog part number 100 volts (125 volts surge) 250 volts (300 volts surge) 1800 3188ba182u100apa1 79.0 3.5 4.00 1.375 x 2.125 6800 3188fh682t250apa1 17.0 16.2 18.00 2.50 x 5.625 2700 3188bc272u100apa1 51.0 5.3 5.90 1.375 x 3.125 6800 3188ge682t250apa1 17.0 15.8 18.00 3.00 x 4.125 4700 3188be472u100apa1 32.0 8.0 8.90 1.375 x 4.125 8200 3188gf822t250apa1 24.0 14.2 16.00 3.00 x 4.625 6800 3188ec682u100apa1 64.0 6.1 6.80 2.00 x 3.125 10000 3188gh103t250apa1 18.0 18.8 21.00 3.00 x 5.625 10000 3188ee103u100apa1 38.0 8.9 10.00 2.00 x 4.125 12000 3188gn123t250apa1 16.0 23.1 25.00 3.00 x 8.625 12000 3188eg123u100apa1 34.0 9.9 11.00 2.00 x 5.125 350 volts (400 volts surge) 15000 3188eh153u100apa1 28.0 11.8 13.00 2.00 x 5.625 330 3188ba331t350apa1 290.0 1.7 1.90 1.375 x 2.125 18000 3188fe183u100apa1 18.0 15.0 17.00 2.50 x 4.125 560 3188bc561t350apa1 191.0 2.6 2.90 1.375 x 3.125 22000 3188ff223u100apa1 14.0 17.7 20.00 2.50 x 4.625 820 3188be821t350apa1 129.0 3.8 4.20 1.375 x 4.125 22000 3188fh223u100apa1 25.0 13.5 15.00 2.50 x 5.625 1200 3188ec122t350apa1 122.0 4.5 5.00 2.00 x 3.125 27000 3188ge273u100apa1 13.0 19.3 22.00 3.00 x 4.125 1800 3188ee182t350apa1 74.0 6.5 7.30 2.00 x 4.125 27000 3188gf273u100apa1 20.0 19.5 18.00 3.00 x 4.625 2200 3188eg222t350apa1 49.0 8.2 9.10 2.00 x 5.125 39000 3188gh393u100aa1 16.0 16.1 21.00 3.00 x 5.625 2700 3188eh272t350apa1 39.0 9.0 10.00 2.00 x 5.625 56000 3188gn563u100apa1 14.0 23.1 25.00 3.00 x 8.625 2700 3188fe272t350apa1 47.0 8.9 10.00 2.50 x 4.125 200 volts (250 volts surge) 3300 3188ff332t350apa1 39.0 10.6 12.00 2.50 x 4.625 680 3188ba681t200apa1 130.0 2.5 2.90 1.375 x 2.125 3900 3188fh392t350apa1 34.0 11.7 13.00 2.50 x 5.625 1200 3188bc122t200apa1 76.0 3.7 4.10 1.375 x 3.125 3900 3188ge392t350apa1 34.0 11.4 13.00 3.00 x 4.125 1800 3188be182t200apa1 53.0 6.2 6.90 1.375 x 4.125 4700 3188gf472t350apa1 34.0 12.4 14.00 3.00 x 4.625 2700 3188ec272t200apa1 76.0 5.5 6.20 2.00 x 3.125 5600 3188gh562t350apa1 28.0 14.3 16.00 3.00 x 5.625 3900 3188ee392t200apa1 51.0 7.5 8.50 2.00 x 4.125 10000 3188gn103t350apa1 18.0 23.1 25.00 3.00 x 8.625 4700 3188eg472t200apa1 36.0 9.9 11.00 2.00 x 5.125 400 volts (450 volts surge) 5600 3188eh562t200apa1 20.0 13.6 15.00 2.00 x 5.625 270 3188ba271t400apa1 333.0 1.5 1.70 1.375 x 2.125 6800 3188fe682t200apa1 24.0 12.4 14.00 2.50 x 4.125 470 3188bc471t400apa1 224.0 2.6 2.90 1.375 x 3.125 8200 3188ff822t200apa1 21.0 14.2 16.00 2.50 x 4.625 680 3188be681t400apa1 134.0 3.7 4.10 1.375 x 4.125 10000 3188fh103t200apa1 17.0 18.0 20.00 2.50 x 5.625 1000 3188ec102t400apa1 127.0 4.3 4.80 2.00 x 3.125 10000 3188ge103t200apa1 25.0 14.0 16.00 3.00 x 4.125 1500 3188ee152t400apa1 63.0 6.9 7.80 2.00 x 4.125 12000 3188gf123t200apa1 22.0 15.9 18.00 3.00 x 4.625 1800 3188eg182t400apa1 53.0 7.9 8.80 2.00 x 5.125 15000 3188gh153t200apa1 19.0 18.8 21.00 3.00 x 5.625 2200 3188eh222t400apa1 45.0 8.9 9.80 2.00 x 5.625 22000 3188gn223t200apa1 15.0 23.1 25.00 3.00 x 8.625 2200 3188fe222t400apa1 45.0 8.7 9.80 2.50 x 4.125 250 volts (300 volts surge) 2700 3188ff272t400apa1 47.0 9.5 10.70 2.50 x 4.625 470 3188ba471t250apa1 130.0 2.5 2.90 1.375 x 2.125 3300 3188fh332t400apa1 35.0 11.7 13.00 2.50 x 5.625 820 3188bc821t250apa1 86.0 4.2 4.70 1.375 x 3.125 3300 3188ge332t400apa1 35.0 11.4 13.00 3.00 x 4.125 1200 3188be122t250apa1 54.0 6.1 6.80 1.375 x 4.125 3900 3188gf392t400apa1 37.0 11.5 13.00 3.00 x 4.625 1800 3188ec182t250apa1 76.0 6.2 6.90 2.00 x 3.125 4700 3188gh472t400apa1 31.0 13.4 15.00 3.00 x 5.625 2700 3188ee272t250apa1 52.0 7.4 8.40 2.00 x 4.125 8200 3188gn822t400apa1 24.0 20.4 22.00 3.00 x 8.625 3300 3188eg332t250apa1 22.0 12.6 14.00 2.00 x 5.125 450 volts (525 volts surge) 3900 3188eh392t250apa1 19.0 14.5 16.00 2.00 x 5.625 1000 3188ee102t450apa1 102.0 4.9 5.50 2.00 x 4.125 4700 3188fe472t250apa1 25.0 12.4 14.00 2.50 x 4.125 1500 3188eg152t450apa1 70.0 6.7 7.40 2.00 x 5.125 5600 3188ff562t250apa1 20.0 14.2 16.00 2.50 x 4.625 2200 3188ff222t450apa1 46.0 9.3 10.50 2.50 x 4.625 3300 3188gf332t450apa1 34.0 12.2 13.80 3.00 x 4.625 3900 3188gh392t450apa1 22.0 17.1 19.10 3.00 x 5.625
typical performance curves cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type 3188 85 c best value, screw terminal, aluminum 85 c long life screw terminal type 0.01 0.1 1 10 100 10 100 1000 10000 100000 1000000 ratio to 25 oc, 120 hz value frequency (hz) type 3188 impedance vs temperature and frequency 6000 f 400v C 40 oc 0 oc 25 oc 45 oc 85 oc 65 oc C 20 oc ? 220 m 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1000 10000 100000 1000000 ratio to 25 c, 120 hz value frequency (hz) type 3188 capacitance vs temperature & frequency 24000 f 100 v 45 oc 25 oc 65 oc 0 oc C 40 oc 85 oc C 20 oc 0.1 1 10 100 1000 10 100 1000 10000 100000 1000000 ratio to 25 oc, 120 hz value frequency (hz) type 3188 esr vs temperature & frequency 6000 f 400 v C 40 oc C 20 oc 0 oc 25 oc 85 oc 65 oc 45 oc 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1000 10000 100000 1000000 ratio to 25 oc, 120 hz value frequency (hz) type 3188 capacitance vs temperature & frequency 6000f 400 v 45 oc 25 oc 65 oc 0 oc C 40 oc 85 oc C 20 oc 0.1 1 10 100 10 100 1000 10000 100000 1000000 ratio to 25 oc, 120 hz value frequency (hz) type 3188 esr vs temperature & frequency 24000 f 100 v C 40 oc C 20 oc 0 oc 25 oc 85 oc 65 oc 45 oc 0.01 0.1 1 10 100 10 100 1000 10000 100000 1000000 ratio to 25 oc, 120 hz value frequency (hz) type 3188 impedance vs temperature and frequency 24000 f 100v C 45 oc 0 oc 25 oc 45 oc 85 oc 65 oc C 20 oc
typical performance curves cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 type 3188 85 c best value, screw terminal, aluminum 85 c long life screw terminal type 1 10 100 1000 0 0.1 0.2 0 . 3 0.4 0.5 0.6 0.7 0.8 0.9 1 1 . 1 1.2 1.3 1.4 1.5 expected operating life, kh rated ripple - current multiple type 3188 operating life in kilohours vs ripple current 45 oc 55 oc 65 oc 75 oc 85 oc 0 200 400 600 800 1000 1200 0 1000 2000 3000 4000 5000 6000 0 500 1000 1500 2000 dc leakage (a) & esr (m ) applied voltage 400 v capacitance (f) time (hours) type 3188 85 oc 2000 hour life test 6000 f 400 v capacitance dc leakage current esr


▲Up To Search▲   

 
Price & Availability of 3188GF124U040DPA1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X