Part Number Hot Search : 
40128 ANALOG OZ9965 LPC2368F CAX810 TSD88207 1345CNPC AD7785
Product Description
Full Text Search
 

To Download 1SS355FL-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.02 20130917 1ss355 fl-a 200mw sod-323 surface moun t s mall outline flat lead plastic package high speed switching diode a bsolute maximum ratings t a = 25c unless otherwise noted symb ol parameter value units p d po wer dissipation 200 mw t st g sto rage temperature range -65 to +150 c t j o perating junction temperature +150 c v r rever se voltage 80 v v rm repe titive peak reverse voltage 90 v i fm for ward current 250 ma i o cont inuous forward current 150 ma i fr m repe titive peak forward current 500 ma t hese ratings are limiting values above which the serviceability of the diode may be impaired. spe cification features: ? hi gh speed switching device ( t rr < 4.0 ns) ? g eneral purpose diodes ? flat lead sod-323 small outline plastic package ? surface device ty pe mounting ? m oisture sensitivity level 1 ? cl ip bonding construction, good thermal capability ? pb free version and rohs compliant ? m atte tin(sn) lead finish with nickel(ni) underplate ? band indi cates cathode elec trical characteristics t a = 25c unless otherwise noted limits symb ol parameter test condition min max unit b v b reakdown voltage i r =100 a 80 volts i r reverse leakag e current v r =80 v 100 na v f f orward voltage i f = 100ma 1.2 volts t rr rev erse recovery time i f =1 0ma v r =6 v r l =100 ? 4 n s c capacitance v r =0.5 v, f=1m hz 4 pf electr ical symbol c athode anode s od-323 flat lead halogen free ? dev ice marking codes: device type device marking 1s s355 fl ????? s4 h aec-q 101 qualified base p/n - rohs compliant, commercial grade base p/n-a - rohs compliant, aec-q101 qualified ?
http://www.yeashin.com 2 rev.02 20130917 device characteristics total capacitance forward voltage vs ambient temperature 1ss355 fl-a
http://www.yeashin.com 3 rev.02 20130917 device characteristics reverse current vs reverse voltagereverse 1ss355 fl-a
http://www.yeashin.com 4 rev.02 20130917 package outline and dimensions 1ss355 fl-a


▲Up To Search▲   

 
Price & Availability of 1SS355FL-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X