Part Number Hot Search : 
TFPT1206 MICON AN7820 1803DFX SC250 MC33501 EPC10 UPC1490G
Product Description
Full Text Search
 

To Download SK10100C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 maximum ratixgs and electrical characteristics voltage - 40 to 100 volts current - 10 amperes features mechanical data o ratings at 25 c ambient temperature unless otherwise specified resistive or inductive load s m c / d o - 2 1 4 a b dime nsion s in in ches and ( millim eters ) .002(.051) .008(.203) .006(.152) .012(.305) .305(7.75) .320(8.13) .079(2.00) .103(2.62) .030(0.76) .050(1.27) .260(6.60) .280(7.11) .220(5.59) .245(6.22) .108(2.75) .128(3.25) surface mount schottk y barrier rectifier surface mount schottk y barrier rectifier www.paceleader.tw sk 1040c thru sk 10100c 4 low profile package ideal for automated placement guard ring for over voltage protection low forward voltage drop component in accordance to rohs 2002/95/ec ? case: do-214ab (smc) ? case material: mold ed plastic. ul flammability classification rating 94v-0 ? terminals: lead free plating (tin finish). solderable per mil-std-202, method 208 ? polarity: cathode band ? weight: 0.231 grams (approximate) symbol unit v rrm v v rms v v dc v i f a v f v c j pf r jc c/w t j c t stg c notes:1.measur ed at 1.0mhz an d app lie d reverse voltag e of 4 .0 v dc 38 0 ty pic a l t he rmal re si st an c e typica l j unction capacitance (note1) 0.5 0.2 15 .0 25.0 60 42 60 100 70 100 40 28 40 parameter oper ating temp eratur e rang e sto rag e te mper ature ra nge 10.0 i fsm 150 .0 -65 to +1 50 ma ximu m re petitive pe ak r everse voltag e 75 i r maximum rms voltage ma ximu m dc blo ckin g vo ltage maximum average forward rectified current peak forward su rge curr ent, 8.3 ms sin gle ha lf -50 to +1 25 a 0.55 sin e-wave sup erimp osed on rated lo ad ma ximu m in sta ntane ous i f =10a @ 25c ma maximum dc reverse cur rent @ ta=25c a t ra te d dc bl ocking voltag e @ ta=10 0c 0.85 0.70 sk1040c sk1060c SK10100C
fig. 1-typical forward current derating curve fig. 2-typical forward characteristics fig. 3-maximum non-repetitive forward surge current fig. 4-typical reverse characteristics fig. 5-typical junction capacitance 0.0 2.0 4.0 6.0 8.0 10.0 12.0 0 20 40 60 80 100 120 140 160 ambient temperature ( ) average forward current,(a) 0 30 60 90 120 150 1 10 100 number of cycles at 60hz peak forward surge current (a) 0.001 0.010 0.100 1.000 10.000 100.000 20% 40% 60% 80% 100% percentage rated peak reverse voltage (%) reverse leakage current (ma) 25 100 0 200 400 600 800 1000 1200 1400 1600 1800 0 1 10 100 reverse voltage (v) junction capacitance (pf) sk1040c sk1060c SK10100C 0.01 0.10 1.00 10.00 100.00 0.2 0.3 0.4 0.5 0.6 0.7 0.8 forward voltage (v) instantaneous forward current (a) sk1040c sk1060c SK10100C 2 www.paceleader.tw surface mount schottk y barrier rectifier surface mount schottk y barrier rectifier sk 1040c thru sk 10100c


▲Up To Search▲   

 
Price & Availability of SK10100C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X