Part Number Hot Search : 
MAX5066 NDT01N60 I74F138D LT348 AAO20 0DX103J9 U21008 SN744
Product Description
Full Text Search
 

To Download S12053-02-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 si apd short wavelength type apd, for 600 nm band www.hamamatsu.com s12053-02/-05/-10 s9075, s5344, s5345 structure / absolute maximum ratings electrical and optical characteristics (typ. ta=25 c, unless otherwise noted) type no. dimensional outline/ window material * 1 package effective  photosensitive * 2 area size absolute maximum ratings operating temperature topr storage temperature tstg (mm) (c) (c) s12053-02 (1)/u to-18 0.2 -20 to +60 -55 to +100 s12053-05 0.5 s12053-10 1.0 s9075 (2)/u to-5 1.5 s5344 3.0 s5345 (3)/u to-8 5.0 note: exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. always be sure to use the product within the absolute maximum ratings. *1: u=uv glass * 2: area in which a typical gain can be obtained type no. spectral response range peak * 3 sensitivity wavelength p photo- sensitivity s m=1 =620 nm quantum efficiency qe m=1 =620 nm breakdown voltage v br i d =100 a temp. coefficient of v br dark* 3 current i d cutoff * 3 frequency fc r l =50 terminal * 3 capacitance ct excess * 3 noise figure x =650 nm gain m =650 nm typ. max. typ. max. (nm) (nm) (a/w) (%) (v) (v) (v/c) (na) (na) (mhz) (pf) s12053-02 200 to 1000 620 0.42 80 150 200 0.14 0.2 5 900 2 0.28 50 s12053-05 400 5 s12053-10 250 15 s9075 0.5 15 100 30 s5344 1 30 25 120 s5345 3 100 8 320 * 3: values measured at a gain listed in the characteristics table these are short wavelength apds with improved sensitivity in the uv to visible range. they offer high gain, high sensitiv- ity, and low noise in the short wavelength range. they are suitable for applications such as low-light-level measurement and analytical instrument. high sensitivity and low noise in uv to visible range low-light-level measurement analytical instrument features applications
2 si apd s12053-02/-05/-10, s9075, s5344, s5345 spectral response dark current vs. reverse voltage quantum ef ciency vs. wavelength 20 30 0 10 photosensitivity (a/w) (typ. ta=25 c, m at 650 nm) wavelength (nm) 200 400 600 800 1000 m=10 m=20 m=50 0 100 120 140 160 s5344 s9075 s12053-10 s12053-05 s12053-02 s5345 60 80 20 40 1 pa 10 pa 100 pa 1 na 10 na (typ. ta=25 c) reverse voltage (v) dark current 0 20 40 60 80 100 quantum efficiency (%) (typ. ta=25 c) wavelength (nm) 200 400 600 800 1000 kapdb0010ed kapdb0009ee kapdb0023eb gain vs. reverse voltage gain reverse voltage (v) 10 3 10 2 10 1 10 0 (typ. =650 nm) 130 160 140 150 -20 c 0 c 20 c 40 c 60 c kapdb0011ec
3 si apd s12053-02/-05/-10, s9075, s5344, s5345 excess noise factor gain 10 1 1 10 100 (typ. ta=25 c, f=10 khz, b=1 hz) m 0.2 m 0.5 m 0.3 =650 nm =800 nm terminal capacitance vs. reverse voltage excess noise factor vs. gain kapdb0013ea reverse voltage (v) terminal capacitance 0 80 100 120 140 1 nf (typ. ta = 25 c , f = 1 mhz) 100 pf 1 pf 40 60 20 s5345 s5344 s12053-10 s9075 s12053-05 s12053-02 10 pf 160 kapdb0015ed dimensional outlines (unit: mm) distance from photosensitive area center to cap center -0.2x+0.2 -0.2y+0.2 the glass window may extend a maximum of 0.1 mm above the upper surface of the cap. 0.45 lead 2.54 0.2 case photosensitive surface window 3.0 0.2 4.7 0.1 5.4 0.1 (13.5) 2.8 0.2 3.6 0.2 kapda0014eb (1) s12053-02/-05/-10 (2) s9075, s5344 distance from photosensitive area center to cap center -0.3x+0.3 -0.3y+0.3 the glass window may extend a maximum of 0.2 mm above the upper surface of the cap. photosensitive surface 5.08 0.2 case 1.5. max. (20) 4.2 0.2 2.6 0.2 0.4 max. window 5.9 0.1 9.1 0.2 8.1 0.1 0.45 lead kapda0015eb
4 si apd s12053-02/-05/-10, s9075, s5344, s5345 precautions distance from photosensitive area center to cap center -0.4x+0.4 -0.4y+0.4 the glass window may extend a maximum of 0.2 mm above the upper surface of the cap. 0.45 lead photosensitive surface case index mark 1.4 1.0 max. 7.5 0.2 12.35 0.1 window 10.5 0.1 13.9 0.2 (15) 4.9 2.9 0.2 0.5 max. kapda0016ec (3) s5345 long-term exposure to uv will cause produt characteristics deteriorate. avoid exposing the products to any unnecessary uv irradiation. related information ? notice ? metal, ceramic, plastic package products / precautions technical information ? si apd / technical information precautions http://www.hamamatsu.com/sp/ssd/doc_en.html
5 cat. no. kapd1001e06 oct. 2013 dn www.hamamatsu.com hamamatsu photonics k.k., solid state division 1126-1 ichino-cho, higashi-ku, hamamatsu city, 435-8558 japan, telephone: (81) 53-434-3311, fax: (81) 53-434-5184 u.s.a.: hamamatsu corporation: 360 foothill road, p.o.box 6910, bridgewater, n.j. 08807-0910, u.s.a., telephone: (1) 908-231-0960, fax: (1) 908-231-1218 germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49) 8152-375-0, fax: (49) 8152-265-8 france: hamamatsu photonics france s.a.r.l.: 19, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, telephone: 33-(1) 69 53 71 00, fax: 33-(1) 69 53 71 10 united kingdom: hamamatsu photonics uk limited: 2 howard court, 10 tewin road, welwyn garden city, hertfordshire al7 1bw, united kingdom, telephone: (44) 1707-294888, fax: (44) 1707-325777 north europe: hamamatsu photonics norden ab: thorshamnsgatan 35 16440 kista, sweden, telephone: (46) 8-509-031-00, fax: (46) 8- 509-031-01 italy: hamamatsu photonics italia s.r.l.: strada della moia, 1 int. 6, 20020 arese, (milano), italy, telephone: (39) 02-935-81-733, fax: (39) 02-935-81-741 china: hamamatsu photonics (china) co., ltd.: 1201 tower b, jiaming center, no.27 dongsanhuan beilu, chaoyang district, beijing 100020, china, telephone: (86) 10-6586-6006, fax: (86) 10-6586-2866 product specifications are subject to change without prior notice due to improvements or other reasons. this document has been carefully prepared and the information contained is believed to be accurate. in rare cases, however, there may be inaccuracies such as text errors. before using these products, always contact us for the delivery specification sheet to check the latest specifications. type numbers of products listed in the delivery specification sheets or supplied as samples may have a suffix "(x)" which means preliminary specifications or a suffix "(z)" which means developmental specifications. the product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that one year period. however, even if within the warranty period we accept absolutely no liability for any loss caused by natural d isasters or improper product use. copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission. information described in this material is current as of october, 2013. si apd s12053-02/-05/-10, s9075, s5344, s5345


▲Up To Search▲   

 
Price & Availability of S12053-02-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X